Part Number Hot Search : 
M62003P ZMM5241 TM32F VCSP50L 2SJ46407 FR2KL FRS14 2SC460
Product Description
Full Text Search
 

To Download HD74ALVCH162821 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74ALVCH162821
3.3-V 20-bit Bus Interface Flip Flops with 3-state Outputs
ADE-205-186A (Z) 2nd. Edition September 1997 Description
The HD74ALVCH162821 can be used as two 10-bit flip flops or one 20-bit flip flop. The 20 flip flops are edge triggered D-type flip flops. On the positive transition of the clock (CLK) input, the device provides true data at the Q outputs. A buffered output enable (OE) input can be used to place the ten outputs in either a normal logic state (high or low level) or a high impedance state. In the high impedance state, the outputs neither load nor drive the bus lines significantly. The high impedance state and increased drive provide the capability to drive bus line without need for interface or pullup components. The output enable (OE) input does not affect the internal operations of the flip flops. Old data can be retained or new data can be entered while the outputs are in the high impedance state. Active bus hold circuitry is provided to hold unused or floating data inputs at a valid logic level. All outputs, which are designed to sink up to 12 mA, include 26 resistors to reduce overshoot and undershoot.
Features
* VCC = 2.3 V to 3.6 V * Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25C) * Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25C) * High output current 12 mA (@VCC = 3.0 V) * Bus hold on data inputs eliminates the need for external pullup / pulldown resistors * All outputs have equivalent 26 series resistors, so no external resistors are required.
HD74ALVCH162821
Function Table
Inputs OE L L L H CLK H or L X D H L X X H L Q0 *1 Z Output Q
H : High level L : Low level X : Immaterial Z : High impedance : Low to high transition Note: 1. Output level before the indicated steady state input conditions were established.
2
HD74ALVCH162821
Pin Arrangement
1OE 1 1Q1 2 1Q2 3 GND 4 1Q3 5 1Q4 6 VCC 7 1Q5 8 1Q6 9 1Q7 10 GND 11 1Q8 12 1Q9 13 1Q10 14 2Q1 15 2Q2 16 2Q3 17 GND 18 2Q4 19 2Q5 20 2Q6 21 VCC 22 2Q7 23 2Q8 24 GND 25 2Q9 26 2Q10 27 2OE 28
56 1CLK 55 1D1 54 1D2 53 GND 52 1D3 51 1D4 50 VCC 49 1D5 48 1D6 47 1D7 46 GND 45 1D8 44 1D9 43 1D10 42 2D1 41 2D2 40 2D3 39 GND 38 2D4 37 2D5 36 2D6 35 VCC 34 2D7 33 2D8 32 GND 31 2D9 30 2D10 29 2CLK
(Top view)
3
HD74ALVCH162821
Absolute Maximum Ratings
Item Symbol VCC Input voltage
*1 *1, 2
Ratings -0.5 to 4.6 -0.5 to 4.6 -0.5 to VCC +0.5 -50 50 50 100 1 -65 to 150
Unit V V V mA mA mA mA W C
Conditions
VI VO I IK I OK IO I CC or IGND PT Tstg
Output voltage
Input clamp current Output clamp current Continuous output current VCC, GND current / pin Maximum power dissipation at Ta = 55C (in still air) *3 Storage temperature Notes:
VI < 0 VO < 0 or VO > VCC VO = 0 to VCC
TSSOP
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. 1. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed. 2. This value is limited to 4.6 V maximum. 3. The maximum package power dissipation is calculated using a junction temperature of 150C and a board trace length of 750 mils.
Recommended Operating Conditions
Item Supply voltage Input voltage Output voltage High level output current Symbol VCC VI VO I OH Min 2.3 0 0 -- -- -- Low level output current I OL -- -- -- Input transition rise or fall rate Operating temperature t / v Ta 0 -40 Max 3.6 VCC VCC -6 -8 -12 6 8 12 10 85 ns / V C mA Unit V V V mA VCC = 2.3 V VCC = 2.7 V VCC = 3.0 V VCC = 2.3 V VCC = 2.7 V VCC = 3.0 V Conditions
Note: Unused control inputs must be held high or low to prevent them from floating.
4
HD74ALVCH162821
Logic Diagram
1OE 1CLK
1
56
1 of 10 Channels 1D1
55
C1 1D
2
1Q1
To nine other channels
2OE 2CLK
28
29
1 of 10 Channels 2D1
42
C1 1D
15
2Q1
To nine other channels
5
HD74ALVCH162821
Electrical Characteristics (Ta = -40 to 85C)
Item Input voltage Symbol VCC (V) *1 VIH 2.3 to 2.7 2.7 to 3.6 VIL 2.3 to 2.7 2.7 to 3.6 Output voltage VOH Min 1.7 2.0 -- -- Max -- -- 0.7 0.8 -- -- -- -- -- -- 0.2 0.4 0.55 0.55 0.6 0.8 5 -- -- -- -- 500 10 40 750 A A A A V I OH = -100 A I OH = -4 mA, VIH = 1.7 V I OH = -6 mA, VIH = 1.7 V I OH = -6 mA, VIH = 2.0 V I OH = -8 mA, VIH = 2.0 V I OH = -12 mA, VIH = 2.0 V I OL = 100 A I OL = 4 mA, VIL = 0.7 V I OL = 6 mA, VIL = 0.7 V I OL = 6 mA, VIL = 0.8 V I OL = 8 mA, VIL = 0.8 V I OL = 12 mA, VIL = 0.8 V VIN = VCC or GND VIN = 0.7 V VIN = 1.7 V VIN = 0.8 V VIN = 2.0 V VIN = 0 to 3.6 V VOUT = VCC or GND VIN = VCC or GND VIN = one input at (VCC-0.6) V, other inputs at V CC or GND Unit V Test Conditions
Min to Max VCC-0.2 2.3 2.3 3.0 2.7 3.0 1.9 1.7 2.4 2.0 2.0
VOL
Min to Max -- 2.3 2.3 3.0 2.7 3.0 -- -- -- -- -- -- 45 -45 75 -75 -- -- -- --
Input current
I IN I IN (hold)
3.6 2.3 2.3 3.0 3.0 3.6
Off state output current
*2
I OZ I CC
3.6 3.6 3.0 to 3.6
Quiescent supply current I CC
Notes: 1. For conditions shown as Min or Max, use the appropriate values under recommended operating conditions. 2. For I/O ports, the parameter I OZ includes the input leakage current.
6
HD74ALVCH162821
Switching Characteristics (Ta = -40 to 85C)
Item Symbol VCC (V) 2.50.2 2.7 3.30.3 Propagation delay time t PLH t PHL 2.50.2 2.7 3.30.3 Output enable time t ZH t ZL 2.50.2 2.7 3.30.3 Output disable time t HZ t LZ 2.50.2 2.7 3.30.3 Setup time t su 2.50.2 2.7 3.30.3 Hold time th 2.50.2 2.7 3.30.3 Pulse width tw 2.50.2 2.7 3.30.3 Input capacitance CIN 3.3 3.3 Output capacitance CO 3.3 Min 150 150 150 1.0 -- 1.0 1.0 -- 1.0 1.4 -- 1.0 4.4 3.9 3.4 0 0 0 3.3 3.3 3.3 -- -- -- Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 3.5 6.0 7.0 Max -- -- -- 6.9 6.0 5.1 7.6 6.9 5.7 6.4 5.5 5.1 -- -- -- -- -- -- -- -- -- -- -- -- pF pF Control inputs Data inputs ns ns ns ns OE Q ns OE Q ns CLK Q Unit MHz FROM (Input) TO (Output)
Maximum clock frequency f max
7
HD74ALVCH162821
* Test Circuit
See under table 500 S1 OPEN
*1
GND 500
C L = 50 pF
Load Circuit for Outputs Symbol t PLH / t PHL t su / t h / t w t ZH/ t HZ t ZL / t LZ
Vcc=2.50.2V Vcc=2.7V, 3.30.3V
OPEN GND 4.6 V
OPEN GND 6.0 V
Note: 1. C L includes probe and jig capacitance.
8
HD74ALVCH162821
* Waveforms - 1
tr 90 % Input 10 % t PLH Vref 90 % Vref 10 % t PHL tf VIH GND
VOH Output Vref Vref VOL
* Waveforms - 2
tr 90 % Vref 10 % tsu th VIH GND VIH
Timing Input
Data Input
Vref
Vref GND tw VIH
Input
Vref
Vref GND
9
HD74ALVCH162821
* Waveforms - 3
90 % Vref 10 % t ZL Vref t ZH Waveform - B Vref t HZ VOH - 0.3 V 10 % t LZ tf tr 90 % Vref GND VOH1 Waveform - A VOL + 0.3 V VOL VOH VOL1 TEST VIH Vref VOH1 VOL1
Vcc=2.50.2V Vcc=2.7V, 3.30.3V
VIH
Output Control
2.3 V 1.2 V 2.3 V GND
2.7 V 1.5 V 3.0 V GND
Notes: 1. All input pulses are supplied by generators having the following characteristics: PRR 10 MHz, Zo = 50 , tr 2.5 ns, tf 2.5 ns. 2. Waveform - A is for an output with internal conditions such that the output is low except when disabled by the output control. 3. Waveform - B is for an output with internal conditions such that the output is high except when disabled by the output control. 4. The output are measured one at a time with one transition per measurement.
10
HD74ALVCH162821
Package Dimensions
Unit : mm
14.00 -0.1 56
+0.3
29 6.10 +0.3 -0.1
1 0.20 +0.1 -0.05
0.50 0.08 M
28
0.15 0.05
0.40 Max 1.20 max 0.05 Min
8.10 0.3 10 Max 0.50 0.1
0.10
Hitachi code EIAJ code JEDEC code
TTP-56D -- --
11
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan.


▲Up To Search▲   

 
Price & Availability of HD74ALVCH162821

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X