Part Number Hot Search : 
SDD60N14 FSM102 FSM106 AT34C02 20DEM B21CV SK135 TV15C7V5
Product Description
Full Text Search
 

To Download HD74ALVCH16244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74ALVCH16244
16-bit Buffers / Drivers with 3-state Outputs
ADE-205-133C (Z) 4th. Edition December 1999 Description
The HD74ALVCH16244 is designed specifically to improve both the performance and density of three state memory address drivers, clock drivers, and bus oriented receivers and transmitters. The device can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. It provides true outputs and symmetrical OE (active-low output-enable) inputs. Active bus hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
Features
* VCC = 2.3 V to 3.6 V * Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25C) * Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25C) * Bus hold on data inputs eliminates the need for external pullup / pulldown resistors
Function Table
Inputs OE L L H H : High level L : Low level X : Immaterial Z : High impedance A H L X H L Z Output Y
HD74ALVCH16244
Pin Arrangement
1OE 1 1Y1 2 1Y2 3 GND 4 1Y3 5 1Y4 6 VCC 7 2Y1 8 2Y2 9 GND 10 2Y3 11 2Y4 12 3Y1 13 3Y2 14 GND 15 3Y3 16 3Y4 17 VCC 18 4Y1 19 4Y2 20 GND 21 4Y3 22 4Y4 23 4OE 24
48 2OE 47 1A1 46 1A2 45 GND 44 1A3 43 1A4 42 VCC 41 2A1 40 2A2 39 GND 38 2A3 37 2A4 36 3A1 35 3A2 34 GND 33 3A3 32 3A4 31 VCC 30 4A1 29 4A2 28 GND 27 4A3 26 4A4 25 3OE
(Top view)
2
HD74ALVCH16244
Absolute Maximum Ratings
Item Supply voltage Input voltage
*1 *1, 2
Symbol VCC VI VO I IK I OK IO I CC or IGND PT Tstg
Ratings -0.5 to 4.6 -0.5 to 4.6 -0.5 to VCC +0.5 -50 50 50 100 0.85 -65 to 150
Unit V V V mA mA mA mA W C
Conditions
Output voltage
Input clamp current Output clamp current Continuous output current VCC, GND current / pin Maximum power dissipation at Ta = 55C (in still air) *3 Storage temperature Notes:
VI < 0 VO < 0 or VO > VCC VO = 0 to VCC
TSSOP
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. 1. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed. 2. This value is limited to 4.6 V maximum. 3. The maximum package power dissipation is calculated using a junction temperature of 150C and a board trace length of 750 mils.
Recommended Operating Conditions
Item Supply voltage Input voltage Output voltage High level output current Symbol VCC VI VO I OH Min 2.3 0 0 -- -- -- Low level output current I OL -- -- -- Input transition rise or fall rate Operating temperature t / v Ta 0 -40 Max 3.6 VCC VCC -12 -12 -24 12 12 24 10 85 ns / V C mA Unit V V V mA VCC = 2.3 V VCC = 2.7 V VCC = 3.0 V VCC = 2.3 V VCC = 2.7 V VCC = 3.0 V Conditions
Note: Unused control inputs must be held high or low to prevent them from floating.
3
HD74ALVCH16244
Logic Diagram
1OE 1A1
1
2OE
2
48
47
1Y1
2A1
41
8
2Y1
1A2
46
3
1Y2
2A2
40
9
2Y2
1A3
44
5
1Y3
2A3
38
11
2Y3
1A4
43
6
1Y4
2A4
37
12
2Y4
3OE 3A1
25
4OE
13
24
36
3Y1
4A1
30
19
4Y1
3A2
35
14
3Y2
4A2
29
20
4Y2
3A3
33
16
3Y3
4A3
27
22
4Y3
3A4
32
17
3Y4
4A4
26
23
4Y4
4
HD74ALVCH16244
Electrical Characteristics (Ta = -40 to 85C)
Item Input voltage Symbol VCC (V) *1 VIH 2.3 to 2.7 2.7 to 3.6 VIL 2.3 to 2.7 2.7 to 3.6 Output voltage VOH Min 1.7 2.0 -- -- Max -- -- 0.7 0.8 -- -- -- -- -- -- 0.2 0.4 0.7 0.4 0.55 5 -- -- -- -- 500 10 40 750 A A A A V I OH = -100 A I OH = -6 mA, VIH = 1.7 V I OH = -12 mA, VIH = 1.7 V I OH = -12 mA, VIH = 2.0 V I OH = -12 mA, VIH = 2.0 V I OH = -24 mA, VIH = 2.0 V I OL = 100 A I OL = 6 mA, VIL = 0.7 V I OL = 12 mA, VIL = 0.7 V I OL = 12 mA, VIL = 0.8 V I OL = 24 mA, VIL = 0.8 V VIN = VCC or GND VIN = 0.7 V VIN = 1.7 V VIN = 0.8 V VIN = 2.0 V VIN = 0 to 3.6 V VOUT = VCC or GND VIN = VCC or GND VIN = one input at (VCC-0.6) V, other inputs at V CC or GND Unit V Test Conditions
Min to Max VCC-0.2 2.3 2.3 2.7 3.0 3.0 2.0 1.7 2.2 2.4 2.0
VOL
Min to Max -- 2.3 2.3 2.7 3.0 -- -- -- -- -- 45 -45 75 -75 -- -- -- --
Input current
I IN I IN (hold)
3.6 2.3 2.3 3.0 3.0 3.6
Off state output current
*2
I OZ I CC
3.6 3.6 3.0 to 3.6
Quiescent supply current I CC
Notes: 1. For conditions shown as Min or Max, use the appropriate values under recommended operating conditions. 2. For I/O ports, the parameter I OZ includes the input leakage current.
5
HD74ALVCH16244
Switching Characteristics (Ta = -40 to 85C)
Item Propagation delay time Symbol VCC (V) t PLH t PHL 2.50.2 2.7 3.30.3 Output enable time t ZH t ZL 2.50.2 2.7 3.30.3 Output disable time t HZ t LZ 2.50.2 2.7 3.30.3 Input capacitance CIN 3.3 3.3 Output capacitance CO 3.3 Min 1.0 -- 1.0 1.0 -- 1.0 1.0 -- 1.0 -- -- -- Typ -- -- -- -- -- -- -- -- -- 3.0 6.0 7.0 Max 3.9 3.6 3.0 5.7 5.4 4.4 5.2 4.6 4.1 -- -- -- pF pF Control inputs Data inputs Outputs ns OE Y ns OE Y Unit ns FROM (Input) A TO (Output) Y
* Test Circuit
See under table 500 S1 OPEN
*1
GND 500
C L = 50 pF
Load Circuit for Outputs Symbol t PLH / t PHL t ZH/ t HZ t ZL / t LZ
Vcc=2.50.2V Vcc=2.7V, 3.30.3V
OPEN GND 4.6 V
OPEN GND 6.0 V
Note: 1. C L includes probe and jig capacitance.
6
HD74ALVCH16244
* Waveforms - 1
tr 90 % Input 10 % t PLH Vref 90 % Vref 10 % t PHL tf VIH GND
VOH Output Vref Vref VOL
* Waveforms - 2
90 % Vref
tf
tr 90 % Vref 10 % t ZL Vref t ZH t HZ Vref VOH - 0.3 V 10 % t LZ GND VOH1 VIH
Output Control
Waveform - A
VOL + 0.3 V
VOL VOH VOL1
Waveform - B
TEST VIH Vref VOH1 VOL1
Vcc=2.50.2V
Vcc=2.7V, 3.30.3V
2.3 V 1.2 V 2.3 V GND
2.7 V 1.5 V 3.0 V GND
Notes: 1. All input pulses are supplied by generators having the following characteristics: PRR 10 MHz, Zo = 50 , tr 2.5 ns, tf 2.5 ns. 2. Waveform - A is for an output with internal conditions such that the output is low except when disabled by the output control. 3. Waveform - B is for an output with internal conditions such that the output is high except when disabled by the output control. 4. The output are measured one at a time with one transition per measurement.
7
HD74ALVCH16244
Package Dimensions
Unit : mm
12.50 -0.1 48
+0.3
25 6.10 +0.3 -0.1
1 0.20 +0.1 -0.05
0.50 0.08 M 0.65 Max
24 0.15 0.05
8.10 0.3 10 Max 0.50 0.1 Hitachi code EIAJ code JEDEC code TTP-48DC -- --
0.10
8
1.20 max
0.05 Min
HD74ALVCH16244
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/index.htm For further information write to:
Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223
Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan.
9


▲Up To Search▲   

 
Price & Availability of HD74ALVCH16244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X