Part Number Hot Search : 
12SH3 ADL53211 SM1010 IDT74FC 4CD430 DDC24VS P9324 HS2213
Product Description
Full Text Search
 

To Download HCF4517B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF4517B
DUAL 64-STAGE STATIC SHIFT REGISTER
.CLOCKFREQUENCY12MHz( .SCHMI .THREE.QUI .STANDARDI .5V,10V,AND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
10V
TYP.) AT VDD =
TT TRIGGER CLOCK INPUTS ALLOW OPERATION WITH VERY SLOW CLOCK RISE AND FALL TIMES STATE OUTPUTS ESCENT CURRENT SPECIFIED AT 20V FOR HCC DEVICE ZED, SYMMETRICAL OUTPUT CHARACTERISTICS C RATINGS NPUT CURREN OF 100nA AT 18V AND 25C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD N. 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
EY (Plastic Package)
F (Ceramic Package)
C1 (Chip Carrier) ORDER CODES : HCC4517BF HCF4517BM1 HCF4517BC1
PIN CONNECTIONS
DESCRIPTION The HCC4517B (extended temperature range) and HCF4517B (intermediate temperature range) are monolithic integrated circuits, available in 16-lead dual in-line plastic or ceramic package. The HCC/HCF4517B dual 64-stage static shift register consists of two independent registers each having a clock, data, and write enable input and outputs accessible at taps following the 16th, 32nd, 48th, and 64th stages. These taps also serve as input points allowing data to be inputted at the 17th, 33rd, and 49th stages when the write enable input is a logic 1 and the clock goes through a low-to-high transition. The truth table indicates how the clock and write enable inputs control the operation of the HCC/HCF4517B. Inputs at the intermediate taps allow entry of 64 bits into the register with 16 clock pulses. The 3-state outputs permit connection of this device to an external bus.
September 1988 1/12
HCC/HCF4517B
FUNCTIONAL DIAGRAM (one half)
ABSOLUTE MAXIMUM RATINGS
Symbol V DD* Vi II Pt ot Parameter Supply Voltage : HC C Types H C F Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for T o p = Full Package-temperature Range Operating Temperature : HCC Types H CF Types Storage Temperature Value - 0.5 to + 20 - 0.5 to + 18 - 0.5 to V DD + 0.5 10 200 100 - 55 to + 125 - 40 to + 85 - 65 to + 150 Unit V V V mA mW mW C C C
Top Tstg
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. * All voltages are with respect to VSS (GND).
RECOMMENDED OPERATING CONDITIONS
Symbol V DD VI T op Parameter Supply Voltage : H CC Types H C F Types Input Voltage Operating Temperature : HC C Types H CF Types Value 3 to 18 3 to 15 0 to V DD - 55 to + 125 - 40 to + 85 Unit V V V C C
2/12
HCC/HCF4517B
LOGIC DIAGRAM AND TRUTH TABLE
Clock 0 0 1 1 - /- - -/ -\ - -\ -
Write Enable 0 1 0 1 0 1 0 1
D ata X X X X DI In Di In X X
Stage 1 6 T ap Q16 Z Q16 Z Q16 D17 In Q16 Z
Stage 3 2 Tap Q32 Z Q32 Z Q32 D33 In Q32 Z
Stage 4 8 Ta p Q48 Z Q48 Z Q48 D49 In Q48 Z
Stage 6 4 Ta p Q64 Z Q64 Z Q64 Z Q64 Z
3/12
HCC/HCF4517B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Symbol IL Parameter Quiescent Current Test Conditions VO |I O | V D D T L o w* (V) (A) (V) Min. Max. 0/ 5 5 5 0/10 10 10 0/15 15 20 0/20 20 100 0/ 5 5 20 0/10 10 40 0/15 15 80 0/ 5 <1 5 4.95 0/10 <1 10 9.95 0/15 <1 15 14.95 5/0 <1 5 0.05 10/0 <1 10 0.05 15/0 <1 15 0.05 0.5/4.5 < 1 5 3.5 1/9 <1 10 7 1.5/13.5 < 1 15 11 4.5/0.5 < 1 5 1.5 9/1 <1 10 3 13.5/1.5 < 1 15 4 0/ 5 2.5 5 -2 0/ 5 4.6 5 - 0.64 0/10 9.5 10 - 1.6 0/15 13.5 15 - 4.2 0/ 5 2.5 5 - 1.53 0/ 5 4.6 5 - 0.52 0/10 9.5 10 - 1.3 0/15 13.5 15 - 3.6 0/ 5 0.4 5 0.64 0/10 0.5 10 1.6 0/15 1.5 15 4.2 0/ 5 0.4 5 0.52 0/10 0.5 10 1.3 0/15 1.5 15 3.6 VI (V) 0/18 Any Input 0/15 0/18 0/18 Any Input 15 18 15 0.3 0.4 1.0 10
-5
HCC Types
HCF Types V OH Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Output Drive Current
V OL
V IH
V IL
I OH
HCC Types
HCF Types IOL Output Sink Current
HCC Types HCF Types
Value 25 C Min. Typ. Max. 0.04 5 0.04 10 0.04 20 0.08 100 0.04 20 0.04 40 0.04 80 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 - 1.6 - 3.2 - 0.51 - 1 - 1.3 - 2.6 - 3.4 - 6.8 - 1.36 - 3.2 - 0.44 - 1 - 1.1 - 2.6 - 3.0 - 6.8 0.51 1 1.3 2.6 3.4 6.8 0.44 1 1.1 2.6 3.0 6.8 10- 5 0.1 0.3
T Hi g h * Min. Max. 150 300 600 3000 150 300 600 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 - 1.15 - 0.36 - 0.9 - 2.4 - 1.1 - 0.36 - 0.9 - 2.4 0.36 0.9 2.4 0.36 0.9 2.4 1
Unit
A
V
V
V
V
mA
mA
I IH, I IL
Input Leakage Current
I O H, I OL
CI
HCC Types HCF Types 3-State HCC Output Types Leakage HCF Current Types Input Capacitance
18
0.1
A 1 12 7.5 A pF
10- 4 0.4 10- 4 1.0 5 7.5
* TLow = - 55C for HCC device : - 40C for HCF device. * THigh = + 125C for HCC device : + 85C for HCF device. The Noise Margin for both "1" and "0" level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5V min. with VDD = 15V,
4/12
HCC/HCF4517B
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb = 25C, Input t r, tf = 20ns, C L = 50pF, R L = 200k)
Symbol Parameter Test Conditions V D D (V) Min. 5 10 15 t PL Z , t P HZ 3-State Output WE to Bit 16 Tap t PZ L , t P ZH (see note) 5 10 15 t THL , t T L H Output Transition Time 5 10 15 t se t u p Write Enable to Clock 5 10 15 t se t u p Data to Clock 5 10 15 Write Enable to Clock Release Time 5 10 15 t h o ld Data to Clock 5 10 15 tW Minimum Clock Pulse Width 5 10 15 f CL Maximum Clock Input Frequency 5 10 15 t f , tr Maximum Clock Input Rise or Fall Time 5 10 15
Note : Measured at the point of 10% change in output load of 50pF, RL = 1k to VDD for t PZL, tPLZ and RL = 1k to VSS for tPHZ.
Value Typ. 200 110 90 75 40 30 100 50 40 - 100 - 50 - 30 - 100 - 60 - 30 - 50 - 25 - 15 - 50 - 30 - 15 50 25 20 100 50 25 90 40 25 3 6 8 6 12 15 UNLIMITED 100 50 40 200 100 50 180 80 50 Max. 400 220 180 150 80 60 200 100 80
Unit
t P HL , t P L H Propagation Delay Time : CL to Bit 16 Tap
ns
ns
ns
ns
ns
ns
ns
ns
MHz
s
5/12
HCC/HCF4517B
WAVEFORMS
Output Low (sink) Current Characteristics.
Output High (source) Current Characteristics.
Typical Transition Time vs. Load Capacitance.
Typical Propagation Delay Time vs. Load Capacitance.
6/12
HCC/HCF4517B
Typical Dynamic Power Dissipation vs. Frequency.
Dynamic Power Dissipation and Waveforms.
TEST CIRCUITS
7/12
HCC/HCF4517B
TEST CIRCUITS (continued)
8/12
HCC/HCF4517B
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
9/12
HCC/HCF4517B
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
10/12
HCC/HCF4517B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
11/12
HCC/HCF4517B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
12/12


▲Up To Search▲   

 
Price & Availability of HCF4517B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X