Part Number Hot Search : 
TGS2313 MAX4658 NL8060 ZM4736 LM2901D BCM5238 M5291 SDM0565R
Product Description
Full Text Search
 

To Download HCF4511B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF4511B
BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
.HI .I .LAMPTESTANDBLANKI .7.QUI .STANDARDI .5V,10V,AND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
GH-OUTPUT-SOURCING CAPABILITY (up to 25 mA) NPUT LATCHES FOR BCD CODE STORAGE NG CAPABILITY SEGMENT OUTPUTS BLANKED FOR BCD INPUT CODES > 1001 ESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE ZED SYMMETRICAL OUTPUT CHARACTERISTICS C RATINGS NPUT CURRENT OF 100mA AT 18V AND 25C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD N 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
EY (Plastic Package)
F (Ceramic Frit Seal Package)
M1 (Micro Package)
C1 (Plastic Chip Carrier)
ORDER CODES : HCC4511BF HCF4511BM1 HCF4511BEY HCF4511BC1
PIN CONNECTIONS
DESCRIPTION The HCC 4511B (extended temperature range) and the HCF 4511B (intermediate temperature range) are monolithic integrated circuits available in 16-lead dual in-line plastic or ceramic package and plastic micro package. The HCC/HCF 4511B types are BCD-to-7-segment latch decoder drivers constructed with COS/MOS logic and n-p-n bipolar transistor output devices on a single monolithic structure. These devices combine the low quiescent power dissipation and high noise immunity features of COS/MOS with n-p-n bipolar output transistors capable of sourcing up to 25 mA. This capability allows the HCC/HCF 4511B types to drive LED's and other displays directly. Lamp Test (LT), Blanking (BL), and Latch Enable or Strobe inputs are provided to test the display, shut off or intensity-modulate it, and store or strobe a BCD code, respectively. Several different signal may be multiplexed and displayed when external multiplexing circuitry is used.
November 1996 1/16
HCC/HFC4511B
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DD* Vi II Pt ot Parameter Supply Voltage : HC C Types H C F Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for T o p = Full Package-temperature Range Operating Temperature : HCC Types H CF Types Storage Temperature Value - 0.5 to + 20 - 0.5 to + 18 - 0.5 to V DD + 0.5 10 200 100 - 55 to + 125 - 40 to + 85 - 65 to + 150 Unit V V V mA mW mW C C C
Top Tstg
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functionnal operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol V DD VI Top Parameter Supply Voltage : H CC Types H C F Types Input Voltage Operating Temperature : HCC Types H CF Types Value 3 to 18 3 to 15 0 to V DD - 55 to + 125 - 40 to + 85 Unit V V V C C
2/16
HCC/HCF4511B
LOGIC DIAGRAMS
3/16
HCC/HFC4511B
TRUTH TABLE
LE X X 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 BI X 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 LT 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 D X X 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 X C X X 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 X B X X 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 X A X X 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 X a 1 0 1 0 1 1 0 1 0 1 1 1 0 0 0 0 0 0 b 1 0 1 1 1 1 1 0 0 1 1 1 0 0 0 0 0 0 c 1 0 1 1 0 1 1 1 1 1 1 1 0 0 0 0 0 0 d 1 0 1 0 1 1 0 1 1 0 1 0 0 0 0 0 0 0 * e 1 0 1 0 1 0 0 0 1 0 1 0 0 0 0 0 0 0 f 1 0 1 0 0 0 1 1 1 0 1 1 0 0 0 0 0 0 g 1 0 0 0 1 1 1 1 1 0 1 1 0 0 0 0 0 0 Display
8
Blank
0 1 2 3 4 5 6 7 8 9
Blank Blank Blank Blank Blank Blank *
4/16
HCC/HCF4511B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions Symbol Parameter VI (V) 0/ 5 HCC Types 0/15 0/20 0/ 5 HCF 0/10 Types 0/15 V OH Output High Voltage 0/ 5 0/10 0/15 V OL Output Low Voltage 5/0 10/0 15/0 V IH Input High Voltage 0.5/3.8 1/8.8 1.5/13.8 V IL Input Low Voltage 3.8/0.5 8.8/1 13.8/1.5 V OH Output Drive Voltage HCC Types 0 5 10 15 20 25 0 5 10 15 20 25 0 5 10 15 20 25 15 13.75 13.65 13.90 14 10 8.70 8.60 14 8.60 8.30 8.85 9 5 3.55 3.40 9 3.40 3.10 9.10 3.80 3.90 0/10 VO (V) Value Unit |I O | V D D T L o w* 25 C T Hi g h * (A) (V) Min. Max. Min. Typ. Max. Min. Max. 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 4.1 3.5 7 11 1.5 3 4 4.10 4.55 4.25 4.10 3.95 3.75 3.55 9.55 9.25 9.15 9.05 8.90 8.75 14.20 14 V 13.50 13.10 14.30 14.20 14.10 13.70 13.95 13.50 13.80 8.40 V 9.20 3.90 V 4 9 14 0.05 0.05 0.05 3.5 7 11 1.5 3 4 4.20 5 10 20 100 20 40 80 4.1 9.1 0.04 0.04 0.04 0.08 0.04 0.04 0.04 4.55 9.55 0.05 0.05 0.05 3.5 7 11 1.5 3 4 V V 5 10 20 100 20 40 80 4.2 9.2 14.2 0.05 0.05 0.05 V V 150 300 600 3000 150 300 600 A
IL
Quiescent Current
14.1 14.55
14.10 14.55
* TLow= - 55C for HCC device : - 40C for HCF device. * THigh= + 125C for HCC device : + 85C for HCF device. The Noise Margin for both "1" and "0" level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5 V min. with VDD = 15V.
5/16
HCC/HFC4511B
STATIC ELECTRICAL CHARACTERISTICS (continued)
Test Conditions Symbol Parameter VI (V) VO (V) Value Unit |I O | V D D T L o w* 25 C T Hi g h * (A) (V) Min. Max. Min. Typ. Max. Min. Max. 0 5 10 15 20 25 0 5 HCF Types 10 15 20 25 0 5 10 15 20 25 I OL Output Sink Current 0/ 5 HCC 0/10 Types 0/15 0/ 5 HCF 0/10 Types 0/15 I IH , I IL Input Leakage Current HCC 0/18 Types HCF Types 0/15 Any Input 0.4 0.5 1.5 0.4 0.5 1.5 5 10 15 5 10 15 18 Any Input 15 0.3 10 - 5 0.3 5 7.5 1 pF 0.64 1.6 4.2 0.52 1.3 3.6 0.1 0.51 1.3 3.4 0.44 1.1 3 15 13.1 13.75 14.1 10 8.1 8.1 8.75 8.75 9.1 9.1 5 2.8 2.8 3.6 3.6 4.1 4.1 4.57 4.24 4.12 3.94 3.75 3.54 9.58 9.26 9.17 9.04 8.90 8.75 14.1 14.59 14.27 13.75 14.18 14.07 13.1 13.95 13.80 1 2.6 6.8 1 2.6 6.8 10 - 5 0.1 0.36 0.9 2.4 0.36 0.9 2.4 1 A mA 12.8 13.45 V 14.1 7.8 8.45 V 9.1 2.5 3.3 V 4.1
V OH
Output Drive Voltage
CI
Input Capacitance
* TLow= - 55C for HCC device : - 40C for HCF device. * THigh= + 125C for HCC device : + 85C for HCF device. The Noise Margin for both "1" and "0" level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5 V min. with VDD = 15V.
6/16
HCC/HCF4511B
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25 o C, C L = 50 pF, RL = 200 K, o typical temperature coefficent for all VDD values is 03 %/ C, all input rise and fall times= 20 ns)
Symbol tPHL Parameter Propagation Delay Time (data) Test Conditions VDD (V) 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 Min. Value Typ. 520 210 150 660 260 180 350 175 125 400 175 150 250 125 85 150 75 50 40 30 20 125 75 65 75 35 20 -75 -35 -20 200 80 50 Max. 1040 420 300 1320 520 360 700 350 250 800 350 300 500 250 170 300 150 100 80 60 40 310 185 160 Unit
ns
tPLH
Propagation Delay Time (data)
ns
tPHL
Propagation Delay Time (BL)
ns
tPLH
Propagation Delay Time (BL)
ns
tPHL
Propagation Delay Time (LT)
ns
tPLH
Propagation Delay Time (LT)
ns
tTLH
Transition Time
ns
tTHL
Transition Time
ns
tsetup
Setup Time
thold
Hold Time
tW
Strobe Pulse Width
150 70 40 0 0 0 400 160 100
ns
ns
ms
7/16
HCC/HFC4511B
Typical Output Low (sink) Current Characteristics. Typical data-to-output, low-to-high-level propagation delay time as a function of load capacitance.
Typical data-to-output, high-to-low-level propagation delay time as a function of load capacitance.
Typical low-to-high level transition ime as a function of load capacitance.
Typical high-to-low level transition ime as a function of load capacitance.
Typical Voltage drop (VDD to output) vs. Output source Current as a Function of Supply.
8/16
HCC/HCF4511B
Typical Dynamic Power Dissipation Characteristics. Derated Static Output Current Per Output.
Maximum continuous derated output current IOH applies to a single output with all other outputs sourcing an equal amount of current at the supply voltages shown. Operation above the derating curve is not recommenced.
TYPICAL APPLICATIONS (interfacing with various displays) DRIVING COMMON-CATHODE 7-SEGMENT LED DISPLAYS
9/16
HCC/HFC4511B
TYPICAL APPLICATIONS (continued) Driving Low-voltage Fluorescent Displays. Driving Incandescent Displays.
A medium-brightness intensity display can be obtained with lowvoltage fluorescent displays such as the Tung-Sot Digivac S/G series.
2 of 7 Segments Shown Connected Resistors R from VDD VDD to each 7-segment driver output are choosen to keep all Numitron segments slightly on and warm.
TEST CIRCUITS Quiescent Device Current. Noise Immunity.
Input Leakage Current.
Data Propagation Delay.
10/16
HCC/HCF4511B
TEST CIRCUITS (continued) Dynamic Power dissipation.
11/16
HCC/HFC4511B
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
12/16
HCC/HCF4511B
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
13/16
HCC/HFC4511B
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
14/16
HCC/HCF4511B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
15/16
HCC/HFC4511B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequ ences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical compone in life support devices or systems without express nts written approval of SGS-THOMSON Microelectonics. (c) 1996 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A .
16/16


▲Up To Search▲   

 
Price & Availability of HCF4511B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X