Part Number Hot Search : 
EL1501C 80N60 M3212 00022 BCP6925 ENA1025 M54HC WP13ID
Product Description
Full Text Search
 

To Download FZT788 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ISSUE 3 - OCTOBER 1995 FEATURES * Low equivalent on-resistance; RCE(sat) 93m at 3A * Gain of 300 at IC=2 Amps and Very low saturation voltage APPLICATIONS * Battery powered circuits COMPLEMENTAY TYPE FZT688B PARTMARKING DETAIL FZT788B C
FZT788B
E C B
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER SYMBOL VCBO VCEO VEBO ICM IC Ptot Tj:Tstg TYP. VALUE -15 -15 -5 -8 -3 2 -55 to +150 MAX. UNIT V V V -0.1 -0.1 -0.15 -0.25 -0.45 -0.5 -0.9 -0.75 500 400 300 150 100 225 25 35 400 1500
A A
UNIT V V V A A W C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C)
SYMBOL MIN. -15 -15 -5 CONDITIONS. IC=-100A IC=-10mA* IE=-100A VCB=-10V VEB=-4V IC=-0.5A, IB=-2.5mA* IC=-1A, IB=-5mA* IC=-2A, IB=-10mA* IC=-3A, IB=-50mA* IC=-1A, IB=-5mA* IC=-1A, VCE=-2V* IC=-10mA, VCE=-2V* IC=-1A, VCE=-2V* IC=-2A, VCE=-2V* IC=-6A, VCE=-2V* MHz pF pF ns ns IC=-50mA, VCE=-5V f=50MHz VEB=-0.5V, f=1MHz VCB=-10V, f=1MHz IC=-500mA, IB1=-50mA IB2=-50mA, VCC=-10V Collector-Base Breakdown Voltage V(BR)CBO Collector-Emitter Breakdown Voltage V(BR)CEO Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio Transition Frequency Input Capacitance Output Capacitance Switching Times V(BR)EBO ICBO IEBO VCE(sat)
V V V V V
VBE(sat) VBE(on) hFE
fT Cibo Cobo ton toff
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% Spice parameter data is available upon request for this device 3 - 244
FZT788B
TYPICAL CHARACTERISTICS
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 IC/IB=200 IC/IB=100 IC/IB=10 Tamb=25C 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
-55C +25C +100C +175C
IC/IB=200
- (Volts)
V
V
- (Volts)
0.01 0.1 1 I+ - Collector Current (Amps)
10
0.01 0.1 1 I+ - Collector Current (Amps)
10
VCE(sat) v IC
VCE(sat) v IC
1.6
- Normalised Gain
- Typical Gain
- (Volts)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 00
+100C +25C -55C
VCE=2V
1200 900 600 300
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2
-55C +25C +100C +175C
IC/IB=200
h
0.01
0.1
1
10
h
V
0
0.01
0.1
1
10
I+ - Collector Current (Amps)
I+ - Collector Current (Amps)
hFE v IC
VBE(sat) v IC
1.6 1.4
-55C +25C +100C
VCE=2V
10
- (Volts)
1.2 1.0 0.8 0.6 0.4 0.2 0 0 0.01 0.1 1 10
1
DC 1s 100ms 10ms 1ms 100s
0.1
V
0.01 0.1
1
10
100
I+ - Collector Current (Amps)
VCE - Collector Emitter Voltage (V)
VBE(on) v IC
Safe Operating Area
3 - 245


▲Up To Search▲   

 
Price & Availability of FZT788

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X