Part Number Hot Search : 
2405E PC1508 SB110 PSEI2 6VM4S 2030C C254A TF205
Product Description
Full Text Search
 

To Download ESDA6V1P6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ESDA6V1P6
QUAD TRANSILTM ARRAY FOR ESD PROTECTION
Application Specific Discretes A.S.D.
MAIN APPLICATIONS Where transient overvoltage protection in ESD sensitive equipment is required, such as : Computers Printers Communication systems and cellular phones Video equipment This device is particularly adpated to the protection of symmetrical signals.
s s s s
FEATURES 4 UNIDIRECTIONAL TRANSILTM FUNCTIONS. BREAKDOWN VOLTAGE VBR = 6.1V MIN LOW LEAKAGE CURRENT < 500 nA VERY SMALL PCB AREA < 2.6 mm2
s s s s
SOT-666
DESCRIPTION The ESDA6V1P6 is a monolithic array designed to protect up to 4 lines against ESD transients. This device is ideal for applications where board space saving is required.
FUNCTIONAL DIAGRAM
1 2
6 5 4
BENEFITS High ESD protection level. High integration. Suitable for high density boards.
s s s
3
COMPLIES WITH THE FOLLOWING STANDARDS :
s
s
IEC61000-4-2 level 4: 15 kV (air discharge) 8 kV (contact discharge) MIL STD 883E-Method 3015-7: class 3 25kV HBM (Human Body Model)
January 2003 - Ed: 2
1/8
ESDA6V1P6
ABSOLUTE RATINGS (Tamb = 25C) Symbol VPP PPP Tj Tstg TL Top Parameter Test conditions Value 15 8 150 125 - 55 to + 150 260 - 40 to + 150 Unit kV W C C C C
ESD discharge - IEC61000-4-2 air discharge IEC61000-4-2 contact discharge Peak pulse power (8/20 s) (see note 1) Junction temperature Storage temperature range Maximum lead temperature for soldering during 10s at 5mm for case Operating temperature range Tj initial = Tamb
Note 1: for a surge greater than the maximum values, the diode will fail in short-circuit.
THERMAL RESISTANCES Symbol Rth(j-a) Parameter Junction to ambient on printed circuit on recommended pad layout Value 220 Unit C/W
ELECTRICAL CHARACTERISTICS (Tamb = 25C) Symbol VRM VBR VCL IRM IPP T VF C Rd Parameter Stand-off voltage Breakdown voltage Clamping voltage Leakage current Peak pulse current Voltage tempature coefficient Forward voltage drop Capacitance per line Dynamic resistance
Slope: 1/Rd IPP VCL VBR VRM IRM VF V IF I
Types min.
VBR
@ max.
IR
IRM max.
@
VRM
Rd typ.
T max.
C typ. @ 0V
V
V 7.2
mA 1
A 0.5
V 3
1.5
10 /C 4.5
-4
pF 70
ESDA6V1P6
6.1
2/8
ESDA6V1P6
Fig. 1: Relative variation of peak pulse power versus initial junction temperature.
PPP[Tj initial] / PPP[Tj initial=25C)
Fig. 2: Peak pulse power versus exponential pulse duration.
PPP(W)
1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 25 50 75 100 125 150
Tj(C)
1000
Tj initial=25C
100
Tp(s)
10 1 10 100
Fig. 3: Clamping voltage versus peak pulse current (typical values, rectangular waveform).
IPP(A)
Fig. 4: Forward voltage drop versus peak forward current (typical values).
IFM(A)
100.0
tp=2.5s Tj initial=25C
1.E+00
Tj=125C
10.0
1.E-01
Tj=25C
1.0
1.E-02
VCL(V)
VFM(V)
0.1 0 10 20 30 40 50 60 70
1.E-03 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Fig. 5: Junction capacitance versus reverse voltage applied (typical values).
C(pF)
Fig. 6: Relative variation of leakage current versus junction temperature (typical values).
IR[Tj] / IR[Tj=25C]
80 70 60 50 40 30 20 10 0 0 1 2
VR(V)
F=1MHz VOSC=30mVRMS Tj=25C
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
Tj(C)
VR=3V
3
4
5
6
25
50
75
100
125
3/8
ESDA6V1P6
TECHNICAL INFORMATION 1. ESD protection by ESDA6V1P6 With the focus of lowering the operation levels, the problem of malfunction caused by the environment is critical. Electrostatic discharge (ESD) is a major cause of failure in electronic systems. As a transient voltage suppressor, ESDA6V1P6 is an ideal choice for ESD protection by suppressing ESD events. It is capable of clamping the incoming transient to a low enough level such that any damage is prevented on the device protected by ESDA6V1P6. ESDA6V1P6 serves as a parallel protection elements, connected between the signal line and ground. As the transient rises above the operating voltage of the device, the ESDA6V1P6 becomes a low impedance path diverting the transient current to ground. Fig. A1: Application example.
I/O2
Connector
I/O1 I/O4 I/O3
IC to be protected
The clamping voltage is given by the following formula: VCL = VBR + Rd.IPP As shown in figure A2, the ESD strikes are clamped by the transient voltage suppressor. Fig. A2: ESD clamping behavior.
RG
IPP Rd RLOAD
Device to be protected
VG VBR
ESD surge ESD6V1P6
V(i/o)
To have a good approximation of the remaining voltages at both Vi/o side, we provide the typical dynamical resistance value Rd. By taking into account the following hypothesis: RG > Rd and Rload > Rd we have: V V (i / o ) = V BR + Rd x g Rg The results of the calculation done VG = 8kV, RG = 330 (IEC61000-4-2 standard), VBR = 6.4V (typ.) and Rd = 1.5 (typ.) give: V (i / o ) = 42.8Volts This confirms the very low remaining voltage across the device to be protected. It is also important to note that in this approximation the parasitic inductance effect was not taken into account. This could be a few tenths of volts during a few ns at the Vi/o side.
4/8
ESDA6V1P6
Fig. A3: ESD test board.
15kV ESD Air discharge
Fig. A4: ESD test configuration.
I/O1, I/O2, I/O3 or I/O4 15kV ESD Air discharge
V(i/o)
V(i/o)
GND
Fig. A5: Remaining voltage during ESD surge.
a: Response in the positive way
b: Response in the negative way
2. Crosstalk behavior Fig. A6: Crosstalk phenomenon
RG1
Line 1
VG1
RL1
RG2
1VG1 + 12VG2
Line 2
VG2
RL2
2VG2 + 21VG1
DRIVERS
RECEIVERS
5/8
ESDA6V1P6
The crosstalk phenomena are due to the coupling between 2 lines. Coupling factors ( 12 or 21 ) increase when the gap across lines decreases, particularly in silicon dice. In the example above, the expected signal on load RL2 is 2VG2, in fact the real voltage at this point has got an extra value 21VG2. This part of the VG1 signal represents the effect of the crosstalk phenomenon of the line 1 on the line 2. This phenomenon has to be taken into account when the drivers impose fast digital data or high frequency analog signals. The perturbed line will be more affected if it works with low voltage signal or high load impedance (few k) Fig. A7: Analog crosstalk test configuration. Fig. A8: Typical analog crosstalk response.
50
I/O1 unloaded
50
I/O1 unloaded
VG
Port 1 GND
VG
Port 1 GND
50 I/O4 Port 2 I/O4
50 Port 2
Fig. A9: Digital crosstalk test configuration.
Fig. A10: Typical digital crosstalk response.
I/O1
unloaded
VG1 0 - 5V pulse generator F= 100KHz tR = 20ns GND 21VG1 unloaded I/O4
crosstalk 21VG1
6/8
ESDA6V1P6
3. PCB layout recommendations As ESD is a fast event, the di/dt caused by this surge is about 30A/ns (risetime=1ns, Ipeak=30A), that means each nH causes an overvoltage of 30V. Thus, the circuit board layout is a critical design step in the suppression of ESD induced transients by reducing parasitic inductances. To ensure that, the following guidelines are recommended : The ESDA6V1P6 should be placed as close as possible to the input terminals or connectors. The path length between the ESD suppressor and the protected line should be minimized. All conductive loops, including power and ground loops should be minimized. The ESD transient return path to ground should be kept as short as possible. The connections from the ground pins to the ground plane should be the shortest possible.
s s s s s
4. Comparison with varistors Varistors Leakage current Protection efficiency Ageing ---TRANSILTM +++ ++ ++
Low leakage current for TransilTM device Improve the autonomy of portable equipments as mobile Better efficiency in terms of ESD protection by using TransilTM device Varistors are bidirectional devices and so are not suitable to protect sensitive ICs, because they will be submitted to high voltages in the negative way. Ratio VCL/VBR lower for TransilTM device Less dispersion in terms of VBR No ageing phenomena regarding ESD events with TransilTM device Higher efficiency in terms of ESD protection
s s s s s
ORDER CODE
ESDA 6V1 P6
ESD ARRAY VBR min PACKAGE: SOT-666
Ordering type ESDA6V1P6
Marking B
Package SOT-666
Weight 2.9 mg.
Base qty 3000
Delivery mode Tape & reel
7/8
ESDA6V1P6
PACKAGE MECHANICAL DATA SOT-666 DIMENSIONS REF. Millimeters Min. A bp
bp e1 e
Inches Min. 0.020 0.007 0.003 0.060 0.043 Max. 0.024 0.011 0.007 0.067 0.051
Max. 0.60 0.27 0.18 1.70 1.30 1.00 0.50
0.50 0.17 0.08 1.50 1.10
c D E e
D
E
0.040 0.020 1.70 0.30 0.059 0.004 0.067 0.012
A Lp He
e1
U
He Lp
1.50 0.10
FOOT PRINT (in millimeters)
0.36
0.30
0.62
2.30
0.84
0.20
0.20
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 8/8


▲Up To Search▲   

 
Price & Availability of ESDA6V1P6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X