Part Number Hot Search : 
KDV141E SS9012 64BEEG UL104BC LT105 LTC1401 TDA750 TDA750
Product Description
Full Text Search
 

To Download ESDA6V14BC6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ESDA6V1-4BC6
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
Application Specific Discretes A.S.D.TM
APPLICATIONS Where transient overvoltage protection in ESD sensitive equipment is required, such as : COMPUTERS PRINTERS COMMUNICATION SYSTEMS VIDEO EQUIPMENT This device is particularly adapted to the protection of symmetrical signals.
s s s s
SOT23-6L (SC-74) DESCRIPTION The ESDA6V1-4BC6 is a monolithic array designed to protect up to 4 lines in a bidirectional way against ESD transients. The device is ideal for situations where board space is at a premium. FEATURES
s s
FUNCTIONAL DIAGRAM SOT23-6L
1 2
6 5
s
s
s
s
4 BIDIRECTIONAL TRANSIL FUNCTIONS ESD PROTECTION FOR DATA, SIGNAL AND VCC BUS STAND OFF VOLTAGE RANGE: 5 V LOW LEAKAGE CURRENT PEAK PULSE POWER (8/20s); 80W CHANNEL SEPARATION: 80dB typ.@20KHz
3
4
BENEFITS
s s
s
High ESD protection level High integration Suitable for high density boards
COMPLIES WITH THE FOLLOWING STANDARDS: - IEC61000-4-2: 15 kV (air discharge) 8 kV (contact discharge) - MIL STD 883E-Method 3015-7: class3 (human body model)
November 2002 - Ed: 1A
1/5
ESDA6V1-4BC6
1. ESD protection by ESDA6V1-4BC6 With the focus of lowering the operation levels, the problem of malfunction caused by the environment is critical. Electrostatic discharge (ESD) is a major cause of failure in electronic system. Transient Voltage Suppressors are an ideal choice for ESD protection and have proven capable in suppressing ESD events. They are capable of clamping the incoming transient to a low enough level such that damage to the protected semiconductor is prevented. Surface mount TVS arrays offer the best choice for minimal lead inductance. They serve as parallel protection elements, connected between the signal line to ground. As the transient rises above the operating voltage of the device, the TVS array becomes a low impedance path diverting the transient current to ground.
Bidirectional protection for 0V biased signals.
DRIVER
CONNECTOR
1 2
6 5
3
4
The ESDA6V1-4BC6 array is the ideal product for use as board level protection of ESD sensitive semiconductor components. The tiny SOT23-6L package allows design flexibility in the design of "crowded" boards where the space saving is at a premium. This enables to shorten the routing and can contribute to improve ESD performance. 2. Circuit Board Layout Circuit board layout is a critical design step in the suppression of ESD induced transients. The following guidelines are recommended : The ESDA6V1-4BC6 should be placed as near as possible to the input terminals or connectors. Minimise the path length between the ESD suppressor and the protected device Minimise all conductive loops, including power and ground loops The ESD transient return path to ground should be kept as short as possible. Use ground planes whenever possible.
s s s s s
2/5
ESDA6V1-4BC6
ABSOLUTE MAXIMUM RATINGS (Tamb = 25C) Symbol VPP Test conditions ESD discharge - MIL STD 883C - Method 3015-6 IEC61000-4-2 air discharge IEC61000-4-2 contact discharge Peak pulse power (8/20s) Junction temperature Storage temperature range Lead solder temperature (10 second duration) Operating temperature range (note 1) Value 25 15 8 80 150 -55 to +150 260 -40 to +125 Unit kV
PPP Tj Tstg TL Top
W C C C C
Note 1: Variation of parameters is given by curves.
ELECTRICAL CHARACTERISTICS (Tamb = 25C) Symbol VRM VBR VCL IRM IPP C Rd Parameter Stand-off voltage Breakdown voltage Clamping voltage Leakage current Peak pulse current Capacitance Dynamic resistance VBR Type min. V ESDA6V1-4BC6
Note 1 : Square pulse, Ipp = 3A, tp=2.5s.
Rd
I
VBR VCL V RM I RM V
I PP
@
IR
IRM @ VRM max.
Rd typ. note 1
T max. 10 /C 3
-4
C typ. 0V bias pF 45
max. V 8 mA 1
A 1
V 3
0.45
6.1
Fig. 1: Relative variation of peak pulse power versus initial junction temperature.
PPP[Tj initial] / PPP[Tj initial=25C]
1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 25 50 75 100 125 150
Fig. 2: Peak pulse power versus exponential pulse duration.
PPP(W)
1000
Tj initial = 25C
100
Tj(C)
10 1
tp(s)
10 100
3/5
ESDA6V1-4BC6
Fig. 3: Clamping voltage versus peak pulse current (typical values, rectangular waveform).
IPP(A)
100.0
50 45 40
F = 1MHz VOSC = 30mV Tj = 25C
Fig. 4: Junction capacitance versus line voltage applied (typical values).
C(pF)
10.0
35 30 25 20
1.0
15 10
VCL(V)
0.1 0 5 10 15 20 25 30 35 40
tp = 2.5s Tj initial = 25C
5 0
VR(V)
0 1 2 3 4 5 6
45
50
Fig. 5: Relative variation of leakage current versus junction temperature (typical values).
IR[Tj] / IR[Tj=25C]
100
Fig. 6: Analog crosstalk test configuration.
50 VG Port 1
I/O1 unloaded
GND
10
50 I/O6
Tj(C)
1 25 50 75 100 125
Port 2
Symbol ch
Parameter Pin topic channel separation
Conditions (see note 2) F = 20 KHz F = 10 MHz
Values Min. Typ. 80 34 Max.
Unit dB
Note 2 : According to figure 6 schematic.
ORDER CODE
ESDA
ESD ARRAY
6V1
4B
C6
PACKAGE: C6: SOT23-6L (SC-74)
VBR min. Bidirectional
4/5
ESDA6V1-4BC6
PACKAGE MECHANICAL DATA SOT23-6L
A
REF.
DIMENSIONS Millimeters Min. Typ. Max. Min. 1.45 0.035 0.10 0 1.30 0.035 0.50 0.0137 0.20 0.004 3.00 0.95 2.60 0.10 3.00 0.102 0.60 0.004 10 0.11 0.0374 0.118 0.024 10 1.75 0.059 Inches Typ. Max. 0.057 0.004 0.0512 0.02 0.008 0.118 0.0689
E
A2
A
e
D
0.90 0 0.90 0.35 0.09 2.80 1.50
A1
b
A2 b c D E e H
e
C
A1
H
L
L
FOOTPRINT
0.60 0.024
MARKING Type
1.20 0.047
Marking BS77
ESDA6V1-4BC6
Packaging: Standard packaging is tape and reel.
3.50 0.138 2.30 0.090 mm inch 1.10 0.043 0.95 0.037
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of ESDA6V14BC6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X