Part Number Hot Search : 
C103Z 38225 BD533 M38067M 880371 IPP16CN S6A0069 PESD5V0
Product Description
Full Text Search
 

To Download EMIF01-5250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
EMIF01-5250SC5
EMI FILTER WITH ESD PROTECTION
Application Specific Discretes A.S.D.TM
MAIN APPLICATIONS Where EMI filtering in ESD sensitive equipment is required : Mobile phone : handsets and accessories RF communications DESCRIPTION The EMIF01-5250SC5 is a highly integrated T-filter designed to suppress EMI / RFI noise on I/O ports of mobile phones or RF communication equipment. This filter includes ESD protection circuitry which prevents device destruction when subjected to ESD discharges. The comprehensive layout of the EMIF01-5250SC5 filter allows design flexibility on high density boards. FEATURES T-filtering functions for 2 wires. ESD protection of 15 kV (air discharge) per IEC1000-4-2 Breakdown voltage : VBR = 6 V min. Low leakage current < 1 A.
1
SOT23-5L (SC-59A)
FUNCTIONAL DIAGRAM
R D Cz C
R Cz D
4
2 D 3 Cz R C R Cz D 5
BENEFITS EMI / RFI noise suppression. Enhanced ESD protection : IEC1000-4-2 level 4 One of the smallest protection circuits available High flexibility in the design of high density boards
R = 52 tolerance 15% C = 50 pF tolerance 15% D = Zener diode Cz = Capacitance of the zener diode
COMPLIES WITH THE FOLLOWING STANDARDS IEC 1000-4-2 15kV 8 kV (air discharge) (contact discharge)
October 1998 - Ed: 5A
1/5
EMIF01-5250SC5
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 C) Symbol VPP Parameter and test conditions ESD discharge IEC1000-4-2, air discharge ESD discharge IEC1000-4-2, contact discharge Tj Top Tstg TL Junction temperature Operating temperature range Storage temperature range Lead temperature for soldering during 10s Value 15 8 150 -30 to + 85 -55 to +150 260 C C C C Unit kV
ELECTRICAL CHARACTERISTICS of the ZENER DIODE (Tamb = 25 C)
I
Symbol VBR IRM Rd CZ trr
Parameter Breakdown voltage
VBR VRM IRM IR
Leakage current Dynamic impedance
Rd
V
IPP
Zener capacitance Reverse recovery time
Symbol VBR IRM Rd Cz trr IR = 1 mA VRM = 3V
Test conditions
Min. 6
Typ. 7
Max. 8 1
Unit V A pF ns
Ipp = 10 A, tp = 2.5 s 0 V bias, VRMS = 30 mV, F = 1 MHz IF = 10 mA, dIF/dt = 20 A/s, RL = 100 , Tj = 25 C
0.55 90 40
2/5
EMIF01-5250SC5
ATTENUATION BEHAVIOR
Input
Output
GND
EMIF01-5250SC5
3/5
EMIF01-5250SC5
ESD BEHAVIOR Fig 2 : ESD measurement conditions
ESD Generator NSG435
Vcl input Vcl output
EMIF01
Fig 3 : ESD behavior on IEC1000-4-2 air discharge at input (typical value)
Fig 4 : ESD behavior on IEC1000-4-2 air discharge at output (typical value)
Figures 3 and 4 show the EMIF01-5250SC5 response to air and contact discharge conditions respectively at input and output pins. These figures indicate that the response is spontaneous and the output level is kept at safe operating voltages.
4/5
EMIF01-5250SC5
ORDER CODE
EMIF 01
ELECTRO MAGNETIC INTERFERENCE FILTER NUMERICAL CODE MARKING Type & order code EMIF01-5250SC5 PACKAGE MECHANICAL DATA
A
-
5250 SC5
PACKAGE : SOT23 -5L R & C values
Marking EMIF
Packaging tape & reel
Base qty (pcs) 3000
H
A2
DIMENSIONS REF. Millimeters Min. Typ. Max. Min. 1.45 0.15 1.30 0.50 0.20 3.00 1.75 0.95 2.60 0.10 3.00 0.102 0.60 0.004 10 0.035 0 0.035 0.0137 0.004 0.11 0.059 0.0374 0.118 0.024 10 0.90 0 0.90 0.35 0.09 2.80 1.50 Inches Typ. Max. 0.057 0.006 0.0512 0.02 0.008 0.118 0.0689
e
D
b e
A1
E
M c L
A A1 A2 b c D E e H L M
RECOMMENDED FOOT PRINT
0.65 0.025
1.3 0.051 3.6 0.137 1 0.040
mm inch
0.95 0.037
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of EMIF01-5250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X