Part Number Hot Search : 
74LS47 SWE1270 MA4SD05X AO4430L 000A0 1021T STK40 HFP5N60S
Product Description
Full Text Search
 

To Download EMIF01-10018W5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
EMIF01-10018W5
EMI FILTER INCLUDING ESD PROTECTION
Application Specific Discretes A.S.D.TM
MAIN APPLICATIONS
Where EMI filtering in ESD sensitive equipment is required : Computers and printers Communication systems Mobile phones MCU Boards
DESCRIPTION
The EMIF01-10018W5 is a highly integrated array designed to suppress EMI / RFI noise in all systems subjected to electromagnetic interferences. Additionally, this filter includes an ESD protection circuitry which prevents the protected device from destruction when subjected to ESD surges up to 15 kV.
SOT323-5L
FUNCTIONAL DIAGRAM
BENEFITS
Cost-effectiveness compared to discrete solution EMI bi-directional low-pass filter High efficiency in ESD suppression. High flexibility in the design of high density boards Very low PCB space consuming : 4.2 mm2 typically High reliability offered by monolithic integration
I1 GND I2
O1
O2
RI/O = 100 CIN = 180pF
COMPLIES WITH THE FOLLOWING STANDARD:
IEC 1000-4-2 15kV (air discharge) level 4 8 kV (contact discharge) MIL STD 883C - Methode 3015-6 Class 3
Filtering behavior
dB 0
ESD response to IEC1000-4-2 (16 kV air discharge)
-10
Vin
-20
-30
Vout
1 10 f(MHz) 100 1,000 2,000
-40
TM : ASD is trademark of STMicroelectronics.
September 1999 - Ed: 1
1/10
EMIF01-10018W5
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 C) Symbol VPP Parameter and test conditions ESD discharge IEC1000-4-2, air discharge ESD discharge IEC1000-4-2, contact discharge ESD discharge MIL STD 883 Method 3015-6 Junction temperature Operating temperature range Storage temperature range Lead solder temperature (10 seconds duration) Value 16 9 25 150 -40 to + 85 -55 to +150 260 Unit kV
Tj Top Tstg TL
C C C C
ELECTRICAL CHARACTERISTICS (Tamb = 25 C) Symbol VBR IRM VRM VCL Rd IPP RI/O CIN Parameter Breakdown voltage Leakage current @ VRM Stand-off voltage Clamping voltage Dynamic resistance Peak pulse current Series resistance between Input and Output Input capacitance per line
slope : 1 / R d IPP VCL VBR VRM IRM IR
I
V
Symbol VBR IRM RI/O Rd CIN IR = 1 mA VRM = 3V
Test conditions
Min. 6
Typ. 7
Max. 8 100
Unit V nA pF
80 Ipp = 10 A, tp = 2.5 s (see note 1) at 0V bias
100 1 180
120
Note 1 : to calculate the ESD residual voltage, please refer to the paragraph "ESD PROTECTION" on pages 4 & 5
2/10
EMIF01-10018W5
TECHNICAL INFORMATION FREQUENCY BEHAVIOR
The EMIF01-10018W5 is firstly designed as an EMI/RFI filter. This low-pass filter is characterized by the following parameters: - Cut-off frequency - Insertion loss - High frequency rejection
Fig A1: EMIF01-10018W5 frequency response curve.
dB 0
-10
-20
-30
-40 1 10 f(MHz) 100 1,000 2,000
Figure A1 gives these parameters, in particular the signal rejection at the GSM frequency is about -24dB @ 900MHz -20dB @ 1800MHz
Fig. A2: Measurement conditions
TRACKING GENERATOR
SPECTRUM ANALYSER
SMA
TEST BOARD
EMIF01
50 TG OUT
SMA RF IN
Vg
50
3/10
EMIF01-10018W5
ESD PROTECTION
In addition to its filtering function, the EMIF01-10018W5 is particularly optimized to perform ESD protection. ESD protection is based on the use of device which clamps at :
VCL = VBR + Rd.IPP
This protection function is splitted in 2 stages. As shown in figure A3, the ESD strikes are clamped by the first stage S1 and then its remaining overvoltage is applied to the second stage through the resistor R. Such a configuration makes the output voltage very low at the Vout level.
Fig. A3: ESD clamping behavior.
Rg Rd Vin Vbr S1 EMIF01-10018W5 Vout Vbr S2 Device to be protected R Rd Rload
ESD Surge Vg
To have a good approximation of the remaining voltages at both Vin and Vout stages, we provide the typical dynamical resistance value Rd. By taking into account these following hypothesis : R>>Rd, RG>>Rd and Rload>>Rd, it gives these formulas:
Vin =
Rg.Vbr+Rd.Vg Rg R.Vbr+Rd.Vin R
Vout =
The results of the calculation done for an IEC 1000-4-2 Level 4 Contact Discharge surge (Vg=8kV, Rg=330) and VBR=7V (typ.) give:
Vin = 31.2 V Vout = 7.3 V
This confirms the very low remaining voltage across the device to be protected. It is also important to note that in this approximation the parasitic inductance effect was not taken into account. This could be few tenths of volts during few ns at the Vin side. This parasitic effect is not present at the Vout side due the low current involved after the resistance R. LATCH-UP PHENOMENA The early ageing and destruction of IC's is often due to latch-up phenomena which mainly induced by dV/dt. Thanks to its RC structure, the EMIF01-10018W5 provides a high immunity to latch-up by integration of fast edges. (Please see the response of EMIF01-10018W5 to a 3 ns edge on Fig. A9) The measurements done here after show very clearly (Fig. A5a & A5b) the high efficiency of the ESD protection : - almost no influence of the parasitic inductances on Vout stage - Vout clamping voltage very close to Vbr
Fig. A4: Measurement conditions
ESD SURGE
TEST BOARD
EMIF01
16kV Air Discharge
Vin
Vout
4/10
EMIF01-10018W5
Fig. A5: Remaining voltage at both stages S1 (Vin) and S2 (Vout) during ESD surge
Vi n
Vi n
Vout
Vout
a) Positive surge
b) Negative surge
Please note that the EMIF01-10018W5 is not only acting for positive ESD surges but also for negative ones. For negatives surges, it clamps close to ground voltage as shown in Fig. A5b. NOTE: DYNAMIC RESISTANCE MEASUREMENT
Fig. A6: Rd measurement current wave
I
IPP
t 2 s 2.5 s
2.5 s duration measurement wave
As the value of the dynamic resistance remains stable for a surge duration lower than 20s, the 2.5s rectangular surge is well adapted. In addition both rise and fall times are optimized to avoid any parasitic phenomenon during the measurement of Rd.
5/10
EMIF01-10018W5
CROSSTALK BEHAVIOR 1- Crosstalk phenomena Fig. A7: Crosstalk phenomena
RG1 line 1
VG1 RG2 line 2
RL1
1VG1 + 12VG2
VG2
RL2
2VG2 + 21VG1
DRIVERS
RECEIVERS
The crosstalk phenomena are due to the coupling between 2 lines. The coupling factor ( 12 or 21 ) increases when the gap across lines decreases, particularly in silicon dice. In the example above the expected signal on load R L2 is 2VG2, in fact the real voltage at this point has got an extra value 21VG1. This part of the VG1 signal represents the effect of the crosstalk phenomenon of the line 1 on the line 2. This phenomenon has to be taken into account when the drivers impose fast digital data or high frequency analog signals in the disturbing line. The perturbed line will be more affected if it works with low voltage signal or high load impedance (few k). The following chapters give the value of both digital and analog crosstalk.
2- Digital Crosstalk Fig. A8: Digital crosstalk measurement
+5V 74HC04 Line 1 +5V VG1 Line 2 21 VG1 +5V 74HC04
Square Pulse Generator 5KHz
EMIF01 10018W5
Figure A8 shows the measurement circuit used to quantify the crosstalk effect in a classical digital application. Figure A9 shows that in such a condition signal from 0 to 5V and rise time of few ns, the impact on the disturbed line is less than 50mV peak to peak. No data disturbance was noted on the concerned line.The measurements performed with falling edges gives an impact within the same range.
Fig. A9: Digital crosstalk results
VG1
21VG1
6/10
EMIF01-10018W5
3- Analog Crosstalk Fig. A10: Analog crosstalk measurement
TRACKING GENERATOR
SPECTRUM ANALYSER
SMA
TEST BOARD
50 TG OUT
SMA RF IN
EMIF01
Vg
50
Fig. A11: Typical analog crosstalk result
dB 0
-20
-40
-60
-80
-100 1 10 f(MHz) 100 1,000 2,000
Figure A10 gives the measurement circuit for the analog application. In figure A11, the curve shows the effect of cell I/O1 on cell I/O2. In usual frequency range of analog signals (up to 100MHz) the effect on disturbed line is less than -42 dB.
7/10
EMIF01-10018W5
4 - PSpice model Fig. A12: PSpice model of one EMIF01 cell
1.2nH IN
Fig. A13: PSpice parameters
OUT
100
1.2nH
Dz Dr
Df
Dz Dr
Df
0.38nH
BV Cjo IBV IKF IS ISR N M RS VJ TT
Dz 7 85p 1u 1000 10E-15 100p 1 0.3333 1 0.6 50n
Df 1000 85p 1u 1000 1.016E-15 100p 1.0755 0.3333 1 0.6 50n
Dr 1000 1p 1u 1000 10E-15 100p 0.6 0.3333 1m 0.6 1n
GND
Note: This model is available for an ambient temperature of 27C
Fig. A14: PSpice simulation : IEC 1000-4-2 Contact Discharge response a) Positive surge
(V) 60 Vin 50 Vout 40 30 20 10 0 0 20 40 t(ns) 60 80 100
(V) 0 -10 -20 -30 -40 -50 -60 0 20 40 t(ns) 60 80 100 Vin Vout
b) Negative surge
Fig. A15: Comparison between PSpice simulation and measured frequency response
dB 0
Measure
-10
PSpice
-20
-30
-40 1 10 f(MHz) 100 1,000 2,000
8/10
EMIF01-10018W5
ORDER CODE
EMIF
EMI FILTER
01
-
100
18
W5
SOT323-5L package
TYPE
Input capacitance value /10
Series resistance value
Order code EMIF01-10018W5
Marking N12
Package SOT323-5L
Weight 5.4 mg
Base qty 3000
Delivery mode Tape & reel
9/10
EMIF01-10018W5
PACKAGE MECHANICAL DATA SOT323-5L DIMENSIONS REF.
A A2
Millimeters Min. Max. 1.1 0.1 1 0.3 0.18 2.2 1.35
Inches Min. 0.031 0 0.031 0.006 0.004 0.071 0.045 Max. 0.043 0.004 0.039 0.012 0.007 0.086 0.053
A1
A A1 A2
D e e
0.8 0 0.8 0.15 0.1 1.8 1.15
b c D E
H
E
e H
0.65 Typ. 1.8 0.1 2.4 0.4 0.071 0.004 0.094 0.016
Q1 c b
Q1
RECOMMENDED FOOTPRINT
0.3mm
Mechanical specifications Lead plating Tin-lead
1mm
Lead plating thickness
29mm
5m min. 25 m max. Sn / Pb (70% to 90% Sn) 100m max. Molded epoxy UL94V-0
Lead material Lead coplanarity
1mm
Body material Flammability
0.35mm
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of EMIF01-10018W5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X