|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Transistors Digital transistors (built-in resistors) DTC124XE / DTC124XUA / DTC124XKA DTC124XSA FFeatures 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) The bias resistors consist of thinfilm resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3) Only the on / off conditions need to be set for operation, making device design easy. FEquivalent circuit FExternal dimensions (Units: mm) (94S-671-C124X) 417 Transistors FAbsolute maximum ratings (Ta = 25_C) DTC124XE/DTC124XUA/DTC124XKA/DTC124XSA FElectrical characteristics (Ta = 25_C) FPackaging specifications 418 Transistors FElectrical characteristic curves DTC124XE/DTC124XUA/DTC124XKA/DTC124XSA 419 |
Price & Availability of DTC124XE |