Part Number Hot Search : 
27S55G BR1020 2000673 SMB2K40 TDA8705A 4924F IRHM4054 4924F
Product Description
Full Text Search
 

To Download DM74LS14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM74LS14 Hex Inverter with Schmitt Trigger Inputs
August 1986 Revised March 2000
DM74LS14 Hex Inverter with Schmitt Trigger Inputs
General Description
This device contains six independent gates each of which performs the logic INVERT function. Each input has hysteresis which increases the noise immunity and transforms a slowly changing input signal to a fast changing, jitter free output.
Ordering Code:
Order Number DM74LS14M DM74LS14SJ DM74LS14N Package Number M14A M14D N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Function Table
Y=A Input A L H
H = HIGH Logic Level L = LOW Logic Level
Output Y H L
(c) 2000 Fairchild Semiconductor Corporation
DS006353
www.fairchildsemi.com
DM74LS14
Absolute Maximum Ratings(Note 1)
Supply Voltage Input Voltage Operating Free Air Temperature Range Storage Temperature Range 7V 7V 0C to +70C -65C to +150C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
Recommended Operating Conditions
Symbol VCC VT+ VT- HYS IOH IOL TA
Note 2: VCC = 5V.
Parameter Supply Voltage Positive-Going Input Threshold Voltage (Note 2) Negative-Going Input Threshold Voltage (Note 2) Input Hysteresis (Note 2) HIGH Level Output Current LOW Level Output Current Free Air Operating Temperature
Min 4.75 1.4 0.5 0.4
Nom 5 1.6 0.8 0.8
Max 5.25 1.9 1 -0.4 8
Units V V V V mA mA C
0
70
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted) Symbol VI VOH VOL Parameter Input Clamp Voltage HIGH Level Output Voltage LOW Level Output Voltage IT+ IT- II IIH IIL IOS ICCH ICCL Input Current at Positive-Going Threshold Input Current at Negative-Going Threshold Input Current @ Max Input Voltage HIGH Level Input Current LOW Level Input Current Short Circuit Output Current Supply Current with Outputs HIGH Supply Current with Outputs LOW VCC = Max, VI = 7V VCC = Max, VI = 2.7V VCC = Max, VI = 0.4V VCC = Max (Note 4) VCC = Max VCC = Max -20 8.6 12 0.1 20 -0.4 -100 16 21 mA A mA mA mA mA VCC = 5V, VI = VT- -0.18 mA Conditions VCC = Min, II = -18 mA VCC = Min, IOH = Max VIL = Max VCC = Min, IOL = Max VIH = Min VCC = Min, IOL = 4 mA VCC = 5V, VI = VT+ 2.7 3.4 0.35 0.25 -0.14 0.5 0.4 mA Min Typ (Note 3) Max -1.5 Units V V
V
Note 3: All typicals are at VCC = 5V, TA = 25C. Note 4: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Switching Characteristics
at VCC = 5V and TA = 25C RL = 2 k Symbol Parameter Min tPLH tPHL Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output 5 5 CL = 15 pF Max 22 22 Min 8 10 CL = 50 pF Max 25 33 ns ns Units
www.fairchildsemi.com
2
DM74LS14
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow Package Number M14A
3
www.fairchildsemi.com
DM74LS14
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D
www.fairchildsemi.com
4
DM74LS14 Hex Inverter with Schmitt Trigger Inputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N14A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 5 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of DM74LS14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X