Part Number Hot Search : 
HN3C11F P6KE6 BA130 ANTX1 7829H MK53732A TC4211 TC4572BP
Product Description
Full Text Search
 

To Download DDTC114WCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTC (R1R2 SERIES) CA
NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * * * * * * * * * *
Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistors, R1R2
A OUT
TOP VIEW
SOT-23 Dim
B GND C
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.85 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.80 8
A B C D E
M L
Mechanical Data
Case: SOT-23, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: Date Code and Marking Code (See Diagrams & Page 3) Weight: 0.008 grams (approx.) IN Ordering Information (See Page 2)
P/N DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA R1 (NOM) 1KW 2.2KW 2.2KW 4.7KW 4.7KW 4.7KW 10KW 10KW 22KW 47KW 47KW R2 (NOM) 10KW 10KW 47KW 10KW 22KW 47KW 47KW 4.7KW 47KW 10KW 22KW MARKING N02 N05 N06 N09 N10 N11 N14 N15 N18 N21 N22
E
IN D G H
K J
G H J K L M a
R1 R2
OUT
All Dimensions in mm
GND
IN
GND SCHEMATIC DIAGRAM
OUT
Maximum Ratings
Supply Voltage, (3) to (1) Input Voltage, (2) to (1)
@ TA = 25C unless otherwise specified Symbol VCC DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA All Value 50 -5 to +10 -5 to +12 -5 to +12 -7 to +20 -6 to +30 -5 to +30 -6 to +40 -10 to +30 -10 to +40 -15 to +40 -10 to +40 100 100 100 100 100 100 70 100 50 30 30 100 200 625 -55 to +150 Unit V
Characteristic
VIN
V
Output Current
IO
mA
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range Note:
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
DS30330 Rev. 2 - 2
1 of 4
DDTC (R1R2 SERIES) CA
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol Min 0.3 0.3 0.5 0.3 0.3 0.5 0.3 0.8 0.4 1.0 0.8 Typ Max Unit Test Condition
NEW PRODUCT
Characteristic DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA Output Voltage DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA
Vl(off)
3/4
3/4
VCC = 5V, IO = 100mA
Input Voltage
Vl(on)
3/4
3/4
3.0 3.0 1.1 2.5 1.3 1.3 1.4 3.0 2.5 5.0 4.0 0.3 7.2 3.8 3.6 1.8 1.8 1.8 0.88 0.88 0.36 0.16 0.16 0.5
V
VO = 0.3V, IO = 20mA VO = 0.3V, IO = 20mA VO = 0.3V, IO = 5mA VO = 0.3V, IO = 20mA VO = 0.3V, IO = 3mA VO = 0.3V, IO = 5mA VO = 0.3V, IO = 1mA VO = 0.3V, IO = 2mA VO = 0.3V, IO = 2mA VO = 0.3V, IO = 2mA VO = 0.3V, IO = 2mA IO/Il = 5mA/0.25mA IO/Il = 5mA/0.25mA IO/Il = 5mA/0.25mA IO/Il = 10mA/0.5mA DDCT123JCA DDCT143ZCA DDCT114YCA All Others
VO(on)
3/4
0.1
V
Input Current
Il
3/4
3/4
mA
VI = 5V
Output Current
IO(off)
3/4 33 33 80 30 68 80 68 24 68 33 56 -30 -20 3/4
3/4
mA
VCC = 50V, VI = 0V
DC Current Gain
Gl
3/4
3/4
3/4
VO = 5V, IO = 10mA
Input Resistor Tolerance Resistance Ratio Tolerance Gain-Bandwidth Product* * Transistor - For Reference Only
DR1 DR2/R1 fT
3/4 3/4 250
+30 +20 3/4
% % MHz
3/4 3/4 VCE = 10V, IE = 5mA, f = 100MHz
Ordering Information
Device DDTC113ZCA-7 DDTC123YCA-7 DDTC123JCA-7 DDTC143XCA-7 DDTC143FCA-7 DDTC143ZCA-7 DDTC114YCA-7 DDTC114WCA-7 DDTC124XCA-7 DDTC144VCA-7 DDTC144WCA-7 Notes: Packaging SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
DS30330 Rev. 2 - 2
2 of 4
DDTC (R1R2 SERIES) CA
Marking Information
NEW PRODUCT
XXX
XXX = Product Type Marking Code See Sheet 1 Diagrams YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3 Apr 4 2004 R May 5 2005 S Jun 6 Jul 7 2006 T Aug 8 2007 U Sep 9 2008 V Oct O Nov N 2009 W Dec D
DS30330 Rev. 2 - 2
YM
3 of 4
DDTC (R1R2 SERIES) CA
TYPICAL CURVES - DDTC123JCA
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250
1
IC/IB = 10
PD, POWER DISSIPATION (MILLIWATTS)
200
0.1
150
75C -25C 25C
100
0.01
50
RqJA = 625 C/W
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1000
VCE = 10
0.001 0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
4
IE = 0mA
75C
hFE, DC CURRENT GAIN (NORMALIZED)
COB, CAPACITANCE (pF)
3
-25C
25C
100
2
1
0
10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN
75C VO = 5V 25C
0
100
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2
100
IC, COLLECTOR CURRENT (mA)
10
-25C
1
Vin, INPUT VOLTAGE (V)
-25C
1
0.1
75C
25C
0.01
0.001 0 1 2 3 4 5 6 7 8 9 10 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
0.1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30330 Rev. 2 - 2
4 of 4
DDTC (R1R2 SERIES) CA


▲Up To Search▲   

 
Price & Availability of DDTC114WCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X