Part Number Hot Search : 
BA7605N FZT649TC T32AP E000464 MMBT3906 SOT23 SCA31X0 M27C32
Product Description
Full Text Search
 

To Download DDTC114EKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTC (R1 = R2 SERIES) KA
NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * *
Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistors, R1 = R2
B
A C
SC-59
BC
Dim A B C
M
Min 0.35 1.50 2.70 0.95 1.90 2.90 0.013 1.00 0.35 0.10 0
Max 0.50 1.70 3.00
Mechanical Data
* * * * * * * * Case: SC-59, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: Date Code and Marking Code (See Diagrams & Page 2) Weight: 0.008 grams (approx.) IN Ordering Information (See Page 2)
K
E G H
D G H J K L M a
J
D
F
L
3.10 0.10 1.30 0.55 0.20 8
R1 R2
OUT
All Dimensions in mm
GND
P/N DDTC123EKA DDTC143EKA DDTC114EKA DDTC124EKA DDTC144EKA DDTC115EKA R1, R2 (NOM) MARKING 2.2KW 4.7KW 10KW 22KW 47KW 100KW N04 N08 N13 N17 N20 N24
IN GND SCHEMATIC DIAGRAM
OUT
Maximum Ratings
Supply Voltage, (3) to (1) Input Voltage, (2) to (1)
@ TA = 25C unless otherwise specified Symbol VCC DDTC123EKA DDTC143EKA DDTC114EKA DDTC124EKA DDTC144EKA DDTC115EKA DDTC123EKA DDTC143EKA DDTC114EKA DDTC124EKA DDTC144EKA DDTC115EKA All Value 50 -10 to +12 -10 to +30 -10 to +40 -10 to +40 -10 to +40 -10 to +40 100 100 50 30 100 20 100 200 625 -55 to +150 Unit V
Characteristic
VIN
V
Output Current
IO
mA
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range Note:
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
DS30337 Rev. 3 - 2
1 of 3
DDTC (R1 = R2 SERIES) KA
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol Vl(off) Min 0.5 Typ 1.1 Max Unit 3/4 V Test Condition VCC = 5V, IO = 100mA VO = 0.3V, IO = 20mA, DDTC123EKA VO = 0.3V, IO = 20mA, DDTC143EKA VO = 0.3V, IO = 10mA, DDTC114EKA VO = 0.3V, IO = 5mA, DDTC124EKA VO = 0.3V, IO = 2mA, DDTC144EKA VO = 0.3V, IO = 1mA, DDTC115EKA IO/Il =10mA/0.5mA, DDTC123EKA IO/Il =10mA/0.5mA, DDTC143EKA IO/Il =10mA/0.5mA, DDTC114EKA IO/Il =10mA/0.5mA, DDTC124EKA IO/Il =10mA/0.5mA, DDTC144EKA IO/Il =5mA/0.25mA, DDTC115EKA
NEW PRODUCT
Characteristic
Input Voltage
Vl(on)
3/4
1.9
3
Output Voltage
VO(on)
3/4
0.1
0.3
V
Input Current
DDTC123EKA DDTC143EKA DDTC114EKA DDTC124EKA DDTC144EKA DDTC115EKA DDTC123EKA DDTC143EKA DDTC114EKA DDTC124EKA DDTC144EKA DDTC115EKA
Il
3/4
3/4
3.8 1.8 0.88 0.36 0.18 0.15 0.5
mA
VI = 5V
Output Current
IO(off)
3/4 20 20 30 56 68 82 -30 0.8 3/4
3/4
mA
VCC = 50V, VI = 0V VO = 5V, IO = 20mA VO = 5V, IO = 10mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA 3/4 3/4 VCE = 10V, IE = 5mA, f = 100MHz
DC Current Gain
Gl
3/4
3/4
3/4
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product* * Transistor - For Reference Only
DR1 R2/R1 fT
3/4 1 250
+30 1.2 3/4
% 3/4 MHz
Ordering Information (Note 2)
Device DDTC123EKA-7 DDTC143EKA-7 DDTC114EKA-7 DDTC124EKA-7 DDTC144EKA-7 DDTC115EKA-7 Notes: Packaging SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code See Sheet 1 Diagrams YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
XXX
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3 Apr 4
2004 R May 5
YM
2005 S Jun 6
2006 T Jul 7 Aug 8
2007 U Sep 9
2008 V Oct O Nov N
2009 W Dec D
DS30337 Rev. 3 - 2
2 of 3
DDTC (R1 = R2 SERIES) KA
TYPICAL CURVES - DDTC143EKA
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250 Pd, POWER DISSIPATION (MILLIWATTS)
1
IC/IB = 10
200
0.1
150
75C -25C 25C
100
0.01
50
0 -50 0 50 100 150
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1000
5
VCE = 10
hFE, DC CURRENT GAIN (NORMALIZED)
IE = 0mA
75C
100
25C
COB, CAPACITANCE (pF)
4
3
-25C
2
10
1 0
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
100 IC, COLLECTOR CURRENT (mA)
75C 25C
VO = 0.2
Vin, INPUT VOLTAGE (V)
10
-25C
-25C 75C
1
1
25C
0.1
0.01 0 1 2 3 4 5 6 7 8 9 10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30337 Rev. 3 - 2
3 of 3
DDTC (R1 = R2 SERIES) KA


▲Up To Search▲   

 
Price & Availability of DDTC114EKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X