Part Number Hot Search : 
S3540 ON0009 10600 KSH1300 MFU1206 133TF1T T6A20G 10600
Product Description
Full Text Search
 

To Download DDTC114ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTC (R1 = R2 SERIES) CA
NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * *
Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistors, R1 = R2
A OUT
TOP VIEW
SOT-23
B GND C
Dim A B C D
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.89 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.00 0.61 0.110 8
Mechanical Data
* * * * * * * *
E
IN D G H
Case: SOT-23, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: Date Code and Marking Code (See Diagrams & Page 2) Weight: 0.008 grams (approx.) IN Ordering Information (See Page 2)
P/N DDTC123ECA DDTC143ECA DDTC114ECA DDTC124ECA DDTC144ECA DDTC115ECA R1, R2 (NOM) MARKING 2.2KW 4.7KW 10KW 22KW 47KW 100KW N04 N08 N13 N17 N20 N24
K J L
M
E G H J
R1 R2
OUT
K L M a
GND
All Dimensions in mm
IN
GND SCHEMATIC DIAGRAM
OUT
Maximum Ratings
Supply Voltage, (3) to (1) Input Voltage, (2) to (1)
@ TA = 25C unless otherwise specified Symbol VCC DDTC123ECA DDTC143ECA DDTC114ECA DDTC124ECA DDTC144ECA DDTC115ECA DDTC123ECA DDTC143ECA DDTC114ECA DDTC124ECA DDTC144ECA DDTC115ECA All Value 50 -10 to +12 -10 to +30 -10 to +40 -10 to +40 -10 to +40 -10 to +40 100 100 50 30 100 20 100 200 625 -55 to +150 Unit V
Characteristic
VIN
V
Output Current
IO
mA
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range Note:
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
DS30329 Rev. 3 - 2
1 of 3
DDTC (R1 = R2 SERIES) CA
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol Vl(off) Min 0.5 Typ 1.1 Max Unit 3/4 V Test Condition VCC = 5V, IO = 100mA VO = 0.3V, IO = 20mA, DDTC123ECA VO = 0.3V, IO = 20mA, DDTC143ECA VO = 0.3V, IO = 10mA, DDTC114ECA VO = 0.3V, IO = 5mA, DDTC124ECA VO = 0.3V, IO = 2mA, DDTC144ECA VO = 0.3V, IO = 1mA, DDTC115ECA IO/Il =10mA/0.5mA, DDTC123ECA IO/Il =10mA/0.5mA, DDTC143ECA IO/Il =10mA/0.5mA, DDTC114ECA IO/Il =10mA/0.5mA, DDTC124ECA IO/Il =10mA/0.5mA, DDTC144ECA IO/Il =5mA/0.25mA, DDTC115ECA
NEW PRODUCT
Characteristic
Input Voltage
Vl(on)
3/4
1.9
3
Output Voltage
VO(on)
3/4
0.1
0.3
V
Input Current
DDTC123ECA DDTC143ECA DDTC114ECA DDTC124ECA DDTC144ECA DDTC115ECA DDTC123ECA DDTC143ECA DDTC114ECA DDTC124ECA DDTC144ECA DDTC115ECA
Il
3/4
3/4
3.8 1.8 0.88 0.36 0.18 0.15 0.5
mA
VI = 5V
Output Current
IO(off)
3/4 20 20 30 56 68 82 -30 0.8 3/4
3/4
mA
VCC = 50V, VI = 0V VO = 5V, IO = 20mA VO = 5V, IO = 10mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA 3/4 3/4 VCE = 10V, IE = 5mA, f = 100MHz
DC Current Gain
Gl
3/4
3/4
3/4
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product* * Transistor - For Reference Only
DR1 R2/R1 fT
3/4 1 250
+30 1.2 3/4
% 3/4 MHz
Ordering Information
Device DDTC123ECA-7 DDTC143ECA-7 DDTC114ECA-7 DDTC124ECA-7 DDTC144ECA-7 DDTC115ECA-7 Notes:
(Note 2) Packaging SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code See Sheet 1 Diagrams YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
XXX
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3 Apr 4 2004 R May 5 2005 S Jun 6 Jul 7 2006 T Aug 8 2007 U Sep 9 2008 V Oct O Nov N 2009 W Dec D
DS30329 Rev. 3 - 2
YM
2 of 3
DDTC (R1 = R2 SERIES) CA
TYPICAL CURVES - DDTC143ECA
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
NEW PRODUCT
250
1
IC/IB = 10
Pd, POWER DISSIPATION (MILLIWATTS)
200
0.1
150
75C -25C 25C
100
0.01
50
RqJA = 625 C/W
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1000
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
5
VCE = 10
hFE, DC CURRENT GAIN (NORMALIZED)
IE = 0mA
100
75C 25C -25C
COB, CAPACITANCE (pF)
4
3
2
10
1 0
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
100
IC, COLLECTOR CURRENT (mA)
75C
VO = 0.2
25C
Vin, INPUT VOLTAGE (V)
10
-25C
-25C 75C
1
1
25C
0.1
0.01 0 1 2 3 4 5 6 7 8 9 10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30329 Rev. 3 - 2
3 of 3
DDTC (R1 = R2 SERIES) CA


▲Up To Search▲   

 
Price & Availability of DDTC114ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X