Part Number Hot Search : 
36BCP 20022HS SSD3030P B140N PIC18 42827 C124EU LTC38
Product Description
Full Text Search
 

To Download CXP82300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXP82300
CMOS 8-bit Single Chip Microcomputer
Description The CXP82300 is a CMOS 8-bit single chip microcomputer of piggyback/evaluator combined type, which is developed for evaluating the function of the CXP82316/82320/82324.
Piggyback/ evaluator type
80 pin PQFP (Ceramic)
Features * Wide-range instruction system (213 instructions) to cover various types of data -- 16-bit operation/multiplication and division/ Boolean bit operation instructions * Minimum instruction cycle 400ns at 10MHz operation * Applicable EPROM LCC type 27C128, LCC type 27C256 (Maximum 24K bytes are available.) * Incorporated RAM capacity 704 bytes (Including fluorescent display data area) * Peripheral functions -- A/D converter 8-bit, 8-channel, successive approximation method (Conversion time of 32s/10MHz) -- Serial interface Incorporated 8-bit, 8-stage FIFO (Auto transfer for 1 to 8 bytes), 1 channel 8-bit clock sync type, 1 channel -- Timer 8-bit timer 8-bit timer/counter 19-bit time base timer 16-bit capture timer/counter -- Fluorescent display panel controller/driver Maximum 336 segment display possible 1 to 16-digit dynamic display Dimmer function High voltage drive output (40V) On-chip pull-down resistor (Mask option) Hardware key scan function (Maximum 16 x 8 key matrix compatible) -- Remote control reception circuit 8-bit pulse measurement counter with on-chip 6-stage FIFO * Interruption 14 factors, 14 vectors, multi-interruption possible * Standby mode Sleep/stop * Package 80-pin ceramic QFP Note) Mask option depends on the type of the CXP82300. Refer to the Products List for details. Structure Silicon gate CMOS IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E93848A78-PS
CXP82300
Pin Assignment in Piggyback Mode
PE1/EC1/INT1 PE0/EC0/INT0
PE2/IN2
PG3
PG2
PG1
PG0
NC
VDD
VFDP
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 PE3/INT3 PE4/RMC PE5 PE6 PE7/TO PB0/CINT PB1/CS0 PB2/SCK0 PB3/SI0 PB4/SO0 PB5/SCK1 PB6/SI1 PB7/SO1 PC0/KR0 PC1/KR1 PC2/KR2 PC3/KR3 PC4/KR4 PC5/KR5 PC6/KR6 PC7/KR7 PA0/AN0 PA1/AN1 PA2/AN2 1 2 3 4 64 63 62 61 T6 T7 T8/S28 T9/S27 T10/S26 T11/S25 T12/S24 T13/S23 T14/S22 T15/S21 S20 S19 S18 S17 S16 PF7/S15 PF6/S14 PF5/S13 PF4/S12 PF3/S11 PF2/S10 PF1/S9 PF0/S8 PD7/S7
A12
A15
6 7 8 9 10 11 12 13 14 15 16 17 18
A7
NC
VDD
A14
A13
5
T0
T1
T2
T3
T4
T5
60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41
4 A6 A5 A4 A3 A2 A1 A0 NC D0 5 6 7 8 9 10 11 12 13
3
2
1 32 31 30 29 28 27 26 25 24 23 22 21 A8 A9 A11 NC OE A10 CE D7 D6
14 15 16 17 18 19 20
20 21 22 23 24
25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
GND
NC
D1
D2
D3
D4
D5
19
PA3/AN3
Note) NC (Pin 73) is always connected to VDD.
PA4/AN4
PA5/AN5
PA6/AN6
PA7/AN7
-2-
PD0/S0
PD1/S1
PD2/S2
PD3/S3
PD4/S4
PD5/S5
PD6/S6
EXTAL
XTAL
RST
VSS
CXP82300
Pin Assignment in Evaluator Mode
PE1/EC1/INT1 PE0/EC0/INT0
PE2/IN2
PG3
PG2
PG1
PG0
NC
VDD
VFDP
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 PE3/INT3 PE4/RMC PE5 PE6 PE7/TO PB0/CINT PB1/CS0 PB2/SCK0 PB3/SI0 PB4/SO0 PB5/SCK1 PB6/SI1 PB7/SO1 PC0/KR0 PC1/KR1 PC2/KR2 PC3/KR3 PC4/KR4 PC5/KR5 PC6/KR6 PC7/KR7 PA0/AN0 PA1/AN1 PA2/AN2 1 2 3 4 64 63 62 61 T6 T7 T8/S28 T9/S27 T10/S26 T11/S25 T12/S24 T13/S23 T14/S22 T15/S21 S20 S19 S18 S17 S16 PF7/S15 PF6/S14 PF5/S13 PF4/S12 PF3/S11 PF2/S10 PF1/S9 PF0/S8 PD7/S7
A12
A15
6 7 8 9 10 A4/D4 11 12 A2/D2 13 A1/D1 14 15 16 17 18 A0/D0 NC RD A3/D3 7 8 9 10 11 12 13 A6/D6 A5/D5 5 6
NC
VDD
A14
A13
5
A7/D7
T0
T1
T2
T3
T4
T5
60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41
4
3
2
1 32 31 30 29 28 27 26 25 24 23 22 21 A8 A9 A11 NC HALT A10 E/P I/T MON
14 15 16 17 18 19 20
20 21 22 23 24
25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
SYNC
GND
RST
WR
NC
C2
C1
19
PA3/AN3
Note) NC (Pin 73) is always connected to VDD.
PA4/AN4
PA5/AN5
PA6/AN6
PA7/AN7
-3-
PD0/S0
PD1/S1
PD2/S2
PD3/S3
PD4/S4
PD5/S5
PD6/S6
EXTAL
XTAL
RST
VSS
CXP82300
EPROM Read Timing (Ta = -20 to +75C, Vcc = 4.5 to 5.5V, Vss = 0V reference) Item Address Data Input delay time Address Data Hold time Symbol Pins A0 to A15 D0 to D7 A0 to A15 D0 to D7 0 Min. Max. 120 Unit ns ns
tACC tIH
0.8VDD A0 to A15 Address data 0.2VDD tACC tIH 0.8VDD Input data 0.2VDD
D0 to D7
Products List Products Option item CXP82316 Package ROM capacitance Pull-up resistance for reset pin Power-on reset circuit Pull-down resistance for high voltage drive pin 16K bytes Mask CXP82320 CXP82324 Piggyback/evaluator CXP82300-U01Q 80-pin ceramic PQFP 24K bytes 24K bytes Existent Existent Only port for display
80-pin plastic QFP 20K bytes
Existent/Non-existent Existent/Non-existent Existent/Non-existent
-4-
CXP82300
Piggyback mode/evaluator mode can be switched as shown below.
Piggyback mode
Piggyback/evaluator product
Evaluator mode
Pin 1 marking
LCC type EPROM Pin 1 marking
Pin 1 index
Note) CPU Probe
Note) Evaluation cap should be connected to CPU probe.
Package Outline
Unit: mm
80PIN PQFP (CERAMIC)
PIN No. 1 INDEX INDEX 80
18.7 16.3 0.2 65 80 PIN No. 1 INDEX
65
1
64
64
1 0.8 0.05
4.5 1.27 0.13
22.3 0.25
18.12 0.2
12.02
14.22
24.7
6.0
0.3
1.0
0.7
24
41
41
24
1.3 0.3
25 9.48 11.66 15.58 0.2
40
40 0.6
25
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE PQFP-80C-L01 AQFP080-C-0000-A LEAD TREATMENT LEAD MATERIAL PACKAGE WEIGHT CERAMIC GOLD PLATING 42 ALLOY 5.7g
3.57 0.36
+ 0.05 0.15 - 0.02
9.59 MAX
-5-
0.4 0.08


▲Up To Search▲   

 
Price & Availability of CXP82300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X