Part Number Hot Search : 
4740A 117BG WF128K32 17DURT 50000 8S003F3 RFP2907 60028
Product Description
Full Text Search
 

To Download CXP1021Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXP1021Q
System Controller for Compact Disc Players For the availability of this product, please contact the sales office.
Description The CXP1021Q is a 4-bit single chip microcomputer based on the SPC500 series. It incorporates programs in firmware for CD operations. It can be connected directly to the CDL-40 series of LSIs for CD players, and can directly drive LCDs, in addition to other features. It also supports the pitch control function and can be employed in a wide range of equipment, from deck-type CD players to radio cassettes and portable systems. 80 pin QFP (Plastic)
Functions * Key inputs of up to 20 keys is possible through matrix scanning. The following functions can be selected by setting their respective keys. , , * PLAY/PAUSE/PLAY PAUSE keys * STOP key , * SKIP key; on memory input, this becomes the tune selection key , * Fast forward key; speed differs during PLAY and PAUSE * Repeat One tune or all tunes repeat * OPEN/CLOSE Loading function (when deck type device is selected) *A B A B repeat function * SHUFFLE Shuffle (random) function * PROG Program; up to 21 tune memory, can indicate remainder * REMAIN Indicates single tune or all tunes remaining, up to 31 tunes * INTRO Fixes introscan at 10 seconds * AUTO Sets auto space at 4 seconds * MUSIC calendar Can display up to 20 tunes * REMOTE Enables input using NEC format remote control devices with modifiable custom codes * 10key Direct tune selection using keypad (remote control only) * Syncro Synchronization input and processing *x2 Double speed playback * Battery detection When portable mode selected, there is battery detection function * Built-in test mode Built-in test mode facilitates CD player auto diagnostics * INDEX Index search (remote control only) * Pitch +, pitch -, pitch OFF Pitch control key for playback with varying speed * External control output Used for on/off of the voice canceller Recommended Combinations * RF amplifier * Servo signal processor * Digital signal processor * Pickup mechanism Structure Silicon gate CMOS IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA1571M/N/S CXA1372AQ/AS CXD2500BQ KSL 2101
-1-
E94811-ST
CXP1021Q
Features * Can be connected directly to CDL-40 series LSIs for CD use * Up to 20 keys can be connected directly; expansion of functions through addition of keys is possible Types of Keys

PLAY
PAUSE
PLAY/PAUSE
STOP
F.SKIP
B.SKIP
F.F
F.R
OPEN CLOSE
SHL
REP
REM
A
B
AUTO
INTR
PRG
When deck mode is selected
PCH OFF
SHUFFLE
REPEAT
REMAIN
A B REPEAT
AUTO SPACE
INTRO
PROGRAM CHECK
PCH+
PCH-
EXT CTL
Pitch OFF
Pitch+
Pitch-
External control ON/OFF
Multiple functions can be combined.
* LCDs can be driven directly. This includes time display, music calendar, remaining tunes and other display functions. * NEC format remote control input possible; index serch, direct tune selection through keypad and other functions can be added. * Supports auxiliary functions including synchronization input, double-speed output and pitch control. * Easy switching between deck and portable equipment using external pins. (i) With deck type selected, performs tray loading function. (ii) With portable type selected, displays detection of weak battery and executes emergency termination when battery voltage is low. In this way, it functions specific to the system required. * A built-in test mode facilitates adjustment of the CD player and can be used for tests and evaluations.
-2-
Reference Circuit
VCC GND B1013 10H 1/6.3v ISS149 LD
1 20
GND SSTOP GND SPIND-D GND SLED-D GND FOCUS-D GND TRACK-D
10
100 6.3v
GND
LD VC 33 6.3v
TD FD SLD SPD PD
2
VCC
+5V
REPEAT 1 ALL A B SHUFFLE X2 PROGRAM 1a 2 BATT 3 4 5 6 MEMORY fgb INTRO e c REMAIN SPACE 1 6 11 16 2 7 12 17 3 8 13 18
d
REMOCON MODULE
4 9 14 19
5 10 15 20
PD
19
LD ON
500 100 A
3
R1
R5 C B
4
R2 22k PD2
17
PD1
18
RFI
R9 D 33 6.3v
5
GND RFO
GND
GND
C23
C10
C9
GND GND
16
C26
R7 R6 C28 VEE VCC 43k FE BIAS
15
GND GND
48 47
R10 VC
6
GND C12 GND RV1 GND E
7 14
FE
12 11 10
9
8
7
6
5
4
3
2
1
GND C27 F F FOCUS BIAS
R11
C35
13
14 46 45 44 43 42 41
R13 GND E VC
24 23 22 21 20 19 18 8
R12 TE 22k 22k VC
9 12
R4 C11 C13 RV2 VC
13
15
16
TA- TA0 AVCC TQ2 TQU SRCH FE- FE0 FLB FS3 FGD VC
GND
17
R3 VR
25 26 27 10 11 29 30 31 32 33 34 35 36 37 38 39 40
SL+ SL0 SL- FSET ISET Optics EI VLC2 C14 VC E.GAIN NC NC
28
CXA1571M/N
R14
FDFCT FE FZC ATSC TDFCT
17 16 15 14 13 12
11 10
9
8
7
6
5
4
3
2
1
18
VLC1 COM0 COM1 COM2 COM3 SEG0 SEG1 SEG2 SEG3 SEG4 SEG5 SEG6 SEG7 SEG8 SEG9 SEG10 SEG11 SEG12 SEG13 SEG14 SEG15 SEG16 SEG17 SEG18
19
CXA1372Q EO
20 40
80 79 78 77 76 75 74
21
1k RF TE VCC FE
22 38 37
39
3.3 6.3v
23
25 26 27 28 29 30 31 32 33 34 35
XRST COUT SENS DGND MIRR DFCT ASY EFM FOK CC2 CC1 DVCC
36
FOK FE VDD
GND GND
24
SSTOP AVCC DIRC LOCK CLK XLT DATA C16 C15 C17
TE TZC DVCC RF0 RF1 CP CB
CXP1021Q
73 72 71 70 69 68 67 66 65
GND RF LDON VCC VO SYNCIN VCC
DFCT
VLC3 VL RMC INT XTAL EXTAL RST NC VDD PI0 PI1 PI2 PI3 PB0 PB1
SEG19 PH3 PH2 PH1 PH0 VREF TEX NC TX VSS PC3 PC2 PC1 PC0 PD3 PD2 PB2 PB3 NC SC SO SI PA0 PA1 PA2 PA3 PF0 PF1 PF2 PF3 PE0 PE1 PE2 PE3 PY0 PY1 PY2 PY3 PD0 PD1
41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64
28 77 76 75 74 73 72 71 70 69 68 67 66
29
GND GND GND
30
31
MUTE SCOR SQCK SUBQ GFS
32
CXD2500BQ
33
34
35
BIAS ASYI ASYO ASYE NC PSSL WDCK (48) LRCK (48) VDD DATA (48) BCLK (48)
80 79 78
MIRR CLKO XLTO DATO CNIN SEIN CLOK VDD XLAT DATA CLK XLT DATA XRST SENS FOK LOON GND
36
37
38
39 65
REM
REP
SHL
PLCK GF5 RFCK CZP0 RAOF MNT3 MNT2 MNT1 MNT0 APTR APTL VSS XTA1 XTA0 XTSL FSTT C4M C16M MO2 DOUT EMPH WFCK SCOR SBSO
GND
A B
EXT CTL
PCH-
DAC
MUTE BCLK DATA WDCK LRCK
GND GND
DEMP DOUT WFCK
STTP UGF5
GFS RAOV PLCK RFCK
GND
GND MNT3 MNT2 MNT1 MNT0
CXP1021Q
GND
PCH+
PCH OFF
VEE GND VCC C2PD
GND
GND
AUTO
INTR
PRG
41 42 43 44 45 46 47 48 49
50 51 52 53 54 55 56 57 58 59 60 61 62 63 64
KEY SCAN
OPEN
40
DATA (64) BCLK (64) LRCK (64) GTOP UGF5
XRST SENS MUTE SQCK SQSO EXCK
KEYSEL
27
TESTIN
26
MECHADECK
25
RF AVDD CLTV AVSS PC0 FIL1 FIL0 VCKI VPCO NC NC NC VSS PDD TEST1 VCO1 VCO0 NC LOCK MOS MOP MON FSW FOK
200p GND VCC
1M
DISCIN DISCOUT LOAD
UNLOAD
-3-
MIRR
6 5 4 3 2 1
GND
GND GND GND
AVDD
24 23 22 21 20
19 18 17 16 15 14 13 12
11 10
9
8
7
CXP1021Q
Pin Configuration
PG3/SEG16
COM0
24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 VLC2 VLC3 VL RMC SCOR/INT XTAL EXTAL RST NC VDD GFS/PI0 SYNC IN/PI1 Disc IN/PI2 Disc OUT/Batt-E/PI3 LOAD/DECK-PT/PB0 UNLOAD/Batt-W/PB1 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
VLC1
SEG5
SEG11
8
7
6
5
PG2/SEG17
2
SEG0
SEG6
SEG12
4
3
PG1/SEG18
1 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 PG0/SEG19 PH3 PH2 PH1 PH0/PITCH VREF TEX NC TX Vss PC3/EXCTL PC2/SPD2 PC1/KS5 PC0/KS4 PD3/KS3 PD2/KS2
SEG10
41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64
SEG1
SEG7
PA1/DATA
PE3/RS3
PF2/KI2
NC
SEG13
SEG2
SEG8
SEG14 PY1/LDON
COM1
COM3
SEG3
SEG9
SEG15 PY2/KEYSEL
COM2
SEG4
PX2/SI/SUBQ
PY3/TESTIN
PB3/MUTG
PA0/CLK
PB2/EMPH
PA3/SENSE
PE0/RS0
PE1/RS1
PE2/RS2
PX1/SO
PF0/KI0
PF1/KI1
PX0/SC/SQCK
PA2/FOK
-4-
PD0/KS0
PD1/KS1
PY0/XLT
PF3/KI3
CXP1021Q
Pin Description Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 Symbol PG1/SEG18 PG2/SEG17 PG3/SEG16 SEG15 SEG14 SEG13 SEG12 SEG11 SEG10 SEG9 SEG8 SEG7 SEG6 SEG5 SEG4 SEG3 SEG2 SEG1 SEG0 COM3 COM2 COM1 COM0 VL VLC1 VLC2 VLC3 RMC INT XTAL EXTAL RST NC VDD RST I I/O RMC SCOR I I Connect to remote control input and remote control module. SCOR input; connect to CXD2500 SCOR (63). Connected between XTAL and EXTAL when X'TAL is used. Connect clock (4.19MHz). Connect reset. No connected. VDD LCD bias power supply. Function code SEG18 SEG17 SEG16 SEG15 SEG14 SEG13 SEG12 SEG11 SEG10 SEG9 SEG8 SEG7 SEG6 SEG5 SEG4 SEG3 SEG2 SEG1 SEG0 COM3 COM2 COM1 COM0 O LCD bias power supply. O Connect to LCD (refer to LCD example). I/O Description
-5-
CXP1021Q
Pin No. 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62
Symbol PI0/AD0 PI1/AD1 PI2/AD2 PI3/AD3 PB0/AD4 PB1/AD5 PB2/AD6 PB3/AD7 NC PX0/SC PX1/SO PX2/SI PA0 PA1 PA2 PA3 PF0 PF1 PF2 PF3 PE0 PE1 PE2 PE3 PY0 PY1/PWM PY2/WP PY3/EC
Funciton code GFS SYNCIN DISCIN
DISCOUT/ BATT-E LOAD/ DECK * PT UNLOAD/ BATT-W
I/O I I I I I/O I/O O O
Description Monitors disc state; connect to CXD2500BQ GFS (42). Used to start the CD synchronously with external equipment (casette deck, ect.). Starts at falling edge ( ). Switch to "L" when tray enters a unit in deck mode, or when lid is closed in portable mode. Switch to "L" when tray is open in deck mode, and when there are no batteries in portable mode. In deck mode, indicates tray loading motor operation; on "L" detection immediately after reset, performs portable mode branching. In deck mode, output to tray loading motor; in portable mode, output to battery warning display. Emphasis output signal. Turns mute on when mute signal is "H". No connected.
EMPH MUTG
SQCK
O O
SUB-Q reading clock output No connected. SUB-Q code input port. 8-bit data clock output. 8-bit data output. Inputs focus state; connect to CXA1372AQ FOK (33). SENSE input (monitor for different systems)
SUBQ CLK DATA FOK SENSE KI0 KI1 KI2 KI3 RS0 RS1 RS2 RS3 XLT LDON KEYSEL TESTIN
I O O I I
I
Key scan input port; reads the remote control customer code on reset or startup.
O
RMC customer code scan signal.
O O I I
Latch output. Laser diode control; "L": on, "H": off Key combining switch input. Performs test mode branching on detection of "L" immediately after reset.
-6-
CXP1021Q
Pin No. 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80
Symbol PD0 PD1 PD2 PD3 PC0 PC1 PC2 PC3 VSS TX NC TEX VREF PH0 PH1 PH2 PH3 PG0/SEG19
Function code KS0 KS1 KS2 KS3 KS4 KS5 SPD2 EXTCTL
I/O
Description
O
Key scan output signal.
O O
Double speed output; "L" for double speed playback. External control. Connect to GND. No connected. No connected. Connect to GND. VDD
PITCH
O O O O
Pitch control display output. Unused. Unused. Unused. Connect to LCD (refer to LCD example).
SEG19
O
-7-
CXP1021Q
LCD Example
REPEAT 1 ALL A B SHUFFLE X2 PROGRAM 1a 2 BATT 3 4 5 6 MEMORY fgb INTRO e c REMAIN SPACE
d
1 6 11 16
2 7 12 17
3 8 13 18
4 9 14 19
5 10 15 20
No.
REPEAT 1 ALL A B SHUFFLE X2 PROGRAM 1a 2 BATT 3 4 5 6 MEMORY fgb INTRO e c REMAIN SPACE
d
COM. 3
COM. 2
COM. 1
COM. 0 COM. 0
Function code COM0 COM1 COM2 COM3
1 6 11 16
2 7 12 17
3 8 13 18
4 9 14 19
5 10 15 20
1 2 3 4 5 COM. 3 REMAIN 1d 1c 2d 2c 1e 1g 2e 2g -- 3d 3c 4d 4c 5d 5c 6d 6c SPACE 16 17 18 19 20 3e 3g 4e 4g 5e 5g 6e 6g INTRO 11 12 13 14 15 1f 1b 2f 2b B 3f 3b 4f 4b 5f 5b 6f 6b COM. 2 COM. 1
REPEAT 1 (Left) 1a ALL 2a A BATT 3a SHUFFLE 4a : 5a x2 6a
SEG0 SEG1 SEG2 SEG3 SEG4 SEG5 SEG6 SEG7 SEG8 SEG9 SEG10 SEG11 SEG12 SEG13
NO24
6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
NO1
MEMORY PROGRAM SEG14 6 7 8 9 10 1 (Right) SEG15 2 3 4 5 SEG16 SEG17 SEG18 SEG19
-8-
CXP1021Q
List of Functions 1. 2. TEST MODE Deck/Portable select For adjustment of the CD player. Switches between deck mode and portable mode. In deck mode the tray loading function is activated; in portable mode, the battery detection function is activated. Accepts signals from a NEC format remote control unit. A 16-bit custom code can be selected. Keys to initiate playing can be selected. Performs tune selection. Performs fast-forward and rewind. The speed differs during Play and Pause. Can display Single Remain, All Remain, Program Remain. For repetition of one or of all tunes. For performance of A B repeat. Performed shuffled (random) playing. Inserts 4-second blanks between tunes. Plays the initial 10 seconds of a disc. Enables programming of up to 21 tunes. Enables direct tune selection using the keypad (for use with a remote control unit only). A function for detection of reduced battery voltage is provided by the BattW and Batt-E pins (portable mode only). For sync rate input and activation. Double-speed playback is possible by attaching an external circuit. With the deck mode selected, tray loading is possible. The tune select and fast-forward keys can be combined or kept independent, and the repeat key and mode key can be selected. Performs index search (for use with a remote control unit only). Accelerates/decelerates the pitch (playing speed) to vary the internal. -9-
3.
Remote control input
4. 5. 6. 7. 8. 9. 10. 11. 12. 13. 14.
, , ,
,
,
Remain Repeat A B Shuffle AUTO INTRO PROG 1 to 10 , +10
15. Battery input
16. Sync rate input 17. Double-speed playback 18. Loading function 19. Key combining function
20. 21.
, PCH + , PCH - , PCH OFF
CXP1021Q
1. Deck mode/portable mode selection A feature of the CXP1021Q is its ability to be used in both deck-type and in portable equipment. (a) Selection Selection is executed through Pin 39 (LOAD/DECK-PT). Mode selection is determined by the condition of this pin immediately after reset of the CXP1021Q. When Pin 39 (LOAD/DECK-PT) is high: Deck mode When Pin 39 (LOAD/DECK-PT) is low: Portable/radio cassette mode (b) Deck mode * In deck mode the tray loading function is activated. * Pins necessary for tray operation: For the loading motor Pin 40 (UNLOAD/Batt-W) goes "L" when tray is ejected Pin 39 (LOAD/DECK PT) goes "L" when tray is closed For the tray SW Pin 37 (Disc IN) goes "L" when the tray is closed Pin 38 (Disc OUT/Batt-E) goes "L" when tray is fully opened
Tray
UNLOAD direction LOAD direction
* The relation between Pin 40 (UNLOAD/Batt-W) and Pin 39 (LOAD/DECK-PT) is as follows. State Open (stopped) LOAD direction UNLOAD direction Pin 40/UNLOAD H H L Pin 39/LOAD H L H
(c) Portable mode * In portable mode, when the lid is closed the operation changes to TOC reading. * Pin 39 (LOAD/DECK-PT) should be held "L". * Pin 37 (Disc IN) should be connected to a switch that makes the pin go "L" when the lid is closed. * Two pins used in deck mode can be employed to detect a reduced battery voltage. * When Pin 40 (UNLOAD/Batt-W) is made "L" through the reduced voltage detection circuit, BATT is displayed. * In addition, when Pin 40 (UNLOAD/Batt-W) is "L", forcing Pin 38 (Disc OUT/Batt-E) "L" induces the STOP state.
- 10 -
CXP1021Q
2. Key combination selection This function can be used to reduce the number of keys needed. (a) Selection Selection is made through Pin 61 (KEYSEL). Selection is determined by the state of this pin immediately after reset of the CXP1021Q. When Pin 61 (KEYSEL) is high: keys are combined. / , / When Pin 61 (KEYSEL) is low: keys are independent. / , / (b) Operation when Pin 18 (KEYSEL) is high Key name Description Function differs depending on length of time pressed. If the length of time pressed is: 0.5 seconds or less ********** keys function as tune select keys ( ) , longer than 0.5 seconds *** keys function as fast-forward, rewind keys ( ,
,
)
- 11 -
CXP1021Q
3. Remote control Any NEC format remote control can be used. Please note that no other remote control units are supported. (a) Format
67.5ms 108ms 108ms
9ms
4.5ms Custom Code 16bit Data Code 8bit Data Code 8bit
13.5ms Leader Code
(b) 27ms 67.5ms
(c) 27ms
(b) Custom code setting 16 bits of the custom code can be set.
(c) Remote control data Code D7 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 D0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 Contents Code D7 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 D0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Contents OPEN 7 10
55 56 57 58
(0001) (0010) (0011) (0100)
54
53
52
51
0 SHUFFLE Repeat 1 Remain 0 1 PROGRAM INTRO 0 1 AUTO SPACE A B 0 1 -- 0 -- 1 1 0 1 0 1 4 0 1
8 +10 9 -- 5 6 2 3
(Example: custom code "1234") By forming a diode matrix, a single bit of data is created; adding a diode at each point sets that point to "0". Please use the above example as a reference. This matrix is read only immediately after the power is turned on.
The data on the receiving end is as shown above and cannot be changed. For the transmitting end, please refer to the specifications of the transmitting side chip.
- 12 -
CXP1021Q
4. To play in deck mode (a) Turn the power on.
* If the tray is in the open state, a disc can be loaded. * A focus search is performed, and if a disc is already loaded, the TOC is read. * If a disc is not loaded, "disc" is displayed. (b) When the TOC has been read
12345 678
(c) To load a disc * Press OPEN
(d) To play the disc * Press
12345 678
or
.
(e) To pause during playing * Press
12345 678
or
.
(f) To stop playing * Press
12345 678
- 13 -
CXP1021Q
5. To play in portable mode (a) Turn the power on.
* When the lid is open, no operation takes place. * A focus search is performed, and if a disc is already loaded, the TOC is read. * When no disc is loaded, "disc" is displayed. (b) When the TOC has been read
12345 678
(c) To load a disc * Open the lid.
(d) To play the disc * Press or .
12345 678
(e) To pause during playing * Press or .
12345 678
(f) To stop playing * Press
12345 678
.
- 14 -
CXP1021Q
Functions common to the deck mode and the portable/radio cassette mode. 6. To begin listening from a specific tune or . * Press (Example: Sixth tune specified) * If the keys are pressed continuously, the tune number continues to change. * After a few seconds playing starts.
678
678
tune can be specified directly only by remote control. Tunes 1 to 10 can be specified directly using the corresponding keys. For tunes following tune 10, the following procedure is used. * Press +10 . * Following this, press a key from 1 to 10 . * If there are not more than 10 tunes on the disc, the +10 key is invalid. 7. To move to a desired place on the disc * During play, press or . * The player moves at high speed, emitting a small sound during play, or without emitting a sound during pause. 8. To check the time remaining on the disc * Press Remain . * When pressed once, the time remaining for the tune currently being played is displayed. When the tune being played is beyond the 32nd tune, " " is displayed. * Pressing Remain once again causes the time remaining on the disc to be displayed.
1 6 11 16 2 7 12 17 3 8 13 18 4 9 14 19 5 10 15 20 1 6 11 16 2 7 12 17 3 8 13 18 4 9 14 19 5 10 15 20
REMAIN
REMAIN
* Pressing Remain once again restores the normal display.
REMAIN
BATT
1 6 11 16
2 7 12 17
3 8 13 18
4 9 14 19
5 10 15 20
- 15 -
CXP1021Q
9. To repeat a tune or tunes * Press Repeat . * Pressing once causes one tune to be repeated. * Pressing once more causes all tunes to be repeated. In program playback mode, all the programmed tunes to be repeated. * Pressing once more turns off Repeat mode.
REPEAT 1 12345 678
REPEAT
ALL
12345 678
2345 678
10. A B repeat function Used to repeatedly play the part of the disc from a certain point A to a certain point B. * At the starting point of the interval A press A . B, B * At the ending point of the interval A once again B, press A . On doing so, the interval A will be B B played repeatedly. * To stop repeated A play, press A once B B again, or press Repeat . 11. To play tunes out of order (Shuffle)
SHUFFLE
REPEAT
AB
12345 678
REPEAT
AB
12345 678
* Press SHUFFLE . * Press or .
12345 6 7 8 9 10 11 12 13 14 15
* Play starts. * If SHUFFLE is pressed during play, shuffled play starts from the end of the current tune.
SHUFFLE
12345 6 7 8 9 10 11 12 13 14 15
SHUFFLE 7 8 9 10 11 12 13 14 15 16 17 18 19 20
- 16 -
CXP1021Q
12. To insert a 4-second blank between tunes When dubbing onto tapes or in similar situations, it is sometimes necessary to insert blanks between tunes. * Press AUTO . * Pressing AUTO once more cancels the function. Note) When playing the introduction and when is pressed, blank is not inserted. 13. To listen to the disc introduction only for 10 seconds
234 6789 11 12 13 14 SPACE 16 17 18 19 5 10 15 20
* Press INTRO . * Pressing INTRO once more cancels the function. * It is possible to play the introduction during Shuffle and Program operation also.
REPEAT ALL SHUFFLE
1 6 INTRO 11 16
2 7 12 17
3 8 13 18
4 9 14 19
5 10 15 20
* In Repeat All mode, introduction play does not halt even when the last tune is reached, but is repeated.
INTRO
PROGRAM 6 INTRO 8 9 10 12 13 15
- 17 -
CXP1021Q
14. Program play Up to 21 tunes can be programmed for listening and played. (a) Press PROG .
MEMORY
(b) Select a tune number using the keys.
and
MEMORY
(c) Press PROG . Repeat steps (b) and (c) for all the tunes desired.
MEMORY
1
(d) Pressing setting.
or entering 00 restores the initial
1 MEMORY 11 7 3 5
(e) When Remain is pressed while in state (b), the total remaining time is displayed while the key is pressed. By using the and keys with the Remain key, the total play time can be checked while programming. (f) If, among the tunes included in programming, any one or more tunes is numbered above 32, the display shown on the right appears.
1 MEMORY
1 MEMORY 11 7
3
5
- 18 -
CXP1021Q
(g) Pressing
or
begins play.
PROGRAM 1 7 11
3
5
(h) The music calendar of a tune disappears as the tune is completed.
PROGRAM 7 11
5
(i) In the above state, pressing the Remain key causes the remaining time of the tune being played to display.
REMAIN
PROGRAM 1 7 11
3
5
(j) If the tune being played is numbered above 32, the display shown on the right appears.
REMAIN
PROGRAM 7 11
3
5
(k) During display of the remaining time of the current tune, if the Remain key is pressed once more the remaining time for all the programmed tunes is displayed.
PROGRAM 7 11 REMAIN
3
5
(l) If any of the tunes remaining to be played is numbered above 32, the display shown on the right appears.
REMAIN
PROGRAM 1 7 11
3
5
(m) To stop playing press . To play the previous program again, press PROG once more and set Memory mode. The contents of the previous program are stored and can be used again. When the tray or lid is opened, the program contents are cleared.
- 19 -
CXP1021Q
15. Battery input (in portable mode) Using pins: Pin 40 (UNLOAD/Batt-W) Pin 38 (Disc OUT/Batt-E)
BATT
4 6789 11 12 13 14 16 17 18 19
5 10 15 20
(a) When Batt-W is "L", the BATT
lamp lights.
BATT
(b) When both Batt-W and Batt-E are "L", the unit is forced to stop, "disc" is displayed, and keys no longer function.
16. Sync rate function
X2
This function is used to play the CD player in synchronization with the record key of a cassette deck. Operation is triggered by (the falling edge), and differs depending on the state of the CD player. (a) While stopped The CD player enters the Play state, and starts after 4 seconds. During this time, playback is at double speed. (b) During play pause The CD player pauses at the beginning of the current tune, and after 4 seconds begins playing. (c) While open When the tray is loaded, the player enters the Play state. Output is not at double speed. (d) During shuffled play Play is shuffled, and (a) and (b) are executed. (e) During program play Program play begins, and (a) and (b) are executed. They are not executed if Pin 69 (SPD2) doesn't have a double speed circuit.
1 6 11 16
2 7 12 17
3 8 13 18
4 9 14 19
5 10 15 20
6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
1 6 11 16
2 7 12 17
3 8 13 18
4 9 14 19
5 10 15 20
SHUFFLE X2 8 9 10 11 12 13 14 15 16 17 18 19 20
X2 PROGRAM 1 7 11
3 9
5
- 20 -
CXP1021Q
17. Index search (remote control only) Pressing or causes index search.
12345 6 7 8 9 10 11 12 13 14 15 16
18. Pitch control The playing speed can be varied with the range of 16%, so that a desirable interval can be achieved during disc playing of karaoke, and others.
Pitch control ramp
* Press PCH + or PCH - . The pitch control ramp is lighten and the control value of playing speed is displayed.
8 9 10 11 12 13 14 15 16
Pitch control ramp
* The pitch varies by 1% every time PCH + or PCH - is pressed.
8 9 10 11 12 13 14 15 16
Pitch control ramp
8 9 10 11 12 13 14 15 16
Pitch control ramp
* The operation becomes normal state after five seconds of PCH + or PCH - operation.
8 9 10 11 12 13 14 15 16
Pitch control ramp
* Pressing PCH OFF returns the playing speed to the normal state, with the pitch control ramp lighten.
9 10 11 12 13 14 15 16
* When playing is stopped or the tray is open, the pitch control becomes off.
- 21 -
CXP1021Q
19. External control On/off control can be executed for a voice canceler. * Pin 70 (EXTCTL), the external control output, is switched between "H" and "L" every time pressing EXCTL . Note) The voice cancel circuit is not incorporated. An external circuit is required when this function is used.
Description of Operation 20. Test Mode Branching to Test mode is achieved by setting Pin 62 (TEST IN) to "L". When Pin 62 (TEST IN) is set "L" and Reset Start is executed, focus searching is repeated at the current pickup location. If a disc is loaded, the focus is turned on, the CLV-A and tracking sled servo are turned on, mute is turned off, and play is begun. In deck mode, the OPEN key can be used to operate the tray. When the tray closes, focus searching is begun. In portable/radio cassette mode, operation does not begin until the lid is closed. When the lid is closed, focus searching is begun. (a) Focus bias When reset is executed without a disc loaded, the lens is moved up and down in approximately one second intervals. (b) Running check When reset is executed with a disc loaded, focus searching, focus on, CLV-A, and tracking sled servo are set on, mute is turned off, and play is begun. At this time, the following key operations are possible. = All servo off , , = Repeated focus searching. When a disc is loaded, play is begun. = CLV-P, tracking on, sled on = CLV-A, tracking off, sled off = Fast-forward 200 track jump (during play only) = Fast-rewind 200 track jump (during play only) During and operation only, the current track number is displayed in the Track No. field of the display.
- 22 -
CXP1021Q
Absolute Maximum Ratings Item Supply voltage LCD bias voltage Input voltage Output voltage High level output current High level total output current Low level output current Low level total output current Operating temperature Storage temperature Allowable power dissipation VDD VLC1, VLC2, VLC3 VIN VOUT IOH IOH IOL IOLC IOL Topr Tstg PD Symbol Rating -0.3 to +7.0 -0.3 to +7.01 -0.3 to +7.01 -0.3 to +7.01 -5 -50 15 20 100 -20 to +75 -55 to +150 600 Unit V V V V mA mA mA mA mA C C mW
(Ta = -20 to +75C, Vss = 0V) Remarks
General purpose port 1 pins2 Total for all output pins General purpose port 1 pins2 High current port 1 pins3 Total for all output pins
1 VLC1, VLC2, VLC3, VIN and VOUT must not exceed VDD + 0.3V. 2 PA to PD, PX0 to PX2, PY0, PY1. 3 The high current transistors are the N-CH transistors of the PC and PD ports. Note) Usage exceeding absolute maximum ratings may permanently impair the LSI. Normal operation should be conducted under the recommended operating conditions. Exceeding these conditions may adversely affect the reliability of the LSI.
Recommended Operating Conditions Item Supply voltage LCD bias voltage VDD VLC1, VLC2, VLC3 VIH High level input voltage VIHS VIHEX VIL Low level input voltage VILS VILEX Operating temperature Topr Symbol Min. 4.5 Vss 0.7VDD 0.8VDD VDD - 0.4 0 0 -0.3 -20 Max. 5.5 VDD VDD VDD VDD + 0.3 0.3VDD 0.2VDD 0.4 +75 Unit V V V V V V V V C
(Vss = 0V) Remarks LCD power supply range4 Hysteresis input5 EXTAL pin6 Hysteresis input5 EXTAL pin6
4 The optimum value will vary depending on the characteristics of the liquid crystal display. 5 Each pin of INT, RMC, PX0, PX3, PY2, PY3, and RST. 6 Specified only for external clock input.
- 23 -
CXP1021Q
Electrical Characteristics DC characteristics Item Symbol Pin Conditions (Ta = -20 to +75C, Vss = 0V) Min. 4.0 3.5 4.0 2.4 0.4 0.6 1.5 0.5 -0.5 VDD = 5.5V, VIL = 0.4V -1.5 40 -40 -400 10 VDD = 5.5V VI = 0, 5.5V VDD = 5V VLC1 = 3.75V VLC2 = 2.5V VLC3 = 1.25V VDD = 5.5V 4.19MHz crystal oscillator; all output pins open 3 5 Typ. Max. Unit V V V V V V V A A A A
High level output voltage
VOH
VDD = 4.5V, IOH = -0.5mA PA, PC, PD, PH PX0, PX1, PY0, PY1 VDD = 4.5V, IOH = -1.0mA PE, PF, PB, PI1 VDD = 4.5V, IOH = -10A VDD = 4.5V, IOH = -200A
Low level output voltage
VOL
PA, PB, PE, PF VDD = 4.5V, IOL = 1.8mA PH, PI, PX0, PX1, PY0, PY1, VL, RST VDD = 4.5V, IOL = 3.6mA PC, PD VDD = 4.5V, IOL = 12mA VDD = 5.5V, VIH = 5.5V
IIH IILE Input current IILR IIL Input/output leakage current Common output impedance Segment output impedance Supply current
EXTAL2 RST3 PE to PF, PB, PI PX2, PY2, PY3, INT, RMC COM0 to COM3 SEG0 to SEG19
IIZ
10
A
RCOM RSEG
5 15
k k
IDD
VDD
7
20
mA
Input pin capacitance
CIN
All pins other than VLC1 to VLC3, Clock 1MHz, COM0 to COM3, 0V for pins other than SEG0 to SEG15, those measured. SEG16 to SEG19, VDD, Vss
10
20
pF
1 Pull-up resistances selected for each of pins PE to PF, PB and PI. 2 Crystal or ceramic oscillator circuit selected. 3 Pull-up resistance selected for the RST pin.
- 24 -
CXP1021Q
AC Characteristics (1) Clock timing Item System clock frequency System clock input pulse width System clock input rise, fall times tsys = 8/fc Note) When accurately adjusting the frequency, conditions may differ from those of Fig. 2. Symbol fc Pin XTAL EXTAL (Ta = -20 to +75C, VDD = 4.5 to 5.5V, Vss = 0V) Conditions Figs. 1, 2 Min. 2 90 EXTAL Figs. 1, 2 200 ns Max. 2 Unit MHz ns
tXL tXH tCR tCF
1/fC
VDD - 0.4V EXTAL 0.4VDD
tXH
tCF
tXL
tCR
Fig. 1. Clock timing
Crystal oscillation Ceramic oscillation
External clock
EXTAL
XTAL
EXTAL
XTAL OPEN
C1
C2
Fig. 2. Clock applied conditions
- 25 -
CXP1021Q
(2) Serial transfer Item Serial transfer clock (SC) cycle time Serial transfer clock (SC) high-low level width Serial data input set-up time (relative to SC) Serial data input hold time (relative to SC) Time delay from SC falling edge for high data output2 Delay time from SC falling edge for low data output Symbol Pin SC
(Ta = -20 to +75C, VDD = 4.5 to 5.5V, Vss = 0V) Conditions Input mode Output mode Input mode Output mode1 SC input mode SC output mode SC input mode SC output mode Min. Max. Unit s s s s s s s s
tKCY tKH tKL tSIK tKSO tKSO
tsys/4 + 1.42
2tsys
SC
tsys/8 + 0.7 tsys/2 - 0.1
0.1 0.2
SI
SI SO SO
tsys/8+0.5
0.1
tsys/8 + 0.5 tsys/8 + 0.5
s s
Note) tsys = 8/fc 1 Three-state output selected for SC pin. As a result there are constraints on tsys, and caution should be exercised in prescribing an upper limit to the system clock frequency fc. 2 Three-state output selected for SO.
tKCY tKL tKH
0.8VDD SC 0.2VDD
tSIK
tKSI
0.8VDD SI Input data 0.2VDD
tKSOA tKSOB
0.8VDD SOB 0.2VDD Output data
Fig. 3. Serial transfer timing - 26 -
CXP1021Q
(3) Others Item External interruption high, low level width Reset input low level width Note) tsys = 8/fc Symbol Pin INT1 RST
(Ta = -20 to +75C, VDD = 4.5 to 5.5V, Vss = 0V) Conditions Edge detection mode Min. Max. Unit s s
tI1H, tI1L tRSL
tsys + 0.05
2tsys
tI1L
tI1H
INT1 (rising edge) 0.2VDD
0.8VDD
tI1H
tI1L
INT1 (falling edge)
0.8VDD 0.2VDD
Fig. 4. Interruption input timing
tRSL
RST 0.2VDD
Fig. 5. RST input timing
- 27 -
CXP1021Q
Package Outline
Unit: mm
80PIN QFP (PLASTIC)
23.9 0.4 + 0.4 20.0 - 0.1 64 41 + 0.1 0.15 - 0.05 0.15
65
40
+ 0.4 14.0 - 0.1
17.9 0.4
A 80 25 + 0.2 0.1 - 0.05
0.8
0.12
M
+ 0.15 0.35 - 0.1
+ 0.35 2.75 - 0.15
0 to 10 DETAIL A
PACKAGE STRUCTURE
PACKAGE MATERIAL EPOXY RESIN SOLDER PLATING COPPER / 42 ALLOY 1.6g QFP-80P-L01 LEAD TREATMENT LEAD MATERIAL PACKAGE WEIGHT
SONY CODE EIAJ CODE JEDEC CODE
QFP080-P-1420-A
- 28 -
0.8 0.2
1
24
16.3


▲Up To Search▲   

 
Price & Availability of CXP1021Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X