Part Number Hot Search : 
167BZC SS805 AUC16244 2424D AP4310E NTE1683 3055E B65671
Product Description
Full Text Search
 

To Download CXD2053AM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXD2053AM/AS
Auto Wide, EDTV-II ID Detection, ID-1 Detection For the availability of this product, please contact the sales office.
Description The CXD2053AM/AS is an IC which has the three functions of identifying the wide video (auto wide), detecting the EDTV-II ID, and detecting ID-1 (EIAJ, CPX1024) from the video signal. Features * Video aspect ratio identification used with wide TVs is realized with a single chip. * I2C bus interface. This IC can also be used without the bus. * For auto wide function, 525/60 (NTSC) and 625/50 (PAL, SECAM) can be Supported. Applications Wide TV Structure Silicon gate CMOS IC CXD2053AM 28 pin SOP (Plastic) CXD2053AS 28 pin SDIP (Plastic)
Absolute Maximum Ratings VSS - 0.5 to +7.0 * Supply voltage VDD * Input voltage VI VSS - 0.5 to VDD + 0.5 * Output voltage VO VSS - 0.5 to VDD + 0.5 * Storage temperature Tstg -55 to +150 Recommended Operating Conditions * Supply voltage VDD 4.5 to 5.5 * Operating temperature Topr -20 to +70
V V V C
V C
Block Diagram
Auto wide Identification
26 27
OAW1 OAW2
ADIN
2
AD Converter
EDTV-II ID Decoder
28
OED
25 O164 ID-1 Decoder 24 OLBX
15 VDIN 11 VSIN 10 I2C Bus Interface Data Slice Sync Separator Timing Signal Generator 16
SCL SDA
19
MCON
22
21
XI
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
XO
E96531-ST
CXD2053AM/AS
Pin Description Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Symbol AVDD ADIN AVSS CPV VRB VRT CCP ISET AVDD VSIN VDIN AVSS TST1 TST2 SCL [EDDEC2] SDA [ED2FSC] VSS XRST MCON VDD XO XI VSS OLBX O164 OAW1 OAW2 OED O O O O O CMOS CMOS CMOS CMOS CMOS O I CMOS CMOS I I TTL1 TTL I I I I/O TTL2 TTL2 CMOS1 CMOS1, 3 I I ANALOG ANALOG I I I I I I I/O I/O level ANALOG ANALOG ANALOG ANALOG ANALOG ANALOG ANALOG ANALOG Analog power supply. AD converter input. Analog ground. Clamp voltage. AD converter bottom voltage. AD converter top voltage. AD converter clamp integrating capacitor connection. Bias current setting. Analog power supply Sync separation input. Data slicer input. Analog ground. Test input; connect to VSS. Test input; connect to VSS. I2C bus clock [EDTV-II decoding identification switching] I2C bus data [EDTV-II 3.58 M check existence] Digital ground. Reset at 0. I2C bus-free mode switching; 0 = I2C-free. Digital system power supply. Oscillator connection (14.318MHz). Oscillator connection or clock input. Digital ground. VB-ID detection output; 1 = letter-box, 0 = normal. VB-ID detection output; 1 = full mode. Auto wide identification output; 1 = wide video subtitles not present. Auto wide identification output; 1 = wide video subtitles present. EDTV-II ID bit 3 detection output. Description
1 Schmitt input 2 With pull-down resistor 3 Open drain Note) In I2C-free mode when Pin 19 (MCON) = 0, Pins 15 and 16 switch to the functions in parentheses [
].
-2-
CXD2053AM/AS
Electrical Characteristics DC Characteristics (Logic Section) Item Output voltage Symbol VOH VOL VOH VOL VOL VIH VIL VIH VIL VIH VIL Vhys Ii IOZ Ii Rfbk VIN = either VSS or VDD VIN = eother VSS or VDD VIN = VDD XI (Pin 22) = either VDD or VSS Clock 14.318MHz 0.05 x VDD 0.4 -10 -40 40 250k 100 1M 29 +10 +40 240 2.5M 0.8 x VDD 0.2 x VDD 0.7 x VDD 0.3 x VDD Condition IOH = -2mA IOL = 4mA IOH = -3mA IOL = 3mA IOL = 3mA 2.2 0.8 VDD/2 VDD/2 0.4 Min. VDD - 0.8 0.4 Typ. (VDD = 5.0V, VSS = 0V, Ta = 25C) Max. Unit V V V V V V V V V V V V V A A A mA Remarks Pins 24, 25, 26, 27 and 28 Pin 21 only Pin 16 only Pins 13, 14, 18 and 19 Pin 22 only
Output voltage Output voltage Input voltage
Input voltage
Input voltage Input hysteresis width Input leak current Output leak current Input current Feedback resistor
Pins 15 and 16 Pins 15 and 16 Pin 18 Except for Pins 13, 14 and 22 Pin 16 only Pins 13 and 14 Between Pins 21 and 22 Sum of Pins 1, 9 and 20
Current consumption IDD
AC Characteristics Item Clock frequency Symbol fxi Condition Min. Typ. 14.318
(VDD = 5.0V, VSS = 0V, Ta = 25C) Max. Unit MHz Remarks Pin 22 input, or oscillator between Pins 21 and 22
I/O Pin Capacitance Item Input pin capacitance Output pin capacitance Input/output pin capacitance Symbol CIN COUT CI/O Condition VDD = VI = 0V, f = 1MHz VDD = VI = 0V, f = 1MHz VDD = VI = 0V, f = 1MHz Min. Typ. Max. 9 11 11 Unit pF pF pF Remarks
-3-
CXD2053AM/AS
Pins and Electrical Characteristics Analog Section Pin No. 1 Symbol Equivalent circuit Not connected to VDD (Pin 20) or AVDD (Pin 9) inside the IC. Not connected to VSS (Pins 17 and 23) or AVSS (Pin 12) inside the IC.
AVDD
(VDD = 5.0V, VSS = 0V, Ta = 25C) Description AD converter analog power supply. Connect a low-noise power supply from the digital system. AD converter analog ground. Connect to the same potential as other VSS and AVSS.
AVDD
3
AVSS
2
ADIN
2
AD converter input. This pin is pedestal clamped to the potential of CPV (Pin 4), so input the video signal with capacitor coupled.
AVSS
AVDD
4
CPV
4
ADIN (Pin 2) pedestal clamp voltage setting.
AVSS
AVDD
5
VRB
6
AVSS AVDD
AD converter input range setting. The resistor between Pins 5 and 6 is 310 (Typ.).
5
6
VRT
AVSS
AVDD
7
CCP
7
Clamp circuit integrating capacitor connection. Connect 0.022F between this pin and AVSS (Pin 3).
AVSS
-4-
CXD2053AM/AS
Pin No. 9
Symbol
Equivalent circuit Not connected to VDD (Pin 20) or AVDD (Pin 1) inside the IC. Not connected to AVSS (Pin 3) or VSS (Pins 17 and 23) inside the IC.
AVDD
Description Sync separation system analog power supply. Connect a low-noise power supply from the digital system. Sync separation system analog ground. Connect to the same potential as other VSS and AVSS.
AVDD
12
AVSS
8
ISET
8
Bias setting. Connect to AVDD (Pin 9) with 33k.
AVSS AVDD
Chip clamp, sync separation input. Input with capacitor coupled.
10
VSIN
10
AVSS AVDD
Clamp voltage 1.5V
Pedestal clamp, ID-1 data slicer input. Input with capacitor coupled.
11
VDIN
11 Clamp voltage 1.5V AVSS
-5-
CXD2053AM/AS
1. Description of auto wide function The auto wide function performs wide screen identification from the black bands at the top and bottom of the screen. As shown below, the CXD2053AM/AS identifies the three types of 4:3 normal video, 16:9 wide video, and wide video with subtitles.
4:3 normal video
16:9 wide video
Wide video with subtitles
Fig. 1. Wide identification types The results of this auto wide identification are expressed by 2 bits, and are output through the I2C bus during bus mode. Also, these results are output directly to the OAW1 (Pin 26) and OAW2 (Pin 27) pins regardless of bus or bus-free mode. Auto wide identification is provided with a transition time of about 1 to 15 seconds to prevent misoperation. During I2C bus mode, wide identification can be changed quickly without this transition time by manipulating the INST bit.
2. Description of ID-1 (transmitter method of additional video information, aspect ratio identification) As shown in the table below, the additional video information consists of 14-bit data, to which a 6-bit CRCC is appended for a total of 20 bits. On an NTSC video signal, this information is carried on lines 20 and 283 of the vertical blanking interval. bit-No 1 2 3 4 5 6 Description Transmitter aspect ratio Pictorial representation format Undefined
"1" Full mode (16:9) Letter-box
"0" 4:3 Normal
A WORD0 B WORD1 WORD2
Discrimination information about the video signal and any other signal (audio signal, etc.) incident to the video and transmitted simultaneously.
4-bit width Word 0 dependent discrimination signal 4-bit width Word 0 dependent discrimination signal, information, etc. (From the Provisional Standard of EIAJ, CPX-1204) Table 1. Description of ID-1 signal
Of the 14-bit data noted above, only the first 2 bits are handled by the CXD2053AM/AS. These 2 bits are obtained by the I2C bus during bus mode. Also, these bits are output directly to the OLBX (Pin 24) and O164 (Pin 25) regardless of bus or bus-free mode.
-6-
CXD2053AM/AS
3. Description of EDTV-II ID As shown in the table below, EDTV-II ID consists of 27-bit data. On an NTSC video signal, this information is carried on lines 22 and 285 of the vertical blanking interval. Bit No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Description Reference signal Reference signal Letter-box Parity of bits 3 and 5 Undefined Field No. Multiphase VT VH HH HH precombing Broadcasting station operation bit Broadcasting station operation bit Broadcasting station operation bit Bit No. 15 16 17 18 19 20 21 22 23 24 25 26 27 Description
0 -- 0 Full line 0 0 1 A No No No No
1 1 -- Letter-box 1 -- 2 B Yes Yes Yes Yes
0
1 -- -- --
-- Undefined -- Undefined -- Undefined Error correction signal Error correction signal Error correction signal Error correction signal Error correction signal Error correction signal 0 0 Confirmation sine wave Confirmation sine wave Confirmation sine wave
--
Table 2. Description of EDTV-II ID (discrimination control signal) signal Of the 27 bits noted above, the CXD2053AM/AS outputs only bits 3 and 5. These 2 bits are obtained by the I2C bus during bus mode. Also, bit 3 only is output directly to the OED (Pin 28) regardless of bus or bus-free mode. Since the CXD2053AM/AS does not perform decode processing for bits 6 to 23, this results in simple identification which does not use the error correction signals.
4. Clock The CXD2053AM/AS requires a 4fsc clock (14.318MHz). Connect XI (Pin 22) and XO (Pin 21) when using a crystal oscillator. When inputting the clock from an external source, input to XI (Pin 22). Clock is 14.318MHz regardless of switching auto wide 525/60 (NTSC) or 625/50 (PAL, SECAM). 5. Settings and data input/output The CXD2053AM/AS settings and data input/output can be performed by direct setting by pins or with the I2C bus interface.
-7-
CXD2053AM/AS
5-1. I2C bus Settings and data can be taken out via the I2C bus when MCON (Pin 19) is set to "1". This LSI supports the I2C bus slave RECEIVER and slave TRANSMITTER modes. The slave address is 1C (H). Also, in addition to standard mode (Max. 100K bit/s), this LSI also supports high-speed mode (Max. 400K bit/s). Even when the IC power supply falls to 0V, it does not occupy the bus. However, the Absolute Maximum Ratings should be strictly observed. The I2C bus transfer sequence is shown in the figure below. The amount of data transferred by this IC is 2 bytes for the write (RECEIVER) side and 1 byte for the readout (TRANSMITTER) side. Data write (RECEIVER mode) 7654321 Sm SLAm 0 Wm 1 As 76543210 DATAm 1 As 76543210 DATAm 1 As P
Data readout (TRANSMITTER mode) 7654321 Sm SLAm 0 Rm 1 As 76543210 DATAs 1 XAm P
Symbol m s S P SLA DATA W R A XA
Description from master to slave from slave to master Start Condition Stop Condition Slave Address Data 0: Write 1: Read Master Slave Slave Master
Clock pulse for Acknowledgement (SDA: L) Acknowledgement none (SDA: H)
-8-
CXD2053AM/AS
R/W
Bit
Name
Description 0 when checking the 3.58MHz amplitude during EDTV-II ID decoding; 1 when not checking the amplitude. EDTV-II ID decoding function reset. 1 = reset. EDTV-II ID decoding function detection switching. Standard values: bit 5 = 0, bit 4 = 1. EDTV-II ID decoding function detection switching. Standard values: bit 3 = 0, bit 2 = 1. Decoding not only of line 20 but also of the 1 line before and after line 20 by the ID-1 decoding function. 0 = yes, 1 = line 20 only. ID-1 decoding function reset. 1 = reset. Auto wide function reset. 1 = reset to 4:3. Auto wide switching is performed without the wait time by changing INST from 0 to 1.
bit 7 MSB ED2FSC bit 6 1st byte bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 WR ED2RES EDDEC1 EDDEC2 VBLNJ1 LSB VBRES
bit 7 MSB AWRES bit 6 2nd byte bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 INST
No Use and TEST
Not used and LSI test bits. Be sure to set all bits to 0.
UPAREA LSB PAL ED2ID
Normally. Set the same value as that of PAL bit below. When PAL = 0, UPAREA = 0, etc. Auto wide function switching. 525/60 when PAL = 0 and 625/50 when PAL = 1. EDTV-II ID decoding results. 3rd bit of the EDTV-II ID. EDTV-II ID decoding results. 5th bit of the EDTV-II ID. EDTV-II ID decoding results judgment. Becomes 1 when a valid EDTV-II ID exists. The above noted ED2ID is output and held regardless of this judgment. ID-1 decoding results. 1st bit: full mode bit. ID-1 decoding results. 2nd bit: letter-box bit. VB-ID decoding results judgment. Becomes 1 when a valid VB-ID exists. The above noted VB-ID is output and held regardless of this judgment. Auto wide identification results. For 4:3 video, bit 1 = 0 and bit 0 = 0. For 16:9 wide video, bit 1 = 0 and bit 0 = 1. For subtitle video, bit 1 = 1 and bit 0 = 0. Table 3. List of I2C bus controls
bit 7 MSB bit 6 bit 5 1st byte bit 4 bit 3 bit 2
EDVLD
RD
VBID
VBVLD
bit 1 AWS bit 0 LSB
-9-
CXD2053AM/AS
5-2. Bus-free mode The CXD2053AM/AS can be operated without using the I2C bus when Pin 19 (MCON) is set to 0 and the IC is switched to bus-free mode. In this case, the contents normally set by the I2C are fixed to the values below. Also, only the two functions listed in the table below can be switched by Pins 15 (SCL) and 16 (SDA). Bit Name Description Directly controlled by Pin 16 (SDA). The unmodified SDA pin level becomes ED2FSC. ED2RES = 0 bit5 = 0, bit4 = 1. Directly controlled by Pin 15 (SCL). When SCL = 0, bit 3 = 0 and bit 2 = 1. When SCL = 1, bit 3 = 1 and bit 2 = 0. VBLNJ1 = 0 VBRES = 0 AWRES = 0 INST = 0
bit 7 MSB ED2FSC bit 6 1st byte bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 ED2RES EDDEC1 EDDEC2 VBLNJ1 LSB VBRES
I2C setting information
bit 7 MSB AWRES bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 2nd byte INST No Use and TEST UPAREA LSB PAL
All 0
UPAREA = 0 PAL = 0 Fixed to 525/60 mode.
Table 4. Setting values during bus-free mode (Pin 19 (MCON) = 0)
- 10 -
CXD2053AM/AS
6. Processing of EDTV-II ID and ID-1 data from the bus
EDTV-II ID or ID-1 Decoder I2C Data validity judgment EDVLD or VBVLD CXD2053AM/AS
Pin direct output
to microcomputer
As shown in the figure above, the data validity judgment and decoding results are obtained independently during EDTV-II ID or ID-1 decoding. When outputting these results directly to pins, the results are output after first taking their logical product (AND). These results are output independently to the I2C bus. Therefore, processing inside the microcomputer which has acquired the information from the I2C is performed either by simply outputting this data directly to the pins or by taking the logical product (AND) as above. In addition, performing the processing when the data validity judgment result (EDVLD or VBVLD) is 1 and the decoding result is 0 allows video to be judged as 4:3 video. Even video which has had the top and bottom of the screen blacked out due to picture composition intentions can be viewed as the original 4:3 video by giving this judgment priority over the auto wide function.
7. Setting EDTV-II ID decoding function The performance of the EDTV-II ID decoding function can be switched directly by pin settings during either I2C bus or bus-free mode. I2C exists Setting I2C -free Resistance to ghosting Resistance to weak electric fields ED2FSC = 0 ED2FSC = 0 ED2FSC = 1 EDDEC2 bit3 = 0, bit2 = 1 EDDEC2 bit3 = 1, bit2 = 0 EDDEC2 bit3 = 1, bit2 = 0 SCL (15pin) = Low SDA (16pin) = Low Medium Medium SCL (15pin) = High SDA (16pin) = Low Strong Medium SCL (15pin) = High SDA (15pin) = High Strong Strong
Table 5. EDTV-II ID decoding function switching ED2FSC is originally a function which stops the 3.58MHz amplitude check for the Y signal input from the S terminal, etc. However, it can also be used in combination with the EDDEC2 setting to increase the resistance to ghosting and weak electric fields as shown in the table above. EDDEC2 is the luminance check level switching during the 3.58MHz or 2.04MHz confirmation signal interval. Similarly, although EDDEC1 is the 2.04MHz amplitude check level switching, it should be set to bit 5 = 0 and bit 4 = 1. Since EDTV-II ID identification for this IC is simple identification, increasing the resistance to weak electric fields, etc. results in a tradeoff which increases the possibility of misoperation. Accordingly, the leftmost settings in the table above should be used as the standard settings, and other settings used only when necessary.
- 11 -
CXD2053AM/AS
8. Judgment time during auto wide and shortening this time An appropriate judgment transition wait time is provided during auto wide in order to prevent misjudgments. During I2C bus mode, this transition time can be shortened as necessary using the INST bit. At the rising edge of INST, the screen changes without waiting to the screen being judged at that time. The INST pulse width should be set to 3 fields or more as shown below.
3 fields (50ms) or more
INST
The wait time-free status ends with the auto wide judgment transition or when INST becomes 0. This situation is illustrated in the figure below.
INST
Wait time-free status (inside the IC)
Auto wide identification
Transition time wait
After transition
INST
Wait time-free status (inside the IC)
Auto wide identification
No screen change
Transition time wait
INST does not function.
The screen change here.
- 12 -
Application Circuit
VDD = 5.0V 5%
60 to 80mA
33k
1
9 20
AVDD
100 12 8 ISET VRT CPV 0.01 6 100 4 0.01 5 VRB CCP CXD2053AM/AS 15 7 0.022 10 100 2 ADIN 100 1 100 10 1000p 100 0.1 100 11 VDIN XI 22 10 VSIN 470p TST1 13 TST2 14 VSS 17 VSS 23 33 XRST 18 OED 28 OLBX 24 O164 25 OAW1 26 OAW2 27 SDA 16 SCL 15 AVSS MCON 19
2.2k
100 IRE
2.0Vp-p
AVDD
VDD
3
AVSS
Direct output (open when not used)
0 IRE
-40 IRE
- 13 -
10
Vin
I2C
10k
3.3k
22p XO 21 14.3MHZ 22p
CXD2053AM/AS
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
CXD2053AM/AS
Package Outline CXD2053AM
Unit: mm
28PIN SOP (PLASTIC) 375mil
+ 0.4 18.8 - 0.1 28 15
+ 0.4 2.3 - 0.15
0.15 + 0.2 0.1 - 0.05
+ 0.3 7.6 - 0.1
10.3 0.4
9.3
1 0.45 0.1
14 1.27
+ 0.1 0.2 - 0.05
0.12 M
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE SOP-28P-L04 SOP028-P-0375-D LEAD TREATMENT LEAD MATERIAL PACKAGE WEIGHT EPOXY / PHENOL RESIN SOLDER PLATING 42 ALLOY 0.7g
CXD2053AS
28PIN SDIP (PLASTIC) 400mil
+ 0.1 05 0.25 - 0.
15
+ 0.4 26.9 - 0.1
28
+ 0.3 8.5 - 0.1
10.16
1 1.778
14
0.5 0.1 0.9 0.15
3.0 MIN
+ 0.4 3.7 - 0.1
0.5 MIN
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE SDIP-28P-01 SDIP028-P-0400-A LEAD TREATMENT LEAD MATERIAL PACKAGE WEIGHT EPOXY RESIN SOLDER PLATING COPPER / 42 ALLOY 1.7g
- 14 -
0.5 0.2
0 to 15


▲Up To Search▲   

 
Price & Availability of CXD2053AM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X