Part Number Hot Search : 
6404A PT2300L 2815A 2N2788 10D10 LC7520 TS9519GS M74LS96P
Product Description
Full Text Search
 

To Download CS5201-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CS5201-3
CS5201-3
1A, 3.3V Fixed Linear Regulator
Description
The CS5201-3 linear regulator provides a 1A@ 3.3V reference at 1A with an output voltage accuracy of 1.5%. This regulator is intended for use as a post regulator and microprocessor supply. The fast loop response and low dropout voltage make this regulator ideal for applications where low voltage operation and good transient response are important. The circuit is designed to operate with dropout voltages less than 1.2V at 1A output current. The maximum quiescent current is only 10mA at full load. Device protection includes overcurrent and thermal shutdown. The CS5201-3 is pin compatible with the LT1086 family of linear regulators. The regulator is available in TO-220, surface mount D2, and SOT-223 packages.
Features
s Output Current to 1A s Output Accuracy to 1.5% Over Temperature s Dropout Voltage (typical) 1.0V @ 1A s Fast Transient Response s Fault Protection Current Limit Thermal Shutdown
Package Options
Application Diagram 3L TO-220
Tab (VOUT)
3L D2PAK
Tab (VOUT)
VIN
VOUT
1
CS5201-3
GND
3.3V @ 1A
1
10mF 5V
22mF 5V
CS5201 -3 1 Gnd 2 VOUT (Tab) 3 VIN
3L SOT-223
Tab (VOUT)
1
Consult factory for other fixed output voltage versions.
Cherry Semiconductor Corporation 2000 South County Trail, East Greenwich, RI 02818 Tel: (401)885-3600 Fax: (401)885-5786 Email: info@cherry-semi.com Web Site: www.cherry-semi.com
Rev. 2/18/98
1
A
Company
CS5201-3
Absolute Maximum Ratings Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40C to 70C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .150C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-60C to 150C Lead Temperature Soldering Wave Solder (through hole styles only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10 sec. max, 260C peak Reflow (SMD styles only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .60 sec. max above 183C, 230C peak ESD Damage Threshold (Human Body Model) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Electrical Characteristics: CIN = 10F, COUT = 22F Tantalum, VOUT + VDROPOUT < VIN < 7V, 0C TA 70C, TJ +150C,
unless otherwise specified, Ifull load = 1A. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT
s Fixed Output Voltage Output Voltage (Notes 1 and 2) Line Regulation Load Regulation (Notes 1 and 2) Dropout Voltage (Note 3) Current Limit Quiescent Current Thermal Regulation (Note 4) Ripple Rejection (Note 4) Thermal Shutdown (Note 5) Thermal Shutdown Hysteresis (Note 5) VINVOUT=1.5V; 0IOUT1A 2VVINVOUT3.7V; IOUT=10mA VINVOUT=2V; 10mAIOUT1A IOUT=1A VINVOUT=3V IOUT=10mA 30ms pulse; TA=25C f=120Hz; IOUT=1A; VINVOUT=3V; VRIPPLE=1VPP 150 1.0 3.250 (-1.5%) 3.300 0.02 0.04 1.0 3.1 5.0 0.002 80 180 25 210 10.0 0.020 3.350 (+1.5%) 0.20 0.4 1.2 V % % V A mA %/W dB C C
Note 1: Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in output voltage due to temperature changes must be taken into account separately. Note 2: Specifications apply for an external Kelvin sense connection at a point on the output pin 1/4O from the bottom of the package. Note 3: Dropout voltage is a measurement of the minimum input/output differential at full load. Note 4: Guaranteed by design, not tested in production. Note 5: Thermal shutdown is 100% functionally tested in production.
Package Pin Description
PACKAGE PIN # PIN SYMBOL FUNCTION
D2PAK 1 2 3
TO-220 1 2 3
SOT-223 1 2 2 Gnd VOUT VIN Ground connection. Regulated output voltage (case). Input voltage.
2
CS5201-3
Block Diagram
V OUT V IN
Output Current Limit Thermal Shutdown + Error Amplifier
Bandgap Reference Gnd
Typical Performance Characteristics
1.00
TCASE
= 0C Output Voltage Deviation (%) 1000
0.10 0.08 0.06 0.04 0.02 0.00 -0.02 -0.04 -0.06 -0.08 -0.10
0.95 TCASE = 25C 0.90 VDropout (V)
0.85 TCASE = 125C
0.80
0.75 0 200 400 600 IOUT (mA) 800
-0.12 0 10 20 30 40 50 60 70 80 90 100 110 120 130 TJ (C)
Dropout Voltage vs. Output Current
Output Voltage vs. Temperature
0.100
85 75
Output Voltage Deviation (%)
0.075
Ripple Rejection (dB)
65 55 45 35 25
0.050
TCASE = 125C TCASE = 25C
0.025
TCASE = 25C IOUT = 1A (VIN VOUT) = 3V VRIPPLE = 1.0VPP
TCASE = 0C
0.000
0 1 Output Current (A) 2
15
101 102 103 104 105 106
Frequency (Hz)
Load Regulation vs. Output Current
Ripple Rejection vs. Frequency
3
CS5201-3
Typical Performance Characteristics: continued
3.5
200 100
Voltage Deviation (mV)
3.3 3.1 2.9
0
2.7 ISC(A)
0 1 2 3 4 5 6 7 8 9 10 Time mS COUT =CIN =22mF Tantalum -100 -200
2.5 2.3 2.1 1.9 1.7 1.5 1.0 1.5 2.0 2.5 VIN - VOUT (V) 3.0 3.5 4.0
Load Step (mA)
1000 500 0
Transient Response
Short Circuit Current vs. VIN - VOUT
Applications Information The CS5201-3 linear regulator provides a fixed 3.3V output voltage at currents up to 1A. The regulator is protected against overcurrent conditions and includes thermal shutdown. The CS5201-3 has a composite PNP-NPN output transistor and requires an output capacitor for stability. A detailed procedure for selecting this capacitor is included in the Stability Considerations section.
Stability Considerations Protection Diodes
The output or compensation capacitor helps determine three main characteristics of a linear regulator: start-up delay, load transient response and loop stability. The capacitor value and type are based on cost, availability, size and temperature constraints. A tantalum or aluminum electrolytic capacitor is best, since a film or ceramic capacitor with almost zero ESR can cause instability. The aluminum electrolytic capacitor is the least expensive solution. However, when the circuit operates at low temperatures, both the value and ESR of the capacitor will vary considerably. The capacitor manufacturersO data sheet provides this information. A 22F tantalum capacitor will work for most applications, but with high current regulators such as the CS5201-3 the transient response and stability improve with higher values of capacitance. The majority of applications for this regulator involve large changes in load current so the output capacitor must supply the instantaneous load current. The ESR of the output capacitor causes an immediate drop in output voltage given by: AEV = AEI ESR For microprocessor applications it is customary to use an output capacitor network consisting of several tantalum and ceramic capacitors in parallel. This reduces the overall ESR and reduces the instantaneous output voltage drop under load transient conditions. The output capacitor network should be as close as possible to the load for the best results. 4
When large external capacitors are used with a linear regulator it is sometimes necessary to add protection diodes. If the input voltage of the regulator gets shorted, the output capacitor will discharge into the output of the regulator. The discharge current depends on the value of the capacitor, the output voltage and the rate at which VIN drops. In the CS5201-3 linear regulator, the discharge path is through a large junction and protection diodes are not usually needed. If the regulator is used with large values of output capacitance and the input voltage is instantaneously shorted to ground, damage can occur. In this case, a diode connected as shown in Figure 1 is recommended.
IN4002 VIN C1 VIN
(optional) VOUT VOUT
CS5201-3
C2 GND
Figure 1. Protection diode scheme for large output capacitors.
Output Voltage Sensing
Since the CS5201-3 is a three terminal regulator, it is not possible to provide true remote load sensing. Load regulation is limited by the resistance of the conductors connecting the regulator to the load. For best results, the regulator should be connected as shown in figure 2.
CS5201-3
Applications Information: continued The maximum power dissipation for a regulator is:
RC VIN VIN VOUT
conductor parasitic resistance
PD(max)={VIN(max)VOUT(min)}IOUT(max)+VIN(max)IQ where VIN(max) is the maximum input voltage, VOUT(min) is the minimum output voltage,
(2)
CS5201-3
RLOAD
IOUT(max) is the maximum output current, for the application IQ is the maximum quiescent current at IOUT(max). A heat sink effectively increases the surface area of the package to improve the flow of heat away from the IC and into the surrounding air.
Figure 2. Conductor parasitic resistance effects can be minimized with the above grounding scheme for fixed output regulators.
Calculating Power Dissipation and Heat Sink Requirements
Each material in the heat flow path between the IC and the outside environment has a thermal resistance. Like series electrical resistances, these resistances are summed to determine RQJA, the total thermal resistance between the junction and the surrounding air. 1. Thermal Resistance of the junction to case, RQJC (C/W) 2. Thermal Resistance of the case to Heat Sink, RQCS (C/W) 3. Thermal Resistance of the Heat Sink to the ambient air, RQSA (C/W) These are connected by the equation: RQJA = RQJC + RQCS + RQSA (3)
The CS5201-3 linear regulator includes thermal shutdown and current limit circuitry to protect the device. High power regulators such as these usually operate at high junction temperatures so it is important to calculate the power dissipation and junction temperatures accurately to ensure that an adequate heat sink is used. The case is connected to VOUT on the CS5201-3, and electrical isolation may be required for some applications. Thermal compound should always be used with high current regulators such as these. The thermal characteristics of an IC depend on the following four factors: 1. Maximum Ambient Temperature TA (C) 2. Power dissipation PD (Watts) 3. Maximum junction temperature TJ (C) 4. Thermal resistance junction to ambient RQJA (C/W) These four are related by the equation TJ = TA + PD RQJA (1)
The value for RQJA is calculated using equation (3) and the result can be substituted in equation (1). The value for RQJC is 3.5uC/W. For a high current regulator such as the CS5201-3 the majority of the heat is generated in the power transistor section. The value for RQSA depends on the heat sink type, while RQCS depends on factors such as package type, heat sink interface (is an insulator and thermal grease used?), and the contact area between the heat sink and the package. Once these calculations are complete, the maximum permissible value of RQJA can be calculated and the proper heat sink selected. For further discussion on heat sink selection, see application note OThermal Management for Linear Regulators.O
The maximum ambient temperature and the power dissipation are determined by the design while the maximum junction temperature and the thermal resistance depend on the manufacturer and the package type.
5
CS5201-3
Package Specification
PACKAGE DIMENSIONS IN mm(INCHES) PACKAGE THERMAL DATA
3 Lead TO-220 (T) Straight
Thermal Data RQJC typ RQJA typ
3L TO-220 3.5 50
3L 3L D2PAK SOT-223 3.5 15 10 - 50* 156
uC/W uC/W
*Depending on thermal properties of substrate. RQJA = RQJC + RQCA
3 Lead D2PAK (DP)
10.31 (.406) 10.05 (.396) 1.68 (.066) 1.40 (.055)
14.99 (.590) 14.22 (.560)
10.54 (.415) 9.78 (.385) 2.87 (.113) 2.62 (.103) 3.96 (.156) 3.71 (.146)
4.83 (.190) 4.06 (.160)
1.40 (.055) 1.14 (.045)
1.40 (.055) 1.14 (.045)
6.55 (.258) 5.94 (.234)
8.53 (.336) 8.28 (.326) 15.75 (.620) 14.73 (.580) 2.74(.108) 2.49(.098) 1.40 (.055) 1.14 (.045) 0.91 (.036) 0.66 (.026) 2.54 (.100) REF .254 (.010) REF 2.79 (.110) 2.29 (.090)
1.52 (.060) 1.14 (.045) 14.22 (.560) 13.72 (.540) 1.40 (.055) 1.14 (.045)
6.17 (.243) REF
1.02 (.040) 0.63 (.025) 2.79 (.110) 2.29 (.090) 5.33 (.210) 4.83 (.190) 0.56 (.022) 0.38 (.014) 2.92 (.115) 2.29 (.090)
4.57 (.180) 4.31 (.170)
0.10 (.004) 0.00 (.000)
3 Lead SOT-223 (ST)
6.70 (.264) 6.30 (.248) 7.30 (.287) 6.70 (.264) 3.15 (.124) 2.95 (.116)
3.70 (.146) 3.30 (.130)
2.30 (.090)
1.05 (.041) 0.85 (.033)
1.70 (.067) 1.50 (.060) 0.85 (.033) 0.65 (.026) 4.60 (.181) 1.30 (.051) 1.10 (.043) 10 MAX
0.35 (.014) 0.25 (.010)
0.10 (.004) 0.02 (.001)
Ordering Information
Part Number CS5201-3GT3 CS5201-3GDP3 CS5201-3GDPR3 CS5201-3GST3 CS5201-3GSTR3
Rev. 2/18/98
Type 1A, 3.3V output 1A, 3.3V output 1A, 3.3V output 1A, 3.3V output 1A, 3.3V output
Description 3 L TO-220 Straight 3 L D2PAK 3 L D2PAK (tape & reel) 3 L SOT-223 3 L SOT-223 (tape & reel)
Cherry Semiconductor Corporation reserves the right to make changes to the specifications without notice. Please contact Cherry Semiconductor Corporation for the latest available information. 6
(c) 1999 Cherry Semiconductor Corporation


▲Up To Search▲   

 
Price & Availability of CS5201-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X