Part Number Hot Search : 
18F87J72 110RIA80 1N518 HEM891A EL2039C A1208 NCE55H PJQ5466A
Product Description
Full Text Search
 

To Download CAT525 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT525
Configured Digitally Programmable Potentiometer (DPPTM): Programmable Voltage Applications
FEATURES
s Four 8-bit DPPs configured as programmable
APPLICATIONS
s Automated product calibration s Remote control adjustment of equipment s Offset, gain and zero adjustments in
voltage sources in DAC-like applications
s Independent reference inputs s Buffered wiper outputs s Non-volatile NVRAM memory wiper storage s Output voltage range includes both supply rails s 4 independently addressable buffered
self-calibrating and adaptive control systems
s Tamper-proof calibrations s DAC (with memory) substitute
output wipers
s 1 LSB accuracy, high resolution s Serial
P interface
s Single supply operation: 2.7V-5.5V s Setting read-back without effecting outputs
DESCRIPTION
The CAT525 is a quad 8-Bit digitally programmable potentiometer (DPPTM) configured for programmable voltage and DAC-like applications. Intended for final calibration of products such as camcorders, fax machines and cellular telephones on automated high volume production lines and systems capable of self calibration, it is also well suited for applications were equipment requiring periodic adjustment is either difficult to access or located in a hazardous environment. The CAT525 offers four independently programmable DPPs each having its own reference inputs and each capable of rail to rail output swing. The wipers are buffered by rail to rail op amps. Wiper settings, stored in non-volatile NVRAM memory, are not lost when the device is powered down and are automatically reinFUNCTIONAL DIAGRAM
V H1 REF V H3 REF V H4 REF 19 V H2 REF 2 1 20
stated when power is returned. Each wiper can be dithered to test new output values without effecting the stored settings and stored settings can be read back without disturbing the DPP's output. Control of the CAT525 is accomplished with a simple 3 wire serial interface. A Chip Select pin allows several CAT525's to share a common serial interface and communications back to the host controller is via a single serial data line thanks to the CAT525's Tri-Stated Data Output pin. A RDY/BSY output working in concert with an internal low voltage detector signals proper operation of non-volatile NVRAM Memory Erase/Write cycle. The CAT525 is available in the 0C to 70C commercial and -40C to 85C industrial operating temperature ranges and offered in 20-pin plastic DIP and Surface mount packages. PIN CONFIGURATION
DIP Package (P) SOIC Package (J)
VREF H2 VREF H1 DVD CLK RDY/BSY CS DI DO PROG GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 VREF H3 VREF H4 VOUT1 VOUT2 VOUT3 VOUT4 VREF L4 V V REF L3 L2
RDY/BSY
5
+
PROG 9 PROGRAM CONTROL
-
18
VOUT1
VREF H2 VREF H1
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15
VREF H3 VREF H4
+
-
17
VOUT2
DVD CLK
VOUT1 VOUT2 V 3 OUT VOUT4 VREF L4 VREF L3 VREF L2 VREF L1
CLK
4 DATA CONTROLLER
NVRAM
+
-
16 V 3 OUT
CS
6
RDY/BSY
7
+
-
7K (ea)
15 VOUT4
CS DI DO
CAT525
14 13 12 11
CAT525
14 13 12 11
H.V. CHARGE PUMP
SERIAL DATA OUTPUT REGISTER
8 DO
PROG
11 12 13 14 VREFL4
REF
CAT525
GND
VREF L1
VREFL2 V L1 REF
VREFL3
(c) 2001 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
1
Doc. No. 25078-00 4/01-A M-1
CAT525
ABSOLUTE MAXIMUM RATINGS Supply Voltage* VDD to GND ...................................... -0.5V to +7V Inputs CLK to GND ............................ -0.5V to VDD +0.5V CS to GND .............................. -0.5V to VDD +0.5V DI to GND ............................... -0.5V to VDD +0.5V RDY/BSY to GND ................... -0.5V to VDD +0.5V PROG to GND ........................ -0.5V to VDD +0.5V VREFH to GND ........................ -0.5V to VDD +0.5V VREFL to GND ......................... -0.5V to VDD +0.5V Outputs D0 to GND ............................... -0.5V to VDD +0.5V VOUT 1- 4 to GND ................... -0.5V to VDD +0.5V RELIABILITY CHARACTERISTICS Symbol
VZAP(1) ILTH(1)(2)
Operating Ambient Temperature Commercial (`C' or Blank suffix) ...... 0C to +70C Industrial (`I' suffix) ...................... - 40C to +85C Junction Temperature ..................................... +150C Storage Temperature ....................... -65C to +150C Lead Soldering (10 sec max) .......................... +300C
* Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Absolute Maximum Ratings are limited values applied individually while other parameters are within specified operating conditions, and functional operation at any of these conditions is NOT implied. Device performance and reliability may be impaired by exposure to absolute rating conditions for extended periods of time.
Parameter
ESD Susceptibility Latch-Up
Min
2000 100
Max
Units
Volts mA
Test Method
MIL-STD-883, Test Method 3015 JEDEC Standard 17
NOTES: 1. This parameter is tested initially and after a design or process change that affects the parameter. 2. Latch-up protection is provided for stresses up to 100mA on address and data pins from -1V to VCC + 1V.
DC ELECTRICAL CHARACTERISTICS: VDD = +2.7V to +5.5V, VREFH = VDD, VREFL = 0V, unless otherwise specified Symbol Accuracy
INL Integral Linearity Error ILOAD = 10 A ILOAD = 10 A ILOAD = 40 A ILOAD = 40 A ILOAD = 10 A ILOAD = 10 A ILOAD = 40 A ILOAD = 40 A VIN = VDD VIN = 0V TR = C TR = I TR = C TR = I TR = C TR = I TR = C TR = I -- -- -- -- -- -- -- -- -- -- 2 0 2.7 GND -- -- IOH = - 40 A IOL = 1 mA, VDD = +5V IOL = 0.4 mA, VDD = +3V VDD -0.3 -- -- 0.6 0.6 1.2 1.2 0.25 0.25 0.5 0.5 -- -- -- -- -- -- 28 0.5 -- -- -- 1 1 -- -- 0.5 0.5 -- -- 10 -10 VDD 0.8 VDD VDD -2.7 -- 1 -- 0.4 0.4 LSB LSB LSB LSB LSB LSB LSB LSB A A V V V V k % V V V
Parameter
Resolution
Conditions
Min
8
Typ
--
Max
--
Units
Bits
DNL
Differential Linearity Error
Logic Inputs
IIH IIL VIH VIL Input Leakage Current Input Leakage Current High Level Input Voltage Low Level Input Voltage VREFH Input Voltage Range VREFL Input Voltage Range VREFH-VREFL Resistance Input Resistance Match High Level Output Voltage Low Level Output Voltage
References
VRH VRL ZIN VIN / RIN VOH VOL
Logic Outputs
Doc. No. 25078-00 4/01 - A M-1
2
CAT525
DC ELECTRICAL CHARACTERISTICS (Cont.): VDD = +2.7V to +5.5V, VREFH = VDD, VREFL = 0V, unless otherwise specified Symbol
FSO ZSO IL ROUT PSSR TCO TCREF
Parameter
Full-Scale Output Voltage Zero-Scale Output Voltage DAC Output Load Current DAC Output Impedance Power Supply Rejection VOUT Temperature Coefficient Temperature Coefficient of VREF Resistance Supply Current (Read) Supply Current (Write) Operating Voltage Range
Conditions
VR = VREFH - VREFL VR = VREFH - VREFL VDD = VREFH = +5V VDD = VREFH = +3V ILOAD = 1 A VDD = +5V, ILOAD = 250nA VREFH= +5V, VREFL = 0V VREFH to VREFL
Min
0.99 VR -- -- -- -- -- -- --
Typ
0.995 VR 0.005 VR -- -- -- -- -- 700
Max
-- 0.01 VR 1 1 1 1 200 --
Units
V V A k k LSB / V V/ C ppm / C
Analog Output
Temperature
Power Supply
IDD1 IDD2 VDD Normal Operating Programming, VDD = 5V VDD = 3V -- -- -- 2.7 400 1600 1000 -- 600 2500 1600 5.5 A A A V
AC ELECTRICAL CHARACTERISTICS: VDD = +2.7V to +5.5V, VREFH = VDD, VREFL = 0V, unless otherwise specified Symbol Digital
tCSMIN tCSS tCSH tDIS tDIH tDO1 tDO0 tHZ tLZ tBUSY tPS tPROG tCLKH tCLKL fC Minimum CS Low Time CS Setup Time CS Hold Time DI Setup Time DI Hold Time Output Delay to 1 Output Delay to 0 Output Delay to High-Z Output Delay to Low-Z Erase/Write Cycle Time PROG Setup Time Minimum Pulse Width Minimum CLK High Time Minimum CLK Low Time Clock Frequency DAC Settling Time to 1 LSB 150 100 0 50 50 -- -- -- -- -- 150 700 500 300 DC -- -- -- -- -- -- -- -- -- -- -- 400 400 4 -- -- -- -- -- 3 6 8 6 -- -- -- -- -- 150 150 -- -- 5 -- -- -- -- 1 10 10 -- -- ns ns ns ns ns ns ns ns ns ms ns ns ns ns MHz s s pF pF
Parameter
Conditions
Min
Typ
Max
Units
CL = 100 pF, see note 1
Analog
tDS CLOAD = 10 pF, VDD = +5V CLOAD = 10 pF, VDD = +3V VIN = 0V, f = 1 MHz(2) VOUT = 0V, f = 1 MHz(2)
Pin Capacitance
CIN COUT Input Capacitance Output Capacitance
NOTES: 1. All timing measurements are defined at the point of signal crossing VDD / 2. 2. These parameters are periodically sampled and are not 100% tested.
3
Doc. No. 25078-00 4/01 - A M-1
TIMING MIN/MAX FROM TO
CAT525
to 1 2 3 4 5
PARAM NAME
A. C. TIMING DIAGRAM
Doc. No. 25078-00 4/01 - A M-1
t CLK H t CLK H Rising CLK edge to falling CLK edge
Min
CLK t CLK L Falling CLK edge to CLK rising edge t CSH t CLK L t CSS t CSH Falling CLK edge for last data bit (DI) to falling CS edge Rising CS edge to next rising CLK edge Min Min
t CSS
Min
CS t CSMIN t CSMIN Falling CS edge to rising CS edge t DIS Data valid to first rising CLK edge after CS = high Min
Min
t DIS
DI t DIH t DIH t DO0 t LZ t DO0 Rising CLK edge to end of data valid Min
4
t HZ t DO1 t PS t PROG t BUSY 1 2 3 4 5
Rising CLK edge to D0 = low Rising CS edge to D0 becoming high low impedance (active output)
Max (Max)
t LZ
DO t DO1 t HZ Rising CLK edge to D0 = high Falling CS edge to D0 becoming high impedance (Tri-State) t PS Max (Max)
PROG
Rising PROG edge to next rising CLK edge t PROG Rising PROG edge to falling PROG edge t BUSY Falling CLK edge after PROG=H to rising RDY/BSY edge
Min Min
RDY/BSY Max
to
CAT525
PIN DESCRIPTION Pin
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
DAC addressing is as follows: Function
Maximum DAC 2 output voltage Maximum DAC 1 output voltage Power supply positive Clock input pin Ready/Busy output Chip select Serial data input pin Serial data output pin EEPROM Programming Enable Input Power supply ground Minimum DAC 1 output voltage Minimum DAC 2 output voltage Minimum DAC 3 output voltage Minimum DAC 4 output voltage DAC 4 output DAC 3 output DAC 2 output DAC 1 output Maximum DAC 4 output voltage Maximum DAC 3 output voltage
Name
VREFH2 VREFH1 VDD CLK RDY/BSY CS DI DO PROG GND VREFL1 VREFL2 VREFL3 VREFL4 VOUT4 VOUT3 VOUT2 VOUT1 VREFH4 VREFH3
DAC OUTPUT VOUT1 VOUT2 VOUT3 VOUT4
A0 0 1 0 1
A1 0 0 1 1
DEVICE OPERATION The CAT525 is a quad 8-bit Digital to Analog Converter (DAC) whose outputs can be programmed to any one of 256 individual voltage steps. Once programmed, these output settings are retained in non-volatile EEPROM memory and will not be lost when power is removed from the chip. Upon power up the DACs return to the settings stored in EEPROM memory. Each DAC can be written to and read from independently without effecting the output voltage during the read or write cycle. Each output can also be adjusted without altering the stored output setting, which is useful for testing new output settings before storing them in memory. DIGITAL INTERFACE The CAT525 employs a standard 3 wire serial control interface consisting of Clock (CLK), Chip Select (CS) and Data In (DI) inputs. For all operations, address and data are shifted in LSB first. In addition, all digital data must be preceded by a logic "1" as a start bit. The DAC address and data are clocked into the DI pin on the clock's rising edge. When sending multiple blocks of information a minimum of two clock cycles is required between the last block sent and the next start bit. Multiple devices may share a common input data line by selectively activating the CS control of the desired IC. Data Outputs (DO) can also share a common line because the DO pin is Tri-Stated and returns to a high impedance when not in use.
5
CHIP SELECT Chip Select (CS) enables and disables the CAT525's read and write operations. When CS is high data may be read to or from the chip, and the Data Output (DO) pin is active. Data loaded into the DAC control registers will remain in effect until CS goes low. Bringing CS to a logic low returns all DAC outputs to the settings stored in EEPROM memory and switches DO to its high impedance Tri-State mode. Because CS functions like a reset the CS pin has been desensitized with a 30 ns to 90 ns filter circuit to prevent noise spikes from causing unwanted resets and the loss of volatile data. CLOCK The CAT525's clock controls both data flow in and out of the IC and EEPROM memory cell programming. Serial data is shifted into the DI pin and out of the DO pin on the clock's rising edge. While it is not necessary for the clock to be running between data transfers, the clock must be operating in order to write to EEPROM memory, even though the data being saved may already be resident in the DAC control register. No clock is necessary upon system power-up. The CAT525's internal power-on reset circuitry loads data from EEPROM to the DACs without using the external clock.
Doc. No. 25078-00 4/01 - A M-1
CAT525
As data transfers are edge triggered clean clock transitions are necessary to avoid falsely clocking data into the control registers. Standard CMOS and TTL logic families work well in this regard and it is recommended that any mechanical switches used for breadboarding or device evaluation purposes be debounced by a flip-flop or other suitable debouncing circuit. VREF VREF, the voltage applied between pins VREFH &VREFL, sets the DAC's Zero to Full Scale output range where VREFL = Zero and VREFH = Full Scale. VREF can span the full power supply range or just a fraction of it. In typical applications VREFH &VREFL are connected across the power supply rails. When using less than the full supply voltage be mindfull of the limits placed on VREFH and VREFL as specified in the References section of DC Electrical Characteristics. BUSY READY/BUSY When saving data to non-volatile EEPROM memory, the Ready/Busy ouput (RDY/BSY) signals the start and duration of the EEPROM erase/write cycle. Upon receiving a command to store data (PROG goes high) RDY/ BSY goes low and remains low until the programming cycle is complete. During this time the CAT525 will ignore any data appearing at DI and no data will be output on DO. RDY/BSY is internally ANDed with a low voltage detector circuit monitoring VDD. If VDD is below the minimum value required for EEPROM programming, RDY/BSY will remain high following the program command indicating a failure to record the desired data in non-volatile memory. DATA OUTPUT Data is output serially by the CAT525, LSB first, via the Data Out (DO) pin following the reception of a start bit and two address bits by the Data Input (DI). DO becomes active whenever CS goes high and resumes Figure 1. Writing to Memory
to 1 2 3 4 5 6 7 8 9 10 11 12 N N+1 N+2
its high impedance Tri-State mode when CS returns low. Tri-Stating the DO pin allows several 525s to share a single serial data line and simplifies interfacing multiple 525s to a microprocessor. WRITING TO MEMORY Programming the CAT525's EEPROM memory is accomplished through the control signals: Chip Select (CS) and Program (PROG). With CS high, a start bit followed by a two bit DAC address and eight data bits are clocked into the DAC control register via the DI pin. Data enters on the clock's rising edge. The DAC output changes to its new setting on the clock cycle following D7, the last data bit. Programming is accomplished by bringing PROG high sometime after the start bit and at least 150 ns prior to the rising edge of the clock cycle immediately following the D7 bit. Two clock cycles after the D7 bit the DAC control register will be ready to receive the next set of address and data bits. The clock must be kept running throughout the programming cycle. Internal control circuitry takes care of generating and ramping up the programming voltage for data transfer to the EEPROM cells. The CAT525's EEPROM memory cells will endure over 100,000 write cycles and will retain data for a minimum of 20 years without being refreshed. READING DATA Each time data is transferred into a DAC control register currently held data is shifted out via the D0 pin, thus in every data transaction a read cycle occurs. Note, however, that the reading process is destructive. Data must be removed from the register in order to be read. Figure 2 depicts a Read Only cycle in which no change occurs in the DAC's output. This feature allows Ps to poll DACs for their current setting without disturbing the output voltage but it assumes that the setting being read is also stored in EEPROM so that it can be restored at the end of the read cycle. In Figure 2 CS returns low before the 13th clock cycle completes. In doing so the EEPROM's Figure 2. Reading from Memory
to 1 2 3 4 5 6 7 8 9 10 11 12
CS NEW DAC DATA DI 1 A0 A1 D0 D1 D2 D3 D4 D5 D6 D7
CS
DI
1
A0
A1 CURRENT DAC DATA
CURRENT DAC DATA DO D0 D1 D2 D3 D4 D5 D6 D7
DO
D0
D1
D2
D3
D4
D5
D6
D7
PROG
PROG
RDY/BSY
RDY/BSY
DAC OUTPUT
CURRENT DAC VALUE NON-VOLATILE
NEW DAC VALUE VOLATILE
NEW DAC VALUE NON-VOLATILE
DAC OUTPUT
CURRENT DAC VALUE NON-VOLATILE
Doc. No. 25078-00 4/01 - A M-1
6
CAT525
setting is reloaded into the DAC control register. Since this value is the same as that which had been there previously no change in the DAC's output is noticed. Had the value held in the control register been different from that stored in EEPROM then a change would occur at the read cycle's conclusion. TEMPORARILY CHANGE OUTPUT The CAT525 allows temporary changes in DAC's output to be made without disturbing the settings retained in EEPROM memory. This feature is particularly useful when testing for a new output setting and allows for user adjustment of preset or default values without losing the original factory settings. Figure 3 shows the control and data signals needed to effect a temporary output change. DAC settings may be changed as many times as required and can be made to any of the four DACs in any order or sequence. The temporary setting(s) remain in effect long as CS remains high. When CS returns low all four DACs will return to the output values stored in EEPROM memory. When it is desired to save a new setting acquired using this feature, the new value must be reloaded into the DAC control register prior to programming. This is because the CAT525's internal control circuitry discards from the programming register the new data two clock cycles after receiving it if no PROG signal is received. APPLICATION CIRCUITS
+5V
Figure 3. Temporary Change in Output
to 1 2 3 4 5 6 7 8 9 10 11 12 N N+1 N+2
CS
NEW DAC DATA 1 A0 A1 D0 D1 D2 D3 D4 D5 D6 D7
DI
CURRENT DAC DATA DO D0 D1 D2 D3 D4 D5 D6 D7
PROG
RDY/BSY
DAC OUTPUT
CURRENT DAC VALUE NON-VOLATILE
NEW DAC VALUE VOLATILE
CURRENT DAC VALUE NON-VOLATILE
DAC INPUT
Vi RI +15V VDD CONTROL & DATA VREF H RF
DAC OUTPUT CODE VDAC = ------ (VFS - VZERO ) + VZERO 255 VFS = 0.99 VREF
ANALOG OUTPUT
- +
-15V
V OUT
MSB 1111
LSB 1111
VZERO = 0.01 VREF 255 ---- (.98 VREF ) + .01 VREF = .990 V REF 255 128 ---- (.98 V ) + .01 V = .502 V REF REF REF 255 127 (.98 V ---- ) + .01 V = .498 V 255 REF REF REF 1 ---- (.98 V ) + .01 V = .014 V 255 REF REF REF 0 ---- (.98 V ) + .01 V = .010 V REF REF REF 255
VREF = 5V R I = RF V OUT = +4.90V V = +0.02V OUT V = -0.02V OUT V = -4.86V OUT V = -4.90V OUT
OPT 505 CAT525
GND VREF L
OP 07
1000
0000 1111 0001
VOUT = VDAC ( R I+ RF) -VI R F RI For R I = RF VOUT = 2VDAC -VI
0111 0000
0000
0000
Bipolar DAC Output
+5V RI +15V VDD CONTROL & DATA VREF H RF
- +
-15V
VOUT
OPT 505 CAT525
GND VREF L
OP 07
RF VOUT = (1 + ---) V DAC RI
Amplified DAC Output 7
Doc. No. 25078-00 4/01 - A M-1
CAT525
APPLICATION CIRCUITS (Cont.)
+5V +VREF VREFH
VREF RC = ---------- 256 * 1 A +5V VREF VREFH Fine adjust gives 1 LSB change in V OFFSET VREF when VOFFSET = ------ 2 127RC
VDD
VDD
FINE ADJUST DPP
127RC (+VREF ) - (VOFFSET+ ) RC = ---------------------- 1 A (-VREF ) + (VOFFSET+ ) Ro = ---------------------- 1 A
FINE ADJUST DPP
COARSE ADJUST DPP
RC
+V COARSE ADJUST DPP RC V OFFSET
GND
+ -
VREF L Ro -VREF VOFFSET
+V
+ -
-V
GND
VREF L
Coarse-Fine Offset Control by Averaging DPP Outputs for Single Power Supply Systems
Coarse-Fine Offset Control by Averaging DPP Outputs for Dual Power Supply Systems
28 - 32V
V+
I > 2 mA
15K 10 F
VDD CONTROL & DATA
VREF H
VREF = 5.000V
VDD
1N5231B
VREF H 5.1V 10K CONTROL & DATA
OPT 505 CAT525
GND VREF L
LT 1029
OPT 505 CAT525
GND VREF L
+ - LM 324
MPT3055EL
OUTPUT 4.02 K 1.00K 10 F 35V 0 - 25V @ 1A
Digitally Trimmed Voltage Reference
Digitally Controlled Voltage Reference
Doc. No. 25078-00 4/01 - A M-1
8
CAT525
APPLICATION CIRCUITS (Cont.)
+5V VREF VIN
1.0 F + - VDD VREF H
LM 339
10K +5V WINDOW 1 VREF WINDOW 1
CAT525 OPT 505
VPP
+ - + - +5V + 10K WINDOW 2
DPP 1
VOUT 1 WINDOW 2 V 2 OUT
CS
-
DI
DPP 2
+ - +5V + 10K WINDOW 3 WINDOW 3
DO
-
PROG
DPP 3
+ - +5V + 10K WINDOW 4
VOUT 3 WINDOW 4 V 4 OUT WINDOW 5 GND WINDOW 5
CLK
-
DPP 4
+ - +5V + 10K
GND
VREF L
WINDOW STRUCTURE
-
Staircase Window Comparator
+5V VREF VIN
1.0 F
VDD
VREF H
+ - +5V + -
LM 339
10K WINDOW 1
CAT525
VPP
DPP 1
VREF H CS WINDOW 1
DI
DPP 2
+ - +5V + 10K WINDOW 2 VOUT 1
V 2 OUT
WINDOW 2 VOUT 4
DO
-
PROG
DPP 3
VOUT 3 WINDOW 3
CLK
GND
DPP 4
+ - +5V + 10K WINDOW 3
WINDOW STRUCTURE
GND
VREF L
-
Overlapping Window Comparator
9
Doc. No. 25078-00 4/01 - A M-1
CAT525
APPLICATION CIRCUITS (Cont.)
+5V 2.2K VDD VREF 4.7 A
LM385-2.5
+15V
ISINK = 2 - 255 mA
DPP1
+5V 10K
+ -
10K
2N7000
39 1W 39 1W
1 mA steps
CONTROL & DATA
CAT525
DPP2
+ 2N7000 -
5 A steps
GND
VREF L
5M
5M
3.9K
10K
10K
- + TIP 30
-15V
Current Sink with 4 Decades of Resolution
+15V
51K
+ TIP 29 -
10K +5V 10K
VDD
VREF H
5M
5M
39 1W 39 1W
DPP1
CONTROL & DATA
CAT525 OPT 505
5M
- +
5M
BS170P
1 mA steps
DPP2
3.9K
GND
VREF L
- BS170P + LM385-2.5
5 A steps
-15V
ISOURCE = 2 - 255 mA
Current Source with 4 Decades of Resolution
Doc. No. 25078-00 4/01 - A M-1
10
CAT525
ORDERING INFORMATION
Prefix CAT Device # 525 Suffix J I -TE13
Optional Company ID
Product Number
Package P: PDIP J: SOIC Temperature Range Blank = Commercial (0C to 70C) I = Industrial (-40C to 85C)
Tape & Reel TE13: 2000/Reel
Notes: (1) The device used in the above example is a CAT525JI-TE13 (SOIC, Industrial Temperature, Tape & Reel)
(c) 2001 Catalyst Semiconductor, Inc. Publication No: Revision: Issue Date:
11
Doc. No. 25078-00 4/01 - A M-1
CAT525
Doc. No. 25078-00 4/01 - A M-1
12


▲Up To Search▲   

 
Price & Availability of CAT525

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X