Part Number Hot Search : 
Z5232 01926 MAX2450 74F244SC 9052RD P3937 B1160CA AE1EUN
Product Description
Full Text Search
 

To Download CAT28F002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT28F002
2 Megabit CMOS Boot Block Flash Memory FEATURES
s Fast Read Access Time: 90/120/150 ns s On-Chip Address and Data Latches s Blocked Architecture: s Electronic Signature
Licensed Intel second source
s 100,000 Program/Erase Cycles and 10 Year
Data Retention
s Standard Pinouts:
-- One 16-KB Protected Boot Block * Top or Bottom Locations -- Two 8-KB Parameter Blocks -- One 96-KB Main Block -- One 128-KB Main Block
s Hardware Data Protection s Automated Program and Erase Algorithms s Automatic Power Savings Feature s Low Power CMOS Operation s 12.0V
-- 40-Lead TSOP -- 40-Lead PDIP
s High Speed Programming s Commercial, Industrial and Automotive Tem-
perature Ranges
s Reset/Deep PowerDown Mode
-- 0.2A ICC Typical -- Acts as Reset for Boot Operations
5% Programming and Erase Voltage
DESCRIPTION
The CAT28F002 is a high speed 256K X 8-bit electrically erasable and reprogrammable Flash memory ideally suited for applications requiring in-system or after sale code updates. The CAT28F002 has a blocked architecture with one 16 KB Boot Block, two 8 KB Parameter Blocks, one 96 KB Main Block and one 128 KB Main Block. The Boot Block section can be at the top or bottom of the memory map. The Boot Block section includes a reprogramming write lock out feature to guarantee data integrity. It is designed to contain secure code which will bring up the system minimally and download code to other locations of CAT28F002. The CAT28F002 is designed with a signature mode which allows the user to identify the IC manufacturer and device type. The CAT28F002 is also designed with onChip Address Latches, Data Latches, Programming and Erase Algorithms. A deep power-down mode lowers the total Vcc power consumption 1w typical. The CAT28F002 is manufactured using Catalyst's advanced CMOS floating gate technology. It is designed to endure 100,000 program/erase cycles and has a data retention of 10 years. The device is available in JEDEC approved 40-pin TSOP and 40-pin PDIP packages.
BLOCK DIAGRAM
ADDRESS COUNTER WRITE STATE MACHINE RP WE COMMAND REGISTER PROGRAM VOLTAGE SWITCH CE, OE LOGIC ERASE VOLTAGE SWITCH
I/O0-I/O7
I/O BUFFERS
STATUS REGISTER DATA LATCH
COMPARATOR ADDRESS LATCH
SENSE AMP
CE OE
Y-GATING Y-DECODER 16K-BYTE BOOT BLOCK 8K-BYTE PARAMETER BLOCK 8K-BYTE PARAMETER BLOCK 96K-BYTE MAIN BLOCK 128K-BYTE MAIN BLOCK
A0-A17 VOLTAGE VERIFY SWITCH
X-DECODER
28F002 F01
(c) 1998 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
1
Doc. No. 25072-00 2/98 F-1
CAT28F002
PIN CONFIGURATION
PDIP Package (P)
NC NC A0 CE GND OE I/O0 I/O1 I/O2 I/O3 VCC VCC I/O4 I/O5 I/O6 I/O7 A10 GND A17 NC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 NC A1 A2 A3 A4 A5 A6 A7 VPP RP WE A8 A9 A11 A12 A13 A14 A15 A16 NC
TSOP Package (T)
A17 GND NC NC A10 I/O7 I/O6 I/O5 I/O4 VCC VCC NC I/O3 I/O2 I/O1 I/O0 OE GND CE A0
A16 A15 A14 A13 A12 A11 A9 A8 WE RP VPP DU NC A7 A6 A5 A4 A3 A2 A1
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21
PIN FUNCTIONS
Pin Name A0-A17 I/O0-I/O7 CE OE WE VCC VSS VPP RP DU Input Type Input I/O Input Input Input Function Address Inputs for memory addressing Data Input/Output Chip Enable Output Enable Write Enable Voltage Supply Ground Program/Erase Voltage Supply Power Down Do Not Use
28F002 F03
Doc. No. 25072-00 2/98 F-1
2
CAT28F002
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................... -55C to +95C Storage Temperature ....................... -65C to +150C Voltage on Any Pin with Respect to Ground(1) ........... -2.0V to +VCC + 2.0V Voltage on Pin A9 with Respect to Ground(1) ................... -2.0V to +13.5V VPP with Respect to Ground during Program/Erase(1) .............. -2.0V to +14.0V VCC with Respect to Ground(1) ............ -2.0V to +7.0V Package Power Dissipation Capability (TA = 25C) .................................. 1.0 W Lead Soldering Temperature (10 secs) ............ 300C Output Short Circuit Current(2) ........................ 100 mA
*COMMENT
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
RELIABILITY CHARACTERISTICS Symbol NEND
(3)
Parameter Endurance Data Retention ESD Susceptibility Latch-Up
Min. 100K 10 2000 100
Max.
Units Cycles/Byte Years Volts mA
Test Method MIL-STD-883, Test Method 1033 MIL-STD-883, Test Method 1008 MIL-STD-883, Test Method 3015 JEDEC Standard 17
TDR(3) VZAP(3) ILTH(3)(4)
CAPACITANCE TA = 25C, f = 1.0 MHz Limits Symbol CIN(3) COUT(3) CVPP(3) Test Input Pin Capacitance Output Pin Capacitance VPP Supply Capacitance Min Max. 8 12 25 Units pF pF pF Conditions VIN = 0V VOUT = 0V VPP = 0V
Note: (1) The minimum DC input voltage is -0.5V. During transitions, inputs may undershoot to -2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns. (2) Output shorted for no more than one second. No more than one output shorted at a time. (3) This parameter is tested initially and after a design or process change that affects the parameter. (4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from -1V to VCC +1V.
3
Doc. No. 25072-00 2/98 F-1
CAT28F002
D.C. OPERATING CHARACTERISTICS VCC = +5V 10%, unless otherwise specified Limits Symbol ILI ILO ISB1 ISB2 IPPD ICC1 ICC2(1) ICC3(1) IPPS IPP1 IPP2(1) IPP3(1) VIL VOL VIH VOH1 VID IID ICCD ICCES IPPES IRP VOH2 Parameter Input Leakage Current Output Leakage Current VCC Standby Current CMOS VCC Standby Current TTL VPP Deep Powerdown Current VCC Active Read Current VCC Programming Current VCC Erase Current VPP Standby Current VPP Read Current VPP Programming Current VPP Erase Current Input Low Level Output Low Level Input High Level Output High Level TTL A9 Signature Voltage A9 Signature Current VCC Deep Powerdown Current VCC Erase Suspend Current VPP Erase Suspend Current RP Boot Block Unlock Current Output High Level TTL 0.85 VCC 2.0 2.4 10.8 13.2 500 1.0 10 200 500 -0.5 Min. Max. 1.0 10 100 1.5 5.0 55 50 30 10 200 200 20 15 0.8 0.45 VCC+0.5 Unit A A A mA A mA mA mA A A A mA mA V V V V V A A mA A A V IOH = -2.5mA, VCC = 4.5V A9 = VID A9 = VID RP = GND0.2V Erase Suspended CE = VIH Erase Suspended VPP=VPPH RP = VHH VCC = VCCMIN IOH = -1.5mA IOL = 5.8mA, VCC = 4.5V Test Conditions VIN = VCC or VSS VCC = 5.5V VOUT = VCC or VSS, VCC = 5.5V CE = VCC 0.2V = RP VCC = 5.5V CE = RP = VIH, VCC = 5.5V RP = GND0.2V VCC = 5.5V, CE = GND, IOUT = 0mA, f = 10 MHz VCC = 5.5V, Programming in Progress VCC = 5.5V, Erase in Progress VPP < VCC VPP > VCC VPP = VPPH VPP = VPPH, Programming in Progress VPP = VPPH, Erase in Progress
Note: (1) This parameter is tested initially and after a design or process change that affects the parameter.
Doc. No. 25072-00 2/98 F-1
4
CAT28F002
SUPPLY CHARACTERISTICS Limits Symbol VLKO VCC VPPL VPPH VHH VPPLK Parameter VCC Erase/Write Lock Voltage VCC Supply Voltage VPP During Read Operations VPP During Erase/Program RP, OE Unlock Voltage VPP Lock-Out Voltage Min 2.0 4.5 0 11.4 10.8 0 5.5 6.5 12.6 13.2 6.5 Max. Unit V V V V V V
A.C. CHARACTERISTICS, Read Operation VCC = +5V 10%, unless otherwise specified JEDEC Standard Symbol tAVAV tELQV tAVQV tGLQV tGLQX tELQX tGHQZ tEHQZ tPHQV Symbol tRC tCE tACC tOE tOH
(1)(6)
28F002-90 Parameter Read Cycle Time CE Access Time Address Access Time OE Access Time Output Hold from Address OE/CE Change 0 0 0 30 30 300 Min. Max. 90 90 90 40
28F002-12 28F002-15 Min. Max. Min. Max. Unit 120 120 120 40 0 0 0 30 30 300 0 0 0 30 30 300 150 150 150 40 ns ns ns ns ns ns ns ns ns ns
tOLZ(1)(6) OE to Output in Low-Z tLZ CE to Output in Low-Z OE High to Output High-Z CE High to Output High-Z RP High to Output Delay tDF(1)(2) tHZ(1)(2) tPWH
Figure 1. A.C. Testing Input/Output Waveform(3)(4)(5)
2.4 V INPUT PULSE LEVELS 0.45 V 0.8 V
5108 FHD F03
2.0 V REFERENCE POINTS
Figure 2. A.C. Testing Load Circuit (example)
1.3V 1N914
3.3K DEVICE UNDER TEST OUT CL = 100 pF
5108 FHD F04
CL INCLUDES JIG CAPACITANCE Note: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) Output floating (High-Z) is defined as the state where the external data line is no longer driven by the output buffer. (3) Input Rise and Fall Times (10% to 90%) < 10 ns. (4) Input Pulse Levels = 0.45V and 2.4V. (5) Input and Output Timing Reference = 0.8V and 2.0V. (6) Low-Z is defined as the state where the external data may be driven by the output buffer but may not be valid.
5
Doc. No. 25072-00 2/98 F-1
CAT28F002
A.C. CHARACTERISTICS, Program/Erase Operation VCC = +5V 10%, unless otherwise specified. JEDEC Symbol tAVAV tAVWH tWHAX tDVWH tWHDX tELWL tWHEH tWLWH tWHWL tPHWL tPHHWH tVPWH tWHQV1 tWHQV2 tWHQV3 tWHQV4 tQVVL tQVPH tPHBR(1) Standard Symbol tWC tAS tAH tDS tDH tCS tCH tWP tWPH tPS(1) Parameter Write Cycle Time Address Setup to WE Going High Address Hold Time from WE Going High Data Setup Time to WE Going High Data Hold Time from WE Going High CE Setup Time to WE Going Low CE Hold Time from WE Going High WE Pulse Width WE High Pulse Width RP to WE Going Low 28F002-90 90 50 0 40 0 0 0 50 20 215 100 100 6 0.3 0.3 0.6 0 0 100 28F002-12 120 50 0 40 0 0 0 50 20 215 100 100 6 0.3 0.3 0.6 0 0 100 28F002-15 150 50 0 40 0 0 0 50 20 215 100 100 6 0.3 0.3 0.6 0 0 100 ns ns ns ns ns ns ns ns ns ns ns ns s Sec Sec Sec ns ns ns
Min. Max. Min. Max. Min. Max. Unit
tPHS(1) RP VHH Setup to WE Going High tVPS(1) VPP Setup to WE Going High -- -- -- -- Duration of Programming Operations Duration of Erase Operations (Boot) Duration of Erase Operations (Parameter) Duration of Erase Operations (Main)
tVPH(1) VPP Hold from Valid Status Reg Data tPHH(1) RP VHH Hold from Status Reg Data -- Boot Block Relock Delay
Note: (1) This parameter is tested initially and after a design or process change that affects the parameter.
Doc. No. 25072-00 2/98 F-1
6
CAT28F002
ERASE AND PROGRAMMING PERFORMANCE 28F002-90 Parameter Boot Block Erase Time Parameter Block Erase Time Main Block Erase Time Main Block Program Time 1.0 1.0 2.4 1.2 7 7 14 4.2 28F002-12 1.0 1.0 2.4 1.2 7 7 14 4.2 28F002-15 Min. Typ. 1.0 1.0 2.4 1.2 Max. Unit 7 7 14 4.2 Sec Sec Sec Sec Min. Typ. Max. Min. Typ. Max.
FUNCTION TABLE(1) Pins Mode Read Output Disable Standby Signature (MFG) Signature (Device) Write Cycle Deep Power Down RP VIH VIH VIH VIH VIH VIH VIL CE VIL VIL VIH VIL VIL VIL X OE VIL VIH X VIL VIL VIH X WE VIH VIH X VIH VIH VIL X VPP X X X X X X X I/O DOUT High-Z High-Z 31H 7CH-28F002T 7DH-28F002B DIN HIGH-Z A0 = VIL, A9 = 12V A0 = VIH, A9 = 12V During Write Cycle Notes
WRITE COMMAND TABLE Commands are written into the command register in one or two write cycles. The command register can be altered only when VPP is high and the instruction byte is latched on the rising edge of WE. Write cycles also internally latch addresses and data required for programming and erase operations. Mode Read Array/Reset Program Setup/ Program Read Status Reg. Clear Status Reg. Erase Setup/Erase Confirm Erase Suspend/ Erase Resume Read Sig (Mfg) Read Sig (Dev) First Bus Cycle Operation Address DIN Write Write Write Write Write Write Write Write X AIN X X Block ad X X X FFH 40H 10H 70H 50H 20H B0H 90H 90H Write Write Read Read Block ad X 0000H 0001H D0H D0H 31H 7CH-28F002T 7DH-28F002B Write Read AIN X DIN St. Reg. Data Operation Second Bus Cycle Address DIN DOUT
Note: (1) Logic Levels: X = Logic `Do not care' (VIH, VIL, VPPL, VPPH)
7
Doc. No. 25072-00 2/98 F-1
CAT28F002
READ OPERATIONS
Read Mode The CAT28F002 memory can be read from any of its Blocks (Boot Block, Main Block or Parameter Block), Status Register and Signature Information by sending the Read Command Mode to the Command Register. CAT28F002 automatically resets to Read Array mode upon initial device power up or after exit from deep power down. A Read operation is performed with both CE and OE low and with RP and WE high. Vpp can be either high or low. The data retrieved from the I/O pins reflects the contents of the memory location corresponding to the state of the 18 address pins. The respective timing waveforms for the read operation are shown in Figure 3. Refer to the AC Read characteristics for specific timing parameters. Signature Mode The signature mode allows the user to identify the IC manufacturer and the type of the device while the device resides in the target system. This mode can be activated in either of two ways; through the conventional method of applying a high voltage (12V) to address pin A9 or by sending an instruction to the command register (see Write Operations). The conventional method is entered as a regular read mode by driving the CE and OE low (with WE high), and Figure 3. A.C. Timing for Read Operation
POWER UP STANDBY DEVICE AND ADDRESS SELECTION OUPUTS ENABLED DATA VALID STANDBY POWER DOWN
applying the required high voltage on address pin A9 while the other address line are held at VIL. A Read cycle from address 0000H retrieves the binary code for the IC manufacturer on outputs I/O7 to I/O0: Catalyst Code = 0011 0001 (31H) A Read cycle from address 0001H retrieves the binary code for the device on outputs I/O7 to I/O0: CAT28F002T = 0111 1100 (7CH) CAT28F002B = 0111 1101 (7DH) Standby Mode With CE at a logic-high level, the CAT28F002 is placed in a standby mode where most of the device circuitry is disabled, thereby substantially reducing power consumption. The outputs are placed in a high-impendance state independent of the OE status. Deep Power-Down When RP is at logic-low level, the CAT28F002 is placed in a Deep Power-Down mode where all the device circuitry are disabled, thereby reducing the power consumption to 0.25W.
ADDRESSES
ADDRESS STABLE tAVAV (tRC)
CE (E)
tEHQZ
OE (G)
tGHQZ (tDF)
WE (W)
tGLQX (tOLZ) tELQX (tLZ)
tGLQV (tOE) tELQV (tCE) tOH
HIGH-Z DATA (I/O)
tAVQV (tACC) tPHQV (tPWH) OUTPUT VALID
HIGH-Z
RP (P)
28F002 F05
Doc. No. 25072-00 2/98 F-1
8
CAT28F002
WRITE OPERATIONS
The following operations are initiated by observing the sequence specified in the Write Command Table. Read Array The device can be put into a Read Array Mode by initiating a write cycle with FFH on the data bus. The device is also in a standard Read Array Mode after the initial device power up and when comes out of the Deep Power-Down mode. Signature Mode An alternative method for reading device signature (see Read Operations Signature Mode), is initiated by writing the code 90H into the command register. A read cycle from address 0000H with CE and OE low (and WE high) will output the device signature. Catalyst Code = Catalyst Code = 0011 0001 (31H) A Read cycle from address 0001H retrieves the binary code for the device on outputs I/O7 to I/O0: CAT28F002T = 0111 1100 (7CH) CAT28F002B = 0111 1101 (7DH) To terminate the operations, it is necessary to write another valid command into the register. STATUS REGISTER The 28F002 contains an 8-bit Status Register. The Status Register is polled to check for write or erase completion or any related errors. The Status Register may be read at any time by issuing a Read Status Register (70H) command. All subsequent read operations output data from the Status Register, until another valid command is issued. The contents of the Status Register are latched on the falling edge of OE or CE, whichever occurs last in the read cycle. OE or CE must be toggled to VIH before further reads to update the status register latch. The Erase Status (SR.5) and Program Status (SR.4) are set to 1 by the WSM and can only be reset issuing Clear Status Register (50H) These two bits can be polled for failures, thus allowing more flexibility to the designer when using the CAT28F002. Also, VPP Status (SR.3) when set to 1 must be reset by system software before any further byte programs or block erases are attempted. ERASE SETUP/ERASE CONFIRM Erase is executed one block at a time, initiated by a two cycle command sequence. The two cycle command sequence provides added security against accidental
block erasure. During the first write cycle, a Command 20H (Erase Setup) is first written to the Command Register, followed by the Command D0H (Erase Confirm). These commands require both appropriate command data and an address within Block to be erased. Also, Block erasure can only occur when VPP= VPPH. Block preconditioning, erase and verify are all handled internally by the Write State Machine, invisible to the system. After receiving the two command erase sequence the CAT28F002 automatically outputs Status Register data when read (Fig.5). The CPU can detect the completion of the erase event by checking if the SR.7 of the Status Register is set. SR.5 will indicate whether the erase was successful. If an erase error is detected, the Status Register should be cleared. The device will be in the Status Register Read Mode until another command is issued. ERASE SUSPEND/ERASE RESUME The Erase Suspend Command allows erase sequence interruption in order to read data from another block of memory. Once the erase sequence is started, writing the Erase Suspend command (B0H) to the Command Register requests that the WSM suspend the erase sequence at a predetermined point in the erase algorithm. The CAT28F002 continues to output Status Register data when read, after the Erase Suspend command is written to it. Polling the WSM Status and Erase Suspend Status bits will determine when the erase operation has been suspended (both will be set to "1s"). The device may now be given a Read ARRAY Command, which allows any locations 'not within the block being erased' to be read. Also, you can either perform a Read Status Register or resume the Erase Operation by sending Erase Resume (D0H), at which time the WSM will continue with the erase sequence. The Erase Suspend Status and WSM Status bits of the Status Register will be cleared. PROGRAM SETUP/PROGRAM COMMANDS Programming is executed by a two-write sequence. The program Setup command (40H) is written to the Command Register, followed by a second write specifying the address and data (latched on the rising edge of WE) to be programmed. The WSM then takes over, controlling the program and verify algorithms internally. After the two-command program sequence is written to it, the CAT28F002 automatically outputs Status Register data when read (see figure 4; Byte Program Flowchart). The CPU can detect the completion of the program event by analyzing the WSM Status bit of the Status Register. Only the Read Status Register Command is valid while programming is active.
9
Doc. No. 25072-00 2/98 F-1
CAT28F002
WSMS 7
ESS 6
ES 5
PS 4
VPPS 3
R 2
R 1
R 0
SR.7 = WRITE STATE MACHINE STATUS 1 = Ready 0 = Busy SR.6 = ERASE SUSPEND STATUS 1 = Erase Suspended 0 = Erase in Progress/Completed SR.5 = ERASE STATUS 1 = Error in Block Erasure 0 = Successful Block Erase SR.4 = PROGRAM STATUS 1 = Error in Byte Program 0 = Successful Byte Program SR.3 = VPP STATUS 1 = VPP Low Detect; Operation Abort 0 = VPP Okay SR.2 -SR.0 = RESERVED FOR FUTURE ENHANCEMENTS These bits are reserved for future use and should be masked out when polling the Status Register.
NOTES: The Write State Machine Status Bit must first be checked to determine program or erase completion, before the Program or Erase Status bits are checked for success. If the Program AND Erase Status bits are set to "1s" during an erase attempt, an improper command sequence was entered. Attempt the operation again. If VPP low status is detected, the Status Register must be cleared before another program or erase operation is attempted. The VPP Status bit, unlike an A/D converter, does not provide continuous indication of VPP level. The WSM interrogates the VPP level only after the program or erase command sequences have been entered and informs the system if VPP has not been switched on. The VPP Status bit is not guaranteed to report accurate feedback between VPPL and VPPH.
When the Status Register indicates that programming is complete, the Program Status bit should be checked. If program error is detected, the Status Register should be cleared. The internal WSM verify only detects errors for "1s" that do not successfully program to "0s". The Command Register remains in Read Status Register mode until further commands are issued to it.
Erase Confirm commands, they should be written to an address within the address range of the block to be erased. Figure 5 shows a system software flowchart for block erase. The entire sequence is performed with VPP at VPPH. Abort occurs when RP transitions to VIL, or VPP drops to VPPL. Although the WSM is halted, byte data is partially programmed or Block data is partially erased at the location where it was aborted. Block erasure or a repeat of byte programming will initialize this data to a known value.
If erase/byte program is attempted while VPP = VPPL, the Status bit (SR.5/SR.4) will be set to "1". Erase/Program attempts while VPPL < VPP < VPPH produce spurious results and should not be attempted.
EMBEDDED ALGORITHMS The CAT28F002 integrates the Quick Pulse programming algorithm on-chip, using the Command Register, Status Register and Write State Machine (WSM). Onchip integration dramatically simplifies system software and provides processor-like interface timings to the Command and Status Registers. WSM operation, internal program verify, and VPP high voltage presence are monitored and reported via appropriate Status Register bits. Figure 4 shows a system software flowchart for device programming. As above, the Quick Erase algorithm is now implemented internally, including all preconditioning of block data. WSM operation, erase verify and VPP high voltage presence are monitored and reported through the Status Register. Additionally, if a command other than Erase Confirm is written to the device after Erase Setup has been written, both the Erase Status and Program Status bits will be set to "1". When issuing the Erase Setup and
Doc. No. 25072-00 2/98 F-1
BOOT BLOCK PROGRAM AND ERASE The boot block is intended to contain secure code which will minimally bring up a system and control programming and erase of other blocks of the device, if needed. Therefore, additional "lockout" protection is provided to guarantee data integrity. Boot block program and erase operations are enabled through high voltage VHH on either RP or OE, and the normal program and erase command sequences are used. Reference the AC Waveforms for Program/Erase. If boot block program or erase is attempted while RP is at VIH, either the Program Status or Erase Status bit will be set to "1", reflective of the operation being attempted and indicating boot block lock. Program/erase attempts while VIH < RP < VHH produce spurious results and should not be attempted.
10
CAT28F002
IN-SYSTEM OPERATION For on-board programming, the RP pin is the most convenient means of altering the boot block. Before issuing Program or Erase confirms commands, RP must transition to VHH. Hold RP at this high voltage throughout the program or erase interval (until after Status Register confirm of successful completion). At this time, it can return to VIH or VIL. Figure 4 Byte Programming Flowchart
START
Bus Operation Command Program Setup Comments Data = 40H Address = Bytes to be Programmed
WRITE 40H, BYTE ADDRESS
Write
WRITE BYTE ADDRESS/DATA
Write
Program
Data to be programmed Address = Byte to be Programmed
READ STATUS REGISTER
Read
Status Register Data. Toggle OE or CE to update Status Register Check SR.7 1 = Ready, 0 = Busy
SR.7 = 1? YES FULL STATUS CHECK IF DESIRED
NO
Standby Repeat for subsequent bytes.
Full Status check can be done after each byte or after a sequence of bytes.
BYTE PROGRAM COMPLETED
Write FFH after the last byte programming operation to reset the device to Read Array Mode.
FULL STATUS CHECK PROCEDURE
STATUS REGISTER DATA READ (SEE ABOVE)
Bus Operation Command Comments Check SR.3 1 = VPP Low Detect
SR.3 = 0? YES SR.4 = 0? YES BYTE PROGRAM SUCCESSFUL
NO
VPP RANGE ERROR
Standby
NO
BYTE PROGRAM ERROR
Standby
Check SR.3 1 = Byte Program Error
SR.3 MUST be cleared, if set during a program attempt, before further attempts are allowed by the Write State Machine. SR.3 is only cleared by the Clear Status Register Command, in case where multiple bytes are programmed before full status is checked. If error is detected, clear the Status Register before attempting retry or other error recovery.
11
Doc. No. 25072-00 2/98 F-1
CAT28F002
Figure 5 Block Erase Flowchart
START
Bus Operation
WRITE 20H, BLOCK ADDRESS
Command Erase Setup
Comments Data = 20H Address = Within Block to be erased
Write
WRITE D0H BLOCK ADDRESS
Write
Erase
Data - D0H Address = Within Block to be erased Status Register Data. Toggle OE or CE to update Status Register Check SR.7 1 = Ready, 0 = Busy
READ STATUS REGISTER NO SR.7 = 1? YES FULL STATUS CHECK IF DESIRED NO SUSPEND ERASE?
ERASE SUSPEND LOOP YES
Read
Standby
Repeat for subsequent blocks. Full Status check can be done after each block or after a sequence of blocks. Write FFH after the last block erase operation to reset the device to Read Array Mode.
BLOCK ERASE COMPLETED
FULL STATUS CHECK PROCEDURE
STATUS REGISTER DATA READ (SEE ABOVE)
Bus Operation
SR.3 = 0? YES SR.4,5 = 1? NO SR.5 = 0? NO BLOCK ERASE ERROR YES COMMAND SEQUENCE ERROR NO VPP RANGE ERROR
Command
Comments Check SR.3 1 = VPP Low Detect
Standby
Standby
Check SR.4 Both 1 = Command Sequence Error
Standby
Check SR.5 1 = Block Erase Error
BLOCK ERASE SUCCESSFUL
SR.3 MUST be cleared, if set during a erase attempt, before further attempts are allowed by the Write State Machine. SR.3 is only cleared by the Clear Status Register Command, in cases where multiple blocks are erased before full status is checked. If error is detected, clear the Status Register before attempting retry or other error recovery.
Doc. No. 25072-00 2/98 F-1
12
CAT28F002
Figure 6 Block Erase Suspend/Resume Flowchart
START
Bus Operation Command
Comments Data = B0H
WRITE B0H
Write Erase Suspend
WRITE 70H
Write
Erase Status Register
Data = 70H
READ STATUS REGISTER
Standby/ Ready
SR.7 = 1? YES
NO
Read Status Register Check SR.7 1 = Ready, 0 = Busy Toggle OE or CE to Update Status Register
SR.6 = 1? YES WRITE FFH
NO
Standby
ERASE HAS COMPLETED
Write Read Array
Check SR.6 1 = Suspended
Data = FFH
DONE READING? YES WRITE D0H
NO
Read Read array data from block other than that being erased.
Write
Erase Resume
Data = D0H
CONTINUE ERASE
13
Doc. No. 25072-00 2/98 F-1
CAT28F002
Figure 7. A.C. Timing for Program/Erase Operation
WRITE WRITE PROGRAM OR VALID ADDRESS & DATA (PROGRAM) AUTOMATED PROGRAM ERASE SETUP COMMAND OR ERASE DELAY OR ERASE CONFIRM COMMAND
VCC POWER-UP & STANDBY
READ STATUS REGISTER DATA
WRITE READ ARRAY COMMAND
VIH ADDRESSES (A) VIL VIH CE (E) VIL VIH OE (G) VIL VIH WE (W) VIL VIH DATA (I/O) VIL VHH 6.5V VIH VIL VPPH VPP (V) VPPL VIH VIL
28F002 F09
AIN tAVAV tAVWH
AIN tWHAX
tELWL
tWHEH
tWHGL
tWHWL
tWLWH tDVWH HIGH Z DIN tPHWL tPHHWH DIN VALID SRD tQVPH DIN tWHDX
RP (P)
tVPWH
tQVVL
POWER UP/DOWN PROTECTION
The CAT28F002 offers protection against inadvertent programming during VPP and VCC power transitions. When powering up the device there is no power-on sequencing necessary. In other words, VPP and VCC may power up in any order. Additionally VPP may be hardwired to VPPH independent of the state of VCC and any power up/down cycling. The internal command register of the CAT28F002 is reset to the Read Mode on power up.
POWER SUPPLY DECOUPLING
To reduce the effect of transient power supply voltage spikes, it is good practice to use a 0.1F ceramic capacitor between VCC and VSS and VPP and VSS. These high-frequency capacitors should be placed as close as possible to the device for optimum decoupling.
Doc. No. 25072-00 2/98 F-1
14
CAT28F002
ALTERNATE CE-CONTROLLED WRITES VCC = +5V 10%, unless otherwise specified JEDEC Symbol tAVAV tAVEH tEHAX tDVEH tEHDX tWLEL tEHWH tELEH tEHEL tPHEL tPHHEH tVPEH tEHQV1 tEHQV2 tEHQV3 tEHQV4 tQVVL tQVPH tPHBR(1) Standard Symbol tWC tAS tAH tDS tDH tWS tWH tCP tEPH tPS(1) Parameter Write Cycle Time Address Setup to CE Going High Address Hold Time from CE Going High Data Setup Time to CE Going High Data Hold Time from CE Going High WE Setup Time to CE Going Low WE Hold Time from CE Going High CE Pulse Width CE Pulse Width High RP High Recovery to CE Going Low 28F002-90 90 50 0 40 0 0 0 50 30 215 100 100 6 0.3 0.3 0.6 0 0 100 28F002-12 120 50 0 40 0 0 0 50 30 215 100 100 6 0.3 0.3 0.6 0 0 100 28F002-15 150 50 0 40 0 0 0 50 30 215 100 100 6 0.3 0.3 0.6 0 0 100 ns ns ns ns ns ns ns ns ns ns ns ns s Sec Sec Sec ns ns ns
Min. Max. Min. Max. Min. Max. Unit
tPHS(1) RP VHH Setup to CE Going High tVPS(1) VPP Setup to CE Going High -- -- -- -- Duration of Programming Operations Duration of Erase Operations (Boot) Duration of Erase Operations (Parameter) Duration of Erase Operations (Main)
tVPH(1) VPP Hold from Valid Status Reg Data tPHH(1) RP VHH Hold from Status Reg Data -- Boot Block Relock Delay
Note: (1) This parameter is tested initially and after a design or process change that affects the parameter.
15
Doc. No. 25072-00 2/98 F-1
CAT28F002
ORDERING INFORMATION
Prefix CAT Device # 28F002 Suffix T I -12 B T
Optional Company ID
Product Number
Temperature Range Blank = Commercial (0 to 70C) I = Industrial (-40 to 85C) A = Automotive (-40 to 105C)*
Boot Block B: Bottom T: Top Speed 90: 90 ns 12: 120 ns 15: 150 ns
Tape & Reel T: 500/Reel
Package T: 40-pin TSOP P: 40-pin PDIP * -40 to +125C is available upon request
28F002 F13
Note: (1) The device used in the above example is a CAT28F002TI-12BT (TSOP, Industrial Temperature, 120ns access time, Bottom Boot Block, Tape & Reel)
Doc. No. 25072-00 2/98 F-1
16


▲Up To Search▲   

 
Price & Availability of CAT28F002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X