Part Number Hot Search : 
CRA04S MAX168 780208 LB1950 A41181 8108A VAL1Z 3DMXX
Product Description
Full Text Search
 

To Download BU4066BC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard ICs
Quad analog switch
BU4066BC / BU4066BCF / BU4066BCFV
The BU4066BC, BU4066BCF, and BU4066BCFV each consist of four independent switches capable of controlling either digital or analog signals. When Enable Input (CONT) is set to the "H" level, impedance is low (ON status) between switch input and output, and when Enable Input (CONT) is set to the "L" level, impedance is high (OFF status). As the BU4066BC has a good propagation characteristic, it can control large input voltage amplitudes. These switches can be used in analog and digital signal switching and in chopper modulator and demodulator circuits.
*Block diagram
I / O1 O / I1 O / I2 I / O2 C2 C3 Vss 1 2 3 4 5 6 7
IN / OUT OUT / IN SWB OUT / IN IN / OUT SWA
14 13 12 11 10 9 8
VDD C1 C4 I / O4 O / I4 O / I3 I / O3
SWD OUT / IN IN / OUT
SWC IN / OUT OUT / IN
DIP / SOP / SSOP
*Logic circuit diagram
VDD IN / OUT OUT / IN VDD VDD
CONT
VSS
1
Standard ICs
BU4066BC / BU4066BCF / BU4066BCFV
*Absolute maximum ratings (Ta = 25C)
Parameter Power supply voltage Power dissipation Operating temperature Storage temperature Input voltage Symbol VDD Pd Topr Tstg VIN Limits - 0.5 ~ + 20 1000 (DIP) , 450 (SOP) 350 (SSOP) - 40 ~ + 85 - 55 ~ + 150 - 0.5 ~ VDD + 0.5 Unit V mW C C V
*Electrical characteristics otherwise noted, Ta = 25C, VSS = 0V) DC characteristics (unless
Parameter Symbol Min. 3.5 Input high-level voltage VIH 7.0 11.0 -- Input low-level voltage VIL -- -- Input high-level current Input low-level current IIH IIL -- -- -- -- ON resistance RON -- -- -- -- ON resistance deflexion RON -- -- OFF-channel leakage current IOFF -- -- -- Static current dissipation IDD -- -- Input capacitance (control input) Input capacitance (switch input) CC CS -- -- Typ. -- -- -- -- -- -- -- -- 150 500 200 230 180 25 10 5 -- -- -- -- -- 8 10 Max. -- -- -- 1.5 3.0 3.75 0.3 - 0.3 600 950 600 500 280 -- -- -- 0.3 - 0.3 1.0 2.0 4.0 -- -- pF pF A A A A V V Unit VDD (V) 5 10 15 5 10 15 15 15 5 5 5 10 15 5 10 15 15 15 5 10 15 -- -- f = 1MHz f = 1MHz -- -- VI = VDD or GND -- VIN = 15V, VOUT = 0V VIN = 0V, VOUT = 15V Fig. 1 VI = VDD / 2 RL = 10k Fig. 1 VIH = 15V VIL = 0V VIN = 0.25V, RL = 10k VIN = 2.5V, RL = 10k VIN = 5V, VIN = 5V, RL = 10k RL = 10k Fig. 1 Fig. 1 Fig. 1 -- Fig. 1 -- Fig. 1 Conditions Measurement circuit
VIN = 7.5V, RL = 10k
2
Standard ICs
BU4066BC / BU4066BCF / BU4066BCFV
characteristics *Electricalcharacteristics (unless otherwise noted, Ta = 25C, CL = 50pF) Switching
Parameter Symbol Min. -- Propagation delay time SW INOUT tPLH tPHL -- -- -- Propagation delay time CONTOUT tPHZ tPLZ -- -- -- Propagation delay time CONTOUT Feedthrough attenuation Sine wave distortion Crosstalk (CONTOUT) Crosstalk (2) between channels tPZH tPZL FT D CTC -- -- -- -- -- Typ. 20 12 10 40 35 30 60 20 15 0.7 0.1 -- Max. 50 40 30 90 80 70 140 50 40 -- -- 600 MHz % mVP-P ns ns ns Unit Conditions Measurement circuit
VDD (V) 5 10 15 5 10 15 5 10 15 5 5 5
RL = 10k
Fig.2
Output "H", "L" "High-Z" RL = 1k Output "High -Z" "H", "L" RL = 1k VSS = - 5V, RL = 10k 1 VSS = - 5V, RL = 10k2 VSS = - 5V, RL = 10k f = 1MHz VSS = - 5V, RL = 10k 1
Fig.2
Fig.2
Fig.2 Fig.2 Fig.2
CT
--
1
--
MHz
5
Fig.2
1 2
VIN : 5VP-P sine wave, frequency that enables VIN : 5VP-P sine wave.
VOUT - 50dB at channel off. VIN
*Measurement circuits
VDD VDD I/O O/I VOUT VIN = CONT RL 1 VDD 2 CONT I/O O/I VOUT RON = 10 RL = 10k VIN - 1 VOUT k CONT A I/O O/I
VDD
IIN A
GND
GND
GND
Fig. 1 (a) Input voltage, current
Fig. 1 (b) On resistance
Fig. 1 (c) Channel off leakage current
3
Standard ICs
BU4066BC / BU4066BCF / BU4066BCFV
VDD
VDD RL CL
I/O O/I
I/O O/I
P.G. VDD
RL CONT
CL CONT P.G.
GND I/O O/I
GND
RL CONT
CL
50%
50%
50%
50%
90% P.G. GND tPHZ tPZH 50% 10% tPLZ tPZL 50%
Fig. 2 (a) Propagation delay time (IN to OUT) Fig. 2 (b) Propagation delay time (CONT to OUT)
Fig. 2 (c) Propagation delay time (CONT to OUT)
VDD = 5V VDD = 5V
I/O O/I 5VP-P
~
RL CONT
CL
OSC
CL
~
RL GND RL CL
RL
~
GND
V
VSS = - 5V
VSS = - 5V
Fig. 2 (d) Sine wave distortion, feedthrough attenuation
Fig. 2 (e) Crosstalk
VDD = 5V
I/O O/I RL 1k CONT CL GND
~
5VP-P VSS = - 5V
Fig. 2 (f) Control INOUT crosstalk
4
Standard ICs
BU4066BC / BU4066BCF / BU4066BCFV
*Electrical characteristic curve
1200 1000 800 POWER DISSIPATION: Pd (mW) DIP - 14
600 SOP - 14 400 SSOP - B14
200 0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE: Ta (C)
Fig. 3 Power dissipation vs. ambient temperature
*External dimensions (Units: mm)
BU4066BC
19.4 0.3 14 8 6.5 0.3 14 6.2 0.3 4.4 0.2
BU4066BCF
8.7 0.2 8
1 0.51Min. 4.25 0.3
7 7.62
1.5 0.1
1
7
0.3 0.1
0.11
1.27
0.4 0.1
0.3Min. 0.15
3.2 0.2
2.54
0.5 0.1
0 ~ 15
DIP14
SOP14
BU4066BCFV
5.0 0.2 14 6.4 0.3 4.4 0.2 8
1.15 0.1
1 0.1
7
0.65
0.22 0.1
0.3Min. 0.1
SSOP-B14
0.15 0.1
0.15 0.1
5


▲Up To Search▲   

 
Price & Availability of BU4066BC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X