Part Number Hot Search : 
00102 HI5746 LC230WX3 063AB LM7906 NTE3054 00102 MB05ST05
Product Description
Full Text Search
 

To Download BSS138W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSS138W
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR Features
* * * * * * * * * * * * Low On-Resistance Low Gate Threshold Voltage Low Input Capacitance Fast Switching Speed
G G H K M A D
SOT-323 Dim
BC S
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
A B C D E G H J K L M
Mechanical Data
Case: SOT-323, Molded Plastic Case Material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking Code (See Page 2): K38 Ordering & Date Code Information: See Page 2 Weight: 0.006 grams (approx.)
0.65 Nominal
J
D
Drain
E
L
Gate
a
Source
All Dimensions in mm
Maximum Ratings
Drain-Source Voltage Drain-Gate Voltage (Note 1) Gate-Source Voltage Drain Current (Note 2)
@ TA = 25C unless otherwise specified Symbol VDSS VDGR Continuous Continuous VGSS ID Pd RqJA Tj, TSTG BSS138W 50 50 20 200 200 625 -55 to +150 Units V V V mA mW C/W C
Characteristic
Total Power Dissipation (Note 2) Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 3) Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage ON CHARACTERISTICS (Note 3) Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING CHARACTERISTICS Turn-On Delay Time Turn-Off Delay Time
@ TA = 25C unless otherwise specified Symbol BVDSS IDSS IGSS VGS(th) RDS (ON) gFS Ciss Coss Crss tD(ON) tD(OFF) Min 50 3/4 3/4 0.5 3/4 100 3/4 3/4 3/4 3/4 3/4 Typ 75 3/4 3/4 1.2 1.4 3/4 3/4 3/4 3/4 3/4 3/4 Max 3/4 0.5 100 1.5 3.5 3/4 50 25 8.0 20 20 Unit V A nA V W mS pF pF pF ns ns VDD = 30V, ID = 0.2A, RGEN = 50W VDS = 10V, VGS = 0V f = 1.0MHz Test Condition VGS = 0V, ID = 250mA VDS = 50V, VGS = 0V VGS = 20V, VDS = 0V VDS = VGS, ID = -250mA VGS = 10V, ID = 0.22A VDS =25V, ID = 0.2A, f = 1.0KHz
Note: 1. RGS 20KW. 2. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 3. Short duration test pulse used to minimize self-heating effect.
DS30206 Rev. 3 - 2
1 of 5 www.diodes.com
BSS138W
Ordering Information (Note 4)
Device BSS138W-7 Notes: Packaging SOT-323 Shipping 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K38 = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
K38
Date Code Key Year Code Month Code 1998 J Jan 1 1999 K Feb 2 0.6
Tj = 25C
2000 L March 3
2001 M Apr 4
YM
2002 N May 5
2003 P Jun 6
2004 R Jul 7
2005 S Aug 8
VGS = 3.5V
2006 T Sep 9
2007 U Oct O
2008 V Nov N
2009 W Dec D
ID, DRAIN-SOURCE CURRENT (A)
0.5
VGS = 3.25V
0.4
VGS = 3.0V
0.3
VGS = 2.75V
0.2
VGS = 2.5V
0.1
0 0
1 2 3 4 5 6 7 8 9
10
VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 1 Drain-Source Current vs. Drain-Source Voltage
0.8 ID, DRAIN-SOURCE CURRENT (A) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 VGS, GATE-SOURCE VOLTAGE (V) Fig. 2 Transfer Characteristics
VDS = 1V -55C
25C 150C
DS30206 Rev. 3 - 2
2 of 5 www.diodes.com
BSS138W
RDS(ON), NORMALIZED DRAIN-SOURCE ON RESISTANCE (W)
2.45 2.25 2.05 1.85 1.65 1.45 1.25 1.05 0.85 0.65 -55 -5 45 95 145
VGS = 4.5V ID = 0.075A VGS = 10V ID = 0.5A
Tj, JUNCTION TEMPERATURE (C) Fig. 3 Drain-Source On Resistance vs. Junction Temperature
2 VGS(th), GATE THRESHOLD VOLTAGE (V) 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 -55 -40 -25 -10 5
20 35 50 65 80 95 110 125 140
ID = 1.0mA
Tj, JUNCTION TEMPERATURE (C) Fig. 4 Gate Threshold Voltage vs. Junction Temperature
RDS(ON), DRAIN-SOURCE ON RESISTANCE (W)
8 7 6 5 4 3
-55C 25C VGS = 2.5V 150C
2 1 0 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 ID, DRAIN CURRENT (A) Fig. 5 Drain-Source On Resistance vs. Drain Current
DS30206 Rev. 3 - 2
3 of 5 www.diodes.com
BSS138W
9 8 7 6 5 4 3 2 1 0 0 0.05 0.1 0.15 0.2 0.25 ID, DRAIN CURRENT (A) Fig. 6 Drain-Source On Resistance vs. Drain Current
6
VGS = 4.5V
VGS = 2.75V
150C
25C
-55C
5
150C
4
3
2
25C
1
-55C
0 0
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45
0.5
VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 7 Drain-Source On Resistance vs. Drain Current
3.5
VGS = 10V
3
150C
2.5 2
1.5 1
25C
-55C
0.5
0 0
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45
0.5
ID, DRAIN CURRENT (A) Fig. 8 Drain-Source On Resistance vs. Drain Current
DS30206 Rev. 3 - 2
4 of 5 www.diodes.com
BSS138W
1
ID, DIODE CURRENT (A)
0.1
150C
-55C
0.01
25C
0.001 0 0.2 0.4 0.6 0.8 1 1.2 VSD, DIODE FORWARD VOLTAGE (V) Fig. 9 Body Diode Current vs. Body Diode Voltage
100
VGS = 0V f = 1MHz
C, CAPACITANCE (pF)
CiSS
10
COSS
CrSS
1 0 5 10 15 20 25 30 VDS, DRAIN SOURCE VOLTAGE (V) Fig. 10 Capacitance vs. Drain Source Voltage
DS30206 Rev. 3 - 2
5 of 5 www.diodes.com
BSS138W


▲Up To Search▲   

 
Price & Availability of BSS138W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X