Part Number Hot Search : 
HFC0310 2SB819 T2N2222A FR301 ATU18600 2SB819 5318S21 BR351
Product Description
Full Text Search
 

To Download BFS17S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFS 17S
NPN Silicon RF Transistor * For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA
Tape loading orientation
Type BFS 17S
Marking Ordering Code MCs Q62702-F1645
Pin Configuration
Package
1/4=B1/B2 2/5=E1/E2 3/6=C2/C1 SOT-363
Maximum Ratings of any single Transistor Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Symbol Values 15 25 2.5 25 50 mA Unit V
VCEO VCBO VEBO IC ICM Ptot
f 10 MHz
Total power dissipation
mW 280 150 - 65 + 150 - 65 ... + 150 240 C
TS 83 C
Junction temperature Ambient temperature Storage temperature Thermal Resistance Junction - soldering point
1)
Tj TA Tstg RthJS
K/W
1) Package mounted on aluminia 15 mm x 16,7 mm x 0,7 mm
Semiconductor Group
1
Dec-18-1996
BFS 17S
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. DC Characteristics of any single Transistor Collector-emitter breakdown voltage Values typ. max. Unit
V(BR)CEO
15 70 0.1 -
V A 0.05 10 100 20 20 150 V 0.4
IC = 1 mA, IB = 0
Collector-base cutoff current
ICBO
VCB = 10 V, IE = 0 VCB = 25 V, IE = 0
Emitter-base cutoff current
IEBO
-
VEB = 2.5 V, IC = 0
DC current gain
hFE
IC = 2 mA, VCE = 1 V IC = 25 mA, VCE = 1 V
Collector-emitter saturation voltage
VCEsat
IC = 10 mA, IB = 1 mA
Semiconductor Group
2
Dec-18-1996
BFS 17S
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. AC Characteristics of any single Transistor Transition frequency Values typ. max. Unit
fT
1 1.3 1.4 2.5 0.55 0.13 1.45 -
GHz
IC = 2 mA, VCE = 5 V, f = 200 MHz IC = 25 mA, VCE = 5 V, f = 200 MHz
Collector-base capacitance
Ccb
0.8 1.5
pF
VCB = 5 V, f = 1 MHz
Collector-emitter capacitance
Cce
-
VCE = 5 V, f = 1 MHz
Input capacitance
Cibo
-
VEB = 0.5 V, IC = 0 , f = 1 MHz
Output capacitance
Cobs
-
VCE = 5 V, VBE = vbe = 0 , f = 1 MHz
Noise figure
F
|S21e|2 18 12 3.5 5
dB
IC = 2 mA, VCE = 5 V, f = 800 MHz ZS = 0
Transducer gain
IC = 8 mA, VCE = 8 V, ZS =ZL= 50 f = 900 MHz f = 1.75 GHz
Linear output voltage
V01=V02
100 -
mV
IC = 14 mA, VCE = 5 V, dim = 60 dB f1 = 806 MHz, f2 = 810 MHz, ZS =ZL= 50
Third order intercept point
IP3
23 -
dBm
IC = 200 mA, VCE = 8 V, f = 900 MHz ZS =ZL= 50
Semiconductor Group
3
Dec-18-1996
BFS 17S
Total power dissipation Ptot = f (TA*, TS)
* Package mounted on epoxy
300
mW
Ptot
200
TS
150
TA
100
50
0 0 20 40 60 80 100 120 C 150 TA ,TS
Permissible Pulse Load RthJS = f (tp)
Permissible Pulse Load Ptotmax/PtotDC = f (tp)
10 3
10 3
K/W -
RthJS
10 2
Ptotmax/PtotDC
10 2 D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1 0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
10 0
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
Semiconductor Group
4
Dec-18-1996
BFS 17S
Collector-base capacitance Ccb = f (VCB) VBE = vbe = 0, f = 1MHz
Transition frequency fT = f (IC)
VCE = Parameter
1.3 pF 1.1
3.0
GHz
Ccb
1.0 0.9 0.8 0.7
fT
2.0
10V 5V 3V
2V 1.5
0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 4 8 12 16 20 V 26 V CB 0.5 1V 0.7V 0.0 0 5 10 15 20 mA IC 30 1.0
Semiconductor Group
5
Dec-18-1996


▲Up To Search▲   

 
Price & Availability of BFS17S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X