Part Number Hot Search : 
GA101 APT15 IRF73 2SD343 560MA 2SD343 D203I N5819
Product Description
Full Text Search
 

To Download BAS40-07W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS 40-07W
Silicon Schottky Diode Preliminary data * General-purpose diode for high-speed switching * Circuit protection * Voltage clamping * High-level detecting and mixing * Available with CECC quality assessment
3 4
2 1
VPS05605
BAS 40-07W
Type BAS 40-07W
Marking Ordering Code 47s Q62702-
Pin Configuration 1=C1 2=C2 3=A2 4=A1
Package SOT-343
Maximum Ratings Parameter Diode reverse voltage Forward current Surge forward current, t 10ms Total power dissipation, T S 81C Junction temperature Operating temperature range Storage temperature Symbol Value 40 120 200 250 150 - 55 ...+150 - 55 ...+150 mW C Unit V mA
VR IF I FSM Ptot Tj T op T stg
Maximum Ratings Junction - ambient
1)
RthJA RthJS
345 275
K/W
Junction - soldering point
1) Package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 6cm 2 Cu Semiconductor Group Semiconductor Group 11
Sep-09-1998 1998-11-01
BAS 40-07W
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter DC characteristics Breakdown voltage Symbol min. Values typ. max. V A 310 450 720 1 10 mV 380 500 1000 Unit
V(BR) IR
40
I (BR) = 10 A
Reverse current
VR = 30 V VR = 40 V
Forward voltage
VF
I F = 1 mA I F = 10 mA I F = 40 mA
AC characteristics Diode capacitance
CT
-
4 10
5 100 -
pF ps
VR = 0 V, f = 1 MHz
Charge carrier life time
I F = 25 mA
Differential forward resistance
rf
I F = 10 mA, f = 10 kHz
Semiconductor Group Semiconductor Group
22
Sep-09-1998 1998-11-01
BAS 40-07W
Forward current IF = f V F)
Reverse current IR = f (VR)
T A = 25C
TA = Parameter
Diode capacitance CT = f (V R) f = 1MHz
Differential forward resistance rf = f (IF) f = 10 kHz
Semiconductor Group Semiconductor Group
33
Sep-09-1998 1998-11-01
BAS 40-07W
Forward current IF = f (TA*; T S) * Package mounted on alumina
Semiconductor Group Semiconductor Group
44
Sep-09-1998 1998-11-01


▲Up To Search▲   

 
Price & Availability of BAS40-07W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X