|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VISHAY BAS40-02V Vishay Semiconductors Schottky Diode in SOD-523 Features * These diodes feature very low turn-on voltage and fast switching. * These devices are protected by a PN junction guard ring against excessive voltage, such as electrostatic discharges. * Space saving SOD-523 package 1 1 2 2 18554 Mechanical Data Case: SOD-523 Plastic Package Molding Compound Flammability Rating: UL 94 V-0 Terminals: High temperature soldering guaranteed: 260 C/10 sec. at terminals Weight: approx. 1.6 mg Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 3 k per 7" reel (8 mm tape), 15 k/box Parts Table Part BAS40-02V Ordering code BAS40-02V-GS18 or BAS40-02V-GS08 W Marking Remarks Tape and Reel Absolute Maximum Ratings Tamb = 25 C, unless otherwise specified Parameter Repetitive peak reverse voltage Forward continuous current Surge forward current Power dissipation Tamb = 25 C tp < 1 s, Tamb = 25 C Tamb = 25 C Test condition Symbol VRRM IF IFSM Ptot Value 40 200 600 200 Unit V mA mA mW Thermal Characteristics Tamb = 25 C, unless otherwise specified Parameter Junction soldering point Junction temperature Storage temperature range Test condition Symbol RthJS Tj TS Value 100 125 - 55 to +125 Unit K/W C C Document Number 85651 Rev. 1.2, 26-Apr-04 www.vishay.com 1 BAS40-02V Vishay Semiconductors Electrical Characteristics Tamb = 25 C, unless otherwise specified Parameter Reverse breakdown voltage Leakage current Forward voltage Test condition IR = 10 A (pulsed) Pulse test VR = 30 V, tp < 300 s Pulse test tp < 300 s, IF = 1.0 mA Pulse test tp < 300 s, IF = 40 mA, Diode capacitance Reverse recovery time VR = 0 V, f = 1 MHz IF = 10 mA, IR = 10 mA, Irr = 1 mA, RL = 100 Symbol V(BR) IR VF VF Ctot trr 4.0 Min 40 20 100 380 1000 5 5 Typ. Max VISHAY Unit V nA mV mV pF ns Package Dimensions in mm (Inches) 0.15 (0.006) 1.6 (0.062) 0.8 (0.031) 0.3 (0.012) 0.15 A A ISO Method E 1.2 (0.047) 0.6 (0.023) 16864 www.vishay.com 2 Document Number 85651 Rev. 1.2, 26-Apr-04 VISHAY Ozone Depleting Substances Policy Statement It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. BAS40-02V Vishay Semiconductors 2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423 Document Number 85651 Rev. 1.2, 26-Apr-04 www.vishay.com 3 |
Price & Availability of BAS40-02V |