Part Number Hot Search : 
25X10 42PJ350 CA258A 18F66 PC1188 LF90CPT SMD2440 226X0025
Product Description
Full Text Search
 

To Download BA7755 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Video ICs
High-voltage audio head selection switch
BA7755A / BA7755AF
The standard audio circuits of video cassette recorders and the recording circuits of tape decks use AC bias recording to record the audio signal onto the tape. This bias voltage is some tens of volts, and a high-capacity bias-side switch is required to electronically switch the head when in playback or record mode. The BA7755A and BA7755AF are high-voltage switching ICs designed to switch voltages as high as 65VDC or AC120VP-P (f = 70Hz). Two control systems, one for current control, and one for voltage control are provided, so the ICs can be used in circuits that employ either method. By combining the BA7755A or BA7755AF with the BA7751ALS recording / playback amplifier, it is possible to construct a compact recording / playback audio circuit. In addition, the BA7755A and BA7755AF are an excellent choice for a wide variety of other high-voltage switching applications.
*Applications recorders and tape decks Video cassette *Features 1) High withstanding voltage ( 65VDC (Min.),
AC120VP-P (Min.), f = 70Hz). 2) Circuits for either current control or voltage control are provided on the chip. 3) Compact SIP 5pin or SOP 8pin package.
*Block diagram
BA7755A
1 VCC
2 SW
3
4
5
GND CTRL2 CTRL1
BA7755AF
CTRL1
8 7 6 5
N.C.
N.C.
N.C.
1
2
3
4
VCC HEAD GND CTRL2 SWITCH
1
Video ICs
BA7755A / BA7755AF
*Absolute maximum ratings (Ta = 25C)
Parameter Power supply voltage Power dissipation Operating temperature Storage temperature Breakdown voltage of switch (pin 2) Symbol VCC Pd Topr Tstg BVCC2 Limits 15 4001 - 10 ~ + 65 - 55 ~ + 125 65 Unit V mW C C V
Reduced by 4mW for each increase in Ta of 1C over 25C.
*Recommended operating conditions (Ta = 25C)
Parameter Operating voltage Symbol VCC Min. 4 Typ. 9 Max. 13 Unit V
*Electrical characteristics (unless otherwise noted, Ta = 25C and VCC = 9V)
Parameter Supply current Supply current Switch-on resistance Switch leakage current Switch AC breakdown voltage Switch offset voltage CTRL1 SW ON control current CTRL1 SW OFF control current CTRL2 threshold voltage CTRL2 input resistance Symbol ICC1 ICC2 RON ILOFF BVAC VOS ICTRL1 (ON) ICTRL1 (OFF) VTH1 RCTRL2 Min. -- 2.4 -- -- 120 -- 50 -- 1.70 21.0 Typ. 0 3.9 8.0 0 160 4.3 -- -- 2.15 31.0 Max. 10 5.6 15.0 10 -- 15.0 -- 1 2.60 42.0 Unit A mA A VP-P mV A A V k Conditions Pin4 "L" or "OPEN" Pin5 "OPEN" Pin 4 "L" or "OPEN" Pin 5 control current: 200A Pin 4 "L" or "OPEN" Pin 5 control current: 200A Pin 4 "H", or "OPEN", or "L" Pin 5 "OPEN", pin 2 applied voltage 65V f = 70kHz Pin 4 "L" or "OPEN" Pin 5 control current: 200A -- -- -- --
2
Video ICs
BA7755A / BA7755AF
*Switch control methods 5 (1) Control with pins 4 and
SW1 BA7755A
1 2 3 4 5
SW2 OFF ON OFF ON
Between pins 2 and 3 High impedance Low impedance High impedance High impedance
OFF
Head
SW1 5V
SW2
ON
VCC
R
R
Fig. 1
VCC - 1.4 [V] 200 [A]
-10 [k] 28k
When VCC = 9V (approx) R
(2) Control with pin 4 only
SW1 OFF
1 2 3 4 5
BA7755A
Between pins 2 and 3 Low impedance High impedance
ON
R
Head
SW1 5V
VCC
Fig. 2
(3) When used with the BA7751ALS
BA7755A
1 2 3 4 5
REC / EEE EE (L) REC (H)
Between pins 2 and 3 Low impedance High impedance
Head VCC 17
BA7751ALS
20
REC / EE
Fig. 3
3
Video ICs
BA7755A / BA7755AF
*Application example
VCC LINE IN
R10 22k
CTRL VCC LINE OUT
C15 4.7 / 25V R12 10k
PB EE
4.7 / 25V 68k 4.7 / 25V
REC EE
R16 68k
EP SP
MUTE ON MUTE OFF
R6
+
100 / 16V
C7
5.6 k
C10
C9 4.7 / 25V R7 56k C12 33 / 16V
C6
47 / 16V
+
1000p
+
R8 10k
+
R13 +
+
+
C16
2
4
6
8
10 BIAS
12
14
16
18
C18
20
22
24
BUFF. BIAS
BA7751ALS
SW1
ALC DET. ALC VR. R SW2 LINE 40dB
SW5
- 26dB
SW4 SW3 REC SW8
P PB SW7 C3 1000p 1 4.7 / 25V C5 33 / 16V C1
C17 10 / 16V R14 47k
C13 22 / 16V
C14 47 / 16V
R9 1M
VR1 C8 10k 10 / 16V
C19 2.7k 4.7 / 25V
R1 47 C2 1000p
+
C4 0.01 220
+
+
3.9mH 470
L1 R19 C21 0.047
+
+
R4
PB IN REC OUT
VR2
AC BIAS
BA7755A
1 2 3 4 5 R / P HEAD
Note: R13, C16, R16 and C18 prevent switching noise. These are not required if external muting or some other method is used to eliminate switching noise.
Fig.4
*External dimensions (Units: mm)
BA7755A BA7755AF
5.0 0.2
11.8 0.2 4.9 0.2 2.4 0.2
8 6.2 0.3 4.4 0.2
5
9.6 0.5
1.2
0.033
0.15 0.1
3.5 0.5
2.54
0.6
0.6 0.8 1.3
0.3 0.1
1.5 0.1
1
5
1
4
0.11
1.27
0.4 0.1
0.3Min. 0.15
SIP5
SOP8
4
C20
3 5 7 R2 R3 R5 18k 330k 12k
9
11
+
13
15
17
19
21
23
R15 51k


▲Up To Search▲   

 
Price & Availability of BA7755

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X