Part Number Hot Search : 
DS016 TA1281F AZP9212 IC16C58 IRFP150A 8097JF 03515 BLF245B
Product Description
Full Text Search
 

To Download BA6392FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical disc ICs
4-channel BTL driver for CD players
BA6392FP
The BA6392FP is a 4-channel BTL driver for CD player motors and actuators. It has an internal primary filter, and can be directly connected (without attached components) to the servo PWM output of all drivers other than the spindle driver. The BA6392FP is pin compatible with the BA6297AFP.
FApplications CD players, CD-ROM drives
FFeatures 1) HSOP 28-pin package allows for miniaturization of applications. 2) PWM input is filtered by the internal primary filter, eliminating the need for attached resistors and capacitors, thereby helping reduce the number of components. Resistor and capacitor time constants can also be changed with attached components.
3) Internal thermal shutdown circuit. 4) Internal mute circuit.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)
324
Optical disc ICs
FBlock diagram
BA6392FP
325
Optical disc ICs
FPin descriptions
BA6392FP
326
Optical disc ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 8V, f = 1kHz, RL = 8)
BA6392FP
327
Optical disc ICs
FInput / output circuits
BA6392FP
FCircuit operation (1) Fig. 3 shows the inputs from the digital servo IC for CH1-CH3 drivers (all drivers except the spindle). SW1 is on when the forward input signal (HIGH level, over 2.4V) is present. SW2 is on when the reverse input signal is present (Fig. 2) The constant current (I1) at this time enters the RC and generates an integral waveform based on the duty of the input waveform. The BTL is output from BUF1 and BUF2 (Fig. 4).
To maintain the HIGH level with forward (or reverse) input, the DC voltage generated at point A is : I1 R 2.5V (reverse : *2.5V) This is the voltage generated relative VREF. The setting is such that a voltage differential of 5V is generated between output pins. The time constant is : R C = 2.4sec
328
Optical disc ICs
This can be increased by inserting a capacitor between point A (pins 3, 11 and 18) and VREF. The constant current (Iconst) given in the electrical characteristics refers to I1 and I2 in Fig. 2.
BA6392FP
FOperation notes (1) The BA6392FP has an internal thermal shutdown circuit. Output current is muted when the chip temperature exceeds 180_C (typically). (2) The output current can also be muted by lowering the mute pin (pin 15) voltage below 0.5V. (3) All four driver output channels are muted during thermal shutdown, muting and a drop in bias pin voltage. No other components are muted.
(2) CH4 driver (spindle driver) Pins 23 and 25 are shorted inside the IC. Bias amplitudes are the primary type of inputs assumed. The level shift circuit converts the pre-stage amplifier output (centered on the bias level and impressed on pins 23 and 25) to positive and negative amplitudes centered on VREF. The level shift circuit's output is BTL-output from the buffer amplifier. Because of the high input impedance, the IC is designed to accommodate a filter comprising attached resistors and capacitors. (Example) For secondary filters
329
Optical disc ICs
FElectrical characteristics curves
BA6392FP
330
Optical disc ICs
FExternal dimensions (Units: mm)
BA6392FP
331


▲Up To Search▲   

 
Price & Availability of BA6392FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X