Part Number Hot Search : 
1N415 2SC17 TC5020BP 02N03 1A101 SGM6130 XXXZFZ DG444DJ
Product Description
Full Text Search
 

To Download BA6161 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Regulator ICs
Switching regulator for electronic tuning
BA6161N / BA6161F
The BA6161N and BA6161F are switching regulators that contain a temperature compensation circuit. They can be used for electronic tuning DC-DC converters. FApplications Electronic tuners in televisions and other electronic equipment that requires high voltage (30X45V). FFeatures 1) Output changes are small against input voltage variations. 2) Temperature compensation circuit provides stable output. FBlock diagram
3) Reduced number of attached parts.
FPin descriptions
261
Regulator ICs
FAbsolute maximum ratings (Ta = 25_C)
BA6161N / BA6161F
FElectrical characteristics (unless otherwise noted, Ta = 25_C and Vin = 9.0V)
FMeasurement circuit
262
Regulator ICs
FCircuit operation A zener diode on the feedback pin provides reference voltage and compensates for temperature changes. Feedback current is fed from the zener diode to the oscillator.
BA6161N / BA6161F
Blocking oscillation is provided by connecting the external coil L between the oscillator drive pin and the VIN pin. The potential at the oscillator drive pin can be raised by using this oscillation. The output voltage is constant because the feedback current is always supplied to the oscillation circuit.
FApplication example
FOperation notes (1) When an output voltage greater than the reference output voltage (33.3V) is required, use a variable resistor (Murata RVG6P02-104M or equivalent product) with good temperature characteristics as shown in the application circuit. Make sure, however, that the voltage of the oscillator drive pin does not exceed 42V. (2) The coil to be connected between pins 2 and 3 should have the lowest possible DC resistance (under 10) and an inductance of 4.7mH (Sumida Electronics RC095-472K or equivalent product).
263
Regulator ICs
FElectrical characteristics curves
BA6161N / BA6161F
264
Regulator ICs
FExternal dimensions (Units: mm)
BA6161N / BA6161F
265


▲Up To Search▲   

 
Price & Availability of BA6161

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X