Part Number Hot Search : 
A1360 N2907A PMF77XN FDP4030L 2SC41 B4052 100EP1 SDA234E
Product Description
Full Text Search
 

To Download BA5941FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical disc ICs
4-channel BTL driver for CD players
BA5941FP
The BA5941FP contains a 4-channel BTL driver for CD player motors and actuators. Perfect for compact applications with the use of the HSOP 28-pin package. FApplications CD players, CD-ROM FFeatures 1) 4-channel BTL driver. 2) Perfect for compact applications with the use of the HSOP 28-pin power package. 3) Wide dynamic range (4.8V (Typ.) when VCC = 8V and RL = 8). FAbsolute maximum ratings (Ta = 25_C)
4) 5) 6) 7)
Internal thermal shutdown circuit. Gain is adjustable with externally connected resistor. Internal multi-purpose operational amplifier. External mute pin enables the muting of the output current.
FRecommended operating conditions (Ta = 25_C)
624
Optical disc ICs
FBlock diagram
BA5941FP
FPin descriptions
625
Optical disc ICs
FInput / output circuits
BA5941FP
626
Optical disc ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 8V, BIAS = 2.5V, RL = 8)
BA5941FP
627
Optical disc ICs
FMeasurement circuits Driver block
BA5941FP
Operational amplifier block
628
Optical disc ICs
FApplication example
BA5941FP
629
Optical disc ICs
FOperation notes (1) The BA5941FP contains a thermal shutdown circuit. When the chip temperature reaches 175_C (Typ.), the output current is muted. (2) By having the mute pin (pin 9) voltage open or lowered to 0.5V or below, the output currents can be muted. For normal conditions, have the voltage at pin 9 pull-up to 2V. (3) If the voltage of the bias pin (pin 2) drops below 1.4V (Typ.), outputs are muted. For normal conditions, have the voltage above 1.8V.
BA5941FP
(4) If the voltage of the thermal shutdown, mute ON, or bias pin drops, the mute is activated; however, in these situations, only the drivers are muted. Also, the output pin voltage becomes the internal bias voltage (approx. VCC*VF / 2). (5) Connect a bypass capacitor (approx. 0.1F) between the bases of the power supply pins of this IC. (6) Even though the radiation fins are connected to ground within the package, be sure to also connect them to a ground externally as well.
FElectrical characteristic curves
630
Optical disc ICs
FExternal dimensions (Units: mm)
BA5941FP
631


▲Up To Search▲   

 
Price & Availability of BA5941FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X