Part Number Hot Search : 
NJU6358 X935Z SMCJ75 30402 PT22002 DHD5K SPANSION 1660C
Product Description
Full Text Search
 

To Download BA5912 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical disc ICs
2-channel BTL driver for CD players
BA5912AFP-Y
The BA5912AFP-Y is a 2-channel BTL driver developed to drive CD player motors and actuators. Perfect for compact applications with the use of the HSOP 25-pin package.
FApplications CD players, CD-ROM
FFeatures 1) 2-channel BTL driver. 2) Perfect for compact applications with the use of the HSOP 25-pin power package. 3) Wide dynamic range. 4) External mute pin enables the muting of the output current (independent muting for channels 1 and 2). Muting both channels causes the IC to enter the standby mode.
5) Two internal multi-purpose operational amplifiers. 6) Power supply is divided into three systems (Pre VCC, Pow VCC for channel 1, and Pow VCC for channel 2) 7) Internal standard two operational amplifier. 8) Internal thermal shutdown circuit.
FAbsolute maximum ratings (Ta = 25 _C)
FRecommended operating conditions (Ta = 25 _C)
589
Optical disc ICs
FBlock diagram
BA5912AFP-Y
FPin descriptions
590
Optical disc ICs
FInput / output circuits
BA5912AFP-Y
591
Optical disc ICs
BA5912AFP-Y
FElectrical characteristics (unless otherwise noted, Ta = 25 _C, Pre VCC = Pow VCC = 5V, BIAS = 2.5V, RL = 8)
592
Optical disc ICs
FMeasurement circuits Driver block
BA5912AFP-Y
593
Optical disc ICs
Operational amplifier block
BA5912AFP-Y
FApplication example
594
Optical disc ICs
FOperation notes (1) The BA5912AFP-Y contains a thermal shutdown circuit. When the chip temperature reaches 175 _C (Typ.), the output current is muted. If the chip temperature then drops below 150_C (Typ.), then the mute is released. (2) By having the voltage of the mute pins (pins 2 and 13) open or lowered to 0.5V or below, you can independently mute the output current for channels 1 and 2. For normal conditions, have the voltages for the mute pins (pins 2 and 13) pulled up to 2.0V or greater. If the both mute pins (pins 2 and 13) are open or 0.5V or less, then the IC automatically enters the standby mode. (3) If the voltage of the bias pin (pin 20) drops below 1.4V (Typ.), outputs are muted. For normal conditions, have the voltage above 2.0V. (4) If the power supply voltage drops below 3.5V (Typ.), internal circuits turn off. If the power supply voltage then rises to 4.0V (Typ.), the circuits turn on. FElectrical characteristic curves
BA5912AFP-Y
(5) If the voltage of the thermal shutdown, mute ON, or bias pin drops, or if the power supply voltage drops, the mute is activated; however, in these situations, only the drivers are muted. Also, the output pin voltage becomes the internal bias voltage. (6) When Pre VCC = Pow VCC, have the Vref switch pin open or at 0.5V or less (internal bias voltage = (Pow VCC*VF) / 2). When Pre VCC > POW VCC)VF, have the Vref switch pin pulled up to 2.0V (internal bias voltage = Pow VCC / 2). (7) Connect a bypass capacitor (approx. 0.1F) between the bases of the power supply pins of this IC. (8) Even though the radiation fins are connected to ground within the package, be sure to also connect them to a ground externally as well.
595
Optical disc ICs
BA5912AFP-Y
FExternal dimensions (Units: mm)
596


▲Up To Search▲   

 
Price & Availability of BA5912

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X