Part Number Hot Search : 
MAX354 MDR6100 TMP87P 500SDF KS57C ENA1001 75002 S6010LS2
Product Description
Full Text Search
 

To Download BA4560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard ICs
Dual high slew rate operational amplifier
BA4560 / BA4560F / BA4560N
The BA4560, BA4560F, and BA4560N are dual operational amplifiers which achieve approximately twice the high output current of the BA4558, as well as featuring a higher slew rate of 4V / s, a gain band width of 10MHz, and an improved frequency characteristic. The following packages are available: 8-pin DIP (BA4560), 8-pin SOP (BA4560F), and 8-pin SIP (BA4560N).
*Applications Active filters
Audio amplifiers VCOs Other electronic circuits
*Featuresoutput short-circuit protection circuit. 1) Built-in
2) Internal phase correction. 3) No latch-up.
4) Wide range of common-mode modes and differential voltage. 5) High gain and low noise.
*Block diagram
BA4560 / BA4560F BA4560N
OUT1 1
8
VCC + 1ch - + 2ch -
- IN1 2 - + IN1 3
1ch
7
OUT2
+
2ch
+
-
6
- IN2 1 2 3 4 5 6 7 OUT2 8 VCC
+ IN1
- IN1
+ IN2
OUT1
- IN2
VEE
VEE 4
5
+ IN2
1
Standard ICs
BA4560 / BA4560F / BA4560N
*Internal circuit configuration
VCC R1 Q5 Q7 Q13 Q11 Q8 - IN Q1 Q2 R5 Q12 Q6 Q3 Q4 Q10 R9 Q9 R7 + IN R8 Q14 OUT R6 Q15
R2 VEE
R3
R4
D
*Absolute maximum ratings (Ta = 25C)
Parameter Power supply voltage Power dissipation Differential input voltage Common-mode input voltage Operating temperature Storage temperature
epoxy PCB (50mm x 50mm x 1.6mm).
Symbol VCC Pd VID VI Topr Tstg
Limits BA4560 18 800 BA4560F 18 550 VCC - VCC ~ VCC - 40 ~ + 85 - 55 ~ + 125 BA4560N 18 900
Unit V mW V V C C
Refer to the Pd characteristics diagram. The values for the BA4560F are those when it is mounted on a glass
*Electrical characteristics (unless otherwise noted, Ta = 25C, VCC = +15 V, VEE = -15 V)
Parameter Input offset voltage Input offset current Input bias current High-amplitude voltage gain Common-mode input voltage Maximum output voltage 1 Maximum output voltage 2 Common-mode rejection ratio Power supply voltage rejection ratio Slew rate Input conversion noise voltage Gain band width product Symbol VIO IIO IB AV VICM VOM1 VOM2 CMRR PSRR S. R. Vn GBW Min. -- -- -- 86 12 12 10 70 -- -- -- -- Typ. 0.5 5 50 100 14 14 13 90 30 4.0 -- 10 Max. 6.0 200 500 -- -- -- -- -- 150 -- 2.2 -- Unit mV nA nA dB V V V dB V / V V / s V MHz f = 10kHz RL RL RS RS 10k 2k 10k 10k RL 2k, VO = 10V RS 10k Conditions
AV = 1, RL = 2k
2
Standard ICs
BA4560 / BA4560F / BA4560N
*Electrical characteristic curves
1200 QUIESCENT CURRENT: IQ (mA) 5 OPEN LOOP VOLTAGE GAIN: AV (dB) 10 POWER SUPPLY VOLTAGE: VCC (V) 20 140 120 100 80 60 40 20 0 POWER DISSIPATION: Pd (mW) 1000 BA4560N 800 BA4560 600 BA4560F 400 4
3
200 0 0 25 50 7585 100 125 150 AMBIENT TEMPERATURE: Ta (C)
2
0
1
10
100
1k
10k
100k
1M
10M
FREQUENCY: f (Hz)
Fig.1 Power dissipation vs. ambient temperature
Fig.2 Quiescent current vs. power supply voltage
Fig.3 Open loop voltage gain vs. frequency
32 MAXIMUM OUTPUT VOLTAGE: VOM (V) INPUT BIAS CURRENT: IR (nA) 28 24 20 16 12 8 4 0 100 1k 10k 100k 1M
80 INPUT BIAS CURRENT: IB (nA)
75
60
50
40
20
- 20
0
20
40
60
80
25
0
10
20
30
+
40
FREQUENCY: f (Hz)
AMBIENT TEMPERATURE: Ta (C)
POWER SUPPLY VOLTAGE: V (V)
Fig.4 Maximum output voltage vs. frequency
INPUT COMMON MODE VOLTAGE RANGE: VICM (V)
Fig.5 Input bias current vs. ambient temperature
Fig.6 Input bias current vs. power supply voltage
OUTPUT VOLTAGE VOUT (V)
20
5 0 -5
10
INPUT VOLTAGE VIN (V)
0
5 0 -5
- 10
0
10
20 TIME (s)
30
40
- 20 0
10 POWER SUPPLY VOLTAGE: V (V)
20
Fig.7 Output response characteristics
Fig.8 Common mode input voltage vs. power supply voltage
3
Standard ICs
BA4560 / BA4560F / BA4560N
VCC
*Operation notes circuits (1) Handling unused
If there are any circuits which are not being used, we recommend making connections as shown in Figure 9, with the non-inverted input pin connected to the potential within the in-phase input voltage range (VICM).
- To potential in VICM
+
VEE
Fig.9 Unused circuit connections
*Exteral dimensions (Units: mm)
BA4560
9.3 0.3 6.5 0.3 8 5
BA4560F
5.0 0.2 8 6.2 0.3 4.4 0.2 5
1 0.51Min.
4 7.62
3.2 0.2 3.4 0.3
0.11
0.3 0.1
1.5 0.1
1
4
2.54
0.5 0.1 0 ~ 15
1.27
0.4 0.1
0.3Min. 0.15
DIP8
BA4560N
SOP8
19.3 0.2 10.5 0.5 5.8 0.2
2.8 0.2
1.2
1 3.5 0.5 2.54
8 0.6 0.8 1.3 0.3 0.1
SIP8
4
0.15 0.1


▲Up To Search▲   

 
Price & Availability of BA4560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X