Part Number Hot Search : 
KA7915 BBY5207 SP7516KN BU2527 TS512 T8202860 UAA91 SMPJ175
Product Description
Full Text Search
 

To Download BA3530FS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical disc ICs
Headphone amplifier with internal LPF and EVR for CD-ROM
BA3530FS
The BA3530FS is an H / P amplifier with internal secondary LPF and EVR circuits. When multibit output from a D / A converter is input, the secondary LPF outputs an audio signal. The amplifier circuit allows for line output and headphone output. The output level for headphones can be changed with the EVR circuit. This IC also has independent internal mute circuits for the left and right channels. FApplications CD-ROM drives and other products (with line and headphone output pins) that process digital audio signals FFeatures 1) Internal LPF, line amplifier and EVR. 2) Internal mute function. 3) Internal thermal shutdown circuit.
4) No attached components are needed for oscillation prevention, even at a load of 8. 5) Mute function reduces the popping noises that can occur when the power is turned on and off.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions
140
Optical disc ICs
FBlock diagram
BA3530FS
141
Optical disc ICs
BA3530FS
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 5.0V, line RL1 = 50k, H / P RL2 = 32, VIN = 0.8Vrms, f = 1kHz, EVR Max.)
142
Optical disc ICs
FMeasurement circuit
BA3530FS
143
Optical disc ICs
FApplication example
BA3530FS
144
Optical disc ICs
FOperation notes (1) Preventing popping noises The BA3530FS has a mute function that reduces the popping noises that can occur when the power is turned on or off. The popping noises that occur when the muting function turns on and off can be reduced by attaching a capacitor and resistor to the mute pins (pins 3 and 14).
BA3530FS
(2)
Recommended time chart
FElectrical characteristic curves
FExternal dimensions (Units: mm)
145


▲Up To Search▲   

 
Price & Availability of BA3530FS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X