Part Number Hot Search : 
LS48P 04C12 D2N240CF 2SB1642 ADM1177 S0247 24002 B350A
Product Description
Full Text Search
 

To Download BA10339 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard ICs
Quad comparator
BA10339 / BA10339F / BA10339FV
The BA10339, BA10339F, and BA10339FV each consist of four comparators in a single package. The open collector output allows a wired OR connection. These products feature a wide range of operating power supply voltages, from 3 to 36V with single power supply operation, and from 1.5 to 18V with dual power supply operation. Available packages include 14-pin DIP (BA10339), 14-pin SOP (BA10339F), and 14-pin SSOP-B (BA10339FV).
*Features of operating voltages (single power sup1) Wide range
ply: 3 to 36V; dual power supply: 1.5 to 18V) 2) Low current dissipation (0.8mA typ., VCC = 5V) 3) Low input offset current (5nA typ., VCC = 5V) and input offset voltage (2mV typ., VCC = 5V)
4) Wide common-mode input voltage range (0 to VCC - 1.5V). 5) Open collector output.
*Block diagram and internal circuit configuration
BA10339 / BA10339F / BA10339FV OUT3 OUT4 + IN4 + IN3 - IN4 - IN3 8 GND 12 14 13 11 10 9
VCC
4ch
3ch
Q2 + IN Q1
Q3 Q4 Q8 OUT
1ch
2ch
- IN Q7 Q5 Q6 GND
1
2
3
4
5
6
OUT2
OUT1
- IN1
+ IN1
+ IN2
- IN2
VCC
7
1
Standard ICs
BA10339 / BA10339F / BA10339FV
*Absolute maximum ratings (Ta = 25C)
Parameter Power supply voltage Power dissipation Differential input voltage Common-mode input voltage Operating temperature Storage temperature
Refer to the Pd characteristic diagram.
Symbol VCC Pd VID VI Topr Tstg
Limits BA10339 36 ( 18) 950 VCC - 0.3 ~ VCC - 40 ~ + 85 - 55 ~ + 125 BA10339F 36 ( 18) 450 VCC - 0.3 ~ VCC - 40 ~ + 85 - 55 ~ + 125 BA10339FV 36 ( 18) 400 VCC - 0.3 ~ VCC - 40 ~ + 85 - 55 ~ + 125
Unit V mW V V C C
The Values for BA10339F and BA10339FV are those when it is mounted on a glass epoxy board (50mm x 50mm x 1.6mm).
*Electrical characteristics (unless otherwise noted, Ta = 25C, VCC = + 5V)
Parameter Input offset voltage Input offset current Input bias current Common-mode input voltage Voltage gain Quiescent current Output sink current Output saturation voltage Output leakage current Response time Symbol VIO IIO IB VICM AV IQ Isink VOL Ileak tr Min. -- -- -- 0 -- -- 6 -- -- -- Typ. 2 5 25 -- 106 0.8 16 250 0.1 1.3 Max. 5 50 250 VCC - 1.5 -- 2 -- 400 -- -- Unit mV nA nA V dB mA mA mV nA s RL = 15k RL = , on All Comparators VIN- = 1V, VIN+ = 0V, VO = 1.5V VIN- = 1V, VIN+ = 0V, Isink = 3mA VIN+ = 1V, VIN- = 0V, VO = 5V RL = 5.1k, VRL = 5V VO = 1.4V | IIN + - IIN - | , VO = 1.4V VO = 1.4V -- Conditions
*Electrical characteristic curves
1200 POWER DISSIPATION: Pd (mW) 1.2 QUIESCENT CURRENT: IQ (mA) Ta = 25C RL = INPUT BIAS CURRENT: IB (nA) 80 Ta = 25C 1000 BA10339 800 60 1.0
600 BA10339F 400 BA10339FV 200 0
40
0.8
20
0.6 0 10 20 30
+
0
25
50
75 85 100
125
150
40
0
0
10
20
30
-
40
AMBIENT TEMPERATURE: Ta (C)
POWER SUPPLY VOLTAGE: V (V)
POWER SUPPLY VOLTAGE: V (V)
Fig. 1 Power dissipation vs. ambient temperature
Fig. 2 Quiescent current vs. power supply voltage
Fig. 3 Input bias current vs. power supply voltage
2
Standard ICs
10 OUTPUT VOLTAGE VO (V) Ta = 25C SATURATION VOLTAGE: VOL (V) 5 4 20mV 3 2 100mV 1 0 0 - 50
BA10339 / BA10339F / BA10339FV
OUTPUT VOLTAGE VO (V) 5mV = INPUT OVERDRIVE INPUT OVERDRIVE = 100mV 5 4 3 2 1 0 20mV 5mV
1
0.1
INPUT VOLTAGE VIN (mV)
0.01
INPUT VOLTAGE VIN (mV) 0 0.5 1.0 TIME (s) 1.5 2.0
100 50 0 0 0.5 1.0 TIME (s) 1.5 2.0
- 100
0.001 0.01
0.1
1
10
100
OUTPUT SINK CURRENT: IO (mA)
Fig. 4 Output saturation voltage vs. output current
Fig. 5 Propagation characteristics (!)
Fig. 6 Propagation characteristics (@)
*Operation notes circuits (1) Handling unused
If there are any circuits which are not being used, we recommend making connections as shown in Figure 7, with the input going to the potential within the in-phase input voltage range (VICM), and the output being open.
To potential in VICM VCC + Open (no connected) -
VEE
Fig. 7 Unused circuit connections
3
Standard ICs
BA10339 / BA10339F / BA10339FV
*External dimensions (Units: mm)
BA10339
19.4 0.3 14 8 6.5 0.3
BA10339F
8.7 0.2 14 6.2 0.3 4.4 0.2 8
1 0.51Min.
7 7.62
3.2 0.2 4.25 0.3
1.5 0.1
1
7
0.3 0.1
0.11
1.27
0.4 0.1
0.3Min. 0.15
2.54
0.5 0.1
0 ~ 15
DIP14
BA10339FV
5.0 0.2 14 6.4 0.3 4.4 0.2 8
SOP14
1.15 0.1
1 0.1
7
0.65
0.22 0.1
0.3Min. 0.1
SSOP - B14
4
0.15 0.1
0.15 0.1


▲Up To Search▲   

 
Price & Availability of BA10339

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X