Part Number Hot Search : 
CP8056TS ALN0743 C410L SPCA533 EL2410CN CAR0603 C410L LM150
Product Description
Full Text Search
 

To Download BA10324 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard ICs
Quad ground sense operational amplifier
BA10324A / BA10324AF / BA10324AFV
The BA10324A, BA10324AF, and BA10324AFV are monolithic ICs with four built-in operational amplifiers featuring internal phase compensation. Either a dual or single power supply can be driven, and these products can be driven by a digital system 5V single power supply. These products can be used in a wide range of administrative and industrial applications, including transducer amplifiers and DC amplifiers.
*Applications type pre-amplifiers Ground sensing
Active filters DC amplifiers Pulse generators.
*Features of operating power supply voltages and 1) Wide range
single power supply drive enabled. (single power supply: 3 to 32V, dual power supply: 1.5 to 16V) 2) Common-mode input voltage can be operated from the ground level. 3) Differential input voltage can be operated up to the power supply voltage level.
4) Low current dissipation. (IQ = 0.6mA) 5) Low offset voltage and offset current. (VIO = 2mV, IIO = 5nA typ.) 6) Four operational amplifiers with phase compensation are built into the DIP / SOP Pin 14. 7) Compatible with model 324 operational amplifiers of other manufacturers.
*Block diagram
BA10324A / BA10324AF / BA10324AFV
OUT1 - IN1 + IN1 VCC + IN2 - IN2 OUT2 1 2 3 4 5
-+ +-
14 1
-+
OUT4 - IN4 + IN4 VEE + IN3 - IN3 OUT3
4
+-
13 12 11 10
6 7
2
3
9 8
1
Standard ICs
BA10324A / BA10324AF / BA10324AFV
*Internal circuit configuration
VCC
- IN
+ IN
OUT
VEE
*Absolute maximum ratings (Ta = 25C)
Parameter Power supply voltage Power dissipation Differential input voltage Common-mode input voltage Operating temperature Storage temperature Symbol VCC Pd VID VI Topr Tstg Limits BA10324A 32 ( 16) 950 VCC - 0.3 ~ VCC - 40 ~ + 85 - 55 ~ + 125 BA10324AF BA10324AFV 32 ( 16) 450 VCC - 0.3 ~ VCC - 40 ~ + 85 - 55 ~ + 125 32 ( 16) 400 VCC - 0.3 ~ VCC - 40 ~ + 85 - 55 ~ + 125 Unit V mW V V C C
Refer to the Pd characteristics diagram.
The values for the are those when BA10324AF / BA10324AFV it is mounted on a glass epoxy board (50mm x 50mm x 1.6mm).
2
Standard ICs
BA10324A / BA10324AF / BA10324AFV
*Electrical characteristics (unless otherwise noted, Ta = 25C, VCC = 5V)
Parameter Input offset voltage Input offset current Input bias current Common-mode input voltage Common-mode rejection ratio High-amplitude voltage gain Power supply voltage rejection ratio Quiescent current Maximum output voltage Maximum output current Source Sink Symbol VIO IIO Ib VICM CMRR AVOI PSRR IQ VOH VOL IOH IOL CS Min. -- -- -- 0 65 87 65 -- VCC - 1.5 -- 20 10 -- Typ. 2 5 20 -- 75 100 100 0.6 -- -- 35 20 120 Max. 7 50 250 VCC - 1.5 -- -- -- 2.0 -- 0.25 -- -- -- Unit mV nA nA V dB dB dB mA V V mA mA dB RL 2k, VCC = 15V RS = 50 Conditions
1
RS = 50 RL = , on All Op - Amps RL = 2k RL = VO = 0 VO = VCC f = 1kHz input conversion
Channel separation
1
Because the first stage is configured with a PNP transistor, input bias current is from the IC.
*Electrical characteristic curves
1200 POWER DISSIPATION: Pd (mW) 1000 BA10324A SUPPLY CURRENT: IQ (mA) 1.5 2.0 VCC A
- +
140 OPEN LOOP VOLTAGE GAIN: AV (dB) IQ 120 100 80 60 40 20 0 0 0.1F VIN 10M VCC
- +
800
~
VCC 2
VO
600 BA10324AF 400 BA10324AFV 200 0 0
1.0
0.5
25
50
75 85 100
125
150
0
10
20
30
+
40
10
100
1k
10k
100k
1M 10M
AMBIENT TEMPERATURE: Ta (C)
POWER SUPPLY VOLTAGE: V (V)
FREQUENCY: f (Hz)
Fig.1 Power dissipation vs. ambient temperature
Fig.2 Quiescent current vs. power supply voltage
Fig.3 Open loop voltage gain vs. frequency
3
Standard ICs
BA10324A / BA10324AF / BA10324AFV
20 MAXIMUM OUTPUT VOLTAGE: VOM (V) 100k INPUT BIAS CURRET: IB (nA) 1k 15 VIN VO 2k 15V
- +
50 INPUT BIAS CURRENT: IB (nA)
40
40
~
7V
30
30
10
20
20
5
10
10
0 100
1k
10k
100k
1M
0 - 20
0
20
40
60
80
0
10
20
30
40
FREQUENCY: f (Hz)
AMBIENT TEMPERATURE: Ta (C)
POWER SUPPLY VOLTAGE: V+ (V)
Fig.4 Maximum output voltage vs. frequency
Fig.5 Input bias current vs. ambient temperature
Fig.6 Input bias current vs. power supply voltage
OUTPUT VOLTAGE + REFERENCED TO V : V (V)
OUTPUT VOLTAGE VOUT (V)
5
10
OUTPUT VOLTAGE: VO (V)
4
4 3 2 1 RL 2k VCC = 15V
1.0
3
2
0.1
INPUT VOLTAGE VIN (V)
0 3 2 1 0 0 20 40 TIME (s) 60 80
1
0 0.001
0.01
0.1
1.0
10
100
0.01 0.001
0.01
0.1
1.0
10
100
1000
OUTPUT SOURCE CURRENT (mA)
OUTPUT SINK CURRENT: IO (mA)
Fig.7 Potential difference during power supply output vs. output source current
Fig.8 Output voltage vs. output sink current
Fig.9 Output response characteristics
notes *Operationcircuit connections (1) Unused If there are any circuits which are not being used, we recommend making connections as shown in Figure 10, with the non-inverted input pin connected to the potential within the in-phase input voltage range (VICM).
VCC
- To potential in VICM
+
VEE
Fig.10 Unused circuit connections
4
Standard ICs
BA10324A / BA10324AF / BA10324AFV
*External dimensions (Units: mm)
BA10324A
19.4 0.3 6.5 0.3 14 8 14 6.2 0.3 4.4 0.2
BA10324AF
8.7 0.2 8
1 4.25 0.3 0.51Min.
7 7.62
1.5 0.1
1
7
0.11
3.2 0.2
0.3 0.1
1.27
0.4 0.1
0.3Min. 0.15
2.54
0.5 0.1 0 ~ 15
DIP14
BA10324AFV
5.0 0.2 14 6.4 0.3 4.4 0.2 8
SOP14
1.15 0.1
1 0.1
7
0.65
0.22 0.1
0.3Min. 0.1
SSOP-B14
0.15 0.1
0.15 0.1
5


▲Up To Search▲   

 
Price & Availability of BA10324

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X