Part Number Hot Search : 
PE424508 1H470 1UC12 330000 1H470 UPD751 3203S 86602CY
Product Description
Full Text Search
 

To Download AT49F1604 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* 4.5V to 5.5V Read/Write * Access Time - 70 ns * Sector Erase Architecture
- Thirty 32K Word (64K byte) Sectors with Individual Write Lockout - Eight 4K Word (8K byte) Sectors with Individual Write Lockout - Two 16K Word (32K byte) Sectors with Individual Write Lockout Fast Word Program Time - 10 s Fast Sector Erase Time - 200 ms Dual Plane Organization, Permitting Concurrent Read while Program/Erase - Memory Plane A: Eight 4K Word, Two 16K Word and Six 32K Word Sectors - Memory Plane B: Twenty-Four 32K Word Sectors Erase Suspend Capability - Supports Reading/Programming Data from Any Sector by Suspending Erase of Any Different Sector Low Power Operation - 40 mA Active - 10 A Standby Data Polling, Toggle Bit, Ready/Busy for End of Program Detection RESET Input for Device Initialization Sector Program Unlock Command TSOP, CBGA, and BGA Package Options Top or Bottom Boot Block Configuration Available
* * * * * * * * * *
16-Megabit (1M x 16/2M x 8) 5-volt Only Flash Memory AT49F1604 AT49F1604T AT49F1614 AT49F1614T Advance Information AT49BV16X4(T) AT49BV1604
Description
The AT49F16X4(T) is a 5.0 volt 16-megabit Flash memory organized as 1,048,576 words of 16 bits each or 2,097,152 bytes of 8 bits each. The x16 data appears on I/O0 - I/O15; the x8 data appears on I/O0 - I/O7. The memory is divided into 40 blocks for erase operations. The device is offered in 48-pin TSOP and 48-ball BGA packages. The device has CE, and OE control signals to avoid any bus contention. This device can be read or reprogrammed using a single 5.0V power supply, making it ideally suited for in-system programming. (continued)
Pin Configurations
Pin Name A0 - A19 CE OE WE RESET RDY/BUSY I/O0 - I/O14 I/O15 (A-1) BYTE NC DC Function Addresses Chip Enable Output Enable Write Enable Reset
READY/BUSY Output Data Inputs/Outputs I/O15 (Data Input/Output, Word Mode) A-1 (LSB Address Input, Byte Mode) Selects Byte or Word Mode No Connect Don't Connect
Rev. 0977B-06/98
1
TSOP Top View Type 1
A15 A14 A13 A12 A11 A10 A9 A8 NC NC WE RESET NC NC A19 A18 A17 A7 A6 A5 A4 A3 A2 A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 A16 VCC GND I/O15 I/O7 I/O14 I/O6 I/O13 I/O5 I/O12 I/O4 VCC I/O11 I/O3 I/O10 I/O2 I/O9 I/O1 I/O8 I/O0 OE GND CE A0
BGA Top View (Ball Down)
1 A
A13 A11 A10 A12 I/O14 I/O15 I/O7 A8 WE A9 I/O5 I/O6 I/O13 NC RST NC I/O11 I/O12 I/O4 NC A18 NC I/O2 I/O3 VCC A19 A17 A6 I/O8 I/O9 I/O10 A7 A5 A3 CE I/O0 I/O1 A4 A2 A1 A0 GND OE
2
3
4
5
6
7
8
B
A14
AT49F1604(T)
C
A15
D
A16
E
VCC
F
GND
TSOP Top View Type 1
A15 A14 A13 A12 A11 A10 A9 A8 A19 NC WE RESET NC NC RDY/BUSY A18 A17 A7 A6 A5 A4 A3 A2 A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 A16 BYTE GND I/O15/A-1 I/O7 I/O14 I/O6 I/O13 I/O5 I/O12 I/O4 VCC I/O11 I/O3 I/O10 I/O2 I/O9 I/O1 I/O8 I/O0 OE GND CE A0
CBGA Top View
H G F E D C B A 1
VSS I/O1 OE I/O9 I/O11 VCC I/O13 I/O15 /A-1 CE I/O8 I/O10 I/O12 I/O14 BYTE A0 I/O0 I/O2 I/O5 I/O7 A16 A1 A5 NC A19 A11 A15 A2 A6 A18 NC A10 A14 A4 A17 A3
2
A7
AT49F1614(T)
I/O3 I/O4 I/O6 VSS NC RDY/BUSY RESET A8 A12 WE
3 4 5
A9
6
A13
The device powers on in the read mode. Command sequences are used to place the device in other operation modes such as program and erase. The device has the capability to protect the data in any sector. Once the data protection for a given sector is enabled, the data in that sector cannot be changed using input levels between ground and VCC. The device is segmented into two memory planes. Reads from memory plane B may be performed even while program or erase functions are being executed in memory plane A and vice versa. This operation allows improved system performance by not requiring the system to wait for a program or erase operation to complete before a read is performed. To further increase the flexibility of the device, it
contains an Erase Suspend feature. This feature will put the Erase on hold for any amount of time and let the user read data from or program data to any of the remaining sectors within the same memory plane. There is no reason to suspend the erase operation if the data to be read is in the other memory plane. The end of a program or an Erase cycle is detected by the Ready/Busy pin, Data polling, or by the toggle bit. A six byte command (bypass unlock) sequence to remove the requirement of entering the three byte program sequence is offered to further improve programming time. After entering the six byte code, only single pulses on the write control lines are required for writing into the device. This mode (single pulse byte/word program) is exited by
2
AT49F16X4(T)
AT49F16X4(T)
powering down the device, or by pulsing the RESET pin low and then bringing it back to VCC. Erase and Erase Suspend/Resume commands will not work while in this mode; if entered they will result in data being programmed into the device. It is not recommended that the six byte code reside in the software of the final product but only exist in external programming code. The BYTE pin controls whether the device data I/O pins operate in the byte or word configuration. If the BYTE pin is set at logic "1", the device is in word configuration, I/O0I/O15 are active and controlled by CE and OE. If the BYTE pin is set at logic "0", the device is in byte configuration, and only data I/O pins I/O0-I/O7 are active and controlled by CE and OE. The data I/O pins I/O8-I/O14 are tri-stated, and the I/O15 pin is used as an input for the LSB (A-1) address function.
Block Diagram
I/O0 - I/O15/A-1
OUTPUT BUFFER
INPUT BUFFER
OUTPUT MULTIPLEXER
A0 - A19
INPUT BUFFER
DATA REGISTER
IDENTIFIER REGISTER
STATUS REGISTER
COMMAND REGISTER
ADDRESS LATCH DATA COMPARATOR
CE WE OE RESET BYTE
RDY/BUSY WRITE STATE MACHINE
Y-DECODER
Y-GATING
PROGRAM/ERASE VOLTAGE SWITCH
VCC GND X-DECODER
PLANE B SECTORS
PLANE A SECTORS
Device Operation
READ: The AT49F16X4(T) is accessed like an EPROM. When CE and OE are low and WE is high, the data stored at the memory location determined by the address pins are asserted on the outputs. The outputs are put in the high impedance state whenever CE or OE is high. This dual-line control gives designers flexibility in preventing bus contention. COMMAND SEQUENCES: When the device is first powered on it will be reset to the read or standby mode depending upon the state of the control line inputs. In order to perform other device functions, a series of command sequences are entered into the device. The command sequences are shown in the Command Definitions table (I/O8 - I/O15 are don't care inputs for the command codes). The command sequences are written by applying a low pulse on the WE or CE input with CE or WE low (respectively) and OE high. The address is latched on the falling edge of CE or WE, whichever occurs last. The data is latched by the first rising edge of CE or WE. Standard microprocessor write timings are used. The address locations used in the command sequences are not affected by entering the command sequences. RESET: A RESET input pin is provided to ease some system applications. When RESET is at a logic high level, the device is in its standard operating mode. A low level on the RESET input halts the present device operation and puts
3
the outputs of the device in a high impedance state. When a high level is reasserted on the RESET pin, the device returns to the Read or Standby mode, depending upon the state of the control inputs. By applying a 12V 0.5V input signal to the RESET pin any sector can be reprogrammed even if the sector lockout feature has been enabled (see Sector Programming Lockout Override section). ERASURE: Before a byte/word can be reprogrammed, it must be erased. The erased state of memory bits is a logical "1". The entire device can be erased by using the Chip Erase command or individual sectors can be erased by using the Sector Erase commands. CHIP ERASE: The entire device can be erased at one time by using the 6-byte chip erase software code. After the chip erase has been initiated, the device will internally time the erase operation so that no external clocks are required. The maximum time to erase the chip is tEC. If the sector lockout has been enabled, the Chip Erase will not erase the data in the sector that has been locked; it will erase only the unprotected sectors. After the chip erase, the device will return to the read or standby mode. SECTOR ERASE: As an alternative to a full chip erase, the device is organized into forty sectors (SA0 - SA39) that can be individually erased. The Sector Erase command is a six bus cycle operation. The sector address is latched on the falling WE edge of the sixth cycle while the 30H data input command is latched on the rising edge of WE. The sector erase starts after the rising edge of WE of the sixth cycle. The erase operation is internally controlled; it will automatically time to completion. The maximum time to erase a section is tSEC. When the sector programming lockout feature is not enabled, the sector will erase (from the same sector erase command). Once a sector has been protected, data in the protected sectors cannot be changed unless the RESET pin is taken to 12V 0.5V. An attempt to erase a sector that has been protected will result in the operation terminating in 2 s. BYTE/WORD PROGRAMMING: Once a memory block is erased, it is programmed (to a logical "0") on a byte-by-byte or on a word-by-word basis. Programming is accomplished via the internal device command register and is a 4-bus cycle operation. The device will automatically generate the required internal program pulses. Any commands written to the chip during the embedded programming cycle will be ignored. If a hardware reset happens during programming, the data at the location being programmed will be corrupted. Please note that a data "0" cannot be programmed back to a "1"; only erase operations can convert "0"s to "1"s. Programming is completed after the specified tBP cycle time. The DATA polling feature or the toggle bit feature may be used to indicate the end of a program cycle.
SECTOR PROGRAMMING LOCKOUT: Each sector has a programming lockout feature. This feature prevents programming of data in the designated sectors once the feature has been enabled. These sectors can contain secure code that is used to bring up the system. Enabling the lockout feature will allow the boot code to stay in the device while data in the rest of the device is updated. This feature does not have to be activated; any sector's usage as a write protected region is optional to the user. Once the feature is enabled, the data in the protected sectors can no longer be erased or programmed when input levels of 5.5V or less are used. Data in the remaining sectors can still be changed through the regular programming method. To activate the lockout feature, a series of six program commands to specific addresses with specific data must be performed. Please refer to the Command Definitions table. SECTOR PROGRAMMING LOCKOUT OVERRIDE: The user can override the sector programming lockout by taking the RESET pin to 12V 0.5V. By doing this protected data can be altered through a chip erase, sector erase or byte/word programming. When the RESET pin is brought back to TTL levels the sector programming lockout feature is again active. ERASE SUSPEND/ERASE RESUME: The erase suspend command allows the system to interrupt a sector erase operation and then program or read data from a different sector within the same plane. Since this device has a dual plane architecture, there is no need to use the erase suspend feature while erasing a sector when you want to read data from a sector in the other plane. After the erase suspend command is given, the device requires a maximum time of 15 s to suspend the erase operation. After the erase operation has been suspended, the plane which contains the suspended sector enters the erase-suspend-read mode. The system can then read data or program data to any other sector within the device. An address is not required during the erase suspend command. During a sector erase suspend, another sector cannot be erased. To resume the sector erase operation, the system must write the erase resume command. The erase resume command is a one bus cycle command, which does require the plane address (determined by A18 and A19). The device also supports an erase suspend during a complete chip erase. While the chip erase is suspended, the user can read from any sector within the memory that is protected. The command sequence for a chip erase suspend and a sector erase suspend are the same. PRODUCT IDENTIFICATION: The product identification mode identifies the device and manufacturer as Atmel. It may be accessed by hardware or software operation. The hardware operation mode can be used by an external programmer to identify the correct programming algorithm for the Atmel product.
4
AT49F16X4(T)
AT49F16X4(T)
For details, see Operating Modes (for hardware operation) or Software Product Identification. The manufacturer and device code is the same for both modes. DATA POLLING: The AT49F16X4(T) features DATA polling to indicate the end of a program cycle. During a program cycle an attempted read of the last byte/word loaded will result in the complement of the loaded data on I/O7. Once the program cycle has been completed, true data is valid on all outputs and the next cycle may begin. During a chip or sector erase operation, an attempt to read the device will give a "0" on I/O7. Once the program or erase cycle has completed, true data will be read from the device. DATA polling may begin at any time during the program cycle. Please see "Status Bit Table" for more details. T O G G L E B I T : I n a d d i t i o n t o DATA p o l l i n g t h e AT49F16X4(T) provides another method for determining the end of a program or erase cycle. During a program or erase operation, successive attempts to read data from the same memory plane will result in I/O6 toggling between one and zero. Once the program cycle has completed, I/O6 will stop toggling and valid data will be read. Examining the toggle bit may begin at any time during a program cycle. An additional toggle bit is available on I/O2 which can be used in conjunction with the toggle bit which is available on I/O6. While a sector is erase suspended, a read or a program operation from the suspended sector will result in the I/O2 bit toggling. Please see "Status Bit Table" for more details. RDY/BUSY: An open drain READY/BUSY output pin provides another method of detecting the end of a program or erase operation. RDY/BUSY is actively pulled low during the internal program and erase cycles and is released at the completion of the cycle. The open drain connection allows for OR-tying of several devices to the same RDY/BUSY line. HARDWARE DATA PROTECTION: Hardware features protect against inadvertent programs to the AT49F16X4(T) in the following ways: (a) VCC sense: if VCC is below 3.8V (typical), the program function is inhibited. (b) VCC power on delay: once V CC has reached the V CC sense level, the device will automatically time out 10 ms (typical) before programming. (c) Program inhibit: holding any one of OE low, CE high or WE high inhibits program cycles. (d) Noise filter: pulses of less than 15 ns (typical) on the WE or CE inputs will not initiate a program cycle. INPUT LEVELS: While operating with a 4.5V to 5.5V power supply, the address inputs and control inputs (OE, CE, and WE) may be driven from 0 to 5.5V without adversely affecting the operation of the device. The I/O lines can only be driven from 0 to VCC + 0.6V.
5
Command Definition in (Hex)(1)
Command Sequence Read Chip Erase Sector Erase Byte/Word Program Bypass Unlock Single Pulse Byte/Word Program Sector Lockout Erase Suspend Erase Resume Product ID Entry Product ID Exit(2) Product ID Exit Notes:
(2)
Bus Cycles 1 6 6 4 6 1 6 1 1 3 3 1
1st Bus Cycle Addr Addr 5555 5555 5555 5555 Addr 5555 xxxx PA
(5)
2nd Bus Cycle Addr Data
3rd Bus Cycle Addr Data
4th Bus Cycle Addr Data
5th Bus Cycle Addr Data
6th Bus Cycle Addr Data
Data DOUT AA AA AA AA DIN AA B0 30 AA AA F0
2AAA 2AAA 2AAA 2AAA
55 55 55 55
5555 5555 5555 5555
80 80 A0 80
5555 5555 Addr 5555
AA AA DIN AA
2AAA 2AAA
55 55
5555 SA
(3)(4)
10 30
2AAA
55
5555
A0
2AAA
55
5555
80
5555
AA
2AAA
55
SA(3)(4)
40
5555 5555 xxxx
2AAA 2AAA
55 55
5555 5555
90 F0
1. The DATA FORMAT in each bus cycle is as follows: I/O15 - I/O8 (Don't Care); I/O7 - I/O0 (Hex). The ADDRESS FORMAT in each bus cycle is as follows: A15 - A0 (Hex), A-1, A14 - A19 (Don't Care). 2. Either one of the Product ID Exit commands can be used. 3. SA = sector address. Any byte/word address within a sector can be used to designate the sector address (see next four pages for details). 4. When the sector programming lockout feature is not enabled, the sector will erase (from the same sector erase command). Once the sector has been protected, data in the protected sectors cannot be changed unless the RESET pin is taken to 12V 0.5V. 5. PA is the plane address (A19 - A18).
Absolute Maximum Ratings*
Temperature Under Bias ................................ -55C to +125C Storage Temperature ..................................... -65C to +150C All Input Voltages (including NC Pins) with Respect to Ground ...................................-0.6V to +6.25V All Output Voltages with Respect to Ground .............................-0.6V to VCC + 0.6V Voltage on OE with Respect to Ground ...................................-0.6V to +13.5V *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
6
AT49F16X4(T)
AT49F16X4(T)
Memory Plane A - Bottom Boot
Sector SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7 SA8 SA9 SA10 SA11 SA12 SA13 SA14 SA15 Size (Bytes/Words) 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K 32K/16K 32K/16K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K x8 Address Range (A19 - A-1) 000000 - 001FFF 002000 - 003FFF 004000 - 005FFF 006000 - 007FFF 008000 - 009FFF 00A000 - 00BFFF 00C000 - 00DFFF 00E000 - 00FFFF 010000 - 017FFF 018000 - 01FFFF 020000 - 02FFFF 030000 - 03FFFF 040000 - 04FFFF 050000 - 05FFFF 060000 - 06FFFF 070000 - 07FFFF x16 Address Range (A19 - A0) 00000 - 00FFF 01000 - 01FFF 02000 - 02FFF 03000 - 03FFF 04000 - 04FFF 05000 - 05FFF 06000 - 06FFF 07000 - 07FFF 08000 - 0BFFF 0C000 - 0FFFF 10000 - 17FFF 18000 - 1FFFF 20000 - 27FFF 28000 - 2FFFF 30000 - 37FFF 38000 - 3FFFF
7
Memory Plane B - Bottom Boot
Sector SA16 SA17 SA18 SA19 SA20 SA21 SA22 SA23 SA24 SA25 SA26 SA27 SA28 SA29 SA30 SA31 SA32 SA33 SA34 SA35 SA36 SA37 SA38 SA39 Size (Bytes/Words) 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K x8 Address Range (A19 - A-1) 080000 - 08FFFF 090000 - 09FFFF 0A0000 - 0AFFFF 0B0000 - 0BFFFF 0C0000 - 0CFFFF 0D0000 - 0DFFFF 0E0000 - 0EFFFF 0F0000 - 0FFFFF 100000 - 10FFFF 110000 - 11FFFF 120000 - 12FFFF 130000 - 13FFFF 140000 - 14FFFF 150000 - 15FFFF 160000 - 16FFFF 170000 - 17FFFF 180000 - 18FFFF 190000 - 19FFFF 1A0000 - 1AFFFF 1B0000 - 1BFFFF 1C0000 - 1CFFFF 1D0000 - 1DFFFF 1E0000 - 1EFFFF 1F0000 - 1FFFFF x16 Address Range (A19 - A0) 40000 - 47FFF 48000 - 4FFFF 50000 - 57FFF 58000 - 5FFFF 60000 - 67FFF 68000 - 6FFFF 70000 - 77FFF 78000 - 7FFFF 80000 - 87FFF 88000 - 8FFFF 90000 - 97FFF 98000 - 9FFFF A0000 - A7FFF A8000 - AFFFF B0000 - B7FFF B8000 - BFFFF C0000 - C7FFF C8000 - CFFFF D0000 - D7FFF D8000 - DFFFF E0000 - E7FFF E8000 - EFFFF F0000 - F7FFF F8000 - FFFFF
8
AT49F16X4(T)
AT49F16X4(T)
Memory Plane B - Top Boot
Sector SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7 SA8 SA9 SA10 SA11 SA12 SA13 SA14 SA15 SA16 SA17 SA18 SA19 SA20 SA21 SA22 SA23 Size (Bytes/Words) 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K x8 Address Range (A19 - A-1) 000000 - 00FFFF 010000 - 01FFFF 020000 - 02FFFF 030000 - 03FFFF 040000 - 04FFFF 050000 - 05FFFF 060000 - 06FFFF 070000 - 07FFFF 080000 - 08FFFF 090000 - 09FFFF 0A0000 - 0AFFFF 0B0000 - 0BFFFF 0C0000 - 0CFFFF 0D0000 - 0DFFFF 0E0000 - 0EFFFF 0F0000 - 0FFFFF 100000 - 10FFFF 110000 - 11FFFF 120000 - 12FFFF 130000 - 13FFFF 140000 - 14FFFF 150000 - 15FFFF 160000 - 16FFFF 170000 - 17FFFF x16 Address Range (A19 - A0) 00000 - 07FFF 08000 - 0FFFF 10000 - 17FFF 18000 - 1FFFF 20000 - 27FFF 28000 - 2FFFF 30000 - 37FFF 38000 - 3FFFF 40000 - 47FFF 48000 - 4FFFF 50000 - 57FFF 58000 - 5FFFF 60000 - 67FFF 68000 - 6FFFF 70000 - 77FFF 78000 - 7FFFF 80000 - 87FFF 88000 - 8FFFF 90000 - 97FFF 98000 - 9FFFF A0000 - A7FFF A8000 - AFFFF B0000 - B7FFF B8000 - BFFFF
9
Memory Plane A - Top Boot
Sector SA24 SA25 SA26 SA27 SA28 SA29 SA30 SA31 SA32 SA33 SA34 SA35 SA36 SA37 SA38 SA39 Size (Bytes/Words) 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 32K/16K 32K/16K 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K x8 Address Range (A19 - A-1) 180000 - 18FFFF 190000 - 19FFFF 1A0000 - 1AFFFF 1B0000 - 1BFFFF 1C0000 - 1CFFFF 1D0000 - 1DFFFF 1E0000 - 1E7FFF 1E8000 - 1EFFFF 1F0000 - 1F1FFF 1F2000 - 1F3FFF 1F4000 - 1F5FFF 1F6000 - 1F7FFF 1F8000 - 1F9FFF 1FA000 - 1FBFFF 1FC000 - 1FDFFF 1FE000 - 1FFFFF x16 Address Range (A19 - A0) C0000 - C7FFF C8000 - CFFFF D0000 - D7FFF D8000 - DFFFF E0000 - E7FFF E8000 - EFFFF F0000 - F3FFF F4000 - F7FFF F8000 - F8FFF F9000 - F9FFF FA000 - FAFFF FB000 - FBFFF FC000 - FCFFF FD000 - FDFFF FE000 - FEFFF FF000 - FFFFF
10
AT49F16X4(T)
AT49F16X4(T)
DC and AC Operating Range
AT49F16X4(T)-70 Operating Temperature (Case) VCC Power Supply Com. Ind. 0C - 70C -40C - 85C 4.5V to 5.5V AT49F16X4(T)-90 0C - 70C -40C - 85C 4.5V to 5.5V
Operating Modes
Mode Read Program/Erase
(2)
CE VIL VIL VIH X X X X
OE VIL VIH X
(1)
WE VIH VIL X VIH X X X
RESET VIH VIH VIH VIH VIH VIH VIL
Ai Ai Ai X
I/O DOUT DIN High Z
Standby/Program Inhibit Program Inhibit Program Inhibit Output Disable Reset Product Identification
X VIL VIH X
High Z X High Z
Hardware
VIL
VIL
VIH
VIH
A1 - A19 = VIL, A9 = VH(3) A0 = VIL A1 - A19 = VIL, A9 = VH(3) A0 = VIH A0 = VIL, A1 - A19 = VIL A0 = VIH, A1 - A19 = VIL
Manufacturer Code(4) Device Code(4) Manufacturer Code(4) Device Code(4)
Software(5)
VIH
Notes:
1. X can be VIL or VIH. 2. Refer to AC Programming Waveforms. 3. VH = 12.0V 0.5V. 4. Manufacturer Code: 1FH (x8); 161F (x16), Device Code: C0H (x8)-AT49F16X4; 16CO (x16)-AT49F16X4; C2H (x8)-AT49F16X4T; 16C2 (x16)-AT49F16X4T. 5. See details under Software Product Identification Entry/Exit.
DC Characteristics
Symbol ILI ILO ISB1 ISB2 ICC
(1)
Parameter Input Load Current Output Leakage Current VCC Standby Current CMOS VCC Standby Current TTL VCC Active Current VCC Read While Write Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage
Condition VIN = 0V to VCC VI/O = 0V to VCC CE = VCC - 0.3V to VCC CE = 2.0V to VCC f = 5 MHz; IOUT = 0 mA f = 5 MHz; IOUT = 0 mA
Min
Max 10 10 10 1 40 60 0.8
Units A A A mA mA mA V V
ICCRW VIL VIH VOL VOH
2.0 IOL = 2.1 mA IOH = -400 A 2.4 0.45
V V
Note:
1. In the erase mode, ICC is 50 mA.
11
AC Read Characteristics
AT49F16X4(T)-70 Symbol tACC tCE(1) tOE(2) tDF(3)(4) tOH tRO Parameter Address to Output Delay CE to Output Delay OE to Output Delay CE or OE to Output Float Output Hold from OE, CE or Address, whichever occurred first RESET to Output Delay 0 0 0 800 Min Max 70 70 35 25 0 0 0 800 AT49F16X4(T)-90 Min Max 90 90 40 25 Units ns ns ns ns ns ns
AC Read Waveforms(1)(2)(3)(4)
ADDRESS ADDRESS VALID
CE
tCE OE tOE tDF tACC tOH
RESET HIGH Z
tRO OUTPUT VALID
OUTPUT
Notes:
1. 2. 3. 4.
CE may be delayed up to tACC - tCE after the address transition without impact on tACC. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change without impact on tACC. tDF is specified from OE or CE whichever occurs first (CL = 5 pF). This parameter is characterized and is not 100% tested.
Input Test Waveforms and Measurement Level
3.0
Output Test Load
tR, tF < 5 ns
Pin Capacitance
f = 1 MHz, T = 25C(1)
Typ CIN COUT 4 8 Max 6 12 Units pF pF Conditions VIN = 0V VOUT = 0V
Note:
1. This parameter is characterized and is not 100% tested.
12
AT49F16X4(T)
AT49F16X4(T)
AC Byte/Word Load Characteristics
Symbol tAS, tOES tAH tCS tCH tWP tDS tDH, tOEH tWPH Parameter Address, OE Set-up Time Address Hold Time Chip Select Set-up Time Chip Select Hold Time Write Pulse Width (WE or CE) Data Set-up Time Data, OE Hold Time Write Pulse Width High Min 10 50 0 0 100 50 10 50 Max Units ns ns ns ns ns ns ns ns
AC Byte/Word Load Waveforms
WE Controlled
CE Controlled
13
Program Cycle Characteristics
Symbol tBP tAS tAH tDS tDH tWP tWPH tEC tSEC Parameter Byte/Word Programming Time Address Set-up Time Address Hold Time Data Set-up Time Data Hold Time Write Pulse Width Write Pulse Width High Chip Erase Cycle Time Sector Erase Cycle Time 200 0 50 50 0 100 50 10 Min Typ 10 Max 50 Units s ns ns ns ns ns ns seconds ms
Program Cycle Waveforms
PROGRAM CYCLE
OE
CE
tWP tWPH tBP
WE
tAS tAH
5555
tDH
2AAA 5555 ADDRESS 5555
A0 -A19
tDS
DATA
AA
55
A0
INPUT DATA
AA
Sector or Chip Erase Cycle Waveforms
OE
(1)
CE
tWP tWPH
WE
tAS tAH
5555
tDH
2AAA 5555 5555 2AAA Note 2
A0-A19
tDS
tEC
55 WORD 1 80 WORD 2 AA WORD 3 55 WORD 4 Note 3 WORD 5
DATA
AA WORD 0
Notes:
1. 2. 3.
OE must be high only when WE and CE are both low. For chip erase, the address should be 5555. For sector erase, the address depends on what sector is to be erased. (See note 3 under command definitions.) For chip erase, the data should be 10H, and for sector erase, the data should be 30H.
14
AT49F16X4(T)
AT49F16X4(T)
Data Polling Characteristics(1)
Symbol tDH tOEH tOE tWR Notes: Parameter Data Hold Time OE Hold Time OE to Output Delay
(2)
Min 10 10
Typ
Max
Units ns ns ns
Write Recovery Time 2. See tOE spec in AC Read Characteristics.
0
ns
1. These parameters are characterized and not 100% tested.
Data Polling Waveforms
Toggle Bit Characteristics(1)
Symbol tDH tOEH tOE tOEHP tWR Notes: Parameter Data Hold Time OE Hold Time OE to Output Delay(2) OE High Pulse Write Recovery Time 2. See tOE spec in AC Read Characteristics. 150 0 Min 10 10 Typ Max Units ns ns ns ns ns
1. These parameters are characterized and not 100% tested.
Toggle Bit Waveforms(1)(2)(3)
Notes:
1. 2. 3.
Toggling either OE or CE or both OE and CE will operate toggle bit. The tOEHP specification must be met by the toggling input(s). Beginning and ending state of I/O6 will vary. Any address location may be used but the address should not vary.
15
Status Bit Table
Status Bit I/O 7 Read Address In While Plane A Plane B Plane A I/O 6 Plane B Plane A I/O 2 Plane B
Programming in Plane A Programming in Plane B
I/O7 DATA
DATA I/O7
TOGGLE DATA
DATA TOGGLE
1 DATA
DATA 1
Erasing in Plane A Erasing in Plane B
0 DATA
DATA 0
TOGGLE DATA
DATA TOGGLE
TOGGLE DATA
DATA TOGGLE
Erase Suspended & Read Erasing Sector Erase Suspended & Read Non-Erasing Sector
1 DATA
1 DATA
1 DATA
1 DATA
TOGGLE DATA
TOGGLE DATA
Erase Suspended & Program Erasing Sector Erase Suspended & Program Non-Erasing Sector in Plane A Erase Suspended & Program Non-Erasing Sector in Plane B
1
1
1
1
TOGGLE
TOGGLE
I/O7
DATA
TOGGLE
DATA
TOGGLE
DATA
DATA
I/O7
DATA
TOGGLE
DATA
TOGGLE
16
AT49F16X4(T)
AT49F16X4(T)
Ordering Information
tACC (ns) 70 ICC (mA) Active 40 Standby 0.01 Ordering Code AT49F1604-70TC AT49F1604-70UC AT49F1614-70CC AT49F1614-70TC 40 0.01 AT49F1604-70TI AT49F1604-70UI AT49F1614-70CI AT49F1614-70TI 90 40 0.01 AT49F1604-90TC AT49F1604-90UC AT49F1614-90CC AT49F1614-90TC 40 0.01 AT49F1604-90TI AT49F1604-90UI AT49F1614-90CI AT49F1614-90TI 70 40 0.01 AT49F1604T-70TC AT49F1604T-70UC AT49F1614T-70CC AT49F1614T-70TC 40 0.01 AT49F1604T-70TI AT49F1604T-70UI AT49F1614T-70CI AT49F1614T-70TI 90 40 0.01 AT49F1604T-90TC AT49F1604T-90UC AT49F1614T-90CC AT49F1614T-90TC 40 0.01 AT49F1604T-90TI AT49F1604T-90UI AT49F1614T-90CI AT49F1614T-90TI Package 48T 48U 48C2 48T 48T 48U 48C2 48T 48T 48U 48C2 48T 48T 48U 48C2 48T 48T 48U 48C2 48T 48T 48U 48C2 48T 48T 48U 48C2 48T 48T 48U 48C2 48T Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) Operation Range Commercial (0C to 70C)
Package Type 48C2 48T 48U 48-Ball, Plastic Chip-Size Ball Grid Array Package (CBGA) 48-Lead, Thin Small Outline Package (TSOP) 48-Ball, Micro Ball Grid Array Package (BGA)
17
Packaging Information
48C2, 48-Ball, Plastic Chip-size Ball Grid Array Package (CBGA) 48T, 48-Lead, Plastic Thin Small Outline Package (TSOP) Dimensions in Millimeters and (Inches)*
JEDEC OUTLINE MO-142 DD
8.2 7.8 4.0
6 5 4 3 2 1
A B C
11.2 10.8
D
5.6
E F G H
0.85 TYP 0.75 NON-ACCUMULATIVE
0.40 DIA TYP 1.2 MAX
0.35
*Controlling dimension: millimeters
48U, 48-Ball, Micro Ball Grid Array Package (BGA)
6.8 6.4 3.75
F E D C B A
1 2 3
8.4 8.0
4
5.25
5 6 7 8
0.75 TYP NON-ACCUMULATIVE
0.30 DIA TYP 1.00 0.85
0.15 MIN.
0.70
18
AT49F16X4(T)


▲Up To Search▲   

 
Price & Availability of AT49F1604

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X