Part Number Hot Search : 
CEBLTG4 H222J Z5232 LD1206 284941 DM8575N 158AFB XC6385C
Product Description
Full Text Search
 

To Download AT27LV040A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AT27LV040A
Features
* * * * * * * * * *
Fast Read Access Time - 120 ns Dual Voltage Range Operation Low Voltage Power Supply Range, 3.0V to 3.6V or Standard 5V 10% Supply Range Compatible With JEDEC Standard AT27C040 Low Power 3.3-volt CMOS Operation 20 A max. (less than 1 A typical) Standby for VCC = 3.6V 29 mW max. Active at 5 MHz for VCC = 3.6V JEDEC Standard Packages 32-Lead PLCC 32-Lead TSOP High Reliability CMOS Technology 2,000V ESD Protection 200 mA Latchup Immunity RapidTM Programming Algorithm - 100 s/byte (typical) CMOS and TTL Compatible Inputs and Outputs JEDEC Standard for LVTTL Integrated Product Identification Code Commercial and Industrial Temperature Ranges
4 Megabit (512K x 8) Low Voltage OTP CMOS EPROM
Description
The AT27LV040A is a high performance, low power, low voltage, 4,194,304 bit onetime programmable read only memory (OTP EPROM) organized as 512K by 8 bits. It requires only one supply in the range of 3.0 to 3.6V in normal read mode operation, making it ideal for fast, portable systems using battery power. Atmel's innovative design techniques provide fast speeds that rival 5V parts while keeping the low power consumption of a 3V supply. At VCC = 3.0V, any byte can be accessed in less than 120 ns. With a typical power dissipation of only 18 mW at 5 MHz and VCC = 3.3V, the AT27LV040A consumes less than one half the power of a standard 5V EPROM. Standby mode supply current is typically less than 1 A at 3.3V. (continued)
Pin Configurations
Pin Name A0 - A18 O0 - O7 CE OE Function Addresses Outputs Chip Enable Output Enable
AT27LV040A
PLCC Top View
TSOP Top View Type 1
0557A
3-115
Description (Continued)
The AT27LV040A is available in industry standard JEDEC-approved one-time programmable (OTP) plastic PLCC and TSOP packages. All devices feature two-line control (CE, OE) to give designers the flexibility to prevent bus contention. The AT27LV040A operating with VCC at 3.0V produces TTL level outputs that are compatible with standard TTL logic devices operating at VCC = 5.0V. The device is also capable of standard 5-volt operation making it ideally suited for dual supply range systems or card products that are pluggable in both 3-volt and 5-volt hosts. Atmel's AT27LV040A has additional features to ensure high quality and efficient production use. The RapidTM Programming Algorithm reduces the time required to program the part and guarantees reliable programming. Programming time is typically only 100 s/byte. The Integrated Product Identification Code electronically identifies the device and manufacturer. This feature is used by industry standard programming equipment to select the proper programming algorithms and voltages. The AT27LV040A programs exactly the same way as a standard 5V AT27C040 and uses the same programming equipment.
System Considerations
Switching between active and standby conditions via the Chip Enable pin may produce transient voltage excursions. Unless accommodated by the system design, these transients may exceed data sheet limits, resulting in device non-conformance. At a minimum, a 0.1 F high frequency, low inherent inductance, ceramic capacitor should be utilized for each device. This capacitor should be connected between the VCC and Ground terminals of the device, as close to the device as possible. Additionally, to stabilize the supply voltage level on printed circuit boards with large EPROM arrays, a 4.7 F bulk electrolytic capacitor should be utilized, again connected between the VCC and Ground terminals. This capacitor should be positioned as close as possible to the point where the power supply is connected to the array.
3-116
AT27LV040A
AT27LV040A
Block Diagram Absolute Maximum Ratings*
Temperature Under Bias .................. -40C to +85C Storage Temperature...................... -65C to +125C Voltage on Any Pin with Respect to Ground......................... -2.0V to +7.0V (1) Voltage on A9 with Respect to Ground ...................... -2.0V to +14.0V (1) VPP Supply Voltage with Respect to Ground....................... -2.0V to +14.0V (1)
*NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Note:
1. Minimum voltage is -0.6V dc which may undershoot to -2.0V for pulses of less than 20 ns. Maximum output pin voltage is VCC + 0.75V dc which may be exceeded if certain precautions are observed (consult application notes) and which may overshoot to +7.0 volts for pulses of less than 20 ns.
Operating Modes
Mode \ Pin Read (2) Output Disable Standby (2) Rapid Program PGM Verify (3)
(3) (3) (2)
CE VIL X VIH VIL X VIH VIL
OE VIL VIH X VIH VIL VIH VIL
Ai Ai X X Ai Ai X A9 = VH A0 = VIH or VIL A1 - A18 = VIL
(4)
VPP X X X VPP VPP VPP X
(1)
VCC VCC VCC VCC VCC VCC VCC
(2) (2) (2) (3) (3) (3)
Outputs DOUT High Z High Z DIN DOUT High Z Identification Code
PGM Inhibit
Product Identification (3, 5)
VCC (3)
Notes: 1. X can be VIL or VIH. 2. Read, output disable, and standby modes require, 3.0V VCC 3.6V, or 4.5V VCC 5.5V. 3. Refer to Programming Characteristics. Programming modes require VCC = 6.5V.
4. VH = 12.0 0.5V. 5. Two identifier bytes may be selected. All Ai inputs are held low (VIL), except A9 which is set to VH and A0 which is toggled low (VIL) to select the Manufacturer's Identification byte and high (VIH) to select the Device Code byte.
3-117
DC and AC Operating Conditions for Read Operation
AT27LV040A -12 Operating Temperature (Case) VCC Power Supply Com. Ind. 0C - 70C -40C - 85C 3.0V to 3.6V 5V 10% -15 0C - 70C -40C - 85C 3.0V to 3.6V 5V 10%
= Preliminary Information
DC and Operating Characteristics for Read Operation
Symbol ILI ILO IPP1 ISB ICC VIL VIH VOL VOH ILI ILO IPP1 ISB ICC VIL VIH VOL VOH
(2) (2)
Parameter Input Load Current Output Leakage Current VPP
(1)
Condition VIN = 0V to VCC VOUT = 0V to VCC VPP = VCC ISB1 (CMOS), CE = VCC 0.3V ISB2 (TTL), CE = 2.0 to VCC + 0.5V f = 5 MHz, IOUT = 0 mA, CE = VIL
Min
Max 1 5 10 20 100 8
Units A A A A A mA V V V V
VCC = 3.0V to 3.6V
Read/Standby Current
VCC (1) Standby Current VCC Active Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage Input Load Current Output Leakage Current VPP
(1)
-0.6 2.0 IOL = 2.0 mA IOH = -2.0 mA VIN = 0V to VCC VOUT = 0V to VCC VPP = VCC ISB1 (CMOS), CE = VCC 0.3V ISB2 (TTL), CE = 2.0 to VCC + 0.5V f = 5 MHz, IOUT = 0 mA, CE = VIL -0.6 2.0 IOL = 2.1 mA IOH = -400 A 2.4 2.4
0.8 VCC + 0 .5 0.4
VCC = 4.5V to 5.5V
1 5 10 100 1 30 0.8 VCC + 0.5 0.4 A A A A mA mA V V V V
Read/Standby Current
VCC (1) Standby Current VCC Active Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage
Notes: 1. VCC must be applied simultaneously with or before VPP, and removed simultaneously with or after VPP.
2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP.
3-118
AT27LV040A
AT27LV040A
AC Characteristics for Read Operation (VCC = 3.0V to 3.6V and 4.5V to 5.5V)
AT27LV040A -12 Symbol tACC tCE tOE
(3) (2) (2, 3)
-15
Max Min Max
Parameter Address to Output Delay CE to Output Delay OE to Output Delay OE or CE High to Output Float, whichever occurred first Output Hold from Address, CE or OE, whichever occurred first
2, 3, 4, 5. - see AC Waveforms for Read Operation.
Condition CE = OE = VIL OE = VIL CE = VIL
Min
Units ns ns ns ns ns
120 120 50 40 0 0
150 150 60 50
tDF (4, 5) tOH
Notes:
= Preliminary Information
AC Waveforms for Read Operation
(1)
Notes: 1. Timing measurement references are 0.8V and 2.0V. Input AC drive levels are 0.45V and 2.4V. See Input Test Waveforms and Measurement Levels. 2. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE . 3. OE may be delayed up to tACC - tOE after the address is valid without impact on tACC .
4. This parameter is only sampled and is not 100% tested. 5. Output float is defined as the point when data is no longer driven.
3-119
Input Test Waveform and Measurement Level
Output Test Load
tR, tF < 20 ns (10% to 90%)
Note: CL = 100 pF including jig capacitance. (1)
Pin Capacitance (f = 1 MHz, T = 25C)
Typ CIN COUT
Note:
Max 8 12
Units pF pF
Conditions VIN = 0V VOUT = 0V
4 8
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
3-120
AT27LV040A
AT27LV040A
Programming Waveforms
(1)
Notes: 1. The Input Timing Reference is 0.8V for VIL and 2.0V for VIH. 2. tOE and tDFP are characteristics of the device but must be accommodated by the programmer.
3. When programming the AT27LV040A a 0.1 F capacitor is required across VPP and ground to suppress spurious voltage transients.
DC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, VPP = 13.0 0.25V Test Conditions VIN=VIL,VIH -0.6 2.0 IOL = 2.1 mA IOH = -400 A 2.4 40 CE = VIL 11.5 20 12.5 Limits
Min Max
Symbol
Parameter Input Load Current Input Low Level Input High Level Output Low Voltage Output High Voltage VCC Supply Current (Program and Verify) VPP Supply Current A9 Product Identification Voltage
Units
A
ILI VIL VIH VOL VOH ICC2 IPP2 VID
10 0.8 VCC + 0.5 0.4
V V V V mA mA V
3-121
AC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, VPP = 13.0 0.25V Symbol Parameter Test Conditions* (1) Limits
Min Max Units s s s s s
Rapid Programming Algorithm
A 100 s CE pulse width is used to program. The address is set to the first location. VCC is raised to 6.5V and VPP is raised to 13.0V. Each address is first programmed with one 100 s CE pulse without verification. Then a verification/reprogramming loop is executed for each address. In the event a byte fails to pass verification, up to 10 successive 100 s pulses are applied with a verification after each pulse. If the byte fails to verify after 10 pulses have been applied, the part is considered failed. After the byte verifies properly, the next address is selected until all have been checked. VPP is then lowered to 5.0V and VCC to 5.0V. All bytes are read again and compared with the original data to determine if the device passes or fails.
tAS tDS tAH tDH tDFP tVPS tVCS tPW tOE tPRT
Address Setup Time
2 2 2 0 2 0 2 2
(3)
tOES OE Setup Time
Data Setup Time Address Hold Time Data Hold Time OE High to Output Float Delay (2) VPP Setup Time VCC Setup Time CE Program Pulse Width Data Valid from OE (2) VPP Pulse Rise Time During Programming
130
ns
s s
95
105 150
s
ns ns
50
*AC Conditions of Test: Input Rise and Fall Times (10% to 90%).....................20 ns Input Pulse Levels..........................................0.45V to 2.4V Input Timing Reference Level..........................0.8V to 2.0V Output Timing Reference Level.......................0.8V to 2.0V Notes: 1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP. 2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven --see timing diagram. 3. Program Pulse width tolerance is 100 sec 5%.
Atmel's 27LV040A Integrated (1) Product Identification Code
Pins Codes Manufacturer Device Type Note:
A0 O7 O6 O5 O4 O3 O2 O1 O0
Hex Data
1E 0B
0 1
0 0
0 0
0 0
1 0
1 1
1 0
1 1
0 1
1. The AT27LV040A has the same Product Identification Code as the AT27C040. Both are programming compatible.
3-122
AT27LV040A
AT27LV040A
Ordering Information
tACC (ns) 120 ICC (mA) VCC = 3.6V
Active Standby
Ordering Code AT27LV040A-12JC AT27LV040A-12TC AT27LV040A-12JI AT27LV040A-12TI AT27LV040A-15JC AT27LV040A-15TC AT27LV040A-15JI AT27LV040A-15TI
Package 32J 32T 32J 32T 32J 32T 32J 32T
Operation Range Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C)
= Preliminary Information
8 8
0.02 0.02 0.02 0.02
150
8 8
Package Type
32J 32T
32 Lead, Plastic J-Leaded Chip Carrier (PLCC) 32 Lead, Plastic Thin Small Outline Package (TSOP)
3-123


▲Up To Search▲   

 
Price & Availability of AT27LV040A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X