Part Number Hot Search : 
FBR2501 TK10417M MV5074C 160432 T83C51 HFU37H TK10417M LTC17
Product Description
Full Text Search
 

To Download AT27BV512-12JC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AT27BV512
Features
* * * * * * * * * *
Fast Read Access Time - 90 ns Dual Voltage Range Operation Unregulated Battery Power Supply Range, 2.7V to 3.6V or Standard 5V 10% Supply Range Pin Compatible with JEDEC Standard AT27C512 Low Power CMOS Operation 20 A max. (less than 1A typical) Standby for VCC = 3.6V 29 mW max. Active at 5 MHz for VCC = 3.6V JEDEC Standard Surface Mount Packages 32-Lead PLCC 28-Lead 330-mil SOIC 28-Lead TSOP High Reliability CMOS Technology 2,000V ESD Protection 200 mA Latchup Immunity RapidTM Programming Algorithm - 100 s/byte (typical) CMOS and TTL Compatible Inputs and Outputs JEDEC Standard for LVTTL and LVBO Integrated Product Identification Code Commercial and Industrial Temperature Ranges
Description
The AT27BV512 is a high performance, low power, low voltage 524,288 bit one-time programmable read only memory (OTP EPROM) organized as 64K by 8 bits. It requires only one supply in the range of 2.7V to 3.6V in normal read mode operation, making it ideal for fast, portable systems using either regulated or unregulated battery power. Atmel's innovative design techniques provide fast speeds that rival 5V parts while keeping the low power consumption of a 3V supply. At VCC = 2.7V, any byte can be accessed in less than 90 ns. With a typical power consumption of only 18 mW at 5 MHz and VCC = 3V, the AT27BV512 consumes less than one fifth the power of a standard 5V EPROM. (continued)
512K (64K x 8) Unregulated Battery-VoltageTM High Speed OTP CMOS EPROM
Pin Configurations
Pin Name A0 - A15 O0 - O7 CE OE/VPP NC Function Addresses Outputs Chip Enable Output Enable No Connect
SOIC Top View
AT27BV512
PLCC Top View
TSOP Top View
Type 1
Note: PLCC Package Pins 1 and 17 are DON'T CONNECT.
0602A
3-13
Description (Continued)
Standby mode supply current is typically less than 1 A at 3V. The AT27BV512 simplifies system design and stretches battery lifetime even further by eliminating the need for power supply regulation. The AT27BV512 is available in industry standard JEDECapproved one-time programmable (OTP) plastic PLCC, SOIC, and TSOP packages. All devices feature two-line control (CE, OE) to give designers the flexibility to prevent bus contention. The AT27BV512 operating with VCC at 3.0V produces TTL level outputs that are compatible with standard TTL logic devices operating at VCC = 5.0V. At VCC = 2.7V, the part is compatible with JEDEC approved low voltage battery operation (LVBO) interface specifications. The device is also capable of standard 5-volt operation making it ideally suited for dual supply range systems or card products that are pluggable in both 3-volt and 5-volt hosts. Atmel's AT27BV512 has additional features to ensure high quality and efficient production use. The RapidTM Programming Algorithm reduces the time required to program the part and guarantees reliable programming. Programming time is typically only 100 s/byte. The Integrated Product Identification Code electronically identifies the device and manufacturer. This feature is used by industry standard programming equipment to select the proper programming algorithms and voltages. The AT27BV512 programs exactly the same way as a standard 5V AT27C512R and uses the same programming equipment.
System Considerations
Switching between active and standby conditions via the Chip Enable pin may produce transient voltage excursions. Unless accommodated by the system design, these transients may exceed data sheet limits, resulting in device non-conformance. At a minimum, a 0.1 F high frequency, low inherent inductance, ceramic capacitor should be utilized for each device. This capacitor should be connected between the VCC and Ground terminals of the device, as close to the device as possible. Additionally, to stabilize the supply voltage level on printed circuit boards with large EPROM arrays, a 4.7 F bulk electrolytic capacitor should be utilized, again connected between the VCC and Ground terminals. This capacitor should be positioned as close as possible to the point where the power supply is connected to the array.
3-14
AT27BV512
AT27BV512
Block Diagram Absolute Maximum Ratings*
Temperature Under Bias .................. -40C to +85C Storage Temperature...................... -65C to +125C Voltage on Any Pin with Respect to Ground......................... -2.0V to +7.0V (1) Voltage on A9 with Respect to Ground ...................... -2.0V to +14.0V (1) VPP Supply Voltage with Respect to Ground....................... -2.0V to +14.0V (1)
*NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Note: 1. Minimum voltage is -0.6V dc which may undershoot to -2.0V for pulses of less than 20 ns. Maximum output pin voltage is VCC + 0.75V dc which may be exceeded if certain precautions are observed (consult application notes) and which may overshoot to +7.0V for pulses of less than 20 ns.
Operating Modes
Mode \ Pin Read (2) Output Rapid PGM PGM Disable (2)
(2)
CE VIL VIL VIH VIL VIL VIH VIL
OE/VPP VIL VIH X VPP VIL VPP VIL
Ai Ai X
(1)
VCC VCC VCC VCC VCC VCC VCC
(4) (2) (2) (2) (3) (3) (3)
Outputs DOUT High Z High Z DIN DOUT High Z Identification Code
Standby
X Ai Ai X A9 = VH A0 = VIH or VIL A1 - A15 = VIL
Program (3)
Verify (3) Inhibit (3)
Product Identification (3, 5)
VCC (3)
Notes: 1. X can be VIL or VIH. 2. Read, output disable, and standby modes require, 2.7V VCC 3.6V, or 4.5V VCC 5.5V. 3. Refer to Programming Characteristics. Programming modes require VCC = 6.5V.
4. VH = 12.0 0.5V. 5. Two identifier bytes may be selected. All Ai inputs are held low (VIL), except A9 which is set to VH and A0 which is toggled low (VIL) to select the Manufacturer's Identification byte and high (VIH) to select the Device Code byte.
3-15
DC and AC Operating Conditions for Read Operation
AT27BV512 -90 Operating Temperature (Case) VCC Power Supply Com. Ind. 0C - 70C -40C - 85C 2.7V to 3.6V 5V 10% -12 0C - 70C -40C - 85C 2.7V to 3.6V 5V 10% -15 0C - 70C -40C - 85C 2.7V to 3.6V 5V 10%
DC and Operating Characteristics for Read Operation
Symbol ILI ILO IPP1 ISB ICC VIL VIH
(2)
Parameter Input Load Current Output Leakage Current VPP
(1)
Condition VIN = 0V to VCC VOUT = 0V to VCC VPP = VCC ISB1 (CMOS), CE = VCC 0.3V ISB2 (TTL), CE = 2.0 to VCC + 0.5V f = 5 MHz, IOUT = 0 mA, CE = VIL, VCC = 3.6V VCC = 3.0 to 3.6V VCC = 2.7 to 3.6V VCC = 3.0 to 3.6V VCC = 2.7 to 3.6V IOL = 2.0 mA IOL = 100 A IOL = 20 A IOH = -2.0 mA
Min
Max 1 5 10 20 100 8
Units A A A A A mA V V V V V V V V V V
VCC = 2.7V to 3.6V
Read/Standby Current
VCC (1) Standby Current VCC Active Current Input Low Voltage Input High Voltage
-0.6 -0.6 2.0
0.8 0.2 x VCC VCC + 0.5 0.4 0.2 0.1
0.7 x VCC VCC + 0.5
VOL
Output Low Voltage
2.4 VCC - 0.2 VCC - 0.1 1 5 10 100 1 20 -0.6 2.0 0.8 VCC + 0.5 0.4 2.4
VOH
Output High Voltage
IOH = -100 A IOH = -20 A
VCC = 4.5V to 5.5V
ILI ILO IPP1 ISB ICC VIL VIH VOL VOH
(2)
Input Load Current Output Leakage Current VPP
(1)
VIN = 0V to VCC VOUT = 0V to VCC VPP = VCC ISB1 (CMOS), CE = VCC 0.3V ISB2 (TTL), CE = 2.0 to VCC + 0.5V f = 5 MHz, IOUT = 0 mA, CE = VIL
A A A A mA mA V V V V
Read/Standby Current
VCC (1) Standby Current VCC Active Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage
IOL = 2.1 mA IOH = -400 A
Notes: 1. VCC must be applied simultaneously with or before OE/VPP, and removed simultaneously with or after OE/VPP.
2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP.
3-16
AT27BV512
AT27BV512
AC Characteristics for Read Operation (VCC = 2.7V to 3.6V and 4.5V to 5.5V)
AT27BV512 -90 Symbol tACC tCE tOE
(3) (2) (2, 3)
-12
Min Max Min
-15
Max
Parameter Address to Output Delay CE to Output Delay OE/VPP to Output Delay OE/VPP or CE High to Output Float, whichever occurred first Output Hold from Address, CE or OE/VPP, whichever occurred first
Condition CE = OE/VPP = VIL OE/VPP = VIL CE = VIL
Min
Max
Units ns ns ns ns ns
90 90 50 40 0 0
120 120 50 40 0
150 150 60 50
tDF (4, 5) tOH
Notes:
2, 3, 4, 5. - see AC Waveforms for Read Operation.
(1)
AC Waveforms for Read Operation
Notes: 1. Timing measurement references are 0.8V and 2.0V. Input AC drive levels are 0.45V and 2.4V, unless otherwise specified. 2. OE/VPP may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE. 3. OE/VPP may be delayed up to tACC - tOE after the address is valid without impact on tACC.
4. This parameter is only sampled and is not 100% tested. 5. Output float is defined as the point when data is no longer driven. 6. When reading the 27BV512, a 0.1 F capacitor is required across VCC and grond to supress spurious voltage transients.
3-17
Input Test Waveform and Measurement Level
Output Test Load
tR, tF < 20 ns (10% to 90%)
Note: CL = 100 pF including jig capacitance. (1)
Pin Capacitance (f = 1 MHz, T = 25C)
Typ CIN COUT
Note:
Max 6 12
Units pF pF
Conditions VIN = 0V VOUT = 0V
4 8
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
3-18
AT27BV512
AT27BV512
Programming Waveforms
(1)
Notes: 1. The Input Timing Reference is 0.8V for VIL and 2.0V for VIH. 2. tOE and tDFP are characteristics of the device but must be accommodated by the programmer.
3. When programming the 27BV512, a 0.1 F capacitor is required across VPP and ground to supress spurious voltage transients.
DC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, OE/VPP = 13.0 0.25V Test Conditions VIN = VIL, VIH -0.6 2.0 IOL = 2.1 mA IOH = -400 A 2.4 25 CE = VIL 11.5 25 12.5 Limits Min Max Units
A
Symbol
Parameter Input Load Current Input Low Level Input High Level Output Low Voltage Output High Voltage VCC Supply Current (Program and Verify) OE/VPP Current A9 Product Identification Voltage
ILI VIL VIH VOL VOH ICC2 IPP2 VID
10
0.8 VCC + 0.5 0.4
V V V V mA mA V
3-19
AC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, OE/VPP = 13.0 0.25V Symbol Parameter Test Conditions* (1) Limits
Min Max Units s s s s s s
Rapid Programming Algorithm
A 100 s CE pulse width is used to program. The address is set to the first location. VCC is raised to 6.5V and OE/VPP is raised to 13.0V. Each address is first programmed with one 100 s CE pulse without verification. Then a verification / reprogramming loop is executed for each address. In the event a byte fails to pass verification, up to 10 successive 100 s pulses are applied with a verification after each pulse. If the byte fails to verify after 10 pulses have been applied, the part is considered failed. After the byte verifies properly, the next address is selected until all have been checked. OE/VPP is then lowered to VIL and VCC to 5.0V. All bytes are read again and compared with the original data to determine if the device passes or fails.
tAS
Address Setup Time
2 2 2 2 0 2 0 2
(3)
tOES OE/VPP Setup Time tOEH OE/VPP Hold Time tDS tAH tDH tDFP
Data Setup Time Address Hold Time Data Hold Time CE High to Output Float Delay (2) CE Program Pulse Width Data Valid from CE (2) OE/VPP Recovery Time OE/VPP Pulse Rise Time During Programming
130
ns
s
tVCS VCC Setup Time tPW tDV tVR tPRT
95
105 1
s s s
2 50
ns
*AC Conditions of Test: Input Rise and Fall Times (10% to 90)..............20 ns Input Pulse Levels................................0.45V to 2.4V Input Timing Reference Level................0.8V to 2.0V Output Timing Reference Level.............0.8V to 2.0V Notes: 1. VCC must be applied simultaneously or before OE/VPP and removed simultaneously or after OE/VPP. 2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven -- see timing diagram. 3. Program Pulse width tolerance is 100 sec 5%.
Atmel's 27BV512 Integrated (1) Product Identification Code
Pins Codes Manufacturer Device Type Note:
A0 O7 O6 O5 O4 O3 O2 O1 O0
Hex Data
1E 0D
0 1
0 0
0 0
0 0
1 0
1 1
1 1
1 0
0 1
1. The AT27BV512 has the same Product Identification Code as the AT27C512R. Both are programming compatible.
3-20
AT27BV512
AT27BV512
Ordering Information
tACC (ns) 90 ICC (mA)
Active Standby
Ordering Code AT27BV512-90JC AT27BV512-90RC AT27BV512-90TC AT27BV512-90JI AT27BV512-90RI AT27BV512-90TI AT27BV512-12JC AT27BV512-12RC AT27BV512-12TC AT27BV512-12JI AT27BV512-12RI AT27BV512-12TI AT27BV512-15JC AT27BV512-15RC AT27BV512-15TC AT27BV512-15JI AT27BV512-15RI AT27BV512-15TI
Package 32J 28R 28T 32J 28R 28T 32J 28R 28T 32J 28R 28T 32J 28R 28T 32J 28R 28T
Operation Range Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C)
8
0.02
8
0.02
120
8
0.02
8
0.02
150
8
0.02
8
0.02
Package Type
32J 28R 28T
32 Lead, Plastic J-Leaded Chip Carrier (PLCC) 28 Lead, 0.330" Wide, Plastic Gull Wing Small Outline (SOIC) 28 Lead, Thin Small Outline Package (TSOP)
3-21


▲Up To Search▲   

 
Price & Availability of AT27BV512-12JC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X