Part Number Hot Search : 
KSD5062 XFGIB100 CMD57640 R160R0JM TC7SZ SBE806 002228 HD74LV
Product Description
Full Text Search
 

To Download ADSP-2104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
SUMMARY 16-Bit Fixed-Point DSP Microprocessors with On-Chip Memory Enhanced Harvard Architecture for Three-Bus Performance: Instruction Bus & Dual Data Buses Independent Computation Units: ALU, Multiplier/ Accumulator, and Shifter Single-Cycle Instruction Execution & Multifunction Instructions On-Chip Program Memory RAM or ROM & Data Memory RAM Integrated I/O Peripherals: Serial Ports and Timer FEATURES 20 MIPS, 50 ns Maximum Instruction Rate Separate On-Chip Buses for Program and Data Memory Program Memory Stores Both Instructions and Data (Three-Bus Performance) Dual Data Address Generators with Modulo and Bit-Reverse Addressing Efficient Program Sequencing with Zero-Overhead Looping: Single-Cycle Loop Setup Automatic Booting of On-Chip Program Memory from Byte-Wide External Memory (e.g., EPROM ) Double-Buffered Serial Ports with Companding Hardware, Automatic Data Buffering, and Multichannel Operation Three Edge- or Level-Sensitive Interrupts Low Power IDLE Instruction PLCC Package GENERAL DESCRIPTION
Low Cost DSP Microcomputers ADSP-2104/ADSP-2109
FUNCTIONAL BLOCK DIAGRAM
DATA ADDRESS GENERATORS DAG 1 DAG 2 MEMORY PROGRAM SEQUENCER PROGRAM MEMORY DATA MEMORY EXTERNAL ADDRESS BUS
PROGRAM MEMORY ADDRESS
DATA MEMORY ADDRESS
PROGRAM MEMORY DATA DATA MEMORY DATA EXTERNAL DATA BUS ARITHMETIC UNITS ALU MAC SHIFTER SERIAL PORTS SPORT 0 SPORT 1 TIMER
ADSP-2100 CORE
The ADSP-2100 Family's flexible architecture and comprehensive instruction set support a high degree of parallelism. In one cycle the ADSP-2104/ADSP-2109 can perform all of the following operations:
The ADSP-2104 and ADSP-2109 processors are single-chip microcomputers optimized for digital signal processing (DSP) and other high speed numeric processing applications. The ADSP-2104/ADSP-2109 processors are built upon a common core. Each processor combines the core DSP architecture-- computation units, data address generators, and program sequencer--with differentiating features such as on-chip program and data memory RAM (ADSP-2109 contains 4K words of program ROM), a programmable timer, and two serial ports. Fabricated in a high speed, submicron, double-layer metal CMOS process, the ADSP-2104/ADSP-2109 operates at 20 MIPS with a 50 ns instruction cycle time. The ADSP-2104L and ADSP-2109L are 3.3 volt versions which operate at 13.824 MIPS with a 72.3 ns instruction cycle time. Every instruction can execute in a single cycle. Fabrication in CMOS results in low power dissipation.
* * * * * *
Generate the next program address Fetch the next instruction Perform one or two data moves Update one or two data address pointers Perform a computation Receive and transmit data via one or two serial ports
The ADSP-2104 contains 512 words of program RAM, 256 words of data RAM, an interval timer, and two serial ports. The ADSP-2104L is a 3.3 volt power supply version of the ADSP-2104; it is identical to the ADSP-2104 in all other characteristics. The ADSP-2109 contains 4K words of program ROM and 256 words of data RAM, an interval timer, and two serial ports. The ADSP-2109L is a 3.3 volt power supply version of the ADSP-2109; it is identical to the ADSP-2109 in all other characteristics.
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. (c) Analog Devices, Inc., 1996 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703
ADSP-2104/ADSP-2109
The ADSP-2109 is a memory-variant version of the ADSP2104 and contains factory-programmed on-chip ROM program memory. The ADSP-2109 eliminates the need for an external boot EPROM in your system, and can also eliminate the need for any external program memory by fitting the entire application program in on-chip ROM. This device provides an excellent option for volume applications where board space and system cost constraints are of critical concern.
Development Tools
windowed user interface. A PROM splitter utility generates PROM programmer compatible files. EZ-ICE(R) in-circuit emulators allow debugging of ADSP-2104 systems by providing a full range of emulation functions such as modification of memory and register values and execution breakpoints. EZ-LAB(R) demonstration boards are complete DSP systems that execute EPROM-based programs. The EZ-Kit Lite is a very low cost evaluation/development platform that contains both the hardware and software needed to evaluate the ADSP-21xx architecture. Additional details and ordering information is available in the ADSP-2100 Family Software & Hardware Development Tools data sheet (ADDS-21xx-TOOLS). This data sheet can be requested from any Analog Devices sales office or distributor.
Additional Information
The ADSP-2104/ADSP-2109 processors are supported by a complete set of tools for system development. The ADSP-2100 Family Development Software includes C and assembly language tools that allow programmers to write code for any ADSP-21xx processor. The ANSI C compiler generates ADSP21xx assembly source code, while the runtime C library provides ANSI-standard and custom DSP library routines. The ADSP21xx assembler produces object code modules which the linker combines into an executable file. The processor simulators provide an interactive instruction-level simulation with a reconfigurable,
This data sheet provides a general overview of ADSP-2104/ ADSP-2109 processor functionality. For detailed design information on the architecture and instruction set, refer to the ADSP-2100 Family User's Manual, available from Analog Devices.
EZ-ICE and EZ-LAB are registered trademarks of Analog Devices, Inc.
TABLE OF CONTENTS GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . 1 Development Tools . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Additional Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 ARCHITECTURE OVERVIEW . . . . . . . . . . . . . . . . . . . . 3 Serial Ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 SYSTEM INTERFACE . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Clock Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Program Memory Interface . . . . . . . . . . . . . . . . . . . . . . . . . 6 Program Memory Maps . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Data Memory Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Data Memory Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Boot Memory Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Bus Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Low Power IDLE Instruction . . . . . . . . . . . . . . . . . . . . . . . 8 ADSP-2109 Prototyping . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Ordering Procedure for ADSP-2109 ROM Processors . . . . 9 Instruction Set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 SPECIFICATIONS (ADSP-2104/ADSP-2109) . . . . . . . . 12 Recommended Operating Conditions . . . . . . . . . . . . . . . . 12 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Supply Current & Power . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Power Dissipation Example . . . . . . . . . . . . . . . . . . . . . . . . 14 Environmental Conditions . . . . . . . . . . . . . . . . . . . . . . . . . 14 Capacitive Loading . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
SPECIFICATIONS (ADSP-2104L/ADSP-2109L) . . . . . . Recommended Operating Conditions . . . . . . . . . . . . . . . . Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . Supply Current & Power . . . . . . . . . . . . . . . . . . . . . . . . . . Power Dissipation Example . . . . . . . . . . . . . . . . . . . . . . . . Environmental Conditions . . . . . . . . . . . . . . . . . . . . . . . . . Capacitive Loading . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TIMING PARAMETERS (ADSP-2104/ADSP-2109) . . . . . Clock Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Interrupts & Flags . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bus Request-Bus Grant . . . . . . . . . . . . . . . . . . . . . . . . . . . Memory Read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Memory Write . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Serial Ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TIMING PARAMETERS (ADSP-2104L/ADSP-2109L) . . Clock Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Interrupts & Flags . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bus Request-Bus Grant . . . . . . . . . . . . . . . . . . . . . . . . . . . Memory Read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Memory Write . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Serial Ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PIN CONFIGURATIONS 68-Lead PLCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PACKAGE OUTLINE DIMENSIONS 68-Lead PLCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16 16 16 17 18 18 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
-2-
REV. 0
ADSP-2104/ADSP-2109
INSTRUCTION REGISTER DATA ADDRESS GENERATOR #1 DATA ADDRESS GENERATOR #2 14 PMA BUS 14 DMA BUS PROGRAM MEMORY SRAM or ROM DATA MEMORY SRAM BOOT ADDRESS GENERATOR TIMER
PROGRAM SEQUENCER
24
16
PMA BUS 14 DMA BUS MUX EXTERNAL ADDRESS BUS
24
PMD BUS BUS EXCHANGE
PMD BUS 24 MUX DMD BUS EXTERNAL DATA BUS
16
DMD BUS
INPUT REGS ALU OUTPUT REGS
INPUT REGS MAC OUTPUT REGS
INPUT REGS SHIFTER TRANSMIT REG OUTPUT REGS 16 R Bus RECEIVE REG SERIAL PORT 0 5
COMPANDING CIRCUITRY
TRANSMIT REG RECEIVE REG SERIAL PORT 1 5
Figure 1. ADSP-2104/ADSP-2109 Block Diagram
ARCHITECTURE OVERVIEW
Figure 1 shows a block diagram of the ADSP-2104/ADSP-2109 architecture. The processor contains three independent computational units: the ALU, the multiplier/accumulator (MAC), and the shifter. The computational units process 16-bit data directly and have provisions to support multiprecision computations. The ALU performs a standard set of arithmetic and logic operations; division primitives are also supported. The MAC performs single-cycle multiply, multiply/add, and multiply/ subtract operations. The shifter performs logical and arithmetic shifts, normalization, denormalization, and derive exponent operations. The shifter can be used to efficiently implement numeric format control including multiword floating-point representations. The internal result (R) bus directly connects the computational units so that the output of any unit may be used as the input of any unit on the next cycle. A powerful program sequencer and two dedicated data address generators ensure efficient use of these computational units. The sequencer supports conditional jumps, subroutine calls, and returns in a single cycle. With internal loop counters and loop stacks, the ADSP-2104/ADSP-2109 executes looped code with zero overhead--no explicit jump instructions are required to maintain the loop. Nested loops are also supported. Two data address generators (DAGs) provide addresses for simultaneous dual operand fetches (from data memory and program memory). Each DAG maintains and updates four address pointers. Whenever the pointer is used to access data (indirect addressing), it is post-modified by the value of one of four modify registers. A length value may be associated with each pointer to implement automatic modulo addressing for
circular buffers. The circular buffering feature is also used by the serial ports for automatic data transfers to (and from) onchip memory. Efficient data transfer is achieved with the use of five internal buses: * * * * * Program Memory Address (PMA) Bus Program Memory Data (PMD) Bus Data Memory Address (DMA) Bus Data Memory Data (DMD) Bus Result (R) Bus
The two address buses (PMA, DMA) share a single external address bus, allowing memory to be expanded off-chip, and the two data buses (PMD, DMD) share a single external data bus. The BMS, DMS, and PMS signals indicate which memory space is using the external buses. Program memory can store both instructions and data, permitting the ADSP-2104/ADSP-2109 to fetch two operands in a single cycle, one from program memory and one from data memory. The processor can fetch an operand from on-chip program memory and the next instruction in the same cycle. The memory interface supports slow memories and memorymapped peripherals with programmable wait state generation. External devices can gain control of the processor's buses with the use of the bus request/grant signals (BR, BG). One bus grant execution mode (GO Mode) allows the ADSP2104/ADSP-2109 to continue running from internal memory. A second execution mode requires the processor to halt while buses are granted.
REV. 0
-3-
ADSP-2104/ADSP-2109
The ADSP-2104/ADSP-2109 can respond to several different interrupts. There can be up to three external interrupts, configured as edge- or level-sensitive. Internal interrupts can be generated by the timer and serial ports. There is also a master RESET signal. Booting circuitry provides for loading on-chip program memory automatically from byte-wide external memory. After reset, three wait states are automatically generated. This allows, for example, the ADSP-2104 to use a 150 ns EPROM as external boot memory. Multiple programs can be selected and loaded from the EPROM with no additional hardware. The data receive and transmit pins on SPORT1 (Serial Port 1) can be alternatively configured as a general-purpose input flag and output flag. You can use these pins for event signalling to and from an external device. A programmable interval timer can generate periodic interrupts. A 16-bit count register (TCOUNT) is decremented every n cycles, where n-1 is a scaling value stored in an 8-bit register (TSCALE). When the value of the count register reaches zero, an interrupt is generated and the count register is reloaded from a 16-bit period register (TPERIOD).
Serial Ports
Flexible Interrupt Scheme--Receive and transmit functions can generate a unique interrupt upon completion of a data word transfer. Autobuffering with Single-Cycle Overhead--Each SPORT can automatically receive or transmit the contents of an entire circular data buffer with only one overhead cycle per data word; an interrupt is generated after the transfer of the entire buffer is completed. Multichannel Capability (SPORT0 Only)--SPORT0 provides a multichannel interface to selectively receive or transmit a 24-word or 32-word, time-division multiplexed serial bit stream; this feature is especially useful for T1 or CEPT interfaces, or as a network communication scheme for multiple processors. Alternate Configuration--SPORT1 can be alternatively configured as two external interrupt inputs (IRQ0, IRQ1) and the Flag In and Flag Out signals (FI, FO).
Interrupts
The ADSP-2104/ADSP-2109 processor includes two synchronous serial ports ("SPORTs") for serial communications and multiprocessor communication. The serial ports provide a complete synchronous serial interface with optional companding in hardware. A wide variety of framed or frameless data transmit and receive modes of operation are available. Each SPORT can generate an internal programmable serial clock or accept an external serial clock. Each serial port has a 5-pin interface consisting of the following signals: Signal Name SCLK RFS TFS DR DT Function Serial Clock (I/O) Receive Frame Synchronization (I/O) Transmit Frame Synchronization (I/O) Serial Data Receive Serial Data Transmit
The interrupt controller lets the processor respond to interrupts with a minimum of overhead. Up to three external interrupt input pins, IRQ0, IRQ1, and IRQ2, are provided. IRQ2 is always available as a dedicated pin; IRQ1 and IRQ0 may be alternately configured as part of Serial Port 1. The ADSP-2104/ ADSP-2109 also supports internal interrupts from the timer, and serial ports. The interrupts are internally prioritized and individually maskable (except for RESET which is nonmaskable). The IRQx input pins can be programmed for either level- or edge-sensitivity. The interrupt priorities are shown in Table I.
Table I. Interrupt Vector Addresses & Priority
ADSP-2104/ADSP-2109 Interrupt Source RESET Startup IRQ2 SPORT0 Transmit SPORT0 Receive SPORT1 Transmit or IRQ1 SPORT1 Receive or IRQ0 Timer
Interrupt Vector Address 0x0000 0x0004 (High Priority) 0x0008 0x000C 0x0010 0x0014 0x0018 (Low Priority)
The serial ports offer the following capabilities: Bidirectional--Each SPORT has a separate, double-buffered transmit and receive function. Flexible Clocking--Each SPORT can use an external serial clock or generate its own clock internally. Flexible Framing--The SPORTs have independent framing for the transmit and receive functions; each function can run in a frameless mode or with frame synchronization signals internally generated or externally generated; frame sync signals may be active high or inverted, with either of two pulse widths and timings. Different Word Lengths--Each SPORT supports serial data word lengths from 3 to 16 bits. Companding in Hardware--Each SPORT provides optional A-law and -law companding according to CCITT recommendation G.711.
The ADSP-2104/ADSP-2109 uses a vectored interrupt scheme: when an interrupt is acknowledged, the processor shifts program control to the interrupt vector address corresponding to the interrupt received. Interrupts can be optionally nested so that a higher priority interrupt can preempt the currently executing interrupt service routine. Each interrupt vector location is four instructions in length so that simple service routines can be coded entirely in this space. Longer service routines require an additional JUMP or CALL instruction. Individual interrupt requests are logically ANDed with the bits in the IMASK register; the highest-priority unmasked interrupt is then selected.
-4-
REV. 0
ADSP-2104/ADSP-2109
The interrupt control register, ICNTL, allows the external interrupts to be set as either edge- or level-sensitive. Depending on bit 4 in ICNTL, interrupt service routines can either be nested (with higher priority interrupts taking precedence) or be processed sequentially (with only one interrupt service active at a time). The interrupt force and clear register, IFC, is a write-only register that contains a force bit and a clear bit for each interrupt. When responding to an interrupt, the ASTAT, MSTAT, and IMASK status registers are pushed onto the status stack and the PC counter is loaded with the appropriate vector address. The status stack is seven levels deep to allow interrupt nesting. The stack is automatically popped when a return from the interrupt instruction is executed.
Pin Definitions
Programmable wait-state generation allows the processors to easily interface to slow external memories. The ADSP-2104/ADSP-2109 also provides either: one external interrupt (IRQ2) and two serial ports (SPORT0, SPORT1), or three external interrupts (IRQ2, IRQ1, IRQ0) and one serial port (SPORT0).
Clock Signals
The ADSP-2104/ADSP-2109's CLKIN input may be driven by a crystal or by a TTL-compatible external clock signal. The CLKIN input may not be halted or changed in frequency during operation, nor operated below the specified low frequency limit. If an external clock is used, it should be a TTL-compatible signal running at the instruction rate. The signal should be connected to the processor's CLKIN input; in this case, the XTAL input must be left unconnected. Because the processor includes an on-chip oscillator circuit, an external crystal may also be used. The crystal should be connected across the CLKIN and XTAL pins, with two capacitors connected as shown in Figure 2. A parallel-resonant, fundamental frequency, microprocessor-grade crystal should be used.
Table II shows pin definitions for the ADSP-2104/ADSP-2109 processors. Any inputs not used must be tied to VDD.
SYSTEM INTERFACE
Figure 3 shows a typical system for the ADSP-2104/ADSP-2109, with two serial I/O devices, a boot EPROM, and optional external program and data memory. A total of 14.25K words of data memory and 14.5K words of program memory is addressable.
Table II. ADSP-2104/ADSP-2109 Pin Definitions
Pin Name(s) Address Data1
# of Pins 14 24
Input / Output O I/O
Function Address outputs for program, data and boot memory. Data I/O pins for program and data memories. Input only for boot memory, with two MSBs used for boot memory addresses. Unused data lines may be left floating. Processor Reset Input External Interrupt Request #2 External Bus Request Input External Bus Grant Output External Program Memory Select External Data Memory Select Boot Memory Select External Memory Read Enable External Memory Write Enable Memory Map Select Input External Clock or Quartz Crystal Input Processor Clock Output Power Supply Pins Ground Pins Serial Port 0 Pins (TFS0, RFS0, DT0, DR0, SCLK0) Serial Port 1 Pins (TFS1, RFS1, DT1, DR1, SCLK1) External Interrupt Request #0 External Interrupt Request #1 Flag Input Pin Flag Output Pin
RESET IRQ2 BR2 BG PMS DMS BMS RD WR MMAP CLKIN, XTAL CLKOUT VDD GND SPORT0 SPORT1 or Interrupts & Flags: IRQ0 (RFS1) IRQ1 (TFS1) FI (DR1) FO (DT1)
NOTES 1 Unused data bus lines may be left floating. 2 BR must be tied high (to V DD) if not used.
1 1 1 1 1 1 1 1 1 1 2 1
I I I O O O O O O I I O
5 5 1 1 1 1
I/O I/O I I I O
REV. 0
-5-
ADSP-2104/ADSP-2109
The RESET input resets all internal stack pointers to the empty stack condition, masks all interrupts, and clears the MSTAT register. When RESET is released, the boot loading sequence is performed (provided there is no pending bus request and the chip is configured for booting, with MMAP = 0). The first instruction is then fetched from internal program memory location 0x0000.
Program Memory Interface
CLKIN
XTAL
CLKOUT
ADSP-2104/ ADSP-2109
Figure 2. External Crystal Connections
A clock output signal (CLKOUT) is generated by the processor, synchronized to the processor's internal cycles.
Reset
The RESET signal initiates a complete reset of the processor. The RESET signal must be asserted when the chip is powered up to assure proper initialization. If the RESET signal is applied during initial power-up, it must be held long enough to allow the processor's internal clock to stabilize. If RESET is activated at any time after power-up and the input clock frequency does not change, the processor's internal clock continues and does not require this stabilization time. The power-up sequence is defined as the total time required for the crystal oscillator circuit to stabilize after a valid VDD is applied to the processor and for the internal phase-locked loop (PLL) to lock onto the specific crystal frequency. A minimum of 2000 tCK cycles will ensure that the PLL has locked (this does not, however, include the crystal oscillator start-up time). During this power-up sequence the RESET signal should be held low. On any subsequent resets, the RESET signal must meet the minimum pulse width specification, tRSP. To generate the RESET signal, use either an RC circuit with an external Schmidt trigger or a commercially available reset IC. (Do not use only an RC circuit.)
ADSP-2104
or ADSP-2109
The on-chip program memory address bus (PMA) and on-chip program memory data bus (PMD) are multiplexed with the onchip data memory buses (DMA, DMD), creating a single external data bus and a single external address bus. The external data bus is bidirectional and is 24 bits wide to allow instruction fetches from external program memory. Program memory may contain code and data. The external address bus is 14 bits wide. The data lines are bidirectional. The program memory select (PMS) signal indicates accesses to program memory and can be used as a chip select signal. The write (WR) signal indicates a write operation and is used as a write strobe. The read (RD) signal indicates a read operation and is used as a read strobe or output enable signal. The processor writes data from the 16-bit registers to 24-bit program memory using the PX register to provide the lower eight bits. When the processor reads 16-bit data from 24-bit program memory to a 16-bit data register, the lower eight bits are placed in the PX register. The program memory interface can generate 0 to 7 wait states for external memory devices; default is to 7 wait states after RESET.
14
A13-0 D23-22
ADDR13-0 1x CLOCK or CRYSTAL CLKIN XTAL CLKOUT RESET IRQ2 BR BG MMAP D23-0 DATA RD WR A13-0 ADDR D23-8 SERIAL DEVICE
(OPTIONAL)
24
ADDR
BOOT MEMORY
e.g. EPROM 2764 27128 27256 27512
DATA23-0 BMS
D15-8 DATA OE CS A13-0 ADDR
PROGRAM MEMORY
(OPTIONAL)
SERIAL DEVICE
(OPTIONAL)
SPORT 1 SCLK1 RFS1 or IRQ0 TFS1 or IRQ1 DT1 or FO DR1 or FI SPORT 0 SCLK0 RFS0 TFS0 DT0 DR0
OE WE CS
DATA PMS DMS OE WE CS
DATA MEMORY & PERIPHERALS
(OPTIONAL)
THE TWO MSBs OF THE DATA BUS (D23-22) ARE USED TO SUPPLY THE TWO MSBs OF THE BOOT MEMORY EPROM ADDRESS. THIS IS ONLY REQUIRED FOR THE 27256 AND 27512.
Figure 3. ADSP-2104/ADSP-2109 System
-6-
REV. 0
ADSP-2104/ADSP-2109
Program Memory Maps Data Memory Interface
Program memory can be mapped in two ways, depending on the state of the MMAP pin. Figure 4 shows the ADSP-2104 program memory maps. Figure 5 shows the program memory maps for the ADSP-2109.
INTERNAL RAM 512 WORDS LOADED FROM EXTERNAL BOOT MEMORY 0x0000 0x0000
The data memory address bus (DMA) is 14 bits wide. The bidirectional external data bus is 24 bits wide, with the upper 16 bits used for data memory data (DMD) transfers. The data memory select (DMS) signal indicates access to data memory and can be used as a chip select signal. The write (WR) signal indicates a write operation and can be used as a write strobe. The read (RD) signal indicates a read operation and can be used as a read strobe or output enable signal. The ADSP-2104/ADSP-2109 processors support memorymapped I/O, with the peripherals memory-mapped into the data memory address space and accessed by the processor in the same manner as data memory.
0x01FF 0x0200
RESERVED 1.5K 0x07FF 0x0800
EXTERNAL 14K
0x37FF 0x3800 EXTERNAL 14K INTERNAL RAM 512 WORDS 0x39FF 0x3A00 RESERVED 1.5K 0x3FFF MMAP=0 MMAP=1 No Booting 0x3FFF
Data Memory Map ADSP-2104
On-chip data memory RAM resides in the 256 words beginning at address 0x3800, also shown in Figure 6. Data memory locations from 0x3900 to the end of data memory at 0x3FFF are reserved. Control and status registers for the system, timer, wait-state configuration, and serial port operations are located in this region of memory.
0x0000 1K EXTERNAL DWAIT0 0x0400 1K EXTERNAL DWAIT1 0x0800
Figure 4. ADSP-2104 Program Memory Maps
0x0000 2K EXTERNAL 0x07FF 0x0800 2K INTERNAL ROM 0x0FF0 RESERVED 0x0FFF 0x1000 RESERVED 0x0FFF 0x1000 0x0FF0 0x0000
4K INTERNAL ROM
10K EXTERNAL DWAIT2
EXTERNAL RAM
0x3000 1K EXTERNAL DWAIT3 0x3400
12K EXTERNAL
10K EXTERNAL
1K EXTERNAL DWAIT4 0x3800 256 WORDS
0x37FF 0x3800
0x3900
2K INTERNAL ROM 0x3FFF MMAP=0 MMAP=1 0x3FFF
0x3C00 MEMORY-MAPPED CONTROL REGISTERS & RESERVED 0x3FFF
INTERNAL RAM
Figure 5. ADSP-2109 Program Memory Maps
ADSP-2104
Figure 6. Data Memory Map
When MMAP = 0, on-chip program memory RAM occupies 512 words beginning at address 0x0000. Off-chip program memory uses the remaining 14K words beginning at address 0x0800. In this configuration-when MMAP = 0-the boot loading sequence (described below in "Boot Memory Interface") is automatically initiated when RESET is released. When MMAP = 1, 14K words of off-chip program memory begin at address 0x0000 and on-chip program memory RAM is located in the 512 words between addresses 0x3800-0x39FF. In this configuration, program memory is not booted although it can be written to and read under program control. REV. 0
The remaining 14K of data memory is located off-chip. This external data memory is divided into five zones, each associated with its own wait-state generator. This allows slower peripherals to be memory-mapped into data memory for which wait states are specified. By mapping peripherals into different zones, you can accommodate peripherals with different wait-state requirements. All zones default to seven wait states after RESET.
-7-
ADSP-2104/ADSP-2109
Boot Memory Interface
Boot memory is an external 16K by 8 space, divided into eight separate 2K by 8 pages. The 8-bit bytes are automatically packed into 24-bit instruction words by the processor, for loading into on-chip program memory. Three bits in the processors' System Control Register select which page is loaded by the boot memory interface. Another bit in the System Control Register allows the forcing of a boot loading sequence under software control. Boot loading from Page 0 after RESET is initiated automatically if MMAP = 0. The boot memory interface can generate zero to seven wait states; it defaults to three wait states after RESET. This allows the ADSP-2104 to boot from a single low cost EPROM such as a 27C256. Program memory is booted one byte at a time and converted to 24-bit program memory words. The BMS and RD signals are used to select and to strobe the boot memory interface. Only 8-bit data is read over the data bus, on pins D8-D15. To accommodate up to eight pages of boot memory, the two MSBs of the data bus are used in the boot memory interface as the two MSBs of the boot memory address: D23, D22, and A13 supply the boot page number. The ADSP-2100 Family Assembler and Linker allow the creation of programs and data structures requiring multiple boot pages during execution. The BR signal is recognized during the booting sequence. The bus is granted after loading the current byte is completed. BR during booting may be used to implement booting under control of a host processor.
Bus Interface
the number of wait states). The instruction does not need to be completed when the bus is granted; the processor will grant the bus in between two memory accesses if an instruction requires more than one external memory access. When the BR signal is released, the processor releases the BG signal, re-enables the output drivers and continues program execution from the point where it stopped. The bus request feature operates at all times, including when the processor is booting and when RESET is active. If this feature is not used, the BR input should be tied high (to VDD).
Low Power IDLE Instruction
The IDLE instruction places the processor in low power state in which it waits for an interrupt. When an interrupt occurs, it is serviced and execution continues with instruction following IDLE. Typically this next instruction will be a JUMP back to the IDLE instruction. This implements a low-power standby loop. The IDLE n instruction is a special version of IDLE that slows the processor's internal clock signal to further reduce power consumption. The reduced clock frequency, a programmable fraction of the normal clock rate, is specified by a selectable divisor, n, given in the IDLE instruction. The syntax of the instruction is: IDLE n; where n = 16, 32, 64, or 128. The instruction leaves the chip in an idle state, operating at the slower rate. While it is in this state, the processor's other internal clock signals, such as SCLK, CLKOUT, and the timer clock, are reduced by the same ratio. Upon receipt of an enabled interrupt, the processor will stay in the IDLE state for up to a maximum of n CLKIN cycles, where n is the divisor specified in the instruction, before resuming normal operation. When the IDLE n instruction is used, it slows the processor's internal clock and thus its response time to incoming interrupts- the 1-cycle response time of the standard IDLE state is increased by n, the clock divisor. When an enabled interrupt is received, the ADSP-21xx will remain in the IDLE state for up to a maximum of n CLKIN cycles (where n = 16, 32, 64, or 128) before resuming normal operation. When the IDLE n instruction is used in systems that have an externally generated serial clock (SCLK), the serial clock rate may be faster than the processor's reduced internal clock rate. Under these conditions, interrupts must not be generated at a faster rate than can be serviced, due to the additional time the processor takes to come out of the IDLE state (a maximum of n CLKIN cycles).
The ADSP-2104/ADSP-2109 can relinquish control of their data and address buses to an external device. When the external device requires control of the buses, it asserts the bus request signal (BR). If the processor is not performing an external memory access, it responds to the active BR input in the next cycle by:
* * *
Three-stating the data and address buses and the PMS, DMS, BMS, RD, WR output drivers, Asserting the bus grant (BG) signal, and halting program execution.
If the Go mode is set, however, the ADSP-2104/ADSP-2109 will not halt program execution until it encounters an instruction that requires an external memory access. If the processor is performing an external memory access when the external device asserts the BR signal, it will not three-state the memory interfaces or assert the BG signal until the cycle after the access completes (up to eight cycles later depending on
-8-
REV. 0
ADSP-2104/ADSP-2109
ADSP-2109 Prototyping
You can prototype your ADSP-2109 system with the ADSP2104 RAM-based processor. When code is fully developed and debugged, it can be submitted to Analog Devices for conversion into a ADSP-2109 ROM product. The ADSP-2101 EZ-ICE emulator can be used for development of ADSP-2109 systems. For the 3.3 V ADSP-2109, a voltage converter interface board provides 3.3 V emulation. Additional overlay memory is used for emulation of ADSP-2109 systems. It should be noted that due to the use of off-chip overlay memory to emulate the ADSP-2109, a performance loss may be experienced when both executing instructions and fetching program memory data from the off-chip overlay memory in the same cycle. This can be overcome by locating program memory data in on-chip memory.
Ordering Procedure for ADSP-2109 ROM Processor
After this information is received, it is entered into Analog Devices' ROM Manager System which assigns a custom ROM model number to the product. This model number will be branded on all prototype and production units manufactured to these specifications. To minimize the risk of code being altered during this process, Analog Devices verifies that the .EXE files on both floppy disks are identical, and recalculates the checksums for the .EXE file entered into the ROM Manager System. The checksum data, in the form of a ROM Memory Map, a hard copy of the .EXE file, and a ROM Data Verification form are returned to you for inspection. A signed ROM Verification Form and a purchase order for production units are required prior to any product being manufactured. Prototype units may be applied toward the minimum order quantity. Upon completion of prototype manufacture, Analog Devices will ship prototype units and a delivery schedule update for production units. An invoice against your purchase order for the NRE charges is issued at this time. There is a charge for each ROM mask generated and a minimum order quantity. Consult your sales representative for details. A separate order must be placed for parts of a specific package type, temperature range, and speed grade.
To place an order for a custom ROM-coded ADSP-2109, you must: 1. Complete the following forms contained in the ADSP ROM Ordering Package, available from your Analog Devices sales representative: ADSP-2109 ROM Specification Form ROM Release Agreement ROM NRE Agreement & Minimum Quantity Order (MQO) Acceptance Agreement for Pre-Production ROM Products 2. Return the forms to Analog Devices along with two copies of the Memory Image File (.EXE file) of your ROM code. The files must be supplied on two 3.5" or 5.25" floppy disks for the IBM PC (DOS 2.01 or higher). 3. Place a purchase order with Analog Devices for nonrecurring engineering changes (NRE) associated with ROM product development.
REV. 0
-9-
ADSP-2104/ADSP-2109
Instruction Set
The ADSP-2104/ADSP-2109 assembly language uses an algebraic syntax for ease of coding and readability. The sources and destinations of computations and data movements are written explicitly in each assembly statement, eliminating cryptic assembler mnemonics. Every instruction assembles into a single 24-bit word and executes in a single cycle. The instructions encompass a wide variety of instruction types along with a high degree of
operational parallelism. There are five basic categories of instructions: data move instructions, computational instructions, multifunction instructions, program flow control instructions and miscellaneous instructions. Multifunction instructions perform one or two data moves and a computation. The instruction set is summarized below. The ADSP-2100 Family Users Manual contains a complete reference to the instruction set.
ALU Instructions
[IF cond] AR|AF = = = = = = = = = = = = = = xop + yop [+ C] ; xop - yop [+ C- 1] ; yop - xop [+ C- 1] ; xop AND yop ; xop OR yop ; xop XOR yop ; PASS xop ; - xop ; NOT xop ; ABS xop ; yop + 1 ; yop - 1 ; DIVS yop, xop ; DIVQ xop ; Add/Add with Carry Subtract X - Y/Subtract X - Y with Borrow Subtract Y - X/Subtract Y - X with Borrow AND OR XOR Pass, Clear Negate NOT Absolute Value Increment Decrement Divide
MAC Instructions
[IF cond] MR|MF = = = = = SAT MR ; xop * yop ; MR + xop * yop ; MR - xop * yop ; MR ; 0; Multiply Multiply/Accumulate Multiply/Subtract Transfer MR Clear Conditional MR Saturation
IF MV
Shifter Instructions
[IF cond] [IF cond] [IF cond] [IF cond] [IF cond] SR = [SR OR] ASHIFT xop ; SR = [SR OR] LSHIFT xop ; SR = [SR OR] ASHIFT xop BY ; SR = [SR OR] LSHIFT xop BY ; SE = EXP xop ; SB = EXPADJ xop ; SR = [SR OR] NORM xop ; Arithmetic Shift Logical Shift Arithmetic Shift Immediate Logical Shift Immediate Derive Exponent Block Exponent Adjust Normalize
Data Move Instructions
reg = reg ; reg = ; reg = DM () ; dreg = DM (Ix , My) ; dreg = PM (Ix , My) ; DM () = reg ; DM (Ix , My) = dreg ; PM (Ix , My) = dreg ; Register-to-Register Move Load Register Immediate Data Memory Read (Direct Address) Data Memory Read (Indirect Address) Program Memory Read (Indirect Address) Data Memory Write (Direct Address) Data Memory Write (Indirect Address) Program Memory Write (Indirect Address)
Multifunction Instructions
|| , dreg = dreg ; || , dreg = DM (Ix , My) ; || , dreg = PM (Ix , My) ; DM (Ix , My) = dreg , || ; PM (Ix , My) = dreg , || ; dreg = DM (Ix , My) , dreg = PM (Ix , My) ; | , dreg = DM (Ix , My) , dreg = PM (Ix , My) ; Computation with Register-to-Register Move Computation with Memory Read Computation with Memory Read Computation with Memory Write Computation with Memory Write Data & Program Memory Read ALU/MAC with Data & Program Memory Read
-10-
REV. 0
ADSP-2104/ADSP-2109
Program Flow Instructions
DO [UNTIL term] ; [IF cond] JUMP (Ix) ; [IF cond] JUMP ; [IF cond] CALL (Ix) ; [IF cond] CALL ; IF [NOT ] FLAG_IN JUMP ; IF [NOT ] FLAG_IN CALL ; [IF cond] SET|RESET|TOGGLE FLAG_OUT [, ...] ; [IF cond] RTS ; [IF cond] RTI ; IDLE [(n)] ; Do Until Loop Jump Call Subroutine Jump/Call on Flag In Pin Modify Flag Out Pin Return from Subroutine Return from Interrupt Service Routine Idle
Miscellaneous Instructions
NOP ; MODIFY (Ix , My); [PUSH STS] [, POP CNTR] [, POP PC] [, POP LOOP] ; ENA|DIS SEC_REG [, ...] ; BIT_REV AV_LATCH AR_SAT M_MODE TIMER G_MODE Notation Conventions
Ix My cond term dreg reg ; , [ ] [, ...] option1 | option2 Index registers for indirect addressing Modify registers for indirect addressing Immediate data value Immediate address value Exponent (shift value) in shift immediate instructions (8-bit signed number) Any ALU instruction (except divide) Any multiply-accumulate instruction Any shift instruction (except shift immediate) Condition code for conditional instruction Termination code for DO UNTIL loop Data register (of ALU, MAC, or Shifter) Any register (including dregs) A semicolon terminates the instruction Commas separate multiple operations of a single instruction Optional part of instruction Optional, multiple operations of an instruction List of options; choose one.
No Operation Modify Address Register Stack Control Mode Control
Assembly Code Example
The following example is a code fragment that performs the filter tap update for an adaptive filter based on a least-mean-squared algorithm. Notice that the computations in the instructions are written like algebraic equations.
MF=MX0 * MY1 ( RND), MX0=DM(I2,M1); {MF=error * b eta} MR=MX0 * MF ( RND), AY0=PM(I6,M5); DO adapt UNTIL CE; AR=MR1+AY0, MX0=DM(I2,M1), AY0=PM(I6,M7); adapt: PM(I6,M6)= A R, MR=MX0 * MF ( RND); MODIFY(I2,M3); MODIFY(I6,M7); {Point to oldest data} {Point to start of data}
REV. 0
-11-
ADSP-2104/ADSP-2109-SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
K Grade Parameter VDD TAMB Supply Voltage Ambient Operating Temperature Min 4.50 0 Max 5.50 +70 Unit V C
See "Environmental Conditions" for information on thermal specifications.
ELECTRICAL CHARACTERISTICS
Parameter VIH VIH VIL VOH VOL IIH IIL IOZH IOZL CI CO Hi-Level Input Voltage Hi-Level CLKIN Voltage Lo-Level Input Voltage1, 3 Hi-Level Output Voltage2, 3, 7 Lo-Level Output Voltage2, 3, 7 Hi-Level Input Current1 Lo-Level Input Current1 Three-State Leakage Current4 Three-State Leakage Current4 Input Pin Capacitance1, 8, 9 Output Pin Capacitance4, 8, 9, 10
3, 5
Test Conditions @ VDD = max @ VDD = max @ VDD = min @ VDD = min, IOH = -0.5 mA @ VDD = min, IOH = -100 A8 @ VDD = min, IOL = 2 mA @ VDD = max, VIN = VDD max @ VDD = max, VIN = 0 V @ VDD = max, VIN = VDD max6 @ VDD = max, VIN = 0 V6 @ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25C @ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25C
Min 2.0 2.2
Max
Unit V V V V V V A A A A pF pF
0.8 2.4 VDD - 0.3 0.4 10 10 10 10 8 8
NOTES 1 Input-only pins: CLKIN, RESET, IRQ2, BR, MMAP, DR1, DR0. 2 Output pins: BG, PMS, DMS, BMS, RD, WR, A0-A13, CLKOUT, DT1, DT0. 3 Bidirectional pins: D0-D23, SCLK1, RFS1, TFS1, SCLK0, RFS0, TFS0. 4 Three-state pins: A0-A13, D0-D23, PMS, DMS, BMS, RD, WR, DT1, SCLK1, RSF1, TFS1, DT0, SCLK0, RFS0, TFS0. 5 Input-only pins: RESET, IRQ2, BR, MMAP, DR1, DR0. 6 0 V on BR, CLKIN Active (to force three-state condition). 7 Although specified for TTL outputs, all ADSP-2104/ADSP-2109 outputs are CMOS-compatible and will drive to V DD and GND, assuming no dc loads. 8 Guaranteed but not tested. 9 Applies to PGA, PLCC, PQFP package types. 10 Output pin capacitance is the capacitive load for any three-stated output pin. Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V Input Voltage . . . . . . . . . . . . . . . . . . . . . -0.3 V to VDD + 0.3 V Output Voltage Swing . . . . . . . . . . . . . . -0.3 V to VDD + 0.3 V Operating Temperature Range (Ambient) . . . -55C to +125C Storage Temperature Range . . . . . . . . . . . . . -65C to +125C Lead Temperature (10 sec) PGA . . . . . . . . . . . . . . . . . +300C Lead Temperature (5 sec) PLCC, PQFP, TQFP . . . . +280C
*Stresses greater than those listed above may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions greater than those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADSP-2104/ADSP-2109 processor features proprietary ESD protection circuitry to dissipate high energy electrostatic discharges (Human Body Model), permanent damage may occur to devices subjected to such discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. Unused devices must be stored in conductive foam or shunts, and the foam should be discharged to the destination socket before the devices are removed. Per method 3015 of MIL-STD-883, the ADSP-2104/ADSP-2109 processor has been classified as Class 1 device.
WARNING!
ESD SENSITIVE DEVICE
-12-
REV. 0
ADSP-2104/ADSP-2109
SPECIFICATIONS (ADSP-2104/ADSP-2109)
SUPPLY CURRENT & POWER
Parameter IDD IDD Supply Current (Dynamic)1 Supply Current (Idle)1, 3 Test Conditions @ VDD = max, tCK = 50 ns2 @ VDD = max, tCK = 72.3 ns2 @ VDD = max, tCK = 50 ns @ VDD = max, tCK = 72.3 ns Min Max 31 24 11 10 Unit mA mA mA mA
NOTES 1 Current reflects device operating with no output loads. 2 VIN = 0.4 V and 2.4 V. 3 Idle refers to ADSP-2104/ADSP-2109 state of operation during execution of IDLE instruction. Deasserted pins are driven to either V DD or GND. For typical supply current (internal power dissipation) figures, see Figure 7.
220 200 180
IDD DYNAMIC1
POWER - mW
160 140 129mW 120 100 80
170mW VDD = 5.5V 128mW VDD = 5.0V 100mW 95mW VDD = 4.5V 30.00 IDD IDLE n MODES3 65 60mW IDD IDLE
74mW 60 10.00 13.83 20.00 25.00 FREQUENCY - MHz 70 60 55mW 50 40 38mW 30 20 10 0 10.00
1 2
IDD IDLE1, 2 60mW VDD = 5.5V 42mW VDD = 5.0V 31mW 28mW VDD = 4.5V
60 55 50 45 40 35 30 10.00 41mW 40mW 55mW
POWER - mW
POWER - mW
IDLE 16 42mW 41mW IDLE 128
13.83 20.00 25.00 FREQUENCY - MHz
30.00
13.83 20.00 25.00 FREQUENCY - MHz
30.00
POWER REFLECTS DEVICE OPERATING WITH NO OUTPUT LOADS. IDLE REFERS TO ADSP-2104/ADSP-2109 OPERATION DURING EXECUTION OF IDLE INSTRUCTION. DEASSERTED PINS ARE DRIVEN TO EITHER VDD OR GND. 3 MAXIMUM POWER DISSIPATION AT V DD = 5.5V DURING EXECUTION OF IDLE n INSTRUCTION.
Figure 7. ADSP-2104/ADSP-2109 Power (Typical) vs. Frequency
REV. 0
-13-
ADSP-2104/ADSP-2109
SPECIFICATIONS (ADSP-2104/ADSP-2109)
POWER DISSIPATION EXAMPLE CAPACITIVE LOADING
Figures 8 and 9 show capacitive loading characteristics.
8 7
RISE TIME (0.8V - 2.0V) - ns
To determine total power dissipation in a specific application, the following equation should be applied for each output: C x VDD2 x f C = load capacitance, f = output switching frequency.
Example:
VDD = 4.5V 6 5 4 3 2 1 0 0 25 50 75 100 CL - pF 125 150 175
In an ADSP-2104 application where external data memory is used and no other outputs are active, power dissipation is calculated as follows: Assumptions:
* * * *
External data memory is accessed every cycle with 50% of the address pins switching. External data memory writes occur every other cycle with 50% of the data pins switching. Each address and data pin has a 10 pF total load at the pin. The application operates at VDD = 5.0 V and tCK = 50 ns. Total Power Dissipation = PINT + (C x VDD2 x f )
Figure 8. Typical Output Rise Time vs. Load Capacitance, CL (at Maximum Ambient Operating Temperature)
PINT = internal power dissipation (from Figure 7).
VALID OUTPUT DELAY OR HOLD - ns
(C x VDD2 x f ) is calculated for each output: # of Pins 8 9 1 1
5 4 3 2 1 0 -1 -2 -3 0 25 50 75 100 125 CL - pF 150 175 VDD = 4.5V
Output Address, DMS Data, WR RD CLKOUT
C x 10 pF x 10 pF x 10 pF x 10 pF
VDD2 x f x 52 V x 52 V x 52 V x 52 V x 20 MHz x 10 MHz x 10 MHz x 20 MHz = = = = 40.0 mW 22.5 mW 2.5 mW 5.0 mW 70.0 mW
Total power dissipation for this example = PINT + 70.0 mW.
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating: TAMB = TCASE - (PD x CA) TCASE = Case Temperature in C PD = Power Dissipation in W CA = Thermal Resistance (Case-to-Ambient) JA = Thermal Resistance (Junction-to-Ambient) JC = Thermal Resistance (Junction-to-Case) Package PLCC
Figure 9. Typical Output Valid Delay or Hold vs. Load Capacitance, CL (at Maximum Ambient Operating Temperature)
JA
JC
CA
27C/W
16C/W
11C/W
-14-
REV. 0
ADSP-2104/ADSP-2109
SPECIFICATIONS (ADSP-2104/ADSP-2109)
TEST CONDITIONS
Figure 10 shows voltage reference levels for ac measurements.
INPUT 3.0V 1.5V 0.0V
The decay time, tDECAY, is dependent on the capacitative load, CL , and the current load, iL , on the output pin. It can be approximated by the following equation:
t DECAY =
from which
CL x 0.5 V iL
OUTPUT
2.0V 1.5V 0.8V
tDIS = tMEASURED - tDECAY is calculated. If multiple pins (such as the data bus) are disabled, the measurement value is that of the last pin to stop driving.
Output Enable Time
Figure 10. Voltage Reference Levels for AC Measurements (Except Output Enable/Disable)
Output Disable Time
Output pins are considered to be disabled when they have stopped driving and started a transition from the measured output high or low voltage to a high impedance state. The output disable time (tDIS) is the difference of tMEASURED and tDECAY, as shown in Figure 11. The time tMEASURED is the interval from when a reference signal reaches a high or low voltage level to when the output voltages have changed by 0.5 V from the measured output high or low voltage.
Output pins are considered to be enabled when they have made a transition from a high-impedance state to when they start driving. The output enable time (t E NA) is the interval from when a reference signal reaches a high or low voltage level to when the output has reached a specified high or low trip point, as shown in Figure 11. If multiple pins (such as the data bus) are enabled, the measurement value is that of the first pin to start driving.
REFERENCE SIGNAL
tMEASURED tDIS
VOH (MEASURED) OUTPUT VOL (MEASURED) VOH (MEASURED) - 0.5V VOL (MEASURED) +0.5V
tENA
2.0V 1.0V VOH (MEASURED)
VOL (MEASURED)
tDECAY
OUTPUT STARTS DRIVING HIGH-IMPEDANCE STATE. TEST CONDITIONS CAUSE THIS VOLTAGE LEVEL TO BE APPROXIMATELY 1.5V.
OUTPUT STOPS DRIVING
Figure 11. Output Enable/Disable
IOL
TO OUTPUT PIN 50pF
+1.5V
IOH
Figure 12. Equivalent Device Loading for AC Measurements (Except Output Enable/Disable)
REV. 0
-15-
ADSP-2104L/ADSP-2109L-SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
K Grade Parameter VDD TAMB Supply Voltage Ambient Operating Temperature Min 3.00 0 Max 3.60 +70 Unit V C
See "Environmental Conditions" for information on thermal specifications.
ELECTRICAL CHARACTERISTICS
Parameter VIH VIL VOH VOL IIH IIL IOZH IOZL CI CO Hi-Level Input Voltage1, 3 Lo-Level Input Voltage1, 3 Hi-Level Output Voltage2, 3, 6 Lo-Level Output Voltage2, 3, 6 Hi-Level Input Current1 Lo-Level Input Current1 Three-State Leakage Current4 Three-State Leakage Current4 Input Pin Capacitance1, 7, 8 Output Pin Capacitance4, 7, 8, 9 Test Conditions @ VDD = max @ VDD = min @ VDD = min, IOH = -0.5 mA6 @ VDD = min, IOL = 2 mA6 @ VDD = max, VIN = VDD max @ VDD = max, VIN = 0 V @ VDD = max, VIN = VDD max5 @ VDD = max, VIN = 0 V5 @ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25C @ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25C Min 2.0 0.4 2.4 0.4 10 10 10 10 8 8 Max Unit V V V V A A A A pF pF
NOTES 1 Input-only pins: CLKIN, RESET, IRQ2, BR, MMAP, DR1, DR0. 2 Output pins: BG, PMS, DMS, BMS, RD, WR, A0-A13, CLKOUT, DT1, DT0. 3 Bidirectional pins: D0-D23, SCLK1, RFS1, TFS1, SCLK0, RFS0, TFS0. 4 Three-stateable pins: A0-A13, D0-D23, PMS, DMS, BMS, RD, WR, DT1, SCLK1, RSF1, TFS1, DT0, SCLK0, RFS0, TFS0. 5 0 V on BR, CLKIN Active (to force three-state condition). 6 All outputs are CMOS and will drive to V DD and GND with no dc loads. 7 Guaranteed but not tested. 8 Applies to PLCC package type. 9 Output pin capacitance is the capacitive load for any three-stated output pin. Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +4.5 V Input Voltage . . . . . . . . . . . . . . . . . . . . . -0.3 V to VDD + 0.3 V Output Voltage Swing . . . . . . . . . . . . . . -0.3 V to VDD + 0.3 V Operating Temperature Range (Ambient) . . . .-40C to +85C Storage Temperature Range . . . . . . . . . . . . . -65C to +150C Lead Temperature (5 sec) PLCC . . . . . . . . . . . . . . . . +280C
*Stresses greater than those listed above may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions greater than those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
-16-
REV. 0
ADSP-2104/ADSP-2109
SPECIFICATIONS (ADSP-2104L /ADSP-2109L)
SUPPLY CURRENT & POWER (ADSP-2104L /ADSP-2109L)
Parameter IDD IDD Supply Current (Dynamic)1 Supply Current (Idle)1, 3 Test Conditions @ VDD = max, tCK = 72.3 ns2 @ VDD = max, tCK = 72.3 ns Min Max 14 4 Unit mA mA
NOTES 1 Current reflects device operating with no output loads. 2 VIN = 0.4 V and 2.4 V. 3 Idle refers to ADSP-2104L/ADSP-2109L state of operation during execution of IDLE instruction. Deasserted pins are driven to either V DD or GND.
For typical supply current (internal power dissipation) figures, see Figure 13.
50 45 40
IDLE DYNAMIC 1,2 48mW VDD = 3.30V 37mW 29mW 24mW 19mW 15mW VDD = 3.0V
POWER - mW
35 30 25 20 15 10 5 0 5.00
VDD = 3.6V
7.00 10.00 13.83 FREQUENCY - MHz
15.00
14 12
IDD IDLE1 13mW
14 12
IDD IDLE n MODES3 13mW IDD IDLE
VDD = 3.6V
POWER - mW
10 9mW 8 6 4 2 0 5.00 VDD = 3.30V 6mW 5mW VDD = 3.0V
10mW
10
POWER - mW
9mW 8 IDLE 16 6 4 2 0 5.00 5mW 4mW IDLE 128 7mW 6mW
8mW
7.00 10.00 13.83 FREQUENCY - MHz
15.00
7.00 10.00 13.83 FREQUENCY - MHz
15.00
1 2
POWER REFLECTS DEVICE OPERATING WITH NO OUTPUT LOADS. IDLE REFERS TO ADSP-2104L/ADSP-2109L OPERATION DURING EXECUTION OF IDLE INSTRUCTION. DEASSERTED PINS ARE DRIVEN TO EITHER VDD OR GND. 3 MAXIMUM POWER DISSIPATION AT V DD = 3.6V DURING EXECUTION OF IDLE n INSTRUCTION.
Figure 13. ADSP-2104L/ADSP-2109L Power (Typical) vs. Frequency
REV. 0
-17-
ADSP-2104/ADSP-2109
SPECIFICATIONS (ADSP-2104L /ADSP-2109L)
POWER DISSIPATION EXAMPLE CAPACITIVE LOADING
To determine total power dissipation in a specific application, the following equation should be applied for each output: C x VDD2 x f C = load capacitance, f = output switching frequency.
Example:
Figures 14 and 15 show capacitive loading characteristics.
RISE TIME (0.8V-2.0V) - ns
30 25 VDD = 3.0V 20 15 10 5
In an ADSP-2104L application where external data memory is used and no other outputs are active, power dissipation is calculated as follows: Assumptions:
* * * *
External data memory is accessed every cycle with 50% of the address pins switching. External data memory writes occur every other cycle with 50% of the data pins switching. Each address and data pin has a 10 pF total load at the pin. The application operates at VDD = 3.3 V and tCK = 100 ns. Total Power Dissipation = PINT + (C x VDD2 x f )
25
50
75 100 CL - pF
125
150
Figure 14. Typical Output Rise Time vs. Load Capacitance, CL (at Maximum Ambient Operating Temperature)
PINT = internal power dissipation (from Figure 13). (C x VDD2 x f ) is calculated for each output: # of Pins x C 8 9 1 1 x 10 pF x 10 pF x 10 pF x 10 pF
VALID OUTPUT DELAY OR HOLD - ns
+8 +6 +4 VDD = 3.0V +2 NOMINAL -2
Output Address, DMS Data, WR RD CLKOUT
VDD2 x 3.32 V x 3.32 V x 3.32 V x 3.32 V
f x 10 MHz x 5 MHz x 5 MHz x 10 MHz = = = = 8.71 mW 4.90 mW 0.55 mW 1.09 mW
25
50
75 100 CL - pF
125
150
15.25 mW Total power dissipation for this example = PINT + 15.25 mW.
ENVIRONMENTAL CONDITIONS
Figure 15. Typical Output Valid Delay or Hold vs. Load Capacitance, CL (at Maximum Ambient Operating Temperature)
Ambient Temperature Rating: TAMB = TCASE - (PD x CA) TCASE = Case Temperature in C PD = Power Dissipation in W CA = Thermal Resistance (Case-to-Ambient) JA = Thermal Resistance (Junction-to-Ambient) JC = Thermal Resistance (Junction-to-Case) Package PLCC
JA
JC
CA
27C/W
16C/W
11C/W
-18-
REV. 0
ADSP-2104/ADSP-2109 SPECIFICATIONS (ADSP-2104L/ADSP-2109L)
TEST CONDITIONS
Figure 16 shows voltage reference levels for ac measurements.
INPUT VDD 2
The decay time, tDECAY, is dependent on the capacitative load, CL, and the current load, iL, on the output pin. It can be approximated by the following equation:
t DECAY =
from which
CL x 0.5 V iL
OUTPUT
VDD 2
tDIS = tMEASURED - tDECAY is calculated. If multiple pins (such as the data bus) are disabled, the measurement value is that of the last pin to stop driving.
Output Enable Time
Figure 16. Voltage Reference Levels for AC Measurements (Except Output Enable/Disable)
Output Disable Time
Output pins are considered to be disabled when they have stopped driving and started a transition from the measured output high or low voltage to a high impedance state. The output disable time (tDIS) is the difference of tMEASURED and tDECAY, as shown in Figure 17. The time tMEASURED is the interval from when a reference signal reaches a high or low voltage level to when the output voltages have changed by 0.5 V from the measured output high or low voltage.
Output pins are considered to be enabled when they have made a transition from a high-impedance state to when they start driving. The output enable time (t E NA) is the interval from when a reference signal reaches a high or low voltage level to when the output has reached a specified high or low trip point, as shown in Figure 17. If multiple pins (such as the data bus) are enabled, the measurement value is that of the first pin to start driving.
REFERENCE SIGNAL
tMEASURED tDIS
VOH (MEASURED) OUTPUT VOL (MEASURED) VOH (MEASURED) - 0.5V VOL (MEASURED) +0.5V
tENA
2.0V 1.0V VOH (MEASURED)
VOL (MEASURED)
tDECAY
OUTPUT STARTS DRIVING HIGH-IMPEDANCE STATE. TEST CONDITIONS CAUSE THIS VOLTAGE LEVEL TO BE APPROXIMATELY 1.5V.
OUTPUT STOPS DRIVING
Figure 17. Output Enable/Disable
IOL
TO OUTPUT PIN 50pF
VDD 2
IOH
Figure 18. Equivalent Device Loading for AC Measurements (Except Output Enable/Disable)
REV. 0
-19-
ADSP-2104/ADSP-2109
TIMING PARAMETERS (ADSP-2104/ADSP-2109)
GENERAL NOTES
Use the exact timing information given. Do not attempt to derive parameters from the addition or subtraction of others. While addition or subtraction would yield meaningful results for an individual device, the values given in this data sheet reflect statistical variations and worst cases. Consequently, you cannot meaningfully add parameters to derive longer times.
TIMING NOTES
switching characteristics to ensure that any timing requirement of a device connected to the processor (such as memory) is satisfied. Timing requirements apply to signals that are controlled by circuitry external to the processor, such as the data input for a read operation. Timing requirements guarantee that the processor operates correctly with other devices.
MEMORY REQUIREMENTS
Switching characteristics specify how the processor changes its signals. You have no control over this timing--circuitry external to the processor must be designed for compatibility with these signal characteristics. Switching characteristics tell you what the processor will do in a given circumstance. You can also use Memory Device Specification Address Setup to Write Start Address Setup to Write End Address Hold Time Data Setup Time Data Hold Time OE to Data Valid Address Access Time
The table below shows common memory device specifications and the corresponding ADSP-2104/ADSP-2109 timing parameters, for your convenience.
ADSP-2104/ADSP-2109 Timing Parameter tASW tAW tWRA tDW tDH tRDD tAA
Timing Parameter Definition A0-A13, DMS, PMS Setup before WR Low A0-A13, DMS, PMS Setup before WR Deasserted A0-A13, DMS, PMS Hold after WR Deasserted Data Setup before WR High Data Hold after WR High RD Low to Data Valid A0-A13, DMS, PMS, BMS to Data Valid
-20-
REV. 0
ADSP-2104/ADSP-2109
TIMING PARAMETERS (ADSP-2104/ADSP-2109)
CLOCK SIGNALS & RESET Frequency Dependency Max 150 20 20 5tCK1 0.5tCK - 10 0.5tCK - 10 20 Min Max Unit ns ns ns ns ns ns ns
20 MHz Parameter Timing Requirement: tCK CLKIN Period tCKL CLKIN Width Low CLKIN Width High tCKH RESET Width Low tRSP Switching Characteristic: CLKOUT Width Low tCPL CLKOUT Width High tCPH tCKOH CLKIN High to CLKOUT High Min 50 20 20 250 15 15 0
NOTE 1 Applies after powerup sequence is complete. Internal phase lock loop requires no more than 2000 CLKIN cycles, assuming stable CLKIN (not including crystal oscillator startup time).
tCK tCKH
CLKIN
tCKL tCKOH tCPH
CLKOUT
tCPL
Figure 19. Clock Signals
REV. 0
-21-
ADSP-2104/ADSP-2109
TIMING PARAMETERS (ADSP-2104/ADSP-2109)
INTERRUPTS & FLAGS Frequency Dependency Max Min 0.25tCK + 15 0.25tCK Max Unit ns ns
20 MHz Parameter Timing Requirement: IRQx1 or FI Setup before tIFS CLKOUT Low2, 3 tIFH IRQx1 or FI Hold after CLKOUT High2, 3 Switching Characteristic: tFOH FO Hold after CLKOUT High tFOD FO Delay from CLKOUT High Min 27.5 12.5
0 15
0
ns ns
NOTES 1 IRQx=IRQ0, IRQ1, and IRQ2. 2 If IRQx and FI inputs meet t IFS and tIFH setup/hold requirements, they will be recognized during the current clock cycle; otherwise they will be recognized during the following cycle. (Refer to the "Interrupt Controller" section in Chapter 3, Program Control, of the ADSP-2100 Family User's Manual for further information on interrupt servicing.) 3 Edge-sensitive interrupts require pulse widths greater than 10 ns. Level-sensitive interrupts must be held low until serviced.
CLKOUT
tFOD
tFOH
FLAG OUTPUT(S)
tIFH
IRQx FI
tIFS
Figure 20. Interrupts & Flags
-22-
REV. 0
ADSP-2104/ADSP-2109
TIMING PARAMETERS (ADSP-2104/ADSP-2109)
BUS REQUEST/GRANT
20 MHz Parameter
Timing Requirement: BR Hold after CLKOUT High 1 tBH BR Setup before CLKOUT Low 1 tBS Switching Characteristic: tSD CLKOUT High to DMS, PMS, BMS, RD, WR Disable tSDB DMS, PMS, BMS, RD, WR Disable to BG Low BG High to DMS, PMS, tSE BMS, RD, WR Enable DMS, PMS, BMS, RD, WR tSEC Enable to CLKOUT High
Frequency Dependency Max Min
0.25tCK + 5 0.25tCK + 20 32.5 0.25tCK + 20 0 0 0.25tCK - 10
Min
17.5 32.5
Max
Unit
ns ns ns ns ns ns
0 0 2.5
NOTES 1 If BR meets the t BS and tBH setup/hold requirements, it will be recognized in the current processor cycle; otherwise it is recognized in the following cycle. BR requires a pulse width greater than 10 ns. Note: BG is asserted in the cycle after BR is recognized. No external synchronization circuit is needed when BR is generated as an asynchronous signal.
tBH
CLKOUT
BR
tBS
CLKOUT
PMS, DMS BMS, RD WR
tSD
tSEC
BG
tSDB
tSE
Figure 21. Bus Request/Grant
REV. 0
-23-
ADSP-2104/ADSP-2109
TIMING PARAMETERS (ADSP-2104/ADSP-2109)
MEMORY READ
20 MHz Parameter Timing Requirement: tRDD RD Low to Data Valid tAA A0-A13, PMS, DMS, BMS to Data Valid tRDH Data Hold from RD High
Switching Characteristic:
Min
Max 12 19.5
Unit ns ns
0 17 7.5 2.5 3.5 20 ns ns ns ns ns
tRP tCRD tASR tRDA tRWR
RD Pulse Width CLKOUT High to RD Low A0-A13, PMS, DMS, BMS Setup before RD Low A0-A13, PMS, DMS, BMS Hold after RD Deasserted RD High to RD or WR Low
22.5
Frequency Dependency (CLKIN 20 MHz) Parameter Timing Requirement: tRDD RD Low to Data Valid tAA A0-A13, PMS, DMS, BMS to Data Valid tRDH Data Hold from RD High Switching Characteristic: tRP RD Pulse Width tCRD CLKOUT High to RD Low tASR A0-A13, PMS, DMS, BMS Setup before RD Low tRDA A0-A13, PMS, DMS, BMS Hold after RD Deasserted tRWR RD High to RD or WR Low
NOTE w = wait states x tCK.
Min
Max 0.5tCK - 13 + w 0.75tCK - 18 + w
Unit ns ns
0 0.5tCK - 8 + w 0.25tCK - 5 0.25tCK - 10 0.25tCK - 9 0.5tCK - 5 ns ns ns ns ns
0.25tCK + 10
CLKOUT
A0 - A13
DMS, PMS BMS tRDA RD tASR tCRD D tAA WR tRDD tRDH tRP tRWR
Figure 22. Memory Read
-24-
REV. 0
ADSP-2104/ADSP-2109
TIMING PARAMETERS (ADSP-2104/ADSP-2109)
MEMORY WRITE
20 MHz Parameter Switching Characteristic: tDW Data Setup before WR High tDH Data Hold after WR High tWP WR Pulse Width tWDE WR Low to Data Enabled tASW A0-A13, DMS, PMS Setup before WR Low tDDR Data Disable before WR or RD Low tCWR CLKOUT High to WR Low tAW A0-A13, DMS, PMS, Setup before WR Deasserted tWRA A0-A13, DMS, PMS Hold after WR Deasserted tWWR WR High to RD or WR Low Min 12 2.5 17 0 2.5 2.5 7.5 15.5 3.5 20 Max Unit ns ns ns ns ns ns ns ns ns ns
22.5
Parameter Switching Characteristic: tDW Data Setup before WR High tDH Data Hold after WR High tWP WR Pulse Width tWDE WR Low to Data Enabled tASW A0-A13, DMS, PMS Setup before WR Low tDDR Data Disable before WR or RD Low tCWR CLKOUT High to WR Low tAW A0-A13, DMS, PMS, Setup before WR Deasserted tWRA A0-A13, DMS, PMS Hold after WR Deasserted tWWR WR High to RD or WR Low
Frequency Dependency (CLKIN 20 MHz) Min Max 0.5tCK - 13 + w 0.25tCK - 10 0.5tCK - 8 + w 0 0.25tCK - 10 0.25tCK - 10 0.25tCK - 5 0.75tCK - 22 + w 0.25tCK - 9 0.5tCK - 5
Unit ns ns ns ns ns ns ns ns ns
0.25tCK + 10
CLKOUT
A0 - A13
DMS, PMS tWRA WR tASW tAW tCWR D tWDE RD tDW tWP tDH tWWR tDDR
Figure 23. Memory Write
REV. 0
-25-
ADSP-2104/ADSP-2109
TIMING PARAMETERS (ADSP-2104/ADSP-2109)
SERIAL PORTS
13.824 MHz* Parameter Timing Requirement: tSCK SCLK Period tSCS DR/TFS/RFS Setup before SCLK Low tSCH DR/TFS/RFS Hold after SCLK Low tSCP SCLKIN Width Switching Characteristic: tCC CLKOUT High to SCLKOUT tSCDE SCLK High to DT Enable tSCDV SCLK High to DT Valid tRH TFS/RFSOUT Hold after SCLK High tRD TFS/RFSOUT Delay from SCLK High tSCDH DT Hold after SCLK High tTDE TFS (Alt) to DT Enable tTDV TFS (Alt) to DT Valid tSCDD SCLK High to DT Disable tRDV RFS (Multichannel, Frame Delay Zero) to DT Valid
*Maximum serial port operating frequency is 13.824 MHz.
Min 72.3 8 10 28 18.1 0
Max
Frequency Dependency Min Max
Unit ns ns ns ns
33.1 20 20
0.25tCK
0.25tCK + 15
18 25 20
ns ns ns ns ns ns ns ns ns ns
CLKOUT
tCC
tCC
tSCK tSCP
SCLK
tSCS
DR RFSIN TFSIN
tSCH
tSCP
tRD tRH
RFSOUT TFSOUT
tSCDD tSCDV tSCDE tSCDH
DT
tTDE tTDV TFS
( ALTERNATE FRAME MODE )
tRDV RFS
( MULTICHANNEL MODE, FRAME DELAY 0 {MFD = 0} )
Figure 24. Serial Ports
-26-
REV. 0
ADSP-2104/ADSP-2109
TIMING PARAMETERS (ADSP-2104L/ADSP-2109L)
GENERAL NOTES
Use the exact timing information given. Do not attempt to derive parameters from the addition or subtraction of others. While addition or subtraction would yield meaningful results for an individual device, the values given in this data sheet reflect statistical variations and worst cases. Consequently, you cannot meaningfully add parameters to derive longer times.
TIMING NOTES
Timing requirements apply to signals that are controlled by circuitry external to the processor, such as the data input for a read operation. Timing requirements guarantee that the processor operates correctly with other devices.
MEMORY REQUIREMENTS
The table below shows common memory device specifications and the corresponding ADSP-2104L/ADSP-2109L timing parameters, for your convenience.
Switching characteristics specify how the processor changes its signals. You have no control over this timing--circuitry external to the processor must be designed for compatibility with these signal characteristics. Switching characteristics tell you what the processor will do in a given circumstance. You can also use switching characteristics to ensure that any timing requirement of a device connected to the processor (such as memory) is satisfied.
Memory Specification Address Setup to Write Start Address Setup to Write End Address Hold Time Data Setup Time Data Hold Time OE to Data Valid Address Access Time
ADSP-2104L/ADSP-2109L Timing Parameter tASW tAW tWRA tDW tDH tRDD tAA
Timing Parameter Definition A0-A13, DMS, PMS Setup before WR Low A0-A13, DMS, PMS Setup before WR Deasserted A0-A13, DMS, PMS Hold after WR Deasserted Data Setup before WR High Data Hold after WR High RD Low to Data Valid A0-A13, DMS, PMS, BMS to Data Valid
REV. 0
-27-
ADSP-2104/ADSP-2109
TIMING PARAMETERS (ADSP-2104L/ADSP-2109L)
CLOCK SIGNALS & RESET
Parameter Timing Requirement: tCK CLKIN Period tCKL CLKIN Width Low tCKH CLKIN Width High tRSP RESET Width Low Switching Characteristic: tCPL CLKOUT Width Low tCPH CLKOUT Width High tCKOH CLKIN High to CLKOUT High
13.824 MHz Min Max 72.3 20 20 361.5 26.2 26.2 0 150
Frequency Dependency Min Max
Unit ns ns ns ns ns ns ns
20 20 5tCK1 0.5tCK - 10 0.5tCK - 10 20
NOTE 1 Applies after powerup sequence is complete. Internal phase lock loop requires no more than 2000 CLKIN cycles assuming stable CLKIN (not including crystal oscillator startup time).
tCK tCKH
CLKIN
tCKL tCKOH tCPH
CLKOUT
tCPL
Figure 25. Clock Signals
-28-
REV. 0
ADSP-2104/ADSP-2109
TIMING PARAMETERS (ADSP-2104L/ADSP-2109L)
INTERRUPTS & FLAGS
Parameter Timing Requirement: tIFS IRQx1 or FI Setup before CLKOUT Low2, 3 tIFH IRQx1 or FI Hold after CLKOUT High2, 3 Switching Characteristic: tFOH FO Hold after CLKOUT High tFOD FO Delay from CLKOUT High
13.824 MHz Min Max 33.1 18.1 0 15
Frequency Dependency Min Max 0.25tCK + 15 0.25tCK
Unit ns ns ns ns
NOTES 1 IRQx=IRQ0, IRQ1, and IRQ2. 2 If IRQx and FI inputs meet t IFS and tIFH setup/hold requirements, they will be recognized during the current clock cycle; otherwise they will be recognized during the following cycle. (Refer to the "Interrupt Controller" section in Chapter 3, Program Control, of the ADSP-2100 Family User's Manual for further information on interrupt servicing.) 3 Edge-sensitive interrupts require pulse widths greater than 10 ns. Level-sensitive interrupts must be held low until serviced.
CLKOUT
tFOD
tFOH
FLAG OUTPUT(S)
t IFH
IRQx FI
t IFS
Figure 26. Interrupts & Flags
REV. 0
-29-
ADSP-2104/ADSP-2109
TIMING PARAMETERS (ADSP-2104L/ADSP-2109L)
BUS REQUEST/GRANT
Parameter Timing Requirement: tBH BR Hold after CLKOUT High1 tBS BR Setup before CLKOUT Low1 Switching Characteristic: tSD CLKOUT High to DMS, PMS, BMS, RD, WR Disable tSDB DMS, PMS, BMS, RD, WR Disable to BG Low tSE BG High to DMS, PMS, BMS, RD, WR Enable tSEC DMS, PMS, BMS, RD, WR Enable to CLKOUT High
13.824 MHz Min Max 23.1 38.1 38.1 0 0 8.1
Frequency Dependency Min Max 0.25tCK + 5 0.25tCK + 20 0.25tCK + 20 0 0 0.25tCK - 10
Unit ns ns ns ns ns ns
NOTES 1 If BR meets the t BS and tBH setup/hold requirements, it will be recognized in the current processor cycle; otherwise it is recognized in the following cycle. BR requires a pulse width greater than 10 ns. Note: BG is asserted in the cycle after BR is recognized. No external synchronization circuit is needed when BR is generated as an asynchronous signal.
tBH
CLKOUT
BR
tBS
CLKOUT
PMS, DMS BMS, RD WR
tSD
tSEC
BG
tSDB
tSE
Figure 27. Bus Request/Grant
-30-
REV. 0
ADSP-2104/ADSP-2109
TIMING PARAMETERS (ADSP-2104L/ADSP-2109L)
MEMORY READ
Parameter Timing Requirement: tRDD RD Low to Data Valid tAA A0-A13, PMS, DMS, BMS to Data Valid tRDH Data Hold from RD High Switching Characteristic: tRP RD Pulse Width tCRD CLKOUT High to RD Low tASR A0-A13, PMS, DMS, BMS Setup before RD Low tRDA A0-A13, PMS, DMS, BMS Hold after RD Deasserted tRWR RD High to RD or WR Low
w = wait states x tCK.
13.824 MHz Min Max 23.2 36.2 0 28.2 13.1 8.1 9.1 31.2
Frequency Dependency Min Max 0.5tCK - 13 + w 0.75tCK - 18 + w 0 0.5tCK - 8 + w 0.25tCK - 5 0.25tCK + 10 0.25tCK - 10 0.25tCK - 9 0.5tCK - 5
Unit ns ns ns ns ns ns ns ns
28.1
CLKOUT
A0 - A13
DMS, PMS BMS tRDA RD tASR tCRD D tAA WR tRDD tRDH tRP tRWR
Figure 28. Memory Read
REV. 0
-31-
ADSP-2104/ADSP-2109
TIMING PARAMETERS (ADSP-2104L/ADSP-2109L)
MEMORY WRITE
Parameter Switching Characteristic: tDW Data Setup before WR High tDH Data Hold after WR High tWP WR Pulse Width tWDE WR Low to Data Enabled tASW A0-A13, DMS, PMS Setup before WR Low tDDR Data Disable before WR or RD Low tCWR CLKOUT High to WR Low tAW A0-A13, DMS, PMS, Setup before WR Deasserted tWRA A0-A13, DMS, PMS Hold After WR Deasserted tWWR WR High to RD or WR Low
w = wait states x tCK.
13.824 MHz Min Max 23.2 8.1 28.2 0 8.1 8.1 13.1 32.2 9.1 31.2
Frequency Dependency Min 0.5tCK - 13 + w 0.25tCK - 10 0.5tCK - 8 + w 0.25tCK - 10 0.25tCK - 10 0.25tCK - 5 0.25tCK + 10 0.75tCK - 22 + w 0.25tCK - 9 0.5tCK - 5 Max Unit ns ns ns ns ns ns ns ns ns
28.1
CLKOUT
A0 - A13
DMS, PMS tWRA WR tASW tAW tCWR D tWDE RD tDW tWP tDH tWWR tDDR
Figure 29. Memory Write
-32-
REV. 0
ADSP-2104/ADSP-2109
TIMING PARAMETERS (ADSP-2104L/ADSP-2109L)
SERIAL PORTS
Parameter Timing Requirement: tSCK SCLK Period tSCS DR/TFS/RFS Setup before SCLK Low tSCH DR/TFS/RFS Hold after SCLK Low tSCP SCLKin Width Switching Characteristic: tCC CLKOUT High to SCLKout tSCDE SCLK High to DT Enable tSCDV SCLK High to DT Valid tRH TFS/RFSout Hold after SCLK High tRD TFS/RFSout Delay from SCLK High tSCDH DT Hold after SCLK High tTDE TFS (alt) to DT Enable tTDV TFS (alt) to DT Valid tSCDD SCLK High to DT Disable tRDV RFS (Multichannel, Frame Delay Zero) to DT Valid
13.824 MHz Min Max 72.3 8 10 28 18.1 0 0 20 0 0 18 25 20 33.1 20
Frequency Dependency Min Max
Unit ns ns ns ns
0.25tCK
0.25tCK + 15
ns ns ns ns ns ns ns ns ns ns
CLKOUT
tCC
tCC
tSCK tSCP
SCLK
tSCS
DR RFSIN TFSIN
tSCH
tSCP
tRD tRH
RFSOUT TFSOUT
tSCDD tSCDV tSCDE tSCDH
DT
tTDE tTDV TFS
( ALTERNATE FRAME MODE )
tRDV RFS
( MULTICHANNEL MODE, FRAME DELAY 0 {MFD = 0} )
Figure 30. Serial Ports
REV. 0
-33-
ADSP-2104/ADSP-2109
PIN CONFIGURATIONS 68-Lead PLCC
D18 D15 D13 GND D16 D17 D14 D12 D11 D10 D7 D9 D8 D6 D5 D4 D3
60 59 58 57 56
9
8
7
6
5
4
3
2
1
68 67 66 65 64 63 62 61 PIN 1 IDENTIFIER
GND 10 D19 11 D20 12 D21 13 D22 14 D23 15 VDD 16 MMAP 17 BR 18 IRQ2 19 RESET 20 A0 21 A1 22 A2 23 A3 24 A4 25 VDD 26
D2 D1 D0 VDD SCLK1 FI (DR1) IRQ0 (RFS1) IRQ1 (TFS1) FO (DT1) SCLK0 DR0 GND RFS0 TFS0 DT0 RD WR
ADSP-2104 ADSP-2104L ADSP-2109 ADSP-2109L
TOP VIEW (PINS DOWN)
55 54 53 52 51 50 49 48 47 46 45 44
22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38
PLCC Pin Number Name 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 D11 GND D12 D13 D14 D15 D16 D17 D18 GND D19 D20 D21 D22 D23 VDD MMAP
PLCC Pin Number Name 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 BR IRQ2 RESET A0 A1 A2 A3 A4 VDD A5 A6 GND A7 A8 A9 A10 A11
CLKOUT
A12
A6
GND
DMS
BMS
A13
BG
A7 A8
A5
A9
CLKIN
XTAL
A10
A11
PMS
PLCC Pin Number Name 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 A12 A13 PMS DMS BMS BG XTAL CLKIN CLKOUT WR RD DT0 TFS0 RFS0 GND DR0 SCLK0
PLCC Pin Number Name 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 FO (DT1) IRQ1 (TFS1) IRQ0 (RFS1) FI (DR1) SCLK1 VDD D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10
-34-
REV. 0
ADSP-2104/ADSP-2109
OUTLINE DIMENSIONS ADSP-2104/ADSP-2109 68-Lead Plastic Leaded Chip Carrier (PLCC)
9
61
e
PIN 1 IDENTIFIER
D2 b TOP VIEW (PINS DOWN) b1 BOTTOM VIEW (PINS UP)
D1 D A
A1
SYMBOL A A1 b b1 D D1 D2 e
D
INCHES MIN TYP MAX 0.169 0.017 0.027 0.985 0.950 0.895 0.172 0.104 0.018 0.028 0.990 0.952 0.910 0.050 0.004 0.019 0.029 0.995 0.954 0.925 0.175
D
MILLIMETERS MIN TYP MAX 4.29 0.43 0.69 25.02 24.13 22.73 14.37 12.64 10.46 10.71 25.15 24.18 23.11 11.27 10.10 0.48 0.74 25.27 24.23 23.50 4.45
REV. 0
-35-
ADSP-2104/ADSP-2109
ORDERING GUIDE
Part Number* ADSP-2104KP-80 ADSP-2109KP-80 ADSP-2104LKP-55 ADSP-2109LKP-55
Ambient Temperature Range 0C to +70C 0C to +70C 0C to +70C 0C to +70C
Instruction Rate 20.0 MHz 20.0 MHz 13.824 MHz 13.824 MHz
Package Description 68-Lead PLCC 68-Lead PLCC 68-Lead PLCC 68-Lead PLCC
Package Option
C2145-16-7/96 PRINTED IN U.S.A.
P-68A P-68A P-68A P-68A
*K = Commercial Temperature Range (0C to +70C). *P = PLCC (Plastic Leaded Chip Carrier).
-36-
REV. 0


▲Up To Search▲   

 
Price & Availability of ADSP-2104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X