Part Number Hot Search : 
MMBR931L 0M135 KBPC2510 BR2020 FC126 2SD14 SMC120 TF321M
Product Description
Full Text Search
 

To Download ADP3339 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
High-Accuracy Ultralow IQ, 1.5 A, anyCAP(R) Low Dropout Regulator ADP3339
FUNCTIONAL BLOCK DIAGRAM
IN THERMAL PROTECTION Q1 R1 CC gm R2 OUT
FEATURES High Accuracy Over Line and Load: 0.9% @ 25 C, 1.5% Over Temperature Ultralow Dropout Voltage: 230 mV (Typ) @ 1.5 A Requires Only CO = 1.0 F for Stability anyCAP = Stable with Any Type of Capacitor (Including MLCC) Current and Thermal Limiting Low Noise 2.8 V to 6 V Supply Range -40 C to +85 C Ambient Temperature Range SOT-223 Package APPLICATIONS Notebook, Palmtop Computers SCSI Terminators Battery-Powered Systems PCMCIA Regulator Bar Code Scanners Camcorders, Cameras
DRIVER
ADP3339
BANDGAP REF
GND
GENERAL DESCRIPTION
The ADP3339 is a member of the ADP33xx family of precision low dropout anyCAP voltage regulators. The ADP3339 operates with an input voltage range of 2.8 V to 6 V and delivers a load current up to 1.5 A. The ADP3339 stands out from the conventional LDOs with a novel architecture and an enhanced process that enables it to offer performance advantages and higher output current than its competition. Its patented design requires only a 1.0 F output capacitor for stability. This device is insensitive to output capacitor Equivalent Series Resistance (ESR), and is stable with any good quality capacitor, including ceramic (MLCC) types for space-restricted applications. The ADP3339 achieves exceptional accuracy of 0.9% at room temperature and 1.5% over temperature, line and load variations. The dropout voltage of the ADP3339 is only 230 mV (typical) at 1.5 A. This device also includes a safety current limit and thermal overload protection. The ADP3339 has ultralow quiescent current 130 A (typical) in light load situations.
ADP3339
VIN 1F IN GND OUT 1F VOUT
Figure 1. Typical Application Circuit
anyCAP is a registered trademark of Analog Devices Inc.
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2001
ADP3339-SPECIFICATIONS1, 2 (V
Parameter OUTPUT Voltage Accuracy3 Symbol VOUT Conditions
IN
= 6.0 V, CIN = COUT = 1 F, TJ = -40 C to +125 C unless otherwise noted)
Min -0.9 Typ Max +0.9 Unit %
Line Regulation3 Load Regulation Dropout Voltage VDROP
Peak Load Current Output Noise GROUND CURRENT In Regulation
ILDPK VNOISE
VIN = VOUTNOM + 0.5 V to 6 V IL = 0.1 mA to 1.5 A TJ = 25C VIN = VOUTNOM + 0.5 V to 6 V IL = 0.1 mA to 1.5 A TJ = -40C to +125C VIN = VOUTNOM + 0.5 V to 6 V IL = 100 mA to 1.5 A TJ = 150C VIN = VOUTNOM + 0.5 V to 6 V TJ = 25C IL = 0.1 mA to 1.5 A TJ = 25C VOUT = 98% of VOUTNOM IL = 1.5 A IL = 1 A IL = 500 mA IL = 100 mA VIN = VOUTNOM + 1 V f = 10 Hz-100 kHz, CL = 10 F IL = 1.5 A IL = 1.5 A IL = 1 A IL = 500 mA IL = 100 mA IL = 0.1 mA VIN = VOUTNOM - 100 mV IL = 0.1 mA
-1.5
+1.5
%
-1.9
+1.9
%
0.04 0.04
mV/V mV/mA
230 180 150 100 2.0 95
480 380 300
mV mV mV mV A V rms
IGND
In Dropout
IGND
13 9 5 1 130 100
40 25 15 3 200 300
mA mA mA mA A A
NOTES 1 All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. 2 Application stable with no load. 3 VIN = 2.8 V for models with V OUTNOM 2.3 V. Specifications subject to change without notice.
-2-
REV. 0
ADP3339
ABSOLUTE MAXIMUM RATINGS* PIN FUNCTION DESCRIPTIONS
Input Supply Voltage . . . . . . . . . . . . . . . . . . . -0.3 V to +8.5 V Power Dissipation . . . . . . . . . . . . . . . . . . . . Internally Limited Operating Ambient Temperature Range . . . . -40C to +85C Operating Junction Temperature Range . . . -40C to +150C JA Four-Layer Board . . . . . . . . . . . . . . . . . . . . . . . . 62.3C/W JC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26.8C/W Storage Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300C Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220C
*This is a stress rating only; operation beyond these limits can cause the device to be permanently damaged. Unless otherwise specified, all voltages are referenced to GND.
Pin No. 1 2 3
Mnemonic GND OUT IN
Function Ground Pin. Output of the Regulator. Bypass to ground with a 1 F or larger capacitor. Regulator Input. Bypass to ground with a 1 F or larger capacitor.
PIN CONFIGURATION
OUT
TOP VIEW 2 OUT (Not to Scale) 1 GND
ADP3339
3 IN
NOTE PIN 2 AND TAB ARE INTERNALLY CONNECTED
ORDERING GUIDE
Model ADP3339AKC-1.8 ADP3339AKC-2.5 ADP3339AKC-2.85 ADP3339AKC-3.3 ADP3339AKC-5
Output Voltage* 1.8 V 2.5 V 2.85 V 3.3 V 5V
Package Option KC (SOT-223) KC (SOT-223) KC (SOT-223) KC (SOT-223) KC (SOT-223)
Package Description Plastic Surface Mount Plastic Surface Mount Plastic Surface Mount Plastic Surface Mount Plastic Surface Mount
*Contact the factory for other voltage options.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADP3339 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. 0
-3-
ADP3339-Typical Performance Characteristics (T = 25 C unless otherwise noted.)
A
3.301 3.300 VOUT = 3.3V ILOAD = 0A
3.301 VIN = 6V 3.300 3.299 3.298 3.297 3.296 3.295 3.294
GROUND CURRENT - A
180 160 140 120 100 80 60 40 20 0 0.5 1.0 LOAD CURRENT - A 1.5 0 0 2 4 6 8 SUPPLY VOLTAGE - V 10 12 VOUT = 3.3V ILOAD = 0A
OUTPUT VOLTAGE - V
3.299 3.298 ILOAD = 500mA 3.297 3.296 3.295 3.294 3.293 3 ILOAD = 1.5A ILOAD = 1A
4 5 6 SUPPLY VOLTAGE - V
7
TPC 1. Output Voltage vs. Supply Voltage
OUTPUT VOLTAGE - V
TPC 2. Output Voltage vs. Load Current
TPC 3. Ground Current vs. Supply Voltage
14 12 VIN = 6V VOUT = 3.0V
OUTPUT VOLTAGE - %
1.0 0.8
VIN = 6V VOUT = 3.3V
GROUND CURRENT - mA
25 VOUT = 3.3V 20 ILOAD = 1.5A 15 ILOAD = 1A ILOAD = 0.5A 10
GROUND CURRENT - mA
10 8 6 4 2 0
0.6
ILOAD = 1A
0.4
ILOAD = 10mA ILOAD = 500mA
0.2
0 ILOAD = 1.5A 0 0.5 1.0 LOAD CURRENT - A 1.5 -0.2 -40 -20 0 20 40 60 80 100 120 140
5 ILOAD = 1mA 0 -40 110 10 60 JUNCTION TEMPERATURE - C 160
JUNCTION TEMPERATURE - C
TPC 4. Ground Current vs. Load Current
TPC 5. Output Voltage Variation % vs. Junction Temperature
TPC 6. Ground Current vs. Junction Temperature
250 VOUT = 3.3V
INPUT/OUTPUT VOLTAGE - V VOUT = 3.3V ILOAD = 1.5A
200
DROPOUT - mV
3.31V 3.30V
150
3 2 1 0
3.29V
VOUT = 3.3V ILOAD = 1.5A COUT = 1 F
100
5V 4V
1 2 3 4 5 6 7 8 9 10
50
0
40
80
0
0.2
0.4 0.6 0.8 1.0 1.2 LOAD CURRENT - mA
1.4
TIME - s
120 140 TIME - s
180
220
TPC 7. Dropout Voltage vs. Load Current
TPC 8. Power-Up/Power-Down
TPC 9. Line Transient Response
-4-
REV. 0
ADP3339
3.31V 3.30V 3.29V VOUT = 3.3V ILOAD = 1.5A COUT = 10 F 3.5V 3.3V 3.1V 1.5A 1.0A 5V 4V 40 80 120 140 TIME - s 180 220 0.5A 0 0 200 400 600 TIME - s 800 1000 VIN = 6V COUT = 10 F ILOAD = 1.5A 3.5V 3.3V 3.1V 1.5A 1.0A 0.5A 0 0 200 400 600 TIME - s 800 1000 VIN = 6V COUT = 1 F ILOAD = 1.5A
TPC 10. Line Transient Response
TPC 11. Load Transient Response
TPC 12. Load Transient Response
0 -10
RIPPLE REJECTION - dB
3.3V 0 VIN = 6V
VOUT = 3.3V
600 500
-20 -30 -40 -50 -60 -70 -80 -90 CL = 1 F ILOAD = 0A
RMS NOISE - V
CL = 1 F ILOAD = 1.5A CL = 10 F ILOAD = 1.5A
400
3A 2A 1A 0 200 400 600 TIME - s 800
300
200 ILOAD = 1.5A
CL = 10 F ILOAD = 0A
100 ILOAD = 0A 0 0 10 20 CL - 30 F 40 50
-100 10 100 1k 10k 100k 1M START 10.000Hz STOP 100,000.000Hz FREQUENCY - Hz
TPC 13. Short-Circuit Current
TPC 14. Power Supply Ripple Rejection
TPC 15. RMS Noise vs. CL (10 Hz-100 kHz)
100
VOLTAGE NOISE SPECTRAL DENSITY
10
V/ Hz
1 CL = 1 F 0.1 CL = 10 F
-
0.01
0.001 10
100
1k 10k 100k FREQUENCY - Hz
1M
TPC 16. Output Noise Density
REV. 0
-5-
ADP3339
THEORY OF OPERATION
The new anyCAP LDO ADP3339 uses a single control loop for regulation and reference functions. The output voltage is sensed by a resistive voltage divider consisting of R1 and R2 which is varied to provide the available output voltage option. Feedback is taken from this network by way of a series diode (D1) and a second resistor divider (R3 and R4) to the input of an amplifier.
INPUT Q1 COMPENSATION CAPACITOR PTAT VOS R4 OUTPUT
superior line noise rejection and very high regulator gain, which leads to excellent line and load regulation. An impressive 1.5 accuracy is guaranteed over line, load, and temperature. Additional features of the circuit include current limit and thermal shutdown.
VIN C1 1F IN OUT GND C2 1F VOUT
ATTENUATION (VBANDGAP/VOUT) R3 D1
R1
ADP3339
(a) CLOAD RLOAD R2
NONINVERTING WIDEBAND DRIVER
gm
PTAT CURRENT
Figure 3. Typical Application Circuit
APPLICATION INFORMATION CAPACITOR SELECTION Output Capacitor
ADP3339
GND
Figure 2. Functional Block Diagram
A very high-gain error amplifier is used to control this loop. The amplifier is constructed in such a way that equilibrium produces a large, temperature-proportional input, "offset voltage" that is repeatable and very well controlled. The temperatureproportional offset voltage is combined with the complementary diode voltage to form a "virtual bandgap" voltage, implicit in the network, although it never appears explicitly in the circuit. Ultimately, this patented design makes it possible to control the loop with only one amplifier. This technique also improves the noise characteristics of the amplifier by providing more flexibility on the trade-off of noise sources that leads to a low noise design. The R1, R2 divider is chosen in the same ratio as the bandgap voltage to the output voltage. Although the R1, R2 resistor divider is loaded by the diode D1 and a second divider consisting of R3 and R4, the values can be chosen to produce a temperature-stable output. This unique arrangement specifically corrects for the loading of the divider, thus avoiding the error resulting from base current loading in conventional circuits. The patented amplifier controls a new and unique noninverting driver that drives the pass transistor, Q1. The use of this special noninverting driver enables the frequency compensation to include the load capacitor in a pole-splitting arrangement to achieve reduced sensitivity to the value, type, and ESR of the load capacitance. Most LDOs place very strict requirements on the range of ESR values for the output capacitor because they are difficult to stabilize due to the uncertainty of load capacitance and resistance. Moreover, the ESR value, required to keep conventional LDOs stable, changes depending on load and temperature. These ESR limitations make designing with LDOs more difficult because of their unclear specifications and extreme variations over temperature. With the ADP3339 anyCAP LDO, this is no longer true. It can be used with virtually any good quality capacitor, with no constraint on the minimum ESR. This innovative design allows the circuit to be stable with just a small 1 F capacitor on the output. Additional advantages of the pole-splitting scheme include
The stability and transient response of the LDO is a function of the output capacitor. The ADP3339 is stable with a wide range of capacitor values, types, and ESR (anyCAP). A capacitor as low as 1 F is all that is needed for stability. A higher capacitance may be necessary if high output current surges are anticipated or if the output capacitor cannot be located near the output and ground pins. The ADP3339 is stable with extremely low ESR capacitors (ESR 0), such as Multilayer Ceramic Capacitors (MLCC) or OSCON. Note that the effective capacitance of some capacitor types fall below the minimum over temperature or with dc voltage.
Input Capacitor
An input bypass capacitor is not strictly required but it is recommended in any application involving long input wires or high source impedance. Connecting a 1 F capacitor from the input to ground reduces the circuit's sensitivity to PC board layout and input transients. If a larger output capacitor is necessary, then a larger value input capacitor is also recommended.
OUTPUT CURRENT LIMIT
The ADP3339 is short-circuit protected by limiting the pass transistor's base drive current. The maximum output current is limited to about 3 A, see TPC 13.
THERMAL OVERLOAD PROTECTION
The ADP3339 is protected against damage due to excessive power dissipation by its thermal overload protection circuit. Thermal protection limits the die temperature to a maximum of 160C. Under extreme conditions (i.e., high ambient temperature and power dissipation) where the die temperature starts to rise above 160C, the output current will be reduced until the die temperature has dropped to a safe level. Current and thermal limit protections are intended to protect the device against accidental overload conditions. For normal operation, the device's power dissipation should be externally limited so that the junction temperature will not exceed 125C.
-6-
REV. 0
ADP3339
CALCULATING POWER DISSIPATION
Device power dissipation is calculated as follows:
PD = (VIN - VOUT ) x I LOAD + (VIN ) x IGND
Where ILOAD and IGND are load current and ground current, VIN and VOUT are the input and output voltages respectively. Assuming worst-case operating conditions are ILOAD = 1.5 A, IGND = 14 mA, VIN = 3.3 V, and VOUT = 2.5 V, the device power dissipation is: PD = (3.3 V - 2.5 V )1500 mA + (3.3 V )14 mA = 1246 mW So, for a maximum junction temperature of 125C and a maximum ambient temperature of 85C, the required thermal resistance from junction to ambient is:
a. b. c.
Figure 4. PCB Layouts
Use the following general guidelines when designing printed circuit boards: 1. Keep the output capacitor as close to the output and ground pins as possible. 2. Keep the input capacitor as close to the input and ground pins as possible. 3. PC board traces with larger cross sectional areas will remove more heat from the ADP3339. For optimum heat transfer, specify thick copper and use wide traces. 4. The thermal resistance can be decreased by adding a copper pad under the ADP3339 as shown in Figure 4b. 5. If possible, utilize the adjacent area to add more copper around the ADP3339. Connecting the copper area to the output of the ADP3339, as shown in Figure 4c, is best but will improve thermal performance even if it is connected to other pins. 6. Use additional copper layers or planes to reduce the thermal resistance. Again, connecting the other layers to the output of the ADP3339 is best, but not necessary. When connecting the output pad to other layers use multiple vias.
JA
125C - 85C = = 32.1 C /W 1.246 W
PRINTED CIRCUIT BOARD LAYOUT CONSIDERATIONS
The SOT-223's thermal resistance, JA, is determined by the sum of the junction-to-case and the case-to-ambient thermal resistances. The junction-to-case thermal resistance, JC, is determined by the package design and specified at 26.8C/W. However, the case-to-ambient thermal resistance is determined by the printed circuit board design. As shown in Figures 4a-4c, the amount of copper to which the ADP3339 is mounted affects the thermal performance. When mounted to just the minimal pads of 2 oz. copper (Figure 4a), the JA is 126.6C/W. By adding a small copper pad under the ADP3339 (Figure 4b), reduces the JA to 102.9C/W. Increasing the copper pad to 1 square inch (Figure 4c), reduces the JA even further to 52.8C/W.
REV. 0
-7-
ADP3339
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
3-Lead Surface Mount KC (SOT-223)
0.124 (3.15) 0.116 (2.95)
4
0.146 (3.70) 0.130 (3.30)
1 2 3
0.287 (7.30) 0.264 (6.70)
0.033 (0.85) 0.026 (0.65) 0.0905 (2.30) NOM 0.041 (1.05) 0.033 (0.85) 0.051 (1.30) 0.043 (1.10) 16 10
0.264 (6.70) 0.248 (6.30) 0.067 (1.70) 0.060 (1.50) 0.004 (0.10) 0.0008 (0.02) 0.181 (4.60) NOM
0.25 (0.35) 0.010 (0.25) 16 10
10 MAX SEATING PLANE
-8-
REV. 0
PRINTED IN U.S.A.
C02191-1-10/01(0)


▲Up To Search▲   

 
Price & Availability of ADP3339

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X