Part Number Hot Search : 
53203 UCY74 FZT694B T88SC PE42421 LQT50X3 BZX55C43 C3216X5R
Product Description
Full Text Search
 

To Download AD7819 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES 8-Bit ADC with 4.5 s Conversion Time On-Chip Track and Hold Operating Supply Range: +2.7 V to +5.5 V Specifications at +2.7 V - 3.6 V and 5 V 10% 8-Bit Parallel Interface 8-Bit Read Power Performance Normal Operation 10.5 mW, VDD = 3 V Automatic Power-Down 57.75 W @ 1 kSPS, VDD = 3 V Analog Input Range: 0 V to V REF Reference Input Range: 1.2 V to VDD
+2.7 V to +5.5 V, 200 kSPS 8-Bit Sampling ADC AD7819
FUNCTIONAL BLOCK DIAGRAM
VDD AGND VREF
AD7819
CHARGE REDISTRIBUTION DAC CLOCK OSC THREESTATE DRIVERS
DB7
DB0
COMP VIN T/H
CONTROL LOGIC
BUSY CS
RD CONVST
GENERAL DESCRIPTION
PRODUCT HIGHLIGHTS
The AD7819 is a high speed, microprocessor-compatible, 8-bit analog-to-digital converter with a maximum throughput of 200 kSPS. The converter operates off a single +2.7 V to +5.5 V supply and contains a 4.5 s successive approximation A/D converter, track/hold circuitry, on-chip clock oscillator and 8-bit wide parallel interface. The parallel interface is designed to allow easy interfacing to microprocessors and DSPs. Using only address decoding logic the AD7819 is easily mapped into the microprocessor address space. When used in its power-down mode, the AD7819 automatically powers down at the end of a conversion and powers up at the start of a new conversion. This feature significantly reduces the power consumption of the part at lower throughput rates. The AD7819 can also operate in a high speed mode where the part is not powered down between conversions. In this mode of operation the part is capable of providing 200 kSPS throughput. The part is available in a small, 16-pin 0.3" wide, plastic dualin-line package (DIP); in a 16-pin, 0.15" wide, narrow body small outline IC (SOIC) and in a 16-pin, narrow body, thin shrink small outline package (TSSOP).
1. Low Power, Single Supply Operation The AD7819 operates from a single +2.7 V to +5.5 V supply and typically consumes only 10.5 mW of power. The power dissipation can be significantly reduced at lower throughput rates by using the automatic power-down mode. 2. Automatic Power-Down The automatic power-down mode, whereby the AD7819 goes into power-down mode at the end of a conversion and powers up before the next conversion, means the AD7819 is ideal for battery powered applications; e.g., 57.75 W @ 1 kSPS. (See Power vs. Throughput Rate section.) 3. Parallel Interface An easy to use 8-bit wide parallel interface allows interfacing to most popular microprocessors and DSPs with minimal external circuitry. 4. Dynamic Specifications for DSP Users In addition to the traditional ADC specifications, the AD7819 is specified for ac parameters, including signal-to-noise ratio and distortion.
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2000
AD7819-SPECIFICATIONS1 to +125 C unless otherwise noted.)
(GND = 0 V, VREF = +VDD = 3 V
Units dB min dB typ dB typ Parameter DYNAMIC PERFORMANCE Signal to (Noise + Distortion) Ratio1 Total Harmonic Distortion (THD)1 Peak Harmonic or Spurious Noise1 Intermodulation Distortion2 2nd Order Terms 3rd Order Terms DC ACCURACY Resolution Minimum Resolution for Which No Missing Codes Are Guaranteed Relative Accuracy1 Differential Nonlinearity (DNL)1 Total Unadjusted Error1 Gain Error1 Offset Error1 ANALOG INPUT Input Voltage Range Input Leakage Current2 Input Capacitance2 REFERENCE INPUTS2 VREF Input Voltage Range Input Leakage Current Input Capacitance LOGIC INPUTS2 VINH, Input High Voltage VINL, Input Low Voltage Input Current, IIN Input Capacitance, CIN LOGIC OUTPUTS Output High Voltage, VOH Output Low Voltage, VOL High Impedance Leakage Current High Impedance Capacitance CONVERSION RATE Conversion Time Track/Hold Acquisition Time1 POWER SUPPLY VDD IDD Normal Operation Power-Down Power Dissipation Normal Operation Power-Down Auto Power-Down (Mode 2) 1 kSPS Throughput 10 kSPS Throughput 50 kSPS Throughput Y Version 48 -70 -70 -77 -77 8 8 0.5 0.5 1 0.5 0.5 0 VREF 1 15 1.2 VDD 1 20 2.0 0.4 1 8 2.4 0.4 1 15 4.5 100 2.7-5.5 3.5 1 17.5 5 57.75 577.5 2.89
10% to 5 V
10%). All specifications -40 C
Test Conditions/Comments fIN = 30 kHz, fSAMPLE = 136 kHz
fa = 29.1 kHz; fb = 29.8 kHz dB typ dB typ Bits Bits LSB max LSB max LSB max LSB max LSB max V min V max A max pF mx V min V max A max pF max V min V max A max pF max V min V max A max pF max s max ns max Volts mA max A max mW max W max W max W max mW max
(0.8 V max, VDD = 5 V) Typically 10 nA, VIN = 0 V to VDD
ISOURCE = 200 A ISINK = 200 A
See DC Acquisition Section For Specified Performance Digital Inputs = 0 V or VDD VDD = 5 V VDD = 5 V VDD = 3 V
NOTES 1 See Terminology section. 2 Sample tested during initial release and after any redesign or process change that may affect this parameter. Specifications subject to change without notice.
-2-
REV. A
AD7819 TIMING CHARACTERISTICS1, 2 (-40 C to +125 C, unless otherwise noted)
Parameter tPOWER-UP
t1 t2 t3 t4 t5 t 63 t73, 4 t 83
VDD = 3 V
1 4.5 30 30 0 0 10 10 100
10%
VDD = 5 V
1 4.5 30 30 0 0 10 10 100
10%
Units
s (max) s (max) ns (min) ns (max) ns (min) ns (min) ns (max) ns (max) ns (min)
Conditions/Comments
Power-Up Time of AD7819 after Rising Edge of CONVST. Conversion Time. CONVST Pulsewidth. CONVST Falling Edge to BUSY Rising Edge Delay. CS to RD Setup Time. CS Hold Time after RD High. Data Access Time after RD Low. Bus Relinquish Time after RD High. Data Bus Relinquish to Falling Edge of CONVST Delay.
NOTES 1 Sample tested to ensure compliance. 2 See Figures 12, 13 and 14. 3 These numbers are measured with the load circuit of Figure 1. They are defined as the time required for the o/p to cross 0.8 V or 2.4 V for V DD = 5 V 10% and 0.4 V or 2 V for V DD = 3 V 10%. 4 Derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t 7, quoted in the Timing Characteristics is the true bus relinquish time of the part and as such is independent of external bus loading capacitances. Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V Digital Input Voltage to DGND (CONVST, RD, CS) . . . . . . . . . . . . . . -0.3 V, VDD + 0.3 V Digital Output Voltage to DGND (BUSY, DB0-DB7) . . . . . . . . . . . . . . . -0.3 V, VDD + 0.3 V REFIN to AGND . . . . . . . . . . . . . . . . . . . -0.3 V, VDD + 0.3 V Analog Input . . . . . . . . . . . . . . . . . . . . . . -0.3 V, VDD + 0.3 V Storage Temperature Range . . . . . . . . . . . . -65C to +150C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150C Plastic DIP Package, Power Dissipation . . . . . . . . . . 450 mW JA Thermal Impedance . . . . . . . . . . . . . . . . . . . +105C/W Lead Temperature, (Soldering 10 sec) . . . . . . . . . . . +260C SOIC Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 75C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220C SSOP Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 115C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220C ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 kV
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
200 A
IOL
TO OUTPUT PIN
+1.6V CL 50pF 200 A IOH
Figure 1. Load Circuit for Digital Output Timing Specifications
ORDERING GUIDE
Model
Linearity Error Package (LSB) Description
Package Option
AD7819YN 1 LSB AD7819YR 1 LSB AD7819YRU 1 LSB
Plastic DIP N-16 Small Outline IC R-16A Thin Shrink Small Outline RU-16 (TSSOP)
REV. A
-3-
AD7819
PIN FUNCTION DESCRIPTIONS
Pin No. 1 2 3 4
Mnemonic VREF VIN GND CONVST
Description Reference Input, 1.2 V to VDD. Analog Input, 0 V to VREF. Analog and Digital Ground. Convert Start. A low-to-high transition on this pin initiates a 1 s pulse on an internally generated CONVST signal. A high-to-low transition on this line initiates the conversion process if the internal CONVST signal is low. Depending on the signal on this pin at the end of a conversion, the AD7819 automatically powers down. Chip Select. This is a logic input. CS is used in conjunction with RD to enable outputs. Read Pin. This is a logic input. When CS is low and RD goes low, the DB7-DB0 leave their high impedance state and data is driven onto the data bus. ADC Busy Signal. This is a logic output. This signal goes logic high during the conversion process. Data Bit 0 to 7. These outputs are three-state TTL-compatible. Positive power supply voltage, +2.7 V to +5.5 V.
5 6 7 8-15 16
CS RD BUSY DB0-DB7 VDD
PIN CONFIGURATION DIP/SOIC
VREF 1 VIN 2 GND 3 CONVST 4
16 VDD 15 DB7 14 DB6
13 DB5 TOP VIEW CS 5 (Not to Scale) 12 DB4 11 DB3 10 DB2 9
AD7819
RD 6 BUSY 7 DB0 8
DB1
-4-
REV. A
AD7819
TERMINOLOGY Signal to (Noise + Distortion) Ratio Relative Accuracy
This is the measured ratio of signal to (noise + distortion) at the output of the A/D converter. The signal is the rms amplitude of the fundamental. Noise is the rms sum of all nonfundamental signals up to half the sampling frequency (fS/2), excluding dc. The ratio is dependent upon the number of quantization levels in the digitization process; the more levels, the smaller the quantization noise. The theoretical signal to (noise + distortion) ratio for an ideal N-bit converter with a sine wave input is given by: Signal to (Noise + Distortion) = (6.02N + 1.76) dB Thus for an 8-bit converter, this is 50 dB.
Total Harmonic Distortion
Relative accuracy or endpoint nonlinearity is the maximum deviation from a straight line passing through the endpoints of the ADC transfer function.
Differential Nonlinearity
This is the difference between the measured and the ideal 1 LSB change between any two adjacent codes in the ADC.
Offset Error
This is the deviation of the first code transition (0000 . . . 000) to (0000 . . . 001) from the ideal, i.e., AGND + 1 LSB.
Offset Error Match
This is the difference in Offset Error between any two channels.
Gain Error
Total harmonic distortion (THD) is the ratio of the rms sum of harmonics to the fundamental. For the AD7819 it is defined as:
V2 + V 3 + V 4 + V 5 + V6 V1
2 2 2 2 2
This is the deviation of the last code transition (1111 . . . 110) to (1111 . . . 111) from the ideal, i.e., VREF - 1 LSB, after the offset error has been adjusted out.
Gain Error Match
THD (dB) = 20 log
This is the difference in Gain Error between any two channels.
Track/Hold Acquisition Time
where V1 is the rms amplitude of the fundamental and V2, V3, V4, V5 and V6 are the rms amplitudes of the second through the sixth harmonics.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of the rms value of the next largest component in the ADC output spectrum (up to fS/2 and excluding dc) to the rms value of the fundamental. Normally, the value of this specification is determined by the largest harmonic in the spectrum, but for parts where the harmonics are buried in the noise floor, it will be a noise peak.
Intermodulation Distortion
Track/hold acquisition time is the time required for the output of the track/hold amplifier to reach its final value, within 1/2 LSB, after the end of conversion (the point at which the track/hold returns to track mode). It also applies to situations where a change in the selected input channel takes place or where there is a step input change on the input voltage applied to the selected VIN input of the AD7819. It means that the user must wait for the duration of the track/hold acquisition time after the end of conversion or after a step input change to VIN before starting another conversion, to ensure that the part operates to specification.
With inputs consisting of sine waves at two frequencies, fa and fb, any active device with nonlinearities will create distortion products at sum and difference frequencies of mfa nfb where m, n = 0, 1, 2, 3, etc. Intermodulation terms are those for which neither m nor n are equal to zero. For example, the second order terms include (fa + fb) and (fa - fb), while the third order terms include (2fa + fb), (2fa - fb), (fa + 2fb) and (fa - 2fb). The AD7819 is tested using the CCIF standard, where two input frequencies near the top end of the input bandwidth are used. In this case, the second and third order terms are of different significance. The second order terms are usually distanced in frequency from the original sine waves, while the third order terms are usually at a frequency close to the input frequencies. As a result, the second and third order terms are specified separately. The calculation of the intermodulation distortion is as per the THD specification where it is the ratio of the rms sum of the individual distortion products to the rms amplitude of the fundamental expressed in dBs.
REV. A
-5-
AD7819
CIRCUIT DESCRIPTION Converter Operation
SUPPLY +2.7V TO +5.5V 10 F 0.1 F VDD VREF DB0-DB7 PARALLEL INTERFACE
The AD7819 is a successive approximation analog-to-digital converter based around a charge redistribution DAC. The ADC can convert analog input signals in the range 0 V to VDD. Figures 2 and 3 below show simplified schematics of the ADC. Figure 2 shows the ADC during its acquisition phase. SW2 is closed and SW1 is in Position A, the comparator is held in a balanced condition and the sampling capacitor acquires the signal on VIN+.
CHARGE RESTRIBUTION DAC A VIN SW1 B ACQUISITION PHASE VDD /3 SW2 COMPARATOR CLOCK OSC SAMPLING CAPACITOR CONTROL LOGIC
AD7819
0V TO VREF INPUT VIN BUSY RD GND CS CONVST
C/ P
Figure 4. Typical Connection Diagram
Analog Input
AGND
Figure 2. ADC Track Phase
When the ADC starts a conversion, see Figure 3, SW2 will open and SW1 will move to Position B causing the comparator to become unbalanced. The Control Logic and the Charge Redistribution DAC are used to add and subtract fixed amounts of charge from the sampling capacitor to bring the comparator back into a balanced condition. When the comparator is rebalanced the conversion is complete. The Control Logic generates the ADC output code. Figure 7 shows the ADC transfer function.
CHARGE RESTRIBUTION DAC A VIN SW1 B CONVERSION PHASE VDD /3 SW2 COMPARATOR CLOCK OSC SAMPLING CAPACITOR CONTROL LOGIC
Figure 5 shows an equivalent circuit of the analog input structure of the AD7819. The two diodes, D1 and D2, provide ESD protection for the analog inputs. Care must be taken to ensure that the analog input signal never exceeds the supply rails by more than 200 mV. This will cause these diodes to become forward biased and start conducting current into the substrate. 20 mA is the maximum current these diodes can conduct without causing irreversible damage to the part. The capacitor C2 is typically about 4 pF and can be primarily attributed to pin capacitance. The resistor R1 is a lumped component made up of the on resistance of a multiplexer and a switch. This resistor is typically about 125 . The capacitor C1 is the ADC sampling capacitor and has a capacitance of 3.5 pF.
VDD
D1 VIN C2 4pF D2
R1 125
C1 3.5pF VDD /3
CONVERT PHASE - SWITCH OPEN TRACK PHASE - SWITCH CLOSED
Figure 5. Equivalent Analog Input Circuit
DC Acquisition Time
AGND
Figure 3. ADC Conversion Phase
TYPICAL CONNECTION DIAGRAM
Figure 4 shows a typical connection diagram for the AD7819. The parallel interface is implemented using an 8-bit data bus, the falling edge of CONVST brings the BUSY signal high and at the end of conversion, the falling edge of BUSY is used to initiate an ISR on a microprocessor. (See Parallel Interface section for more details.) VREF is connected to a well decoupled VDD pin to provide an analog input range of 0 V to VDD. When VDD is first connected the AD7819 powers up in a low current mode, i.e., power down. A rising edge on the CONVST input will cause the part to power up. (See Power-Up Times section.) If power consumption is of concern, the automatic power-down at the end of a conversion should be used to improve power performance. See Power vs. Throughput Rate section of the data sheet.
The ADC starts a new acquisition phase at the end of a conversion and ends on the falling edge of the CONVST signal. At the end of a conversion there is a settling time associated with the sampling circuit. This settling time lasts approximately 100 ns. The analog signal on VIN is also being acquired during this settling time. The minimum acquisition time needed is approximately 100 ns. Figure 6 shows the equivalent charging circuit for the sampling capacitor when the ADC is in its acquisition phase. R2 represents the source impedance of a buffer amplifier or resistive network, R1 is an internal multiplexer resistance and C1 is the sampling capacitor.
VIN R1 125 C1 3.5pF
R2
Figure 6. Equivalent Sampling Circuit
-6-
REV. A
AD7819
During the acquisition phase the sampling capacitor must be charged to within a 1/2 LSB of its final value. The time it takes to charge the sampling capacitor (TCHARGE) is given by the following formula: TCHARGE = 6.2 x (R2 + 125 ) x 3.5 pF For small values of source impedance, the settling time associated with the sampling circuit (100 ns) is, in effect, the acquisition time of the ADC. For example, with a source impedance (R2) of 10 , the charge time for the sampling capacitor is approximately 3 ns. The charge time becomes significant for source impedances of 2 k and greater.
AC Acquisition Time
VDD EXT CONVST
When operating in Mode 2, the ADC is powered down at the end of each conversion and powered up again before the next conversion is initiated. (See Figure 8.)
MODE 1
t POWER-UP
1s INT CONVST
In ac applications it is recommended to always buffer analog input signals. The source impedance of the drive circuitry must be kept as low as possible to minimize the acquisition time of the ADC. Large values of source impedance will cause the THD to degrade at high throughput rates.
ADC TRANSFER FUNCTION
MODE 2
VDD EXT CONVST
t POWER-UP
1s INT CONVST
t POWER-UP
1s
The output coding of the AD7819 is straight binary. The designed code transitions occur at successive integer LSB values (i.e., 1 LSB, 2 LSBs, etc.). The LSB size is = VREF/256. The ideal transfer characteristic for the AD7819 is shown in Figure 7 below.
Figure 8. Power-Up Times
POWER VS. THROUGHPUT RATE
By operating the AD7819 in Mode 2, the average power consumption of the AD7819 decreases at lower throughput rates. Figure 9 shows how the Automatic Power-Down is implemented using the external CONVST signal to achieve the optimum power performance for the AD7819. The AD7819 is operated in Mode 2 and the duration of the external CONVST pulse is set to be equal to or less than the power-up time of the device. As the throughput rate is reduced, the device remains in its powerdown state longer and the average power consumption over time drops accordingly.
EXT CONVST
111...111 111...110 * * * 111...000 * * 011...111 * * * 000...010 000...001 000...000 0V 1LSB
ADC CODE
1LSB = VREF/256
ANALOG INPUT
+VREF -1LSB
Figure 7. Transfer Characteristic
POWER-UP TIMES
t POWER-UP t CONVERT
1s INT CONVST 5.0 s POWER-DOWN
The AD7819 has a 1 s power-up time. When VDD is first connected, the AD7819 is in a low current mode of operation. In order to carry out a conversion the AD7819 must first be powered up. The ADC is powered up by a rising edge on an internally generated CONVST signal, which occurs as a result of a rising edge on the external CONVST pin. The rising edge of the external CONVST signal initiates a 1 s pulse on the internal CONVST signal. This pulse is present to ensure the part has enough time to power-up before a conversion is initiated, as a conversion is initiated on the falling edge of gated CONVST. See Timing and Control section. Care must be taken to ensure that the CONVST pin of the AD7819 is logic low when VDD is first applied.
t CYCLE
100 s @ 10kSPS
Figure 9. Automatic Power-Down
If, for example, the AD7819 is operated in a continuous sampling mode with a throughput rate of 10 kSPS, the power consumption is calculated as follows. The power dissipation during normal operation is 10.5 mW, VDD = 3 V. If the powerup time is 1 s and the conversion time is 4.5 s, the AD7819 can be said to dissipate 10.5 mW for 5.5 s (worst case) during each conversion cycle. If the throughput rate is 10 kSPS, the cycle time is then 100 s and the average power dissipated during each cycle is (5.5/100) x (10.5 mW) = 577.5 W.
REV. A
-7-
AD7819 Typical Performance Characteristics
10
POWER - mW
1
0.1
external CONVST and this internal CONVST are input to an OR gate. The resultant signal has the duration of the longer of the two input signals. Once a conversion has been initiated, the BUSY signal goes high to indicate a conversion is in progress. At the end of conversion the sampling circuit returns to its tracking mode. The end of conversion is indicated by the BUSY signal going low. This signal may be used to initiate an ISR on a microprocessor. At this point the conversion result is latched into the output register where it may be read. The AD7819 has an 8-bit wide parallel interface. The state of the external CONVST signal at the end of conversion also establishes the mode of operation of the AD7819.
Mode 1 Operation (High Speed Sampling)
0.01 0
5
10
15 20 25 30 35 THROUGHPUT - kSPS
40
45
50
Figure 10. Power vs. Throughput
0 -10 -20 -30 -40 AD7819 2048 POINT FFT SAMPLING 136.054kHz FIN 29.961kHz
If the external CONVST is logic high when BUSY goes low, the part is said to be in Mode 1 operation. While operating in Mode 1 the AD7819 will not power down between conversions. The AD7819 should be operated in Mode 1 for high speed sampling applications, i.e., throughputs greater than 100 kSPS. Figure 13 shows the timing for Mode 1 operation. From this diagram one can see that a minimum delay of the sum of the conversion time and read time must be left between two successive falling edges of the external CONVST. This is to ensure that a conversion is not initiated during a read.
Mode 2 Operation (Automatic Power-Down)
-50 -60 -70 -80 -90 -100 0 7 13 20 27 33 40 47 FREQUENCY - kHz 53 60 66
Figure 11. SNR
TIMING AND CONTROL
The AD7819 has only one input for timing and control, i.e., the CONVST (convert start signal). The rising edge of this CONVST signal initiates a 1 s pulse on an internally generated CONVST signal. This pulse is present to ensure the part has enough time to power up before a conversion is initiated. If the external CONVST signal is low, the falling edge of the internal CONVST signal will cause the sampling circuit to go into hold mode and initiate a conversion. If, however, the external CONVST signal is high when the internal CONVST goes low, it is upon the falling edge of the external CONVST signal that the sampling circuitry will go into hold mode and initiate a conversion. The use of the internally generated 1 s pulse as previously described can be likened to the configuration shown in Figure 12. The application of a CONVST signal at the CONVST pin triggers the generation of a 1 s pulse. Both the
At slower throughput rates the AD7819 may be powered down between conversion to give a superior power performance. This is Mode 2 Operation and it is achieved by bringing the CONVST signal logic low before the falling edge of BUSY. Figure 14 shows the timing for Mode 2 Operation. The falling edge of the external CONVST signal may occur before or after the falling edge of the internal CONVST signal, but it is the later occurring falling edge of both that controls when the first conversion will take place. If the falling edge of the external CONVST occurs after that of the internal CONVST, it means that the moment of the first conversion is controlled exactly, regardless of any jitter associated with the internal CONVST signal. The parallel interface is still fully operational while the AD7819 is powered down. The AD7819 is powered up again on the rising edge of the CONVST signal. The gated CONVST pulse will now remain high long enough for the AD7819 to fully power up, which takes about 1 s. This is ensured by the internal CONVST signal, which will remain high for 1 s.
dBs
CONVST (PIN 4)
EXT GATED INT
1s
Figure 12.
-8-
REV. A
AD7819
t2
EXT CONVST
t1
tPOWER-UP
INT CONVST
t3
BUSY
CS/RD
DB7-DB0
8 MSBs
Figure 13. Mode 1 Operation
EXT CONVST
tPOWER-UP
INT CONVST
t1
t3
BUSY
CS/RD
DB7-DB0
8 MSBs
Figure 14. Mode 2 Operation
PARALLEL INTERFACE
The parallel interface of the AD7819 is eight bits wide. The output data buffers are activated when both CS and RD are logic low. At this point the contents of the data register are placed on the 8-bit data bus. Figure 15 shows the timing diagram for the parallel port. The Parallel Interface of the AD7819 is reset when
BUSY goes logic high. Care must be taken to ensure that a read operation does not occur while BUSY is high. Data read from the AD7819 while BUSY is high will be invalid. For optimum performance the read operation should end at least 100 ns (t8) prior to the falling edge of the next CONVST.
CONVST
t3
BUSY
t2
t8
t1
CS
t4
RD
t5 t7
t6
DB7-DB0 8 MSBs
Figure 15. Parallel Port Timing
REV. A
-9-
AD7819
MICROPROCESSOR INTERFACING
The parallel port on the AD7819 allows the device to be interfaced to a range of many different microcontrollers. This section explains how to interface the AD7819 with some of the more common microcontroller parallel interface protocols.
AD7819 to 8051
PSP0-PSP7
DB0-DB7
PIC16C6x/7x*
CS CS
AD7819*
Figure 16 shows a parallel interface between the AD7819 and the 8051 microcontroller. The BUSY signal on the AD7819 provides an interrupt request to the 8051 when a conversion begins. Port 0 of the 8051 may serve as an input or output port, or as in this case when used together, may be used as a bidirectional low-order address and data bus. The address latch enable output of the 8051 is used to latch the low byte of the address during accesses to the device, while the high-order address byte is supplied from Port 2. Port 2 latches remain stable when the AD7819 is addressed, as they do not have to be turned around (set to 1) for data input as is the case for Port 0.
RD INT
RD BUSY
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 17. Interfacing to the PIC16C6x/7x
AD7819 to ADSP-21xx
Figure 18 shows a parallel interface between the AD7819 and the ADSP-21xx series of DSPs. As before, the BUSY signal on the AD7819 provides an interrupt request to the DSP when a conversion begins.
8051*
AD0-AD7 LATCH DECODER
DB0-DB7
AD7819*
D0-D7
DB0-DB7
A13-A0
ALE A8-A15 RD INT RD BUSY CS
AD7819*
ADDRESS DECODE LOGIC EN CS
ADSP-21xx*
DMS
*ADDITIONAL PINS OMITTED FOR CLARITY
RD IRQ
RD BUSY
Figure 16. Interfacing to the 8051
*ADDITIONAL PINS OMITTED FOR CLARITY
AD7819 to PIC16C6x/7x
Figure 17 shows a parallel interface between the AD7819 and the PIC16C64/65/74. The BUSY signal on the AD7819 provides an interrupt request to the microcontroller when a conversion begins. Of the PIC16C6x/7x range of microcontrollers, only the PIC16C64/65/74 can provide the option of a parallel slave port. Port D of the microcontroller will operate as an 8-bit wide parallel slave port when control bit PSPMODE in the TRISE register is set. Setting PSPMODE enables the port pin RE0 to be the RD output and RE2 to be the CS output. For this functionality, the corresponding data direction bits of the TRISE register must be configured as outputs (reset to 0). See user PIC16/17 Microcontroller User Manual.
Figure 18. Interfacing to the ADSP-21xx
-10-
REV. A
AD7819
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Lead Plastic DIP (N-16)
C3059-0-3/00 (rev. A) PRINTED IN U.S.A.
0.840 (21.33) 0.745 (18.93)
16 1 9 8
0.280 (7.11) 0.240 (6.10) 0.060 (1.52) 0.015 (0.38) 0.130 (3.30) MIN
PIN 1 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93) 0.022 (0.558) 0.014 (0.356) 0.100 (2.54) BSC
0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93)
0.070 (1.77) SEATING 0.045 (1.15) PLANE
0.015 (0.381) 0.008 (0.204)
16-Lead Small Outline Package (R-16A)
0.3937 (10.00) 0.3859 (9.80)
16 1 9 8
0.1574 (4.00) 0.1497 (3.80)
0.2550 (6.20) 0.2284 (5.80)
PIN 1 0.0098 (0.25) 0.0040 (0.10)
0.0688 (1.75) 0.0532 (1.35)
0.0196 (0.50) 0.0099 (0.25)
45
0.0500 SEATING (1.27) PLANE BSC
0.0192 (0.49) 0.0138 (0.35)
0.0099 (0.25) 0.0075 (0.19)
8 0
0.0500 (1.27) 0.0160 (0.41)
16-Lead Thin Shrink Small Outline Package (RU-16)
0.201 (5.10) 0.193 (4.90)
16
9
0.177 (4.50) 0.169 (4.30)
1
8
PIN 1 0.006 (0.15) 0.002 (0.05) 0.0433 (1.10) MAX 0.0118 (0.30) 0.0075 (0.19)
0.256 (6.50) 0.246 (6.25)
0.0256 SEATING (0.65) PLANE BSC
8 0 0.0079 (0.20) 0.0035 (0.090)
0.028 (0.70) 0.020 (0.50)
REV. A
-11-


▲Up To Search▲   

 
Price & Availability of AD7819

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X