Part Number Hot Search : 
SMAJ78A MACPE C244A STK4180 04300 DSS41A24 PE9710 04300
Product Description
Full Text Search
 

To Download AD7811 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES 10-Bit ADC with 2.3 s Conversion Time The AD7811 has Four Single-Ended Inputs that Can Be Configured as Three Pseudo Differential Inputs with Respect to a Common, or as Two Independent Pseudo Differential Channels The AD7812 has Eight Single-Ended Inputs that Can Be Configured as Seven Pseudo Differential Inputs with Respect to a Common, or as Four Independent Pseudo Differential Channels Onboard Track and Hold Onboard Reference 2.5 V 2.5% Operating Supply Range: +2.7 V to +5.5 V Specifications at 2.7 V-3.6 V and 5 V 10% DSP-/Microcontroller-Compatible Serial Interface High Speed Sampling and Automatic Power-Down Modes Package Address Pin on the AD7811 and AD7812 Allows Sharing of the Serial Bus in Multipackage Applications Input Signal Range: 0 V to VREF Reference Input Range: 1.2 V to VDD GENERAL DESCRIPTION
+2.7 V to +5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs AD7811/AD7812
The control registers of the AD7811 and AD7812 allow the input channels to be configured as single-ended or pseudo differential. The control register also features a software convert start and a software power-down. Two of these devices can share the same serial bus and may be individually addressed in a multipackage application by hardwiring the device address pin. The AD7811 is available in a small, 16-lead 0.3" wide, plastic dual-in-line package (mini-DIP), in a 16-lead 0.15" wide, Small Outline IC (SOIC) and in a 16-lead, Thin Shrink Small Outline Package (TSSOP). The AD7812 is available in a small, 20-lead 0.3" wide, plastic dual-in-line package (mini-DIP), in a 20-lead, Small Outline IC (SOIC) and in a 20-lead, Thin Shrink Small Outline Package (TSSOP).
PRODUCT HIGHLIGHTS
The AD7811 and AD7812 are high speed, low power, 10-bit A/D converters that operate from a single +2.7 V to +5.5 V supply. The devices contain a 2.3 s successive approximation A/D converter, an on-chip track/hold amplifier, a 2.5 V on-chip reference and a high speed serial interface that is compatible with the serial interfaces of most DSPs (Digital Signal Processors) and microcontrollers. The user also has the option of using an external reference by connecting it to the VREF pin and setting the EXTREF bit in the control register. The VREF pin may be tied to VDD. At slower throughput rates the power-down mode may be used to automatically power down between conversions.
1. Low Power, Single Supply Operation Both the AD7811 and AD7812 operate from a single +2.7 V to +5.5 V supply and typically consume only 10 mW of power. The power dissipation can be significantly reduced at lower throughput rates by using the automatic power-down mode e.g., 315 W @ 10 kSPS, VDD = 3 V--see Power vs. Throughput. 2. 4-/8-Channel, 10-Bit ADC The AD7811 and AD7812 have four and eight single-ended input channels respectively. These inputs can be configured as pseudo differential inputs by using the Control Register. 3. On-chip 2.5 V ( 2.5%) reference circuit that is powered down when using an external reference. 4. Hardware and Software Control The AD7811 and AD7812 provide for both hardware and software control of Convert Start and Power-Down.
FUNCTIONAL BLOCK DIAGRAMS
CREF 1.23V REF BUF CLOCK OSC CHARGE REDISTRIBUTION DAC VIN1 VIN2 VIN3 VIN4 SERIAL PORT REFIN VDD AGND DGND CREF 1.23V REF CLOCK OSC CHARGE REDISTRIBUTION DAC MUX CONTROL LOGIC SERIAL PORT REFIN VDD AGND DGND
AD7811
DOUT DIN RFS TFS SCLK VIN1 VIN2 VIN3 VIN4 VIN5 VIN6 VIN7 VIN8
AD7812
DOUT DIN RFS TFS SCLK
BUF
MUX VDD /3 COMP
CONTROL LOGIC
VDD /3
COMP
A0 CONVST
A0 CONVST
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1998
AD7811/AD7812-SPECIFICATIONS [EXT]. All specifications -40 C to +105 C unless otherwise noted.)
Parameter DYNAMIC PERFORMANCE Signal to (Noise + Distortion) Ratio1 Total Harmonic Distortion (THD)1 Peak Harmonic or Spurious Noise1 Intermodulation Distortion1, 2 Second Order Terms Third Order Terms Channel-to-Channel Isolation1, 2 DC ACCURACY Resolution Minimum Resolution for Which No Missing Codes are Guaranteed Relative Accuracy1 Differential Nonlinearity1 Gain Error1 Gain Error Match1 Offset Error1 Offset Error Match1 ANALOG INPUT Input Voltage Range Input Leakage Current2 Input Capacitance2 REFERENCE INPUTS2 VREF Input Voltage Range Input Leakage Current Input Capacitance ON-CHIP REFERENCE Reference Error Temperature Coefficient LOGIC INPUTS2 VINH, Input High Voltage VINL, Input Low Voltage VINH, Input High Voltage VINL, Input Low Voltage Input Current, IIN Input Capacitance, CIN LOGIC OUTPUTS Output High Voltage, VOH 4 2.4 Output Low Voltage, VOL High Impedance Leakage Current High Impedance Capacitance CONVERSION RATE Conversion time Track/Hold Acquisition Time1 0.4 1 15 2.3 200 V max A max pF max s max ns max V min V min Y Version 58 -66 -80 -67 -67 -80 10 10 1 1 2 0.75 2 0.75 0 VREF 1 20 1.2 VDD 3 20 2.5 50 2.4 0.8 2 0.4 1 8 Units dB min dB max dB typ dB max dB max dB typ Bits Bits LSB max LSB max LSB max LSB max LSB max LSB max V min V max A max pF max V min V max A max pF max Nominal 2.5 V % max ppm/C typ V min V max V min V max A max pF max VDD = 5 V 10% VDD = 5 V 10% VDD = 3 V 10% VDD = 3 V 10% Typically 10 nA, VIN = 0 V to VDD Test Conditions/Comments fIN = 30 kHz Any Channel, fSAMPLE = 350 kHz VREF Internal or External fa = 29 kHz, fb = 30 kHz
(VDD = +2.7 V to +3.6 V, VDD = +5 V
10%, GND = 0 V, VREF = +VDD
fIN = 20 kHz Any Channel
ISOURCE = 200 A VDD = 5 V 10% VDD = 3 V 10% ISINK = 200 A
-2-
REV. A
AD7811/AD7812
Parameter POWER SUPPLY VDD IDD Normal Operation Power-Down Full Power-Down Partial Power-Down (Internal Ref) Power Dissipation Normal Operation Auto Full Power-Down Throughput 1 kSPS Throughput 10 kSPS Throughput 100 kSPS Partial Power-Down (Internal Ref) Full Power-Down Y Version 2.7 5.5 3.5 1 350 10.5 31.5 315 3.15 1.05 3 Units V min V max mA max A max A max mW max W max W max mW max mW max W max See Power vs. Throughput Section Test Conditions/Comments For Specified Performance Digital Inputs = 0 V or VDD
See Power-Up Times Section VDD = 3 V
NOTES 1 See Terminology. 2 Sample tested during initial release and after any redesign or process change that may affect this parameter. Specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2 (V
Parameter tPOWER-UP t1 t2 t3 t4 t5 3 t6 3 t7 3 t8 t9 t103, 4 t11 Y Version 1 2.3 20 25 25 5 5 10 10 5 20 100 Units
DD
= +2.7 V to +5.5 V, VREF = +VDD [EXT] unless otherwise noted)
Conditions/Comments Power-Up Time of AD7811/AD7812 After Rising Edge of CONVST Conversion Time CONVST Pulsewidth SCLK High Pulsewidth SCLK Low Pulsewidth RFS Rising Edge to SCLK Rising Edge Setup Time TFS Falling Edge to SCLK Falling Edge Setup Time SCLK Rising Edge to Data Out Valid DIN Data Valid to SCLK Falling Edge Setup Time DIN Data Valid after SCLK Falling Edge Hold Time SCLK Rising Edge to DOUT High Impedance DOUT High Impedance to CONVST Falling Edge
s (max) s (max) ns (min) ns (min) ns (min) ns (min) ns (min) ns (max) ns (min) ns (min) ns (max) ns (min)
NOTES 1 Sample tested to ensure compliance. 2 See Figures 16, 17 and 18. 3 These numbers are measured with the load circuit of Figure 1. They are defined as the time required for the o/p to cross 0.8 V or 2.4 V for V DD = 5 V 10% and 0.4 V or 2 V for V DD = 3 V 10%. 4 Derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t 11, quoted in the Timing Characteristics is the true bus relinquish time of the part and as such is independent of external bus loading capacitances. Specifications subject to change without notice.
200 A
IOL
TO OUTPUT PIN
+2.1V CL 50pF 200 A IOH
Figure 1. Load Circuit for Digital Output Timing Specifications
REV. A
-3-
AD7811/AD7812
ABSOLUTE MAXIMUM RATINGS*
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V Digital Input Voltage to DGND (CONVST, SCLK, RFS, TFS, DIN, A0) . . . . . . . . . . . . . . . . . . . . . . . -0.3 V, VDD + 0.3 V Digital Output Voltage to DGND (DOUT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V, VDD + 0.3 V REFIN to AGND . . . . . . . . . . . . . . . . . . . -0.3 V, VDD + 0.3 V Analog Inputs VIN1-VIN4 (AD7811) . . . . . . . . . . . . . . -0.3 V, VDD + 0.3 V VIN1-VIN8 (AD7812) . . . . . . . . . . . . . . -0.3 V, VDD + 0.3 V Storage Temperature Range . . . . . . . . . . . . -65C to +150C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150C Plastic DIP Package, Power Dissipation . . . . . . . . . . 450 mW JA Thermal Impedance . . . . . . . . . . . . . . . . . . . +105C/W Lead Temperature, (Soldering 10 sec) . . . . . . . . . . . +260C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 75C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220C TSSOP Package, Power Dissipation . . . . . . . . . . . . . 450 mW JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 115C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220C ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 kV
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model AD7811YN AD7811YR AD7811YRU AD7812YN AD7812YR AD7812YRU
Linearity Error 1 LSB 1 LSB 1 LSB 1 LSB 1 LSB 1 LSB
Package Descriptions 16-Lead Plastic DIP 16-Lead Small Outline IC (SOIC) 16-Lead Thin Shrink Small Outline Package (TSSOP) 20-Lead Plastic DIP 20-Lead Small Outline IC (SOIC) 20-Lead Thin Shrink Small Outline Package (TSSOP)
Package Options N-16 R-16A RU-16 N-20 R-20A RU-20
-4-
REV. A
AD7811/AD7812
PIN CONFIGURATIONS DIP/SOIC/TSSOP
VREF CREF VIN1
1 2 3
16 VDD 15 CONVST 14 SCLK
VREF 1 CREF VIN1 AGND VIN2 VIN3 VIN4 VIN5 VIN6 2 3 4 5
20 VDD 19 CONVST 18 SCLK 17 DIN
AGND 4 VIN2 VIN3 VIN4 A0
AD7811
13 DIN
TOP VIEW 5 (Not to Scale) 12 DOUT 6 7 8 11 RFS 10 TFS 9 DGND
16 DOUT TOP VIEW 15 RFS 6 (Not to Scale) 14 TFS 7
AD7812
8 9
13 DGND 12 A0 11 VIN8
VIN7 10
PIN FUNCTION DESCRIPTIONS
Pin(s) AD7811 1
Pin(s) AD7812 1
Name VREF
Description An external reference input can be applied here. When using an external precision reference or VDD the EXTREF bit in the control register must be set to logic one. The external reference input range is 1.2 V to VDD. Reference Capacitor. A capacitor (10 nF) is connected here to improve the noise performance of the on-chip reference. Analog Inputs. The analog input range is 0 V to VREF. Analog Ground. Ground reference for track/hold, comparator, on-chip reference and DAC. Package Address Pin. This Logic Input can be hardwired high or low. When used in conjunction with the package address bit in the control register this input allows two devices to share the same serial bus. For example a twelve channel solution can be achieved by using the AD7811 and the AD7812 on the same serial bus. Digital Ground. Ground reference for digital circuitry. Transmit Frame Sync. The falling edge of this Logic Input tells the part that a new control byte should be shifted in on the next 10 falling edges of SCLK. Receive Frame Sync. The rising edge of this Logic Input is used to enable a counter in the serial interface. It is used to provide compatibility with DSPs which use a continuous serial clock and framing signal. In multipackage applications the RFS Pin can also be used as a serial bus select pin. The serial interface will ignore the SCLK until it receives a rising edge on this input. The counter is reset at the end of a serial read operation. Serial Data Output. Serial data is shifted out on this pin on the rising edge of the serial clock. The output enters a High impedance condition on the rising edge of the 11th SCLK pulse. Serial Data Input. The control byte is read in at this input. In order to complete a serial write operation 13 SCLK pulses need to be provided. Only the first 10 bits are shifted in--see Serial Interface section. Serial Clock Input. An external serial clock is applied to this input to obtain serial data from the AD7811/AD7812 and also to latch data into the AD7811/AD7812. Data is clocked out on the rising edge of SCLK and latched in on the falling edge of SCLK. Convert Start. This is an edge triggered logic input. The Track/Hold goes into its Hold Mode on the falling edge of this signal and a conversion is initiated. The state of this pin at the end of conversion also determines whether the part is powered down or not. See operating modes section of this data sheet. Positive Supply Voltage +2.7 V to +5.5 V. -5-
2 3, 5-7 4 8
2 3, 5-11 4 12
CREF VIN1-VIN4(8) AGND A0
9 10 11
13 14 15
DGND TFS RFS
12
16
DOUT
13
17
DIN
14
18
SCLK
15
19
CONVST
16 REV. A
20
VDD
AD7811/AD7812
TERMINOLOGY Signal to (Noise + Distortion) Ratio
This is the measured ratio of signal to (noise + distortion) at the output of the A/D converter. The signal is the rms amplitude of the fundamental. Noise is the rms sum of all nonfundamental signals up to half the sampling frequency (fS/2), excluding dc. The ratio is dependent upon the number of quantization levels in the digitization process; the more levels, the smaller the quantization noise. The theoretical signal to (noise + distortion) ratio for an ideal N-bit converter with a sine wave input is given by: Signal to (Noise + Distortion) = (6.02N + 1.76) dB Thus for a 10-bit converter, this is 62 dB.
Total Harmonic Distortion
usually distanced in frequency from the original sine waves while the third order terms are usually at a frequency close to the input frequencies. As a result, the second and third order terms are specified separately. The calculation of the intermodulation distortion is as per the THD specification where it is the ratio of the rms sum of the individual distortion products to the rms amplitude of the fundamental expressed in dBs.
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of crosstalk between channels. It is measured by applying a fullscale 20 kHz sine wave signal to all nonselected input channels and determining how much that signal is attenuated in the selected channel. The figure given is the worst case across all four or eight channels for the AD7811 and AD7812 respectively.
Relative Accuracy
Total harmonic distortion (THD) is the ratio of the rms sum of harmonics to the fundamental. For the AD7811 and AD7812 it is defined as:
THD (dB) = 20 log
2 2 V22 +V 3 +V 4 +V 52 +V 62
Relative accuracy, or endpoint nonlinearity, is the maximum deviation from a straight line passing through the endpoints of the ADC transfer function.
Differential Nonlinearity
V1
This is the difference between the measured and the ideal 1 LSB change between any two adjacent codes in the ADC.
Offset Error
where V1 is the rms amplitude of the fundamental and V2, V3, V4, V5 and V6 are the rms amplitudes of the second through the sixth harmonics.
Peak Harmonic or Spurious Noise
This is the deviation of the first code transition (0000 . . . 000) to (0000 . . . 001) from the ideal, i.e., AGND + 1 LSB.
Offset Error Match
Peak harmonic or spurious noise is defined as the ratio of the rms value of the next largest component in the ADC output spectrum (up to fS/2 and excluding dc) to the rms value of the fundamental. Normally, the value of this specification is determined by the largest harmonic in the spectrum, but for parts where the harmonics are buried in the noise floor, it will be a noise peak.
Intermodulation Distortion
This is the difference in Offset Error between any two channels.
Gain Error
This is the deviation of the last code transition (1111 . . . 110) to (1111 . . . 111) from the ideal, i.e., VREF - 1 LSB, after the offset error has been adjusted out.
Gain Error Match
This is the difference in Gain Error between any two channels.
Track/Hold Acquisition Time
With inputs consisting of sine waves at two frequencies, fa and fb, any active device with nonlinearities will create distortion products at sum and difference frequencies of mfa nfb where m, n = 0, 1, 2, 3, etc. Intermodulation terms are those for which neither m nor n are equal to zero. For example, the second order terms include (fa + fb) and (fa - fb), while the third order terms include (2fa + fb), (2fa - fb), (fa + 2fb) and (fa - 2fb). The AD7811 and AD7812 are tested using the CCIF standard where two input frequencies near the top end of the input bandwidth are used. In this case, the second and third order terms are of different significance. The second order terms are
Track/hold acquisition time is the time required for the output of the track/hold amplifier to reach its final value, within 1/2 LSB, after the end of conversion (the point at which the track/hold returns to track mode). It also applies to situations where a change in the selected input channel takes place or where there is a step input change on the input voltage applied to the selected VIN input of the AD7811 or AD7812. It means that the user must wait for the duration of the track/hold acquisition time after the end of conversion or after a channel change/ step input change to VIN before starting another conversion, to ensure that the part operates to specification.
-6-
REV. A
AD7811/AD7812
Control Register (AD7811) The Control Register is a 10-bit-wide, write only register. The Control Register is written to when the AD7811 receives a falling edge on its TFS pin. The AD7811 will maintain the same configuration until a new control byte is written to the part. The control register can be written to at the same time data is being read. This latter feature enhances throughput rates when software control is being used or when the analog input channels are being changed frequently. The power-up default register contents are all zeros; therefore, when the supplies are connected, the AD7811 is powered down by default.
Control Register AD7811
9 X* A0 PD1 PD0 VIN4/AGND DIFF/SGL CH1 CH0
0 CONVST EXTREF
*This is a don't care bit.
A0
This is the package address bit. It is used in conjunction with the package address pin to allow two AD7811s to share the same serial bus. The AD7811 can also share the same serial bus with the AD7812. When a control word is written to the control register of the AD7811 the control word is ignored if the package address bit in the control byte does not match how the package address pin is hardwired. Only the serial port of the device that received the last valid control byte, i.e., the address bit matched the address pin, will attempt to drive the serial bus on the next serial read. When the part powers up this bit is set to 0. These bits allow the AD7811 to be fully powered down and powered up. Bit combinations PD1 = PD0 = 0 and PD1 = PD0 = 1 override the automatic power-down decision at the end of conversion. These bits also decide the power-down mode when the AD7811 enters a power-down at the end of a conversion. There are two power-down modes--Full Power-Down and Partial Power-Down. See Power-Down Options section of this data sheet. PD1 0 0 1 1 PD0 0 1 0 1 Description Full Power-Down of the AD7811 Partial Power-Down at the End of Conversion Full Power-Down at the End of Conversion Power-Up the AD7811
PD1, PD0
VIN4/AGND
The DIF/SGL bit in the control register must be set to 0 to use this option otherwise this bit is ignored. Setting VIN4/AGND to 0 configures the analog inputs of the AD7811 as four single-ended analog inputs referenced to analog ground (AGND). By setting this bit to 1 the input channels VIN1 to VIN3 are configured as three pseudodifferential channels with respect to VIN4--see Table I. This bit is used to configure the analog inputs as single ended or pseudo differential pairs. By setting this bit to 0 the analog inputs can be configured as single ended with respect to AGND, or pseudo differential with respect to VIN4 as explained above. Setting this bit to 1 configures the analog input channels as two pseudo differential pairs VIN1/VIN2 and VIN3/VIN4--see Table I. These bits are used in conjunction with VIN4/AGND and DIF/SGL to select an analog input channel. The table shows how the various channel selections are made--see Table I. Setting this bit to a logic one initiates a conversion. A conversion is initiated 400 ns after a write to the control register has taken place. This allows a signal to be acquired even if the channel is changed and a conversion initiated in the same serial write. The bit is reset after the end of a conversion. This bit must be set to a logic one if the user wishes to use an external reference or use VDD as the reference. When the external reference is selected the on chip reference circuitry powers down.
DIF/SGL
CH1, CH0 CONVST
EXTREF
REV. A
-7-
AD7811/AD7812
Control Register (AD7812) The Control Register is a 10-bit-wide, write only register. The Control Register is written to when the AD7812 receives a falling edge on its TFS pin. The AD7812 will maintain the same configuration until a new control byte is written to the part. The control register can be written to at the same time data is being read. This latter feature enhances throughput rates when software control is being used or when the analog input channels are being changed frequently. The power-up default register contents are all zeros; therefore, when the supplies are connected, the AD7812 is powered down by default.
Control Register AD7812
9 A0 PD1 PD0 VIN8/AGND DIFF/SGL CH2 CH1 CH0
0 CONVST EXTREF
A0
This is the package address bit. It is used in conjunction with the package address pin to allow two AD7812s to share the same serial bus. The AD7812 can also share the same serial bus with the AD7811. When a control word is written to the control register of the AD7812 the control word is ignored if the package address bit in the control byte does not match how the package address pin is hardwired. Only the serial port of the device which received the last valid control byte, i.e., the address bit matched the address pin, will attempt to drive the serial bus on the next serial read. When the part powers up this bit is set to 0. These bits allow the AD7812 to be fully powered down and powered up. Bit combinations PD1 = PD0 = 0 and PD1 = PD0 = 1 override the automatic power-down decision at the end of conversion. These bits also decide the power-down mode when the AD7812 enters a power-down at the end of a conversion. There are two power-down modes--Full Power-Down and Partial Power-Down. See Power-Down section of this data sheet.
PD1, PD0
PD1 0 0 1 1 VIN8/AGND
PD0 0 1 0 1
Description Full Power-Down of the AD7812 Partial Power-Down at the End of Conversion Full Power-Down at the End of Conversion Power-Up the AD7812
The DIF/SGL bit in the control register must be set to 0 in order to use this option otherwise this bit is ignored. Setting VIN8/AGND to 0 configures the analog inputs of the AD7812 as eight single-ended analog inputs referenced to analog ground (AGND). By setting this bit to 1 the input channels VIN1 to VIN7 are configured as seven pseudo differential channels with respect to VIN8--see Table II. This bit is used to configure the analog inputs as single ended or pseudo differential pairs. By setting this bit to 0 the analog inputs can be configured as single ended with respect to AGND, or pseudo differential with respect to VIN8 as explained above. Setting this bit to 1 configures the analog input channels as four pseudo differential pairs VIN1/VIN2, VIN3/VIN4, VIN5/VIN6 and VIN7/VIN8--see Table II.
DIF/SGL
CH2, CH1, CH0 These bits are used in conjunction with VIN8/AGND and DIF/SGL to select an analog input channel. Table II shows how the various channel selections are made. CONVST Setting this bit to a logic one initiates a conversion. A conversion is initiated 400 ns after a write to the control register has taken place. This allows a signal to be acquired even if the channel is changed and a conversion initiated in the same write operation. The bit is reset after the end of a conversion. This bit must be set to a logic one if the user wishes to use an external reference or use VDD as the reference. When the external reference is selected the on-chip reference circuitry powers down and the current consumption is reduced by about 1 mA.
EXTREF
-8-
REV. A
AD7811/AD7812
Table I. AD7811 Channel Configurations
VIN4/AGND 0 0 0 0 1 1 1 X X X X
DIF/SGL 0 0 0 0 0 0 0 1 1 1 1
CH1 0 0 1 1 0 0 1 0 0 1 1
CH0 0 1 0 1 0 1 0 0 1 0 1
Description VIN1 Single-Ended with Respect to AGND VIN2 Single-Ended with Respect to AGND VIN3 Single-Ended with Respect to AGND VIN4 Single-Ended with Respect to AGND VIN1 Pseudo Differential with Respect to VIN4 VIN2 Pseudo Differential with Respect to VIN4 VIN3 Pseudo Differential with Respect to VIN4 VIN1(+) Pseudo Differential with Respect to VIN2(-) VIN3(+) Pseudo Differential with Respect to VIN4(-) Internal Test. SAR Input Equal to VREF/2 Internal Test. SAR Input Equal to VREF
Table II. AD7812 Channel Configurations
VIN8/AGND 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 X X X X X X
DIF/SGL 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1
CH2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 0 0 0 0 1 1
CH1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 0 0 1 1 0 0
CH0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 0 1 0 1 0 1
Description VIN1 Single-Ended with Respect to AGND VIN2 Single-Ended with Respect to AGND VIN3 Single-Ended with Respect to AGND VIN4 Single-Ended with Respect to AGND VIN5 Single-Ended with Respect to AGND VIN6 Single-Ended with Respect to AGND VIN7 Single-Ended with Respect to AGND VIN8 Single-Ended with Respect to AGND VIN1 Pseudo Differential with Respect to VIN8 VIN2 Pseudo Differential with Respect to VIN8 VIN3 Pseudo Differential with Respect to VIN8 VIN4 Pseudo Differential with Respect to VIN8 VIN5 Pseudo Differential with Respect to VIN8 VIN6 Pseudo Differential with Respect to VIN8 VIN7 Pseudo Differential with Respect to VIN8 VIN1(+) Pseudo Differential with Respect to VIN2(-) VIN3(+) Pseudo Differential with Respect to VIN4(-) VIN5(+) Pseudo Differential with Respect to VIN6(-) VIN7(+) Pseudo Differential with Respect to VIN8(-) Internal Test. SAR Input Equal to VREF/2 Internal Test. SAR Input Equal to VREF
REV. A
-9-
AD7811/AD7812
CIRCUIT DESCRIPTION Converter Operation
SUPPLY +2.7V TO +5.5V 10 F 0.1 F 10nF THREE-WIRE SERIAL INTERFACE
The AD7811 and AD7812 are successive approximation analogto-digital converters based around a charge redistribution DAC. The ADCs can convert analog input signals in the range 0 V to VDD. Figures 2 and 3 show simplified schematics of the ADC. Figure 2 shows the ADC during its acquisition phase. SW2 is closed and SW1 is in position A, the comparator is held in a balanced condition and the sampling capacitor acquires the signal on VIN.
CHARGE REDISTRIBUTION DAC
VDD VREF CREF VIN1 0V TO VREF INPUT VIN2 SCLK DOUT
AD7811/ AD7812
DIN
C/P
VIN4(8)
CONVST RFS
A VIN SW1 B AGND
SAMPLING CAPACITOR
AGND
TFS A0
CONTROL LOGIC ACQUISITION PHASE SW2 COMPARATOR CLOCK OSC
DGND
Figure 4. Typical Connection Diagram
Analog Input
VDD /3
Figure 2. ADC Acquisition Phase
When the ADC starts a conversion, see Figure 3, SW2 will open and SW1 will move to position B causing the comparator to become unbalanced. The Control Logic and the Charge Redistribution DAC are used to add and subtract fixed amounts of charge from the sampling capacitor to bring the comparator back into a balanced condition. When the comparator is rebalanced, the conversion is complete. The Control Logic generates the ADC output code. Figure 10 shows the ADC transfer function.
CHARGE REDISTRIBUTION DAC
A VIN SW1 B AGND
SAMPLING CAPACITOR
CONTROL LOGIC CONVERSION PHASE SW2 COMPARATOR CLOCK OSC
Figure 5 shows an equivalent circuit of the analog input structure of the AD7811 and AD7812. The two diodes D1 and D2 provide ESD protection for the analog inputs. Care must be taken to ensure that the analog input signal never exceeds the supply rails by more than 200 mV. This will cause these diodes to become forward biased and start conducting current into the substrate. 20 mA is the maximum current these diodes can conduct without causing irreversible damage to the part. However, it is worth noting that a small amount of current (1 mA) being conducted into the substrate due to an overvoltage on an unselected channel can cause inaccurate conversions on a selected channel. The capacitor C2 in Figure 5 is typically about 4 pF and can primarily be attributed to pin capacitance. The resistor R1 is a lumped component made up of the on resistance of a multiplexer and a switch. This resistor is typically about 125 . The capacitor C1 is the ADC sampling capacitor and has a capacitance of 3.5 pF.
VDD
VDD /3
D1 R1 125 VIN
Figure 3. ADC Conversion Phase
TYPICAL CONNECTION DIAGRAM
C2 4pF
C1 3.5pF VDD /3
Figure 4 shows a typical connection diagram for the AD7811/ AD7812. The AGND and DGND are connected together at the device for good noise suppression. The serial interface is implemented using three wires with RFS/TFS connected to CONVST see Serial Interface section for more details. VREF is connected to a well decoupled VDD pin to provide an analog input range of 0 V to VDD. If the AD7811 or AD7812 is not sharing a serial bus with another AD7811 or AD7812 then A0 (package address pin) should be hardwired low. The default power up value of the package address bit in the control register is 0. For applications where power consumption is of concern, the automatic power down at the end of a conversion should be used to improve power performance. See Power-Down Options section of the data sheet.
D2
CONVERSION PHASE - SWITCH OPEN TRACK PHASE - SWITCH CLOSED
Figure 5. Equivalent Analog Input Circuit
The analog inputs on the AD7811 and AD7812 can be configured as single ended with respect to analog ground (AGND), as pseudo differential with respect to a common, and also as pseudo differential pairs--see Control Register section.
-10-
REV. A
AD7811/AD7812
An example of the pseudo differential scheme using the AD7811 is shown in Figure 6. The relevant bits in the AD7811 Control Register are set as follows DIF/SGL = 1, CH1 = CH2 = 0, i.e., VIN1 pseudo differential with respect to VIN2. The signal is applied to VIN1 but in the pseudo differential scheme the sampling capacitor is connected to VIN2 during conversion and not AGND as described in the Converter Operation section. This input scheme can be used to remove offsets that exist in a system. For example, if a system had an offset of 0.5 V the offset could be applied to VIN2 and the signal applied to VIN1. This has the effect of offsetting the input span by 0.5 V. It is only possible to offset the input span when the reference voltage is less than VDD-OFFSET.
CHARGE REDISTRIBUTION DAC VIN1 VIN1 VOFFSET VIN- VOFFSET VIN2 VDD/3 CONVERSION PHASE VIN+ SAMPLING CAPACITOR CONTROL LOGIC COMPARATOR CLOCK OSC
Figure 8 shows the equivalent charging circuit for the sampling capacitor when the ADC is in its acquisition phase. R2 represents the source impedance of a buffer amplifier or resistive network; R1 is an internal multiplexer resistance, and C1 is the sampling capacitor. During the acquisition phase the sampling capacitor must be charged to within a 1/2 LSB of its final value. The time it takes to charge the sampling capacitor (TCHARGE) is given by the following formula: TCHARGE = 7.6 x (R2 + 125 ) x 3.5 pF
R2 VIN+ R1 125
C1 3.5pF SAMPLING CAPACITOR
Figure 8. Equivalent Sampling Circuit
For small values of source impedance, the settling time associated with the sampling circuit (100 ns) is, in effect, the acquisition time of the ADC. For example, with a source impedance (R2) of 10 the charge time for the sampling capacitor is approximately 4 ns. The charge time becomes significant for source impedances of 2 k and greater.
AC Acquisition Time
Figure 6. Pseudo Differential Input Scheme
When using the pseudo differential input scheme the signal on VIN2 must not vary by more than a 1/2 LSB during the conversion process. If the signal on VIN2 varies during conversion, the conversion result will be incorrect. In single-ended mode the sampling capacitor is always connected to AGND during conversion. Figure 7 shows the AD7811/AD7812 pseudo differential input being used to make a unipolar dc current measurement. A sense resistor is used to convert the current to a voltage and the voltage is applied to the differential input as shown.
VDD VIN+ RSENSE
In ac applications it is recommended to always buffer analog input signals. The source impedance of the drive circuitry must be kept as low as possible to minimize the acquisition time of the ADC. Large values of source impedance will cause the THD to degrade at high throughput rates. In addition, better performance can generally be achieved by using an External 1 nF capacitor on VIN.
ON-CHIP REFERENCE
AD7811/ AD7812
VIN-
RL
Figure 7. DC Current Measurement Scheme
DC Acquisition Time
The AD7811 and AD7812 have an on-chip 2.5 V reference circuit. The schematic in Figure 9 shows how the reference circuit is implemented. A 1.23 V bandgap reference is gained up to provide a 2.5 V 2% reference voltage. The on-chip reference is not available externally (SW2 is open). An external reference (1.2 V to VDD) can be applied at the VREF pin. However in order to use an external reference the EXTREF bit in the control register (Bit 0) must first be set to a Logic 1. When EXTREF is set to a Logic 1 SW2 will close, SW3 will open and the amplifier will power down. This will reduce the current consumption of the part by about 1 mA. It is possible to use two different reference voltages by selecting the on-chip reference or external reference.
CREF
EXTERNAL CAPACITOR SW1 SW2
The ADC starts a new acquisition phase at the end of a conversion and ends on the falling edge of the CONVST signal. At the end of a conversion a settling time is associated with the sampling circuit. This settling time lasts approximately 100 ns. The analog signal on VIN+ is also being acquired during this settling time. Therefore, the minimum acquisition time needed is approximately 100 ns.
VREF
1.23V 2.5V
7pF
SW3 AGND
Figure 9. On-Chip Reference Circuitry
REV. A
-11-
AD7811/AD7812
When using automatic power-down between conversions to improve the power performance of the part (see Power vs. Throughput) the switch SW1 will open when the part enters its power-down mode if using the internal on-chip reference. This provides a high impedance discharge path for the external capacitor (see Figure 9). A typical value of external capacitance is 10 nF. When the part is in Mode 2 Full Power-Down, because the external capacitor holds its charge during power-down, the internal bandgap reference will power up more quickly after relatively short periods of full power-down. When operating the part in Mode 2 Partial Power-Down the external capacitor is not required as the on-chip reference stays powered up while the rest of the circuitry powers down.
ADC TRANSFER FUNCTION
The AD7811 and AD7812 have a 1 s power-up time when using an external reference or when powering up from partial power-down. When VDD is first connected, the AD7811 and AD7812 are in a low current mode of operation. In order to carry out a conversion the AD7811 and AD7812 must first be powered up by writing to the control register of each ADC to set the power-down bits (i.e., PD1 = 1, PD0 = 1) for a full power-up. See the Quick Evaluation Setup section on the following page.
Mode 2 Full Power-Down (PD1 = 1, PD0 = 0)
POWER-UP TIMES
The output coding of the AD7811 and AD7812 is straight binary. The designed code transitions occur at successive integer LSB values (i.e., 1 LSB, 2 LSBs, etc.). The LSB size is = VREF/1024. The ideal transfer characteristic for the AD7811 and AD7812 is shown in Figure 10.
111...111 111...110
ADC CODE
111...000 1LSB = VREF /1024 011...111
The power-up time of the AD7811 and AD7812 after power is first connected, or after a long period of Full Power-Down, is the time it takes the on-chip 1.23 V reference to power up plus the time it takes to charge the external capacitor CREF--see Figure 9. The time taken to charge CREF to the 10-bit level is given by the equation (7.6 x 2 k x CREF). For CREF = 10 nF the power-up time is approximately 152 s. It takes 30 s to power up the on-chip reference so the total power-up time of either ADC in either of these conditions is 182 s. However, when powering down fully between conversions to achieve a better power performance this power-up time reduces to 1 s after a relatively short period of power-down as CREF holds its charge (see On-Chip Reference section). The AD7811 and AD7812 can therefore be used in Mode 2 with throughput rates of 250 kSPS and under.
Mode 2 Partial Power-Down (PD1 = 0, PD0 = 1)
000...010 000...001 000...000 0V 1LSB +VREF -1LSB ANALOG INPUT
Figure 10. AD7811 and AD7812 Transfer Characteristic
POWER-DOWN OPTIONS
The power-up time of the AD7811 and AD7812 from a Partial Power-Down is 1 s maximum. When using a Partial PowerDown between conversions, there is no requirement to connect an external capacitor to the CREF pin because the reference remains powered up. This means that the AD7811 and AD7812 will power up in 30 s after the supplies are first connected as there is no requirement to charge an external capacitor.
POWER VS. THROUGHPUT
The AD7811 and AD7812 provide flexible power management to allow the user to achieve the best power performance for a given throughput rate. The power management options are selected by programming the power-down bits (i.e., PD1 and PD0) in the control register. Table III below summarizes the options available. When the power-down bits are programmed for Mode 2 Power Down (full and partial), a rising edge on the CONVST pin will power up the part. This feature is used when powering down between conversions--see Power vs. Throughput. When the AD7811 and AD7812 are placed in partial power-down the on-chip reference does not power down. However, the part will power up more quickly after long periods of power-down when using partial power-down--see Power-Up Times section.
Table III. AD7811/AD7812 Power-Down Options
By using the Automatic Power-Down (Mode 2) at the end of a conversion--see Operating Modes section of the data sheet, superior power performance can be achieved. Figure 11 shows how the Automatic Power-Down is implemented using the CONVST signal to achieve the optimum power performance for the AD7811 and AD7812. The AD7811 and AD7812 are operated in Mode 2 and the control register Bits PD1 and PD0 are set to 1 and 0 respectively for Full PowerDown, or 0 and 1 for Partial Power-Down. The duration of the CONVST pulse is set to be equal to or less than the power-up time of the devices--see Operating Modes section. As the throughput rate is reduced, the device remains in its powerdown state longer and the average power consumption over time drops accordingly.
tPOWER-UP tCONVERT
1s CONVST 2s POWER-DOWN
PD1 1 0 0 0 1 1
PD0 1 0 1 1 0 0
CONVST* x x 0 1 0 1
Description Full Power-Up Full Power-Down Mode 2 Partial Power-Down (Reference Stays Powered-Up) No Power-Down Mode 2 Full Power-Down No Power-Down
\
tCYCLE
100 s @ 10kSPS
Figure 11. Automatic Power-Down
*This refers to the state of the CONVST signal at the end of a conversion.
-12-
REV. A
AD7811/AD7812
For example, if the AD7811 is operated in a continuous sampling mode with a throughput rate of 10 kSPS, PD1 = 1, PD0 = 0 and using the on chip reference the power consumption is calculated as follows. The power dissipation during normal operation is 10.5 mW, VDD = 3 V. If the power-up time is 1 s and the conversion time is 2.3 s, the AD7811 can be said to dissipate 10.5 mW for 3 s (worst case) during each conversion cycle. If the throughput rate is 10 kSPS, the cycle time is 100 s and the average power dissipated during each cycle is (3/100) x (10.5 mW) = 315 W. Figure 12 shows the Power vs. Throughput Rate for automatic full power-down.
10
SUPPLY VDD
10 F
0.1 F
10nF
VDD 0V TO VDD INPUT VIN1 VIN2
VREF CREF SCLK DOUT DIN
AD7812
VIN7 VIN8 AGND DGND
CONVST RFS TFS A0
Figure 14. Evaluation Quick Setup
1
POWER - mV
The setup uses a full duplex, 16-bit, serial interface protocol, e.g., SPI. It is possible to use 8-bit transfers by carrying out two consecutive read/write operations. The MSB of data is transferred first. 1. When power is first connected to the device it is in a powered down mode of operation and is consuming only 1 A. The AD7812 must first be configured by carrying out a serial write operation.
0 5 10 15 20 25 30 35 THROUGHPUT - kSPS 40 45 50
0.1
0.01
Figure 12. AD7811/AD7812 Power vs. Throughput
0 -10 -20 -30 dBs -40 -50 -60 -70 -80 -90 -100 0 17 35 52 70 87 105 122 FREQUENCY - kHz 140 157 174 AD7811/12 2048 POINT FFT SAMPLING 357.142kHz fIN = 30.168kHz
2. The CONVST signal is first pulsed to enable the serial port (rising and falling edge on RFS and TFS respectively--see Serial Interface section). 3. Next, a 16-bit serial read/write operation is carried out. By writing 6040 Hex to the AD7812 the part is powered up, set up to use external reference (i.e., VDD) and the analog input VIN1 is selected. The data read from the part during this read/ write operation is invalid. 4. It is necessary to wait approximately 1 s before pulsing CONVST again and initiating a conversion. The 1 s is to allow the AD7812 to power up correctly--see Power-Up Times section. 5. Approximately 2.3 s after the falling edge of CONVST, i.e., after the end of the conversion, a serial read/write can take place. This time 4040 Hex is written to the AD7812 and the data read from the part is the result of the conversion. The output code is in a straight binary format and will be left justified in the 16-bit serial register (MSB clocked out first). 6. By idling the CONVST signal high or low it is possible to operate the AD7812 in Mode 1 and Mode 2 respectively.
Figure 13. AD7811/AD7812 SNR
QUICK EVALUATION SETUP
The schematic shown in Figure 14 shows a suggested configuration of the AD7812 for a first look evaluation of the part. No external reference circuit is needed as the VREF pin can be connected to VDD. The CONVST signal is connected to TFS and RFS to enable the serial port. Also by selecting Mode 2 operation (see Operating Modes section) the power performance of the AD7812 can be evaluated.
REV. A
-13-
AD7811/AD7812
OPERATING MODES
The mode of operation of the AD7811 and AD7812 is selected when the (logic) state of the CONVST is checked at the end of a conversion. If the CONVST signal is logic high at the end of a conversion, the part does not power down and is operating in Mode 1. If, however, the CONVST signal is brought logic low before the end of a conversion, the AD7811 and AD7812 will power down at the end of the conversion. This is Mode 2 operation.
Mode 1 Operation (High Speed Sampling)
When the AD7811 and AD7812 are operated in Mode 1 they are not powered down between conversions. This mode of operation allows high throughput rates to be achieved. The timing diagram in Figure 16 shows how this optimum throughput rate is achieved by bringing the CONVST signal high before the end of the conversion. The sampling circuitry leaves its tracking mode and goes into hold on the falling edge of CONVST. A conversion is also initiated at this time. The conversion takes 2.3 s to complete. At this point, the result of the current conversion is latched into the serial shift register and the state of the CONVST signal checked. The CONVST signal should be logic high at the end of the conversion to prevent the part from powering down. The serial port on the AD7811 and AD7812 is enabled on the rising edge of the first SCLK after the rising edge of the RFS signal--see Serial Interface section. As explained earlier, this rising edge
should occur before the end of the conversion process if the part is not to be powered down. A serial read can take place at any stage after the rising edge of CONVST. If a serial read is initiated before the end of the current conversion process (i.e., at time "A"), the result of the previous conversion is shifted out on the DOUT pin. It is possible to allow the serial read to extend beyond the end of a conversion. In this case the new data will not be latched into the output shift register until the read has finished. The dynamic performance of the AD7811 and AD7812 typically degrades by up to 3 dBs while reading during a conversion. If the user waits until the end of the conversion process, i.e., 2.3 s after the falling edge of CONVST (Point "B") before initiating a read, the current conversion result is shifted out. The serial read must finish at least 100 ns prior to the next falling edge of CONVST to allow the part to accurately acquire the input signal.
Mode 2 Operation (Automatic Power-Down)
When used in this mode of operation the part automatically powers down at the end of a conversion. This is achieved by leaving the CONVST signal low until the end of the conversion. Because it takes approximately 1 s for the part to power-up after it has been powered down, this mode of operation is intended to be used in applications where slower throughput rates are required, i.e., in the order of 250 kSPS and improved power performance is required--see Power vs. Throughput section. There are two power-down modes the AD7811/AD7812 can
VDD
t POWER-UP
1s
t CONVERT
2.3 s
t CONVERT
2.3 s
CONVST
DIN
6040 HEX
4040 HEX
4040 HEX
DOUT
NOT VALID
VALID DATA
VALID DATA
Figure 15. Read/Write Sequence for AD7812
t1
CONVST t2 A B
t12
SCLK
DOUT
CURRENT CONVERSION RESULT
Figure 16. Mode 1 Operation Timing Diagram
-14-
REV. A
AD7811/AD7812
enter during automatic power-down. These modes are discussed in the Power-Up Times section of this data sheet. The timing diagram in Figure 17 shows how to operate the part in Mode 2. If the AD7811/AD7812 is powered down, the rising edge of the CONVST pulse causes the part to power-up. Once the part has powered up (~1 s after the rising edge of CONVST) the CONVST signal is brought low and a conversion is initiated on this falling edge of the CONVST signal. The conversion takes 2.3 s and after this time the conversion result is latched into the serial shift register and the part powers down. Therefore, when the part is operated in Mode 2 the effective conversion time is equal to the power-up time (1 s) and the SAR conversion time (2.3 s). NOTE: Although the AD7811 and AD7812 take 1 s to power up after the rising edge of CONVST, it is not necessary to leave CONVST high for 1 s after the rising edge before bringing it low to initiate a conversion. If the CONVST signal goes low before 1 s in time has elapsed, then the power-up time is timed out internally and a conversion is then initiated. Hence the AD7811 and AD7812 are guaranteed to have always poweredup before a conversion is initiated, even if the CONVST pulsewidth is <1 s. If the CONVST pulsewidth is > 1 s, then a conversion is initiated on the falling edge. As in the case of Mode 1 operation, the rising edge of the first SCLK after the rising edge of RFS enables the serial port of the AD7811 and AD7812 (see Serial Interface section). If a serial read is initiated soon after this rising edge (Point "A"), i.e., before the end of the conversion, the result of the previous conversion is shifted out on pin DOUT. In order to read the result of the current conversion, the user must wait at least 2.3 s after power-up or at least 2.3 s after the falling edge of CONVST,
t POWER-UP
1s CONVST
(Point "B"), whichever occurs latest before initiating a serial read. The serial port of the AD7811 and AD7812 is still functional even though the devices have been powered down. Because it is possible to do a serial read from the part while it is powered down, the AD7811 and AD7812 are powered up only to do the conversion and are immediately powered down at the end of a conversion. This significantly improves the power consumption of the part at slower throughput rates--see Power vs. Throughput section.
SERIAL INTERFACE
The serial interface of the AD7811 and AD7812 consists of five wires, a serial clock input, SCLK, receive data to clock synchronization input RFS, transmit data to clock synchronization input TFS, a serial data output, DOUT, and a serial data input, DIN, (see Figure 18). The serial interface is designed to allow easy interfacing to most microcontrollers and DSPs, e.g., PIC16C, PIC17C, QSPI, SPI, DSP56000, TMS320 and ADSP-21xx, without the need for any gluing logic. When interfacing to the 8051, the SCLK must be inverted. The Microprocessor/Microcontroller Interface section explains how to interface to some popular DSPs and microcontrollers. Figure 18 shows the timing diagram for a serial read and write to the AD7811 and AD7812. The serial interface works with both a continuous and a noncontinuous serial clock. The rising edge of RFS and falling edge of TFS resets a counter that counts the number of serial clocks to ensure the correct number of bits are shifted in and out of the serial shift registers. Once the correct number of bits have been shifted in and out, the SCLK is ignored. In order for another serial transfer to take place the counter must be reset by the active edges of TFS and
t1
t2
SCLK A DOUT B
CURRENT CONVERSION RESULT
Figure 17. Mode 2 Operation Timing Diagram
t3
SCLK 1 2 3 4 5 6 7 8 9 10 A 11 12 B 13
t5
RFS
t4
t6
TFS
t7
DOUT DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1
t10
DB0
t8
DIN DB9 DB8 DB7 DB6 DB5
t9
DB4 DB3 DB2 DB1 DB0
Figure 18. Serial Interface Timing Diagram
REV. A
-15-
AD7811/AD7812
RFS. The first rising SCLK edge after the rising edge of the RFS signal causes DOUT to leave its high impedance state and data is clocked out onto the DOUT line and also on subsequent SCLK rising edges. The DOUT pin goes back into a high impedance state on the 11th SCLK rising edge--Point "A" on Figure 18. A minimum of 11 SCLKs are therefore needed to carry out a serial read. Data on the DIN line is latched in on the first SCLK falling edge after the falling edge of the TFS signal and on subsequent SCLK falling edges. The control register is updated on the 13th SCLK rising edge--point "B" on Figure 18. A minimum of 13 SCLK pulses are therefore needed to complete a serial write operation. In multipackage applications the RFS and TFS signals can be used as chip select signals. The serial interface will not shift data in or out until it receives the active edge of the RFS or TFS signal.
Simplifying the Serial Interface AD7811/AD7812 to MC68HC11
The Serial Peripheral Interface (SPI) on the MC68HC11 is configured for Master Mode (MSTR = 0), Clock Polarity Bit (CPOL) = 0 and the Clock Phase Bit (CPHA) = 1. The SPI is configured by writing to the SPI Control Register (SPCR)--see 68HC11 user manual. A connection diagram is shown in Figure 20.
AD7811/AD7812*
SCLK DOUT DIN
MC68HC11*
SCLK/PD4 MISO/PD2 MOSI/PD3
CONVST RFS TFS *ADDITIONAL PINS OMITTED FOR CLARITY
PA0
The five-wire interface is designed to support many different serial interface standards. However, it is possible to reduce the number of lines required to just three. By simply connecting the TFS and RFS pins to the CONVST signal (see Figure 4), the CONVST signal can be used to enable the serial port for reading and writing. This is only possible where a noncontinuous serial clock is being used.
MICROPROCESSOR INTERFACING
Figure 20. Interfacing to the MC68HC11
AD7811/AD7812 to 8051
The serial interface on the AD7811 and AD7812 allows the parts to be directly connected to a range of many different microprocessors. This section explains how to interface the AD7811 and AD7812 with some of the more common microcontroller and DSP serial interface protocols.
AD7812/AD7811 to PIC16C6x/7x
The PIC16C6x Synchronous Serial Port (SSP) is configured as an SPI Master with the Clock Polarity bit = 0. This is done by writing to the Synchronous Serial Port Control Register (SSPCON). See user PIC16/17 Microcontroller User Manual. Figure 19 shows the hardware connections needed to interface to the PIC16/17. In this example I/O port RA1 is being used to pulse CONVST and enable the serial port of the AD7811/ AD7812. This microcontroller transfers only eight bits of data during each serial transfer operation; therefore, two consecutive read/write operations are needed.
The AD7811/AD7812 requires a clock synchronized to the serial data. The 8051 serial interface must therefore be operated in Mode 0. In this mode serial data enters and exits through RxD and a shift clock is output on TxD (half duplex). Figure 21 shows how the 8051 is connected to the AD7811/AD7812. However, because the AD7811/AD7812 shifts data out on the rising edge of the shift clock and latches data in on the falling edge, the shift clock must be inverted.
AD7811/AD7812*
SCLK DOUT DIN TxD RxD
8051*
RFS TFS
P1.1
AD7811/AD7812*
SCLK DOUT DIN
PIC16C6x/7x*
SCK/RC3
*ADDITIONAL PINS OMITTED FOR CLARITY
SDO/RC5 SDI/ RC4
Figure 21. Interfacing to the 8051 Serial Port
CONVST RFS TFS *ADDITIONAL PINS OMITTED FOR CLARITY
RA1
Figure 19. Interfacing to the PIC16/17
-16-
REV. A
AD7811/AD7812
It is possible to implement a serial interface using the data ports on the 8051. This would also allow a full duplex serial transfer to be implemented. The technique involves "bit banging" an I/O port (e.g., P1.0) to generate a serial clock and using two other I/O ports (e.g., P1.1 and P1.2) to shift data in and out-- see Figure 22.
AD7811/AD7812 to ADSP-21xx
The ADSP-21xx family of DSPs are easily interfaced to the AD7811/AD7812 without the need for extra gluing logic. The SPORT is operated in normal framing mode. The SPORT control register should be set up as follows: TFSW INVRFS DTYPE SLEN ISCLK TFSR IRFS ITFS = = = = = = = = RFSW = 0, Normal Framing INVTFS = 0, Active High Frame Signal 00, Right Justify Data 1001, 10-Bit Data Words 1, Internal Serial Clock RFSR = 1, Frame Every Word 0, External Framing Signal 1, Internal Framing Signal
AD7811/AD7812*
SCLK DOUT DIN P1.0 P1.1 P1.2
8051*
RFS TFS
P1.3
The 10-bit data words will be right justified in the 16-bit serial data registers when using this configuration. Figure 24 shows the connection diagram.
*ADDITIONAL PINS OMITTED FOR CLARITY
AD7811/AD7812*
SCLK DOUT DIN RFS TFS
ADSP-21xx*
SCLK DR DT RFS TFS
Figure 22. Interfacing to the 8051 Using I/O Ports
AD7811/AD7812 to TMS320C5x
The serial interface on the TMS320C5x uses a continuous serial clock and frame synchronization signals to synchronize the data transfer operations with peripheral devices like the AD7811. Frame synchronization inputs have been supplied on the AD7811/AD7812 to allow easy interfacing with no extra gluing logic. The serial port of the TMS320C5x is set up to operate in Burst Mode with internal CLKX (Tx serial clock) and FSX (Tx frame sync). The Serial Port Control register (SPC) must have the following setup: F0 = 0, FSM = 1, MCM = 1 and TXM = 1. The connection diagram is shown in Figure 23.
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 24. Interfacing to the ADSP-21xx
AD7811/AD7812 to DSP56xxx
AD7811/AD7812*
SCLK
TMS320C5x*
CLKX CLKR
The connection diagram in Figure 25 shows how the AD7811 and AD7812 can be connected to the SSI (Synchronous Serial Interface) of the DSP56xxx family of DSPs from Motorola. The SSI is operated in Synchronous Mode (SYN bit in CRB =1) with internally generated 1-bit clock period frame sync for both Tx and Rx (FSL1 and FSL0 bits in CRB = 1 and 0 respectively).
DOUT DIN RFS TFS
DR DT FSX FSR
AD7811/AD7812*
SCLK DOUT DIN
DSP56xxx*
SCK SRD STD SC2
*ADDITIONAL PINS OMITTED FOR CLARITY
RFS TFS
Figure 23. Interfacing to the TMS320C5x
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 25. Interfacing to the DSP56xxx
REV. A
-17-
AD7811/AD7812
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Lead Plastic DIP (N-16)
0.840 (21.33) 0.745 (18.93)
16 1 9 8
0.280 (7.11) 0.240 (6.10) 0.060 (1.52) 0.015 (0.38) 0.130 (3.30) MIN
PIN 1 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93) 0.022 (0.558) 0.014 (0.356) 0.100 (2.54) BSC
0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93)
0.070 (1.77) SEATING 0.045 (1.15) PLANE
0.015 (0.381) 0.008 (0.204)
16-Lead Small Outline Package (SOIC) (R-16A)
0.3937 (10.00) 0.3859 (9.80)
16 1 9 8
0.1574 (4.00) 0.1497 (5.80)
0.2550 (6.20) 0.2284 (5.80)
PIN 1 0.0098 (0.25) 0.0040 (0.10)
0.0688 (1.75) 0.0532 (1.35)
0.0196 (0.50) x 45 0.0099 (0.25)
SEATING PLANE
0.0500 (1.27) BSC
0.0192 (0.49) 0.0138 (0.35)
0.0099 (0.25) 0.0075 (0.19)
8 0
0.0500 (1.27) 0.0160 (0.41)
16-Lead Thin Shrink Outline Package (TSSOP) (RU-16)
0.201 (5.10) 0.193 (4.90)
16
9
0.177 (4.50) 0.169 (4.30)
1
8
PIN 1 0.006 (0.15) 0.002 (0.05) 0.0433 (1.10) MAX 0.0256 (0.65) BSC 0.0118 (0.30) 0.0075 (0.19) 0.0079 (0.20) 0.0035 (0.090)
0.256 (6.50) 0.246 (6.25)
SEATING PLANE
8 0
0.028 (0.70) 0.020 (0.50)
-18-
REV. A
AD7811/AD7812
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
20-Lead Plastic DIP (N-20)
1.060 (26.90) 0.925 (23.50)
20 1 11 10
0.280 (7.11) 0.240 (6.10)
PIN 1 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93) 0.022 (0.558) 0.014 (0.356) 0.100 (2.54) BSC
0.060 (1.52) 0.015 (0.38) 0.130 (3.30) MIN 0.070 (1.77) SEATING 0.045 (1.15) PLANE
0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93)
0.015 (0.381) 0.008 (0.204)
20-Lead Small Outline Package (SOIC) (R-20A)
0.5118 (13.00) 0.4961 (12.60)
20 11
1
10
PIN 1
0.1043 (2.65) 0.0926 (2.35)
0.4193 (10.65) 0.3937 (10.00)
0.2992 (7.60) 0.2914 (7.40)
0.0291 (0.74) x 45 0.0098 (0.25)
0.0118 (0.30) 0.0040 (0.10)
8 0.0500 0.0192 (0.49) 0 (1.27) 0.0138 (0.35) SEATING 0.0125 (0.32) PLANE BSC 0.0091 (0.23)
0.0500 (1.27) 0.0157 (0.40)
20-Lead Thin Shrink Outline Package (TSSOP) (RU-20)
0.260 (6.60) 0.252 (6.40)
20
11
0.177 (4.50) 0.169 (4.30)
1
10
0.006 (0.15) 0.002 (0.05)
PIN 1 0.0433 (1.10) MAX 0.0256 (0.65) BSC 0.0118 (0.30) 0.0075 (0.19) 0.0079 (0.20) 0.0035 (0.090)
0.256 (6.50) 0.246 (6.25)
SEATING PLANE
8 0
0.028 (0.70) 0.020 (0.50)
REV. A
-19-
-20-
C3138a-0-11/98
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of AD7811

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X