Part Number Hot Search : 
SMBJ17 RFZ34 MFP05S1K ZXCT1051 TA8631N IRFZ44N MOC3082 NTXV1
Product Description
Full Text Search
 

To Download AD7233 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES 12-Bit CMOS DAC with On-Chip Voltage Reference Output Amplifier -5 V to +5 V Output Range Serial Interface 300 kHz DAC Update Rate Small Size: 8-Pin Mini-DIP Nonlinearity: 1/2 LSB TMIN to TMAX Low Power Dissipation: 100 mW typ APPLICATIONS Process Control Industrial Automation Digital Signal Processing Systems Input/Output Ports
LC2MOS 12-Bit Serial Mini-DIP DACPORT AD7233
FUNCTIONAL BLOCK DIAGRAM
VDD 2R 2R
VOUT 12-BIT DAC 12 DAC LATCH GND
AD7233
12 INPUT SHIFT REGISTER VSS
GENERAL DESCRIPTION
SDIN SCLK SYNC LDAC
The AD7233 is a complete 12-bit, voltage-output, digital-toanalog converter with output amplifier and Zener voltage reference all in an 8-lead package. No external trims are required to achieve full specified performance. The data format is two's complement, and the output range is -5 V to +5 V. The AD7233 features a fast, versatile serial interface which allows easy connection to both microcomputers and 16-bit digital signal processors with serial ports. When the SYNC input is taken low, data on the SDIN pin is clocked into the input shift register on each falling edge of SCLK. On completion of the 16-bit data transfer, bringing LDAC low updates the DAC latch with the lower 12 bits of data and updates the output. Alternatively, LDAC can be tied permanently low, and in this case the DAC register is automatically updated with the contents of the shift register when all sixteen data bits have been clocked in. The serial data may be applied at rates up to 5 MHz allowing a DAC update rate of 300 kHz. For applications which require greater flexibility and unipolar output ranges with single supply operation, please refer to the AD7243 data sheet. The AD7233 is fabricated on Linear Compatible CMOS (LC2MOS), an advanced, mixed-technology process. It is packaged in an 8-lead DIP package.
PRODUCT HIGHLIGHTS
1. Complete 12-Bit DACPORT(R). 2. The AD7233 is a complete, voltage output, 12-bit DAC on a single chip. This single-chip design is inherently more reliable than multichip designs. 3. Simple 3-wire interface to most microcontrollers and DSP processors. 4. DAC Update Rate--300 kHz. 5. Space Saving 8-Lead Package.
DACPORT is a registered trademark of Analog Devices, Inc.
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2000
(V +12 +15 V, V = -12 V to V, =0 R =2k , AD7233-SPECIFICATIONS1 C ==100 pFVtotoGND. All specifications T-15to TGNDunlessV,otherwise noted.)
DD 2 SS 2 L L MIN MAX
Parameter STATIC PERFORMANCE Resolution Relative Accuracy3 Differential Nonlinearity3 Bipolar Zero Error3 Full-Scale Error3 Full-Scale Temperature Coefficient4 DIGITAL INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current IIN Input Capacitance4 ANALOG OUTPUTS Output Voltage Range DC Output Impedance4 AC CHARACTERISTICS4 Voltage Output Settling Time Positive Full-Scale Change Negative Full-Scale Change Digital-to-Analog Glitch Impulse3 Digital Feedthrough3 POWER REQUIREMENTS VDD Range VSS Range IDD ISS
A, B 12 1 0.9 6 8 30 2.4 0.8 1 8 5 0.5
Unit Bits LSB max LSB max LSB max LSB max ppm of FSR/C typ V min V max A max pF max V typ
Test Conditions/Comments
Guaranteed Monotonic DAC Latch Contents 0000 0000 0000 Guaranteed By Process
VIN = 0 V to VDD
10 10 30 10 +10.8/+16.5 -10.8/-16.5 10 2
s max s max nV secs typ nV secs typ V min/V max V min/V max mA max mA max
Settling Time to Within 1/2 LSB of Final Value Typically 4 s; DAC Latch 100. . .000 to 011. . .111 Typically 5 s; DAC Latch 011. . .111 to 100. . .000 DAC Latch Contents Toggled Between All 0s and all 1s LDAC = High For Specified Performance Unless Otherwise Stated For Specified Performance Unless Otherwise Stated Output Unloaded; Typically 7 mA at Thresholds Output Unloaded; Typically 1 mA at Thresholds
NOTES 1 Temperature Ranges are as follows: A, B Versions: -40C to +85C. 2 Power Supply Tolerance: A, B Versions: 10%. 3 See Terminology. 4 Guaranteed by design and characterization, not production tested. Specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2
Parameter t1 t2 t3 t4 t5 t6 t7 t8
3
(VDD = +10.8 V to +16.5 V, VSS = -10.8 V to -16.5 V, GND = O V, RL = 2 k , CL = 100 pF. All Specifications TMIN to TMAX unless otherwise noted.)
Unit ns min ns min ns min ns min ns min ns min ns min ns min Conditions/Comments SCLK Cycle Time SYNC to SCLK Falling Edge Setup Time SYNC to SCLK Hold Time Data Setup Time Data Hold Time SYNC High to LDAC Low LDAC Pulsewidth LDAC High to SYNC Low
Limit at +25 C, TMIN, TMAX (All Versions) 200 15 70 0 40 0 20 0
NOTES 1 Sample tested at +25C to ensure compliance. All input signals are specified with tr and tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V. 2 See Figure 3. 3 SCLK Mark/Space Ratio range is 40/60 to 60/40.
-2-
REV. A
AD7233
ABSOLUTE MAXIMUM RATINGS 1
(TA = +25C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +17 V VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to -17 V VOUT2 to GND . . . . . . . . . . . . . . . . . . . . -6 V to VDD +0.3 V Digital Inputs to GND . . . . . . . . . . . . . -0.3 V to VDD +0.3 V Operating Temperature Range Industrial (A, B Versions) . . . . . . . . . . . . . -40C to +85C Storage Temperature Range . . . . . . . . . . . -65C to +150C Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300C Power Dissipation to +75C . . . . . . . . . . . . . . . . . . . 450 mW Derates above +75C by . . . . . . . . . . . . . . . . . . . . 10 mW/C ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4000 V
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 The output may be shorted to voltages in this range provided the power dissipation of the package is not exceeded. Short circuit current is typically 80 mA.
ORDERING GUIDE
Model AD7233AN AD7233BN
*N = Plastic DIP.
Temperature Range -40C to +85C -40C to +85C
Relative Accuracy 1 LSB 1/2 LSB
Package Option* N-8 N-8
TERMINOLOGY
RELATIVE ACCURACY (LINEARITY)
FULL-SCALE ERROR
Relative accuracy, or endpoint linearity, is a measure of the maximum deviation of the DAC transfer function from a straight line passing through the endpoints of the transfer function. It is measured after allowing for zero and full-scale errors and is expressed in LSBs or as a percentage of full-scale reading.
DIFFERENTIAL NONLINEARITY
Full-scale error is a measure of the output error when the amplifier output is at full scale (full scale is either positive or negative full scale).
DIGITAL-TO-ANALOG GLITCH IMPULSE
Differential nonlinearity is the difference between the measured change and the ideal 1 LSB change between any two adjacent codes. A specified differential nonlinearity of 1 LSB or less over the operating temperature range ensures monotonicity.
BIPOLAR ZERO ERROR
This is the voltage spike that appears at the output of the DAC when the digital code in the DAC latch changes before the output settles to its final value. The energy in the glitch is specified in nV secs, and is measured for an all codes change (0000 0000 0000 to 1111 1111 1111).
DIGITAL FEEDTHROUGH
Bipolar zero error is the voltage measured at VOUT when the DAC is loaded with all 0s. It is due to a combination of offset errors in the DAC, amplifier and mismatch between the internal gain resistors around the amplifier.
This is a measure of the voltage spike that appears on VOUT as a result of feedthrough from the digital inputs on the AD7233. It is measured with LDAC held high.
REV. A
-3-
AD7233
PIN FUNCTION DESCRIPTION
Pin 1 2 3 4 5
Mnemonic VDD SCLK SDIN SYNC LDAC
Description Positive Supply (+12 V to +15 V). Serial Clock, Logic Input. Data is clocked into the input register on each falling SCLK edge. Serial Data In, Logic Input. The 16-bit serial data word is applied to this input. Data Synchronization Pulse, Logic Input. Taking this input low initializes the internal logic in readiness for a new data word. Load DAC, Logic Input. Updates the DAC output. The DAC output is updated on the falling edge of this signal, or alternatively if this line in permanently low, an automatic update mode is selected whereby the DAC is updated on the 16th falling SCLK pulse. Ground Pin = 0 V. Analog Output Voltage. This is the buffered DAC output voltage (-5 V to +5 V). Negative Supply (-12 V to -15 V).
6 7 8
GND VOUT VSS
VDD SCLK SDIN SYNC
1 2 3 4
8
VSS VOUT GND LDAC
AD7233
TOP VIEW (Not to Scale)
7 6 5
CIRCUIT INFORMATION D/A Section
DIGITAL INTERFACE
The AD7233 contains a 12-bit voltage-mode D/A converter consisting of highly stable thin-film resistors and high speed NMOS single-pole, double-throw switches.
Op Amp Section
The output of the voltage-mode D/A converter is buffered by a noninverting CMOS amplifier. The buffer amplifier is capable of developing 5 V across a 2 k load to GND.
R R R R R VOUT 2R INTERNAL REFERENCE 5V GND 2R DB0 2R DB1 2R DB9 2R 2R 2R 2R
The AD7233 contains an input serial to parallel shift register and a DAC latch. A simplified diagram of the input loading circuitry is shown in Figure 2. Serial data on the SDIN input is loaded to the input register under control of SYNC and SCLK. When a complete word is held in the shift register it may then be loaded into the DAC latch under control of LDAC. Only the data in the DAC latch determines the analog output on the AD7233. A low SYNC input provides the frame synchronization signal which tells the AD7233 that valid serial data on the SDIN input will be available for the next 16 falling edges of SCLK. An internal counter/decoder circuit provides a low gating signal so that only 16 data bits are clocked into the input shift register. After 16 SCLK pulses the internal gating signal goes inactive (high) thus locking out any further clock pulses. Therefore, either a continuous clock or a burst clock source may be used to clock in the data. The SYNC input should be taken high after the complete 16-bit word is loaded in. Although 16 bits of data are clocked into the input register, only the latter 12 bits get transferred into the DAC latch. The first 4 bits in the 16-bit stream are don't cares since their value does not affect the DAC latch data. Therefore the data format is 4 don't cares followed by the 12-bit data word with the LSB as the last bit in the serial stream.
DB10 DB11
Figure 1. Simplified D/A Converter
-4-
REV. A
AD7233
There are two ways in which the DAC latch and hence the analog output may be updated. The status of the LDAC input is examined after SYNC is taken low. Depending on its status, one of two update modes is selected. If LDAC = 0 then the automatic update mode is selected. In this mode the DAC latch and analog output are updated automatically when the last bit in the serial data stream is clocked in. The update thus takes place on the sixteenth falling SCLK edge. If LDAC = 1 then the automatic update is disabled and the DAC latch is updated by taking LDAC low any time after the 16-bit data transfer is complete. The update now occurs on the falling edge of LDAC. This facility is useful for simultaneous update in multi-DAC systems. Note that the LDAC input must be taken back high again before the next data transfer is initiated.
SYNC RESET -16 COUNTER/ DECODER GATING SIGNAL GATED SCLK INPUT SHIFT REGISTER (16 BITS)
SCLK
SDIN
AUTO-UPDATE CIRCUITRY DAC LATCH (12 BITS) LDAC
Figure 2. Simplified Loading Structure
t1
SCLK
t2
t3
t4
SDIN
DB15 DON'T CARE DB14 DON'T CARE DB13 DON'T CARE DB12 DON'T CARE
t5
DB11 MSB

SYNC
DB1
DB0 LSB
t6
t7
t8
LDAC
Figure 3. Timing Diagram
REV. A
-5-
AD7233-Typical Performance Graphs
0.50
100 90
OUTPUT WITH ALL 0s ON DAC DECOUPLING NO DECOUPLING DECOUPLING
500
0.40
80 70
PSRR - dB
OUTPUT WITH ALL 1s ON DAC
LINEARITY - LSBs
200
VDD = +15V VSS = - 15V TA = +25 C
nV/ Hz
NO DECOUPLING
0.30
60 50 40 30 20 10
VDD = +15V WITH 100mV p-p SIGNAL
100
0.20
TA = +25 C
0.10
50
20
OUTPUT WITH ALL 0s ON DAC 50 100 200 500 1k 2k 5k 10k 20k FREQUENCY - Hz 50k 100k
0 10.5 11
0
12 13 14 15 16
10
100
VDD /VSS - Volts
10k 1k FREQUENCY - Hz
100k
0
* POWER SUPPLY DECOUPLING CAPACITORS ARE 10F AND 0.1F.
Linearity vs. Power Supply Voltage
Power Supply Rejection Ratio vs. Frequency
Noise Spectral Density vs. Frequency
APPLYING THE AD7233 Bipolar ( 5 V) Configuration
Table I. AD7233 Bipolar Code Table
The AD7233 provides an output voltage range from -5 V to +5 V without any external components. This configuration is shown in Figure 4. The data format is two's complement. The output code table is shown in Table I. If offset binary coding is required, then this can be done by inverting the MSB in software before the data is loaded to the AD7233.
+12V TO +15V VDD 2R 2R
Input Data Word MSB LSB XXXX 0111 1111 1111 XXXX 0000 0000 0001 XXXX 0000 0000 0000 XXXX 1111 1111 1111 XXXX 1000 0000 0001 XXXX 1000 0000 0000
X = Don't Care Note: 1 LSB = 5 V/2048 2.4 mV
Analog Output, VOUT +5 V * (2047/2048) +5 V * (1/2048) 0V -5 V * (1/2048) -5 V * (2047/2048) -5 V * (2048/2048) = -5 V
AD7233
VOUT 12-BIT DAC
+5V
VSS -12V TO -15V
GND
Figure 4. Circuit Configuration
Power Supply Decoupling
To achieve optimum performance when using the AD7233, the VDD and VSS lines should each be decoupled to GND using 0.1 F capacitors. In very noisy environments it is recommended that 10 F capacitors be connected in parallel with the 0.1 F capacitors.
-6-
REV. A
AD7233
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD7233 is via a serial bus which uses standard protocol compatible with DSP processors and microcontrollers. The communications channel requires a three-wire interface consisting of a clock signal, a data signal and a synchronization signal. The AD7233 requires a 16-bit data word with data valid on the falling edge of SCLK. For all of the interfaces, the DAC update may be done automatically when all the data is clocked in or it may done under control of LDAC. Figures 5 to 8 show the AD7233 configured for interfacing to a number of popular DSP processors and microcontrollers.
AD7233-ADSP-2101/ADSP-2102 Interface
LDAC
DSP56000 AD7233*
SCK STD SC2 * ADDITIONAL PINS OMITTED FOR CLARITY SCLK SDIN SYNC
Figure 5 shows a serial interface between the AD7233 and the ADSP-2101/ADSP-2102 DSP processor. The ADSP-2101/ ADSP-2102 contains two serial ports, and either port may be used in the interface. The data transfer is initiated by TFS going low. Data from the ADSP-2101/ADSP-2102 is clocked into the AD7233 on the falling edge of SCLK. When the data transfer is complete TFS is taken high. In the interface shown the DAC is updated using an external timer which generates an LDAC pulse. This could also be done using a control or decoded address line from the processor. Alternatively, the LDAC input could be hardwired low, and in this case the automatic update mode is selected whereby the DAC update takes place automatically on the 16th falling edge of SCLK.
TIMER
Figure 6. AD7233 to DSP56000 Interface
AD7233-87C51 Interface
A serial interface between the AD7233 and the 87C51 microcontroller is shown in Figure 7. TXD of the 87C51 drives SCLK of the AD7233 while RXD drives the serial data line of the part. The SYNC signal is derived from the port line P3.3. The 87C51 provides the LSB of its SBUF register as the first bit in the serial data stream. Therefore, the user will have to ensure that the data in the SBUF register is arranged correctly so that the don't care bits are the first to be transmitted to the AD7233 and the last bit to be sent is the LSB of the word to be loaded to the AD7233. When data is to be transmitted to the part, P3.3 is taken low. Data on RXD is valid on the falling edge of TXD. The 87C51 transmits its serial data in 8-bit bytes with only eight falling clock edges occurring in the transmit cycle. To load data to the AD7233, P3.3 is kept low after the first eight bits are transferred and a second byte of data is then transferred serially to the AD7233. When the second serial transfer is complete, the P3.3 line is taken high. Figure 7 shows the LDAC input of the AD7233 hardwired low. As a result, the DAC latch and the analog output will be updated on the sixteenth falling edge of TXD after the SYNC signal for the DAC has gone low. Alternatively, the scheme used in previous interfaces, whereby the LDAC input is driven from a timer, can be used.
LDAC
ADSP-2101/ ADSP-2102*
TFS SCLK DT * ADDITIONAL PINS OMITTED FOR CLARITY
AD7233*
SYNC SCLK SDIN
Figure 5. AD7233 to ADSP-2101/ADSP-2102 Interface
AD7233-DSP56000 Interface
LDAC
A serial interface between the AD7233 and the DSP56000 is shown in Figure 6. The DSP56000 is configured for Normal Mode Asynchronous operation with Gated Clock. It is also set up for a 16-bit word with SCK and SC2 as outputs and the FSL control bit set to a 0. SCK is internally generated on the DSP56000 and applied to the AD7233 SCLK input. Data from the DSP56000 is valid on the falling edge of SCK. The SC2 output provides the framing pulse for valid data. This line must be inverted before being applied to the SYNC input of the AD7233. The LDAC input of the AD7233 is connected to GND so the update of the DAC latch takes place automatically on the 16th falling edge of SCLK. An external timer could also be used as in the previous interface if an external update is required.
87C51*
P3.3
AD7233*
SYNC
TXD RXD
SCLK SDIN
* ADDITIONAL PINS OMITTED FOR CLARITY
Figure 7. AD7233 to 87C51 Interface
REV. A
-7-
AD7233
AD7233-68HC11 Interface
Figure 8 shows a serial interface between the AD7233 and the 68HC11 microcontroller. SCK of the 68HC11 drives SCLK of the AD7233 while the MOSI output drives the serial data line. The SYNC signal is derived from a port line (PC7 shown). For correct operation of this interface, the 68HC11 should be configured such that its CPOL bit is a 0 and its CPHA bit is a 1. When data is to be transmitted to the part, PC7 is taken low. When the 68HC11 is configured like this, data on MOSI is valid on the falling edge of SCK. The 68HC11 transmits its serial data in 8-bit bytes with only eight falling clock edges occurring in the transmit cycle. To load data to the AD7233, PC7 is kept low after the first eight bits are transferred and a second byte of data is then transferred serially to the AD7233. When the second serial transfer is complete, the PC7 line is taken high. Figure 8 shows the LDAC input of the AD7233 hardwired low. As a result, the DAC latch and the analog output of the DAC will be updated on the sixteenth falling edge of SCK after the respective SYNC signal has gone low. Alternatively, the scheme used in previous interfaces, whereby the LDAC input is driven from a timer, can be used.
LDAC
68HC11*
PC7
AD7233*
SYNC
SCK MOSI
SCLK SDIN
* ADDITIONAL PINS OMITTED FOR CLARITY
Figure 8. AD7233 to 68HC11 Interface
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Plastic DIP (N-8) Package
8
5 0.280 (7.11) 0.240 (6.10)
1
4
0.430 (10.92) 0.348 (8.84) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX
0.325 (8.25) 0.300 (7.62) 0.195 (4.95) MAX
0.150 (3.81) MIN
0.015 (0.381) 0.008 (0.204)
0.100 BSC (2.54 BSC) 0.70 (1.77) 0.045 (1.15)
-8-
REV. A
PRINTED IN U.S.A.
0.022 (0.558) 0.014 (0.356)
C1494a-1-6/00 (rev. A) 00989


▲Up To Search▲   

 
Price & Availability of AD7233

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X