Part Number Hot Search : 
SJC1440 PESD15V KTA1536T OP1338T ISL8036 ACT9200L SMB36A TQP3M9
Product Description
Full Text Search
 

To Download 74LVU04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74LVU04 Hex inverter
Product specification Supersedes data of 1997 Feb 12 IC24 Data Handbook 1998 Apr 20
Philips Semiconductors
Philips Semiconductors
Product specification
Hex inverter
74LVU04
FEATURES
* Wide operating voltage: 1.0 to 5.5 V * Optimized for Low Voltage applications: 1.0 to 3.6 V * Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V * Typical VOLP (output ground bounce) < 0.8 V at VCC = 3.3 V, * Typical VOHV (output VOH undershoot) > 2 V at VCC = 3.3 V, * Output capability: standard * ICC category: SSI
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25C; tr = tf v2.5 ns SYMBOL tPHL/tPLH CI CPD PARAMETER Propagation delay nA to nY Input capacitance Power dissipation capacitance per gate Tamb = 25C. Tamb = 25C.
DESCRIPTION
The 74LVU04 is a low-voltage, Si-gate CMOS device and is pin compatible with the 74HCU04. The 74LVU04 is a general purpose hex inverter. Each of the six inverters is a single stage with unbuffered outputs.
CONDITIONS CL = 15 pF; VCC = 3.3 V Notes 1, 2
TYPICAL 6 3.5 18
UNIT ns pF pF
NOTES: 1. CPD is used to determine the dynamic power dissipation (PD in W) VCC2 fi ) (CL VCC2 fo) where: PD = CPD fi = input frequency in MHz; CL = output load capacitance in pF; fo = output frequency in MHz; VCC = supply voltage in V; (CL VCC2 fo) = sum of the outputs. 2. The condition is VI = GND to VCC.
ORDERING INFORMATION
PACKAGES 14-Pin Plastic DIL 14-Pin Plastic SO 14-Pin Plastic SSOP Type II 14-Pin Plastic TSSOP Type I TEMPERATURE RANGE -40C to +125C -40C to +125C -40C to +125C -40C to +125C OUTSIDE NORTH AMERICA 74LVU04 N 74LVU04 D 74LVU04 DB 74LVU04 PW NORTH AMERICA 74LVU04 N 74LVU04 D 74LVU04 DB 74LVU04PW DH PKG. DWG. # SOT27-1 SOT108-1 SOT337-1 SOT402-1
PIN DESCRIPTION
PIN NUMBER 1, 3, 5, 9, 11, 13 2, 4, 6, 8, 10, 12 7 14 SYMBOL 1A - 6A 1Y - 6Y GND VCC NAME AND FUNCTION Data inputs Data outputs Ground (0 V) Positive supply voltage
FUNCTION TABLE
INPUTS nA L H NOTES: H = HIGH voltage level L = LOW voltage level OUTPUTS nY H L
1998 Apr 20
2
853-1918 19257
Philips Semiconductors
Product specification
Hex inverter
74LVU04
PIN CONFIGURATION
1A 1Y 2A 2Y 3A 3Y GND 1 2 3 4 5 6 7 14 13 12 11 10 9 8 V CC 6A 6Y 5A
LOGIC SYMBOL
1 1A 1Y 2
3
2A
2Y
4
5 5Y 4A 4Y 11 9
3A
3Y
6
4A
4Y
8
5A
5Y
10
SV00396
13 6A 6Y 12
LOGIC SYMBOL (IEEE/IEC)
1 1 2
SV00397
3
1
4
SCHEMATIC DIAGRAM (ONE INVERTER)
6 VCC VCC VCC
5
1
9
1
8
11
1
10
nA
100 W
170 W nY
13
1
12
SV00398
SV00400
RECOMMENDED OPERATING CONDITIONS
SYMBOL VCC VI VO Tamb PARAMETER DC supply voltage Input voltage Output voltage Operating ambient temperature range in free air See DC and AC characteristics VCC = 1.0V to 2.0V VCC = 2.0V to 2.7V VCC = 2.7V to 3.6V VCC = 3.6V to 5.5V CONDITIONS See Note1 MIN 1.0 0 0 -40 -40 - - - - - - - - TYP. 3.3 - - MAX 5.5 VCC VCC +85 +125 500 200 100 50 UNIT V V V C
tr, tf
Input rise and fall times
ns/V
NOTE: 1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 5.5V.
1998 Apr 20
3
Philips Semiconductors
Product specification
Hex inverter
74LVU04
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134). Voltages are referenced to GND (ground = 0V). SYMBOL VCC "IIK "IOK "IO "IGND, "ICC Tstg PTOT PARAMETER DC supply voltage DC input diode current DC output diode current DC output source or sink current - standard outputs DC VCC or GND current for types with - standard outputs Storage temperature range Power dissipation per package - plastic DIL - plastic mini-pack (SO) - plastic shrink mini-pack (SSOP and TSSOP) for temperature range: -40 to +125C above +70C derate linearly with 12 mW/K above +70C derate linearly with 8 mW/K above +60C derate linearly with 5.5 mW/K VI < -0.5 or VI > VCC + 0.5V VO < -0.5 or VO > VCC + 0.5V -0.5V < VO < VCC + 0.5V CONDITIONS RATING -0.5 to +7.0 20 50 25 50 -65 to +150 750 500 400 UNIT V mA mA mA mA C mW
NOTE: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0V). LIMITS SYMBOL PARAMETER TEST CONDITIONS MIN VCC = 1.2V VIH HIGH level Input voltage VCC = 2.0V VCC = 2.7 to 3.6V VCC = 4.5 to 5.5V VCC = 1.2V VIL LOW level Input voltage VCC = 2.0V VCC = 2.7 to 3.6V VCC = 4.5 to 5.5 VCC = 1.2V; VI = VIH or VIL; -IO = 100A VOH HIGH l level output ltt voltage VCC = 2.0V; VI = VIH or VIL; -IO = 100A VCC = 2.7V; VI = VIH or VIL; -IO = 100A VCC = 3.0V; VI = VIH or VIL; -IO = 100A VCC = 4.5V;VI = VIH or VIL; -IO = 100A VOH HIGH level output voltage VCC = 3.0V;VI = VIH or VIL; -IO = 6mA VCC = 4.5V;VI = VIH or VIL; -IO = 12mA VCC = 1.2V; VI = VIH or VIL; IO = 100A VCC = 2.0V; VI = VIH or VIL; IO = 100A VOL LOW l level output ltt voltage VCC = 2.7V; VI = VIH or VIL; IO = 100A VCC = 3.0V;VI = VIH or VIL; IO = 100A VCC = 4.5V;VI = VIH or VIL; IO = 100A 1.8 2.5 2.8 4.3 2.40 3.60 1.2 2.0 2.7 3.0 4.5 2.82 4.20 0 0 0 0 0 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 V 1.8 2.5 2.8 4.3 2.20 3.50 V V 1.0 1.6 2.4 0.81998 Apr 20
4
Philips Semiconductors
Product specification
Hex inverter
74LVU04
DC ELECTRICAL CHARACTERISTICS (Continued)
LIMITS SYMBOL PARAMETER LOW level output voltage Input leakage current Quiescent supply current Additional quiescent supply current per input TEST CONDITIONS MIN VOL II ICC ICC VCC = 3.0V;VI = VIH or VIL; IO = 6mA VCC = 4.5V;VI = VIH or VIL; IO = 12mA VCC = 5.5V; VI = VCC or GND VCC = 5.5V; VI = VCC or GND; IO = 0 VCC = 2.7V to 3.6V; VI = VCC -0.6V -40C to +85C TYP1 0.25 0.35 MAX 0.40 0.55 1.0 20.0 500 -40C to +125C MIN MAX 0.50 0.65 1.0 40.0 850 V A A A UNIT
NOTE: 1. All typical values are measured at Tamb = 25C.
AC CHARACTERISTICS
GND = 0V; tr = tf = 2.5ns; CL = 50pF; RL = 500 SYMBOL PARAMETER WAVEFORM CONDITION VCC(V) 1.2 2.0 tPHL/PLH Propagation d l P ti delay nA to nY Figure 1 2.7 3.0 to 3.6 4.5 to 5.5 NOTES: 1. Unless otherwise stated, all typical values are measured at Tamb = 25C 2. Typical values are measured at VCC = 3.3 V. MIN LIMITS -40 to +85 C TYP1 35 12 9 72 14 10 8 7 17 13 10 9 ns MAX -40 to +125 C MIN MAX UNIT
AC WAVEFORMS
VM = 1.5 V at VCC w 2.7 V and 3.6 V VM = 0.5 x VCC at VCC < 2.7 V and 4.5 V VOL and VOH are the typical output voltage drop that occur with the output load.
VI nA INPUT GND tPHL VOH nY OUTPUT VOL VM tPLH VM
TYPICAL TRANSFER CHARACTERISTICS
1.2 Vo (V)
300 ID (mA)
0.8
200
0.4
100
SV00395
0 0 0.4 V O 0.8 I D Vi (V) 1.2
0
Figure 1. Input (nA) to output (nY) propagation delays and output transition times.
VCC = 1.2 V; IO = 0 V.
SV00401
Figure 2.
1998 Apr 20
5
Philips Semiconductors
Product specification
Hex inverter
74LVU04
TYPICAL TRANSFER CHARACTERISTICS (Continued)
2.0 5 Rbias = 560 kW
Vo (V)
1.6
4
I D (mA)
VCC
1.2
3 0.47 mF input output 100 mF
0.8
2 Vi ~ (f = 1 kHz) A io ~
0.4
1
GND
SV00323
0 0 0.4 0.8 1.2 V (V) i VO ID 40 1.6 2.0 0
Figure 5. Test set-up for measuring forward transconductance gfs = diO/dvi at vO is constant (see also graph Figure 6).
V CC = 2.0 V; I = 0 V. O
SV00402
Figure 3.
30 g fs (mA/V) ID (mA)
3.0 Vo (V)
18
20
2.0
12 10
1.0
6
0 0 1 2 3 VCC (V) 4
SV00405
0 0 1.0 VO 2.0 I V (V) i 3.0 0
Figure 6. Typical forward transconductance gfs as a function of the supply voltage VCC at Tamb = 25C.
D
VCC = 3.0 V; I O = 0 V.
SV00403
Figure 4.
1998 Apr 20
6
Philips Semiconductors
Product specification
Hex inverter
74LVU04
APPLICATION INFORMATION
Some applications for the 74LVU04 are:
* Linear amplifier (see Figure 7) * In crystal oscillator designs (see Figure 8) * Astable multivibrator (see Figure 9)
R2 R1 VCC
1 mF
R1 U04 ZL U04
R2
C1
C 2
GND
out Note: C1 = 47 pF (typ.) C2 = 22 pF (typ.) R1 = 1 to 10 MW (typ.) R2 optimum value depends on the frequency and required stability against changes in VCC or average minimum ICC (ICC is typically 2 mA at VCC = 3 V and f = 1 MHz).
Note: ZL > 10k; AOL = 20 (typical) Au + - 1) A R1 R2 OL OL ) ;V OMax(P*P)
SV00408
(1 ) A
VCC - 1.5 V centered 1
at /2 VCC
Figure 8. Crystal oscillator configuration.
3 k < R1, R2 < 1 M Typical unity gain bandwidth product is 5 MHz. Cl, see Figure10 AOL = open loop amplification Au = voltage amplification
OPTIMUM VALUE FOR R2
FREQUENCY (MHz)
SV00404
R2 (kW) 2.0 8.0 1.0 4.7 0.5 2.0 0.5 1.0
Optimum Minimum required ICC Minimum influence due to change in VCC Minimum ICC Minimum influence by VCC Minimum ICC Minimum influence by VCC Minimum ICC Minimum influence by VCC
3 6
Figure 7. LVU04 used as a linear amplifier.
EXTERNAL COMPONENTS FOR RESONATOR (f < 1 mHz)
FREQUENCY (kHz) 10 .. 15.9 16 .. 24.9 25 .. 54.9 55 .. 129.9 130 .. 199.9 200 .. 349.9 350 .. 600 R1(MW) 2.2 2.2 2.2 2.2 2.2 2.2 2.2 R2 (KW) 220 220 100 100 47 47 47 C1 (pF) 56 56 56 47 47 47 47 C2 (pF) 20 10 10 5 5 5 5
10 14 > 14
Replace R2 by C3 with a typical value of 35 pF
WHERE: All values given are typical and must be used as an initial set-up.
1998 Apr 20
7
Philips Semiconductors
Product specification
Hex inverter
74LVU04
80 U04 U04 70 input capacitance 60 (pF) 50 40 Note: 1 1 f+ [ T 2.2 RC R [2 x R S The average ICC (mA) is approximately 3.5 + 0.05 x f (MHz) x C (pF) at VCC = 3.0 V. 30 20 10 0 2 3 1
RS
R
C
SV00406
0 Note: 1. VCC = 1.2 V. 2. VCC = 2.0 V. 3. VCC = 3.0 V.
1
2
3
Figure 9. LVU04 used as an astable multivibrator.
input voltage (V)
SV00407
Figure 10. Typical input capacitance as function of input voltage. Note for Application Information All values given are typical unless otherwise specified.
1998 Apr 20
8
Philips Semiconductors
Product specification
Hex inverter
74LVU04
DIP14: plastic dual in-line package; 14 leads (300 mil)
SOT27-1
1998 Apr 20
9
Philips Semiconductors
Product specification
Hex inverter
74LVU04
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
1998 Apr 20
10
Philips Semiconductors
Product specification
Hex inverter
74LVU04
SSOP14: plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1
1998 Apr 20
11
Philips Semiconductors
Product specification
Hex inverter
74LVU04
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
1998 Apr 20
12
Philips Semiconductors
Product specification
Hex inverter
74LVU04
NOTES
1998 Apr 20
13
Philips Semiconductors
Product specification
Hex inverter
74LVU04
DEFINITIONS
Data Sheet Identification
Objective Specification
Product Status
Formative or in Design
Definition
This data sheet contains the design target or goal specifications for product development. Specifications may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains Final Specifications. Philips Semiconductors reserves the right to make changes at any time without notice, in order to improve design and supply the best possible product.
Preliminary Specification
Preproduction Product
Product Specification
Full Production
Philips Semiconductors and Philips Electronics North America Corporation reserve the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. LIFE SUPPORT APPLICATIONS Philips Semiconductors and Philips Electronics North America Corporation Products are not designed for use in life support appliances, devices, or systems where malfunction of a Philips Semiconductors and Philips Electronics North America Corporation Product can reasonably be expected to result in a personal injury. Philips Semiconductors and Philips Electronics North America Corporation customers using or selling Philips Semiconductors and Philips Electronics North America Corporation Products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors and Philips Electronics North America Corporation for any damages resulting from such improper use or sale. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-04405
Philips Semiconductors
1998 Apr 20 14


▲Up To Search▲   

 
Price & Availability of 74LVU04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X