Part Number Hot Search : 
1MC04030 BB729S SMCJ11C R4000 EPA4017G ADUM1286 LBS70A40 AN509
Product Description
Full Text Search
 

To Download 74LVT162240A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74LVT162240A 3.3V LVT 16-bit inverting buffer/driver with 30 termination resistors (3-State)
Product specification Supersedes data of 1995 Aug 22 IC23 Data Handbook 1998 Feb 19
Philips Semiconductors
Philips Semiconductors
Product specification
3.3V 16-bit inverting buffer/driver with 30 termination resistors (3-State)
74LVT162240A
FEATURES
* 16-bit bus interface * 3-State buffers * Output capability: +12mA/-12mA * TTL input and output switching levels * Input and output interface capability to systems at 5V supply * Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
DESCRIPTION
The 74LVT162240A is a high-performance BiCMOS product designed for VCC operation at 3.3V. This device is an inverting 16-bit buffer that is ideal for driving bus lines. The device features four Output Enables (1OE, 2OE, 3OE, 4OE), each controlling four of the 3-State outputs. The 74LVT162240A is designed with 30 series resistance in both the pull-up and pull-down output structures. This design reduces line noise in applications such as memory address drivers, clock drivers, and bus receivers/transmitters. The 74LVT162240A is the same as the 74LVT16240A-1. The part number has been changed to reflect industry standards.
* Live insertion/extraction permitted * Outputs include series resistance of 30 making external
termination resistors unnecessary
* Power-up 3-State * No bus current loading when output is tied to 5V bus * Latch-up protection exceeds 500mA per JEDEC Std 17 * ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
* Same part as 74LVT16240A-1
QUICK REFERENCE DATA
SYMBOL tPLH tPHL CIN COUT ICCZ PARAMETER Propagation delay nAx to nYx Input capacitance nOE Output capacitance Total supply current CL = 50pF; VCC = 3.3V VI = 0V or 3.0V VO = 0V or 3.0V Outputs disabled; VCC = 3.6V CONDITIONS Tamb = 25C TYPICAL 2.6 3 9 70 UNIT ns pF pF A
ORDERING INFORMATION
PACKAGES 48-Pin Plastic SSOP Type III 48-Pin Plastic TSSOP Type II TEMPERATURE RANGE -40C to +85C -40C to +85C OUTSIDE NORTH AMERICA 74LVT162240A DL 74LVT162240A DGG NORTH AMERICA VT162240A DL VT162240A DGG DWG NUMBER SOT370-1 SOT362-1
LOGIC SYMBOL
47 46 44 43 1 41 40 38 37 48 1A0 1A1 1A2 1A3 1OE 2A0 2A1 2A2 2A3 2OE 2Y0 2Y1 2Y2 2Y3 1Y0 1Y1 1Y2 1Y3 2 3 5 6 36 3A0 35 3A1 33 32 3A2 3A3 3Y0 3Y1 3Y2 3Y3 13 14 16 17
PIN DESCRIPTION
PIN NUMBER 47, 46, 44, 43, 41, 40, 38, 37, 36, 35, 33, 32, 30, 29, 27, 26 2, 3, 5, 6, 8, 9, 11, 12, 13, 14, 16, 17, 19, 20, 22, 23 1, 48 25, 24 4, 10, 15, 21, 28, 34, 39, 45 7, 18, 31, 42 SYMBOL 1A0 - 1A3 2A0 - 2A3 3A0 - 3A3 4A0 - 4A3 1Y0 - 1Y3 2Y0 - 2Y3 3Y0 - 3Y3 4Y0 - 4Y3 1OE, 2OE, 3OE, 4OE GND VCC NAME AND FUNCTION
Data inputs
Data outputs
25 3OE 8 9 11 12 30 29 27 26 24 4A0 4A1 4A2 4A3 4OE 4Y0 4Y1 4Y2 4Y3 19 20 22 23
Output enables Ground (0V) Positive supply voltage
SW00004
1998 Feb 19
2
853-1777 18990
Philips Semiconductors
Product specification
3.3V 16-bit inverting buffer/driver with 30 termination resistors (3-State)
74LVT162240A
LOGIC SYMBOL (IEEE/IEC)
1OE 2OE 3OE 4OE 1A1 1A2 1A3 1A4 2A1 2A2 2A3 2A4 3A1 3A2 3A3 3A4 4A1 4A2 4A3 4A4 1 48 25 24 47 46 44 43 41 1 40 38 37 36 35 33 32 30 29 27 26 1 4 1 3 2 EN1 EN2 EN3 EN4 1 1 2 3 5 6 8 9 11 12 13 14 16 17 19 20 22 23 1Y1 1Y2 1Y3 1Y4 2Y1 2Y2 2Y3 2Y4 3Y1 3Y2 3Y3
PIN CONFIGURATION
1OE 1Y0 1Y1 GND 1Y2 1Y3 VCC 2Y0 2Y1 GND 2Y2 2Y3 3Y0 3Y1 GND 3Y2 3Y4 4Y1 4Y2 4Y3 4Y4 4Y1 GND 4Y2 20 21 22 23 24 29 28 27 26 25 4A1 GND 4A2 4A3 3OE VCC 4Y0 18 19 31 30 VCC 4A0 3Y4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 2OE 1A0 1A1 GND 1A2 1A3 VCC 2A0 2A1 GND 2A2 2A3 3A0 3A1 GND 3A2 3A3
SA00019
SCHEMATIC OF EACH OUTPUT
VCC VCC
4Y3 4OE
SW00006
FUNCTION TABLE
INPUTS nOE
27 OUTPUT 27
OUTPUTS nAx L H X nYx H L Z
L L H H = High voltage level L = Low voltage level X = Don't care Z = High Impedance "off " state
SW00007
1998 Feb 19
3
Philips Semiconductors
Product specification
3.3V 16-bit inverting buffer/driver with 30 termination resistors (3-State)
74LVT162240A
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL VCC IIK VI IOK VOUT IO OUT Tstg PARAMETER DC supply voltage DC input diode current DC input voltage3 VO < 0 Output in Off or High state Output in Low state DC output current Output in High state Storage temperature range -64 -65 to +150 C VI < 0 CONDITIONS RATING -0.5 to +4.6 -50 -0.5 to +7.0 -50 -0.5 to +7.0 128 mA UNIT V mA V mA V
DC output diode current DC output voltage3
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150C. 3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL VCC VI VIH VIL IOH IOL t/v Tamb DC supply voltage Input voltage High-level input voltage Input voltage High-level output current Low-level output current Input transition rise or fall rate; Outputs enabled Operating free-air temperature range -40 PARAMETER MIN 2.7 0 2.0 0.8 -12 12 10 +85 MAX 3.6 5.5 V V V V mA mA ns/V C UNIT
1998 Feb 19
4
Philips Semiconductors
Product specification
3.3V 16-bit inverting buffer/driver with 30 termination resistors (3-State)
74LVT162240A
DC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITIONS Temp = -40C to +85C MIN VIK VOH VOL Input clamp voltage High-level output voltage Low-level output voltage VCC = 2.7V; IIK = -18mA VCC = 3.0V; IOH = -12mA VCC = 3.0V; IOL = 12mA VCC = 3.6V; VI = VCC or GND II Input leakage current VCC = 0 or 3.6V; VI = 5.5V VCC = 3.6V; VI = VCC VCC = 3.6V; VI = 0 IOFF IHOLD Output off current Bus Hold current A outputs6 Current into an output in the High state when VO > VCC Power up/down 3-State output current3 3-State output High current 3-State output Low current VCC = 0V; VI or VO = 0 to 4.5V VCC = 3V; VI = 0.8V VCC = 3V; VI = 2.0V VCC = 0V to 3.6V; VCC = 3.6V IEX IPU/PD IOZH IOZL ICCH ICCL ICCZ ICC Additional supply current per input pin2 Quiescent supply current VO = 5.5V; VCC = 3.0V VCC 1.2V; VO = 0.5V to VCC; VI = GND or VCC OE/OE = Don't care VCC = 3.6V; VO = 3.0V; VI = VIL or VIH VCC = 3.6V; VO = 0.5V; VI = VIL or VIH VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0 VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0 VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 05 VCC = 3V to 3.6V; One input at VCC-0.6V, Other inputs at VCC or GND 75 -75 500 50 1 0.5 0.5 0.07 4.0 0.07 0.1 125 100 5 -5 0.12 6 0.12 0.20 mA mA A A A A Data pins4 Control pins 0.1 0.4 0.1 -0.4 0.1 135 -135 A 2.0 0.8 1 10 1 -5 100 A A TYP1 -0.85 MAX 1.2 V V V UNIT
NOTES: 1. All typical values are at VCC = 3.3V and Tamb = 25C. 2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND 3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V 0.3V a transition time of 100sec is permitted. This parameter is valid for Tamb = 25C only. 4. Unused pins at VCC or GND. 5. ICCZ is measured with outputs pulled to VCC or GND. 6. This is the bus hold overdrive current required to force the input to the opposite logic state.
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500; Tamb = -40C to +85C. LIMITS SYMBOL PARAMETER WAVEFORM MIN tPLH tPHL tPZH tPZL tPHZ tPLZ Propagation delay nAx to nYx Output enable time to High and Low level Output disable time from High and Low Level 1 2 2 0.5 0.5 1.0 1.0 1.0 1.0 VCC = 3.3V 0.3V TYP1 2.6 2.6 3.3 3.0 3.5 3.2 MAX 4.2 4.2 5.5 5.0 5.0 4.5 VCC = 2.7V MAX 5.0 5.0 6.5 5.5 5.5 4.5 ns ns ns UNIT
NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25C.
1998 Feb 19
5
Philips Semiconductors
Product specification
3.3V 16-bit inverting buffer/driver with 30 termination resistors (3-State)
74LVT162240A
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
2.7V nOE INPUT 2.7V nAx INPUT 1.5V 1.5V 0 tPHL tPLH VOH tPZH nYx OUTPUT 1.5V 1.5V VOL nYx OUTPUT 1.5V tPHZ VOH VOH - 0.3V nYx OUTPUT 1.5V VOL + 0.3V VOL tPZL tPLZ 1.5V 1.5V 0V 3.0V
0V
SW00001
SW00002
Waveform 1.
Input (nAx) to Output (nYx) Propagation Delays
Waveform 2.
3-State Output Enable and Disable Times
TEST CIRCUIT AND WAVEFORMS
6V VCC OPEN VIN PULSE GENERATOR RT D.U.T. CL RL POSITIVE PULSE 10% tW VOUT RL GND 90% NEGATIVE PULSE VM 10% tTHL (tF) tTLH (tR) 90% 90% VM 10% 0V 10% 0V tTLH (tR) tTHL (tF) AMP (V) tW VM 90% AMP (V)
Test Circuit for 3-State Outputs
VM
SWITCH POSITION
TEST tPHZ/tPZH tPLZ/tPZL tPLH/tPHL SWITCH GND 6V open
VM = 1.5V Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
INPUT PULSE REQUIREMENTS FAMILY Amplitude 74LVT16 2.7V Rep. Rate 10MHz tW 500ns tR 2.5ns tF 2.5ns
SW00003
1998 Feb 19
6
Philips Semiconductors
Product specification
3.3V LVT 16-bit inverting buffer/driver with 30 termination resistors (3-State)
74LVT162240A
SSOP48: plastic shrink small outline package; 48 leads; body width 7.5mm
SOT370-1
1998 Feb 19
7
Philips Semiconductors
Product specification
3.3V LVT 16-bit inverting buffer/driver with 30 termination resistors (3-State)
74LVT162240A
TSSOP48: plastic thin shrink small outline package; 48 leads; body width 6.1mm
SOT362-1
1998 Feb 19
8
Philips Semiconductors
Product specification
3.3V LVT 16-bit inverting buffer/driver with 30 termination resistors (3-State)
74LVT162240A
NOTES
1998 Feb 19
9
Philips Semiconductors
Product specification
3.3V LVT 16-bit inverting buffer/driver with 30 termination resistors (3-State)
74LVT162240A
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-03548
Philips Semiconductors
yyyy mmm dd 10


▲Up To Search▲   

 
Price & Availability of 74LVT162240A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X