Part Number Hot Search : 
MMA6280Q VN11C BAW56TT1 SA570 AD8630 USFZ36V 114YU MMA6280Q
Product Description
Full Text Search
 

To Download 74LVC16240A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74LVC16240A 16-bit buffer/line driver; inverting (3-State)
Product specification Supersedes data of 1995 Dec 26 IC24 Data Handbook 1997 Jul 29
Philips Semiconductors
Philips Semiconductors
Product specification
16-bit buffer/line driver; inverting (3-State)
74LVC16240A
FEATURES
* 5 volt tolerant inputs/outputs for interfacing with 5V logic * Wide supply voltage range of 1.2V to 3.6V * Complies with JEDEC standard no. 8-1A * CMOS low power consumption * MULTIBYTETM flow-through standard pin-out architecture * Low inductance multiple power and ground pins for minimum
noise and ground bounce
PIN CONFIGURATION
1OE 1Y0 1Y1 GND 1Y2 1Y3 VCC 2Y0 2Y1 1 2 3 4 5 6 7 8 9 48 2OE 47 1A0 46 1A1 45 GND 44 1A2 43 1A3 42 VCC 41 2A0 40 2A1 39 GND 38 2A2 37 2A3 36 3A0 35 3A1 34 GND 33 3A2 32 3A3 31 VCC 30 4A0 29 4A1 28 GND 27 4A2 26 4A3 25 3OE
* Direct interface with TTL levels
DESCRIPTION
The 74LVC16240A is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. Inputs can be driven from either 3.3V or 5V devices. In 3-State operation, outputs can handle 5V. These features allow the use of these devices in a mixed 3.3V/5V environment. The 74LVC16240A is a 16-bit inverting buffer/line driver with 3-State outputs. The 3-State outputs are controlled by the output enable inputs 1OE and 2OE. A HIGH on nOE causes the outputs to assume a high impedance OFF-state. The 74LVC16240A is identical to the 74LVC16244A but has inverting outputs.
GND 10 2Y2 11 2Y3 12 3Y0 13 3Y1 14 GND 15 3Y2 16 3Y3 17 VCC 18 4Y0 19 4Y1 20 GND 21 4Y2 22 4Y3 23 4OE 24
SW00041
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 _C; tr = tf v 2.5 ns PARAMETER SYMBOL tPHL/tPLH CI CPD Propagation delay 1An to 1Yn; 2An to 2Yn Input capacitance Power dissipation capacitance per buffer VCC = 3.3V CONDITIONS CL = 50pF VCC = 3.3V TYPICAL 2.7 5.0 25 UNIT ns pF pF
NOTES: 1. CPD is used to determine the dynamic power dissipation (PD in mW): PD = CPD x VCC2 x fi + S (CL x VCC2 x fo) where: fi = input frequency in MHz; CL = output load capacity in pF; fo = output frequency in MHz; VCC = supply voltage in V; S (CL x VCC2 x fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES 48-Pin Plastic SSOP Type III 48-Pin Plastic TSSOP Type II TEMPERATURE RANGE -40C to +85C -40C to +85C OUTSIDE NORTH AMERICA 74LVC16240A DL 74LVC16240A DGG NORTH AMERICA VC16240A DL VC16240A DGG DWG NUMBER SOT370-1 SOT362-1
1997 Jul 29
2
853-2007 18218
Philips Semiconductors
Product specification
16-bit buffer/line driver; inverting (3-State)
74LVC16240A
PIN DESCRIPTION
PIN NUMBER 1 2, 3, 5, 6 4, 10, 15, 21, 28, 34, 39, 45 7, 18, 31, 42 8, 9, 11, 12 13, 14, 16, 17 19, 20, 22, 23 24 25 30, 29, 27, 26 36, 35, 33, 32 41, 40, 38, 37 47, 46, 44, 43 48 SYMBOL 1OE 1Y0 to 1Y3 GND VCC 2Y0 to 2Y3 3Y0 to 3Y3 4Y0 to 4Y3 4OE 3OE 4A0 to 4A3 3A0 to 3A3 2A0 to 2A3 1A0 to 1A3 2OE NAME AND FUNCTION Output enable input (active LOW) Data outputs Ground (0V) Positive supply voltage Data outputs Data outputs Data outputs Output enable input (active LOW) Output enable input (active LOW) Data inputs Data inputs Data inputs Data inputs Output enable input (active LOW)
FUNCTION TABLE
INPUTS nOE L L H H = HIGH voltage level L = LOW voltage level X = don't care Z = high impedance OFF-state nAn L H X OUTPUT nYn H L Z
LOGIC SYMBOL (IEEE/IEC)
1OE 2OE 3OE 4OE 1A0 1A1 1A2 1A3 2A0 2A1 1 48 25 24 47 46 44 43 41 1 40 38 37 36 35 33 32 30 29 27 26 1 4 1 3 2 EN1 EN2 EN3 EN4 1 1 2 3 5 6 8 9 11 12 13 14 16 17 19 20 22 23 1Y0 1Y1 1Y2 1Y3 2Y0 2Y1 2Y2 2Y3 3Y0 3Y1 3Y2 3Y3 4Y0 4Y1 4Y2 4Y3
LOGIC SYMBOL
1A0 47 2 1Y0 3A0 36 13 3Y0
2A2 2A3 3A0 3A1
1A1
46
3
1Y1
3A1
35
14
3Y1
3A2 3A3
1A2
44
5
1Y2
3A2
33
16
3Y2
4A0 4A1
1A3
43
6
1Y3
3A3
32
17
3Y3
4A2 4A3
1OE
1
3OE
25
SW00059
2A0
41
8
2Y0
4A0
30
19
4Y0
2A1
40
9
2Y1
4A1
29
20
4Y1
2A2
38
11
2Y2
4A2
27
22
4Y2
2A3
37
12
2Y3
4A3
26
23
4Y3
2OE
48
4OE
24
SW00042
1997 Jul 29
3
Philips Semiconductors
Product specification
16-bit buffer/line driver; inverting (3-State)
74LVC16240A
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL PARAMETER DC supply voltage (for max. speed performance) DC supply voltage (for low-voltage applications) DC Input voltage range DC output voltage range; output HIGH or LOW state DC output voltage range; output 3-State Operating ambient temperature range in free air Input rise and fall times See DC and AC characteristics for individual device VCC = 1.2 to 2.7V VCC = 2.7 to 3.6V CONDITIONS MIN. MIN VCC VCC VI VO VO Tamb tr, tf 2.7 1.2 0 0 0 -40 0 0 MAX. MAX 3.6 3.6 5.5 VCC 5.5 +85 20 10 V V V V V C ns/V UNIT
ABSOLUTE MAXIMUM RATINGS1
In accordance with the Absolute Maximum Rating System (IEC 134) Voltages are referenced to GND (ground = 0V) LIMITS SYMBOL VCC IIK VI IOK VO VO IO IGND, ICC Tstg Ptot PARAMETER DC supply voltage DC input diode current DC input voltage DC output diode current DC output voltage; output HIGH or LOW state DC output voltage; output 3-State DC output source or sink current DC VCC or GND current Storage temperature range Power dissipation per package - SO package - SSOP and TSSOP package Above +70C derate linearly 8mW/K Above +60C derate linearly 5.5mW/K VI < 0 Note 2 VO > VCC or VO < 0 Note 2 Note 2 VO = 0 to VCC CONDITIONS MIN -0.5 - -0.5 - -0.5 -0.5 - - -65 MAX +6.5 -50 +6.5 "50 VCC + 0.5 6.5 "50 "100 +150 500 500 V mA V mA V V mA mA C mW UNIT
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
1997 Jul 29
4
Philips Semiconductors
Product specification
16-bit buffer/line driver; inverting (3-State)
74LVC16240A
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0V) LIMITS SYMBOL PARAMETER TEST CONDITIONS Temp = -40C to +85C MIN VIH HIGH level Input voltage VCC = 1.2V VCC = 2.7 to 3.6V LOW level Input voltage VCC = 1.2V VCC = 2.7 to 3.6V VCC = 2.7V; VI = VIH or VIL; IO = -12mA VO OH HIGH level output voltage VCC = 3.0V; VI = VIH or VIL; IO = -100A VCC = 3.0V; VI = VIH or VIL; IO = -18mA VCC = 3.0V; VI = VIH or VIL; IO = -24mA VCC = 2.7V; VI = VIH or VIL; IO = 12mA VOL LOW level output voltage VCC = 3.0V; VI = VIH or VIL; IO = 100A VCC = 3.0V; VI = VIH or VIL; IO = 24mA II IOZ Ioff ICC ICC Input leakage current 3-State output OFF-state current Power off leakage supply Quiescent supply current Additional quiescent supply current per input pin VCC = 3 6V; VI = 5 5V or GND 3.6V; 5.5V VCC = 3.6V; VI = VIH or VIL; VO = 5.5V or GND VCC = 0.0V; VI or VO = 5.5V VCC = 3.6V; VI = VCC or GND; IO = 0 VCC = 2.7V to 3.6V; VI = VCC -0.6V; IO = 0 "0 1 "0.1 0.1 0.1 0.1 5 GND VCC*0.5 VCC*0.2 VCC*0.6 VCC*0.8 0.40 0.20 0.55 "5 "5 "10 20 500 A A A A A V VCC V VCC 2.0 GND V 0.8 TYP1 MAX V UNIT
VIL
NOTES: 1. All typical values are at VCC = 3.3V and Tamb = 25C.
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500; Tamb = -40C to +85C. LIMITS SYMBOL PARAMETER Propagation delay 1An to 1Yn; 2An to 2Yn 3-State output enable time 1OE to 1Yn; 2OE to 2Yn 3-State output disable time 1OE to 1Yn; 2OE to 2Yn WAVEFORM VCC = 3.3V 0.3V MIN tPHL tPLH tPZH tPZL tPHZ tPLZ 1, 3 1.5 TYP1 2.8 MAX 4.7 VCC = 2.7V MIN 1.5 MAX 5.7 VCC = 1.2V TYP 12 ns UNIT
2, 3
1.5
3.5
5.4
1.5
6.4
18
ns
2, 3
1.5
3.9
5.1
1.5
6.1
11
ns
NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25C.
1997 Jul 29
5
Philips Semiconductors
Product specification
16-bit buffer/line driver; inverting (3-State)
74LVC16240A
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V; VM = 0.5 VCC at VCC t 2.7V. VOL and VOH are the typical output voltage drop that occur with the output load. VX = VOL + 0.3V at VCC w 2.7V; VX = VOL + 0.1 VCC at VCC t 2.7V VY = VOH -0.3V at VCC w 2.7V; VY = VOH - 0.1 VCC at VCC t 2.7V
TEST CIRCUIT
VCC S1 2VI An INPUT GND tPHL VOH Yn OUTPUT VOL VM tPLH VM
Test Circuit for 3-State Outputs SWITCH POSITION TEST tPLH/tPHL tPLZ/tPZL
SW00045
SWITCH Open 2VCC t 2.7V 2.7 - 3.6V
VIN VCC 2.7V
tPHZ/tPZH
Waveform 1. Input (An) to output (Yn) propagation delay times DEFINITIONS RL = Load resistor CL = Load capacitance includes jig and probe capacitance RT = Termination resistance should be equal to ZOUT of pulse generators.
SW00047
GND
VI OE INPUT VM
Waveform 3. Load circuitry for switching times
tPLZ tPZL
VCC Qn OUTPUT LOW-to-OFF OFF-to-LOW VOL tPHZ VOH Qn OUTPUT HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled outputs enabled VY VM tPZH VM VX
SW00046
Waveform 2. 3-State enable and disable times
1997 Jul 29
6
Philips Semiconductors
Product specification
16-bit buffer/line driver; inverting (3-State)
74LVC16240A
SSOP48: plastic shrink small outline package; 48 leads; body width 7.5 mm
SOT370-1
1997 Jul 29
7
Philips Semiconductors
Product specification
16-bit buffer/line driver; inverting (3-State)
74LVC16240A
TSSOP48: plastic thin shrink small outline package; 48 leads; body width 6.1mm
SOT362-1
1997 Jul 29
8
Philips Semiconductors
Product specification
16-bit buffer/line driver; inverting (3-State)
74LVC16240A
NOTES
1997 Jul 29
9
Philips Semiconductors
Product specification
16-bit buffer/line driver; inverting (3-State)
74LVC16240A
DEFINITIONS
Data Sheet Identification
Objective Specification
Product Status
Formative or in Design
Definition
This data sheet contains the design target or goal specifications for product development. Specifications may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains Final Specifications. Philips Semiconductors reserves the right to make changes at any time without notice, in order to improve design and supply the best possible product.
Preliminary Specification
Preproduction Product
Product Specification
Full Production
Philips Semiconductors and Philips Electronics North America Corporation reserve the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. LIFE SUPPORT APPLICATIONS Philips Semiconductors and Philips Electronics North America Corporation Products are not designed for use in life support appliances, devices, or systems where malfunction of a Philips Semiconductors and Philips Electronics North America Corporation Product can reasonably be expected to result in a personal injury. Philips Semiconductors and Philips Electronics North America Corporation customers using or selling Philips Semiconductors and Philips Electronics North America Corporation Products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors and Philips Electronics North America Corporation for any damages resulting from such improper use or sale. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1997 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-04526
Philips Semiconductors
yyyy mmm dd 10


▲Up To Search▲   

 
Price & Availability of 74LVC16240A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X