Part Number Hot Search : 
01200 1A5202 TDA98 HAT2052T 114ECA 1N4739 M948AP DD600
Product Description
Full Text Search
 

To Download 74LVC125A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74LVC125A Quad buffer/line driver with 5-volt tolerant inputs/outputs (3-State)
Product specification Supersedes data of 1997 Aug 01 IC24 Data Handbook 1998 Apr 28
Philips Semiconductors
Philips Semiconductors
Product specification
Quad buffer/line driver with 5-volt tolerant inputs/outputs (3-state)
74LVC125A
FEATURES
* 5-volt tolerant inputs/outputs, for interfacing with 5-volt logic * Supply voltage range of 1.2V to 3.6V * Complies with JEDEC standard no. 8-1A * CMOS low power consumption * Direct interface with TTL levels * High impedance when VCC = 0V
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25C; tr = tf 2.5 ns SYMBOL tPHL/tPLH CI CPD PARAMETER Propagation delay g y nA to nY Input capacitance Power dissipation capacitance per buffer
DESCRIPTION
The 74LVC125A is a high performance, low-power, low-voltage Si-gate CMOS device and superior to most advanced CMOS compatible TTL families. Inputs can be driven from either 3.3V or 5.0V devices. In 3-state operation, outputs can handle 5V. The 74LVC125A consists of four non-inverting buffers/line drivers with 3-state outputs. The 3-state outputs (nY) are controlled by the output enable input (nOE). A HIGH at nOE causes the outputs to assume a high impedance OFF-state.
CONDITIONS CL = 50 pF; VCC = 3.3 V VCC = 3.3 V Notes 1 and 2
TYPICAL 30 3.0 5.0 25
UNIT ns pF pF
NOTES: 1. CPD is used to determine the dynamic power dissipation (PD in W) PD = CPD x VCC2 x fi ) (CL x VCC2 x fo) where: fi = input frequency in MHz; CL = output load capacity in pF; fo = output frequency in MHz; VCC = supply voltage in V; (CL x VCC2 x fo) = sum of the outputs. 2. The condition is VI = GND to VCC
ORDERING INFORMATION
PACKAGES 14-Pin Plastic SO 14-Pin Plastic SSOP Type II 14-Pin Plastic TSSOP Type I TEMPERATURE RANGE -40C to +125C -40C to +125C -40C to +125C OUTSIDE NORTH AMERICA 74LVC125A D 74LVC125A DB 74LVC125A PW NORTH AMERICA 74LVC125A D 74LVC125A DB 7LVC125APW DH PKG. DWG. # SOT108-1 SOT337-1 SOT402-1
1998 Apr 28
2
853-2010 19310
Philips Semiconductors
Product specification
Quad buffer/line driver with 5-volt tolerant inputs/outputs (3-state)
74LVC125A
PIN CONFIGURATION
1OE 1A 1Y 2OE 2A 2Y GND 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC 4OE 4A 4Y 3OE 3A 3Y
FUNCTION TABLE
INPUTS nOE L L H NOTES: H = HIGH voltage level L = LOW voltage level X = don't care Z = high impedance OFF-state nA L H X OUTPUT nY L H Z
SV00455
LOGIC SYMBOL (IEEE/IEC) PIN DESCRIPTION
PIN NUMBER 1, 4, 10, 13 2, 5, 9, 12 3, 6, 8, 11 7 14 SYMBOL 1OE - 4OE 1A - 4A 1Y - 4Y GND VCC NAME AND FUNCTION
1 2 1 3 EN1 5 6 4 9 8 10
Data enable inputs (active LOW) Data inputs Data Outputs Ground (0 V) Positive supply voltage
LOGIC SYMBOL
2 1A 1Y 3
12 11 13
1 5
1OE
SV00457
2A 2Y 6
4 9
2OE 3A 3Y 8
10 12
3OE 4A 4Y 11
13
4OE
SV00456
1998 Apr 28
3
Philips Semiconductors
Product specification
Quad buffer/line driver with 5-volt tolerant inputs/outputs (3-state)
74LVC125A
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL PARAMETER DC supply voltage (for max speed performance) max. VCC VI VO Tamb tr, tf DC supply voltage (for low-voltage applications) DC input voltage range DC output voltage range; output HIGH or LOW state DC output voltage range; output 3-State Operating ambient temperature range in free-air Input rise and fall times VCC = 1.2 to 2.7V VCC = 2.7 to 3.6V CONDITIONS MIN 2.7 27 1.2 0 0 0 -40 0 0 MAX 3.6 36 V 3.6 5.5 VCC 5.5 +85 20 10 C ns/V V V UNIT
ABSOLUTE MAXIMUM RATINGS1
In accordance with the Absolute Maximum Rating System (IEC 134) Voltages are referenced to GND (ground = 0V) SYMBOL VCC IIK VI IOK VO IOUT IGND, ICC Tstg PTOT PARAMETER DC supply voltage DC input diode current DC input voltage DC output diode current DC output voltage; output HIGH or LOW state DC output voltage; output 3-State DC output source or sink current DC VCC or GND current Storage temperature range Power dissipation per package - plastic mini-pack (SO) - plastic shrink mini-pack (SSOP and TSSOP) above +70C derate linearly with 8 mW/K above +60C derate linearly with 5.5 mW/K VI t0 Note 2 VO uVCC or VO t 0 Note 2 Note 2 VO = 0 to VCC CONDITIONS RATING -0.5 to +6.5 -50 -0.5 to +6.5 "50 -0.5 to VCC +0.5 -0.5 to 6.5 "50 "100 -65 to +150 500 500 UNIT V mA V mA V mA mA C
mW
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
1998 Apr 28
4
Philips Semiconductors
Product specification
Quad buffer/line driver with 5-volt tolerant inputs/outputs (3-state)
74LVC125A
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions voltages are referenced to GND (ground = 0V) LIMITS SYMBOL PARAMETER TEST CONDITIONS Temp = -40C to +85C MIN VIH HIGH level Input voltage VCC = 1.2V VCC = 2.7 to 3.6V LOW level Input voltage VCC = 1.2V VCC = 2.7 to 3.6V VCC = 2.7V; VI = VIH or VIL; IO = -12mA VO OH HIGH level output voltage VCC = 3.0V; VI = VIH or VIL; IO = -100A VCC = 3.0V; VI = VIH or VIL; IO = -18mA VCC = 3.0V; VI = VIH or VIL; IO = -24mA VCC = 2.7V; VI = VIH or VIL; IO = 12mA VOL LOW level output voltage VCC = 3.0V; VI = VIH or VIL; IO = 100A VCC = 3.0V; VI = VIH or VIL; IO = 24mA II IOZ Ioff ICC ICC Input leakage current 3-State output OFF-state Power off leakage supply Quiescent supply current Additional quiescent supply current per input pin current2 VCC = 3 6V; VI = 5 5V or GND 3.6V; 5.5V VCC = 3.6V; VI = VIH or VIL; VO = 5.5V or GND VCC = 0.0V; VI or VO = 5.5V VCC = 3.6V; VI = VCC or GND; IO = 0 VCC = 2.7V to 3.6V; VI = VCC -0.6V; IO = 0 "0.1 "0 1 0.1 0.1 0.1 5 GND VCC*0.5 VCC*0.2 VCC*0.6 VCC*0.8 0.40 0.20 0.55 "5 "5 "10 10 500 A A A A A V VCC V VCC 2.0 GND V 0.8 TYP1 MAX V UNIT
VIL
NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25C. 2. For I/O ports the parameter IOZ includes the input leakage current.
AC CHARACTERISTICS
GND = 0 V; tr = tf = 2.5 ns; CL = 50 pF; RL = 500W LIMITS SYMBOL tPHL tPLH tPZH tPZL tPHZ tPLZ PARAMETER Propagation delay nA to nY 3-State output enable time nOE to nY 3-State output disable time nOE to nY WAVEFORM VCC = 3.3V 0.3V MIN Figures 1, 3 Figures 2, 3 Figures 2, 3 1.5 1.5 1.5 TYP1 3.0 3.8 3.7 MAX 4.8 5.7 5.2 VCC = 2.7V MIN 1.5 1.5 1.5 MAX 5.5 6.7 6.2 VCC = 1.2V TYP 12.0 13.0 8 ns ns ns UNIT
NOTE: 1. These typical values are at VCC = 3.3V and Tamb = 25C.
1998 Apr 28
5
Philips Semiconductors
Product specification
Quad buffer/line driver with 5-volt tolerant inputs/outputs (3-state)
74LVC125A
AC WAVEFORMS
VM = 1.5 V at VCC w 2.7 V; VM = 0.5 S VCC at VCC < 2.7 V VOL and VOH are the typical output voltage drop that occur with the output load. VX = VOL + 0.3 V at VCC 2.7 V VX = VOL + 0.1 V at VCC > 2.7 V VY = VOH - 0.3 V at VCC 2.7 V VY = VOH - 0.1 V at VCC < 2.7 V
Vl nA INPUT GND t PHL V OH nY OUTPUT V OL VM t PLH VM
TEST CIRCUIT
VCC S1 2Test Circuit for 3-State Outputs SWITCH POSITION TEST tPLH/tPHL tPLZ/tPZL
SV00459
SWITCH Open 2VCC t 2.7V 2.7 - 3.6V
VIN VCC 2.7V
tPHZ/tPZH
Figure 1. Input (nA) to output (nY) propagation delays.
VI nOE Input GND tPLZ VCC OUTPUT LOW-to-OFF OFF-to-LOW VOL tPHZ VOH OUTPUT HIGH-to-OFF OFF-to-HIGH GND outputs enabled VY VM outputs disabled outputs enabled tPZL VM VX tPZH VM
DEFINITIONS RL = Load resistor CL = Load capacitance includes jig and probe capacitance RT = Termination resistance should be equal to ZOUT of pulse generators.
SW00047
Figure 3. Load circuitry for switching times.
SV00458
Figure 2. 3-state enable and disable times.
1998 Apr 28
6
Philips Semiconductors
Product specification
Quad buffer/line driver with 5-volt tolerant inputs/outputs (3-State)
74LVC125A
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
1998 Apr 28
7
Philips Semiconductors
Product specification
Quad buffer/line driver with 5-volt tolerant inputs/outputs (3-State)
74LVC125A
SSOP14: plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1
1998 Apr 28
8
Philips Semiconductors
Product specification
Quad buffer/line driver with 5-volt tolerant inputs/outputs (3-State)
74LVC125A
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
1998 Apr 28
9
Philips Semiconductors
Product specification
Quad buffer/line driver with 5-volt tolerant inputs/outputs (3-State)
74LVC125A
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-04491
Philips Semiconductors
yyyy mmm dd 10


▲Up To Search▲   

 
Price & Availability of 74LVC125A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X