Part Number Hot Search : 
02255 34S301K EC3SMB D15P06 20103 12DC1 166AFP 1N4099
Product Description
Full Text Search
 

To Download 74HCT365 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT365 Hex buffer/line driver; 3-state
Product specification File under Integrated Circuits, IC06 December 1990
Philips Semiconductors
Product specification
Hex buffer/line driver; 3-state
FEATURES * Non-inverting outputs * Output capability: bus driver * ICC category: MSI GENERAL DESCRIPTION The 74HC/HCT365 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A. QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns
74HC/HCT365
The 74HC/HCT365 are hex non-inverting buffer/line drivers with 3-state outputs. The 3-state outputs (nY) are controlled by the output enable inputs (OE1, OE2). A HIGH on OEn causes the outputs to assume a high impedance OFF-state. The "365" is identical to the "366" but has non-inverting outputs.
TYPICAL SYMBOL tPHL/ tPLH CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz fo = output frequency in MHz (CL x VCC2 x fo) = sum of outputs CL = output load capacitance in pF VCC = supply voltage in V 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC - 1.5 V ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information". PARAMETER propagation delay nA to nY input capacitance power dissipation capacitance per buffer notes 1 and 2 CONDITIONS HC CL = 15 pF; VCC = 5 V 9 3,5 40 11 3,5 40 HCT ns pF pF UNIT
December 1990
2
Philips Semiconductors
Product specification
Hex buffer/line driver; 3-state
PIN DESCRIPTION PIN NO. 1, 15 2, 4, 6, 10, 12, 14 3, 5, 7, 9, 11, 13 8 16 SYMBOL OE1, OE2 1A to 6A 1Y to 6Y GND VCC NAME AND FUNCTION output enable inputs (active LOW) data inputs data outputs ground (0 V) positive supply voltage
74HC/HCT365
Fig.1 Pin configuration.
Fig.2
Fig.3 IEC logic symbol.
December 1990
3
Philips Semiconductors
Product specification
Hex buffer/line driver; 3-state
FUNCTION TABLE INPUTS OE1 L L X H Notes OE2 L L H X
74HC/HCT365
OUTPUT nA L H X X nY L H Z Z
1. H = HIGH voltage level L = LOW voltage level X = don't care Z = high impedance OFF-state
Fig.4 Functional diagram.
Fig.5 Logic diagram.
December 1990
4
Philips Semiconductors
Product specification
Hex buffer/line driver; 3-state
DC CHARACTERISTICS FOR 74HC For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: bus driver ICC category: MSI AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC SYMBOL PARAMETER +25 min. typ. tPHL/ tPLH propagation delay nA to nY 3-state output enable time OEn to nY 3-state output disable time OEn to nY output transition time 30 11 9 47 17 14 61 22 18 14 5 4 max. 95 19 16 150 30 26 150 30 26 60 12 10 -40 to+85 min. max. 120 24 20 190 38 33 190 38 33 75 15 13 -40 to+125 min. max. 145 29 25 225 45 38 225 45 38 90 18 15 ns
74HC/HCT365
TEST CONDITIONS UNIT VCC WAVEFORMS (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Fig.6
tPZH/ tPZL
ns
Fig.7
tPHZ/ tPLZ
ns
Fig.7
tTHL/ tTLH
ns
Fig.6
December 1990
5
Philips Semiconductors
Product specification
Hex buffer/line driver; 3-state
DC CHARACTERISTICS FOR 74HCT For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: bus driver ICC category: MSI Note to HCT types
74HC/HCT365
The value of additional quiescent supply current (ICC) for a unit load of 1 is given in the family specifications. To determine ICC per input, multiply this value by the unit load coefficient shown in the table below.
INPUT OE1 OE2 nA
UNIT LOAD COEFFICIENT 1.00 0.90 1.00
AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HCT SYMBOL PARAMETER +25 min. typ. max. tPHL/ tPLH tPZH/ tPZL propagation delay nA to nY 3-state output enable time OEn to nY 3-state output disable time OEn to nY output transition time 14 18 25 35 -40 to+85 min. max. 31 44 -40 to+125 min. max. 38 53 ns ns 4.5 4.5 Fig.6 Fig.7 UNIT VCC (V) WAVEFORMS TEST CONDITIONS
tPHZ/ tPLZ
23
35
44
53
ns
4.5
Fig.7
tTHL/ tTLH
5
12
15
18
ns
4.5
Fig.6
December 1990
6
Philips Semiconductors
Product specification
Hex buffer/line driver; 3-state
AC WAVEFORMS
74HC/HCT365
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.6 Waveforms showing the input (nA) to output (nY) propagation delays and the output transition times.
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7 Waveforms showing the 3-state enable and disable times.
PACKAGE OUTLINES See "74HC/HCT/HCU/HCMOS Logic Package Outlines".
December 1990
7


▲Up To Search▲   

 
Price & Availability of 74HCT365

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X