Part Number Hot Search : 
DTA143E HMC939A CX138 IRF734 MHP3151D MC100H6 ON1572 EPC27
Product Description
Full Text Search
 

To Download 74HC541 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT541 Octal buffer/line driver; 3-state
Product specification File under Integrated Circuits, IC06 December 1990
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
FEATURES * Non-inverting outputs * Output capability: bus driver * ICC category: MSI GENERAL DESCRIPTION The 74HC/HCT541 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A. QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns
74HC/HCT541
The 74HC/HCT541 are octal non-inverting buffer/line drivers with 3-state outputs. The 3-state outputs are controlled by the output enable inputs OE1 and OE2. A HIGH on OEn causes the outputs to assume a high impedance OFF-state. The "541" is identical to the "540" but has non-inverting outputs.
TYPICAL SYMBOL tPHL/ tPLH CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz fo = output frequency in MHz (CL x VCC2 x fo) = sum of outputs CL = output load capacitance in pF VCC = supply voltage in V 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC - 1.5 V ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information". PARAMETER propagation delay An to Yn input capacitance power dissipation capacitance per buffer notes 1 and 2 CONDITIONS HC CL = 15 pF; VCC = 5 V 10 3.5 37 HCT 12 3.5 39 ns pF pF UNIT
December 1990
2
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
PIN DESCRIPTION PIN NO. 1, 19 2, 3, 4, 5, 6, 7, 8, 9 10 18, 17, 16, 15, 14, 13, 12, 11 20 SYMBOL OE1, OE2 A0 to A7 GND Y0 to Y7 VCC NAME AND FUNCTION
74HC/HCT541
output enable input (active LOW) data inputs ground (0 V) bus outputs positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
December 1990
3
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
FUNCTION TABLE INPUTS OE1 L L X H Notes OE2 L L H X
74HC/HCT541
OUTPUT An L H X X Yn L H Z Z
1. H = HIGH voltage level L = LOW voltage level X = don't care Z = high impedance OFF-state
Fig.4 Functional diagram.
Fig.5 Logic diagram.
December 1990
4
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
DC CHARACTERISTICS FOR 74HC For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: bus driver ICC category: MSI AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC SYMBOL PARAMETER +25 -40 to +85 max. 145 29 25 200 40 34 200 40 34 75 15 13 -40 to +125 min. max. 175 35 30 240 48 41 240 48 41 90 18 15 ns
74HC/HCT541
TEST CONDITIONS UNIT V CC WAVEFORMS (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Fig.6
min. typ. max. min. tPHL/ tPLH propagation delay An to Yn 3-state output enable time OE to Yn 3-state output disable time OE to Yn output transition time 33 12 10 55 20 16 61 22 18 14 5 4 115 23 20 160 32 27 160 32 27 60 12 10
tPZH/ tPZL
ns
Fig.7
tPHZ/ tPLZ
ns
Fig.7
tTHL/ tTLH
ns
Fig.6
December 1990
5
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74HC/HCT541
DC CHARACTERISTICS FOR 74HCT For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: bus driver ICC category: MSI Note to HCT types The value of additional quiescent supply current (ICC) for a unit load of 1 is given in the family specifications. To determine ICC per input, multiply this value by the unit load coefficient shown in the table below.
INPUT OE1 OE2 An
UNIT LOAD COEFFICIENT 1.50 1.00 0.70
AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HCT SYMBOL PARAMETER +25 -40 to +85 -40 to +125 UNIT VCC WAVEFORMS (V) TEST CONDITIONS
min. typ. max. min. max. min. max. tPHL/ tPLH tPZH/ tPZL tPHZ/ tPLZ tTHL/ tTLH propagation delay An to Yn 3-state output enable time OE to Yn 3-state output disable time OE to Yn output transition time 15 21 21 5 28 35 35 12 35 44 44 15 42 53 53 18 ns ns ns ns 4.5 4.5 4.5 4.5 Fig.6 Fig.7 Fig.7 Fig.6
December 1990
6
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
AC WAVEFORMS
74HC/HCT541
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.6 Waveforms showing the input (An) to output (Yn) propagation delays and the output transition times.
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7 Waveforms showing the 3-state enable and disable times.
PACKAGE OUTLINES See "74HC/HCT/HCU/HCMOS Logic Package Outlines".
December 1990
7


▲Up To Search▲   

 
Price & Availability of 74HC541

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X