Part Number Hot Search : 
MM3022 MMBD6050 CRCW1210 SAC18 BC818 2SD12 1N4685 LPC2138F
Product Description
Full Text Search
 

To Download 74HC163 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT163 Presettable synchronous 4-bit binary counter; synchronous reset
Product specification File under Integrated Circuits, IC06 December 1990
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary counter; synchronous reset
FEATURES * Synchronous counting and loading * Two count enable inputs for n-bit cascading * Positive-edge triggered clock * Synchronous reset * Output capability: standard * ICC category: MSI GENERAL DESCRIPTION The 74HC/HCT163 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A. The 74HC/HCT163 are synchronous presettable binary counters which feature an internal look-ahead carry and can be used for high-speed counting. Synchronous operation is provided by having all flip-flops clocked simultaneously on the positive-going edge of the clock (CP). The outputs (Q0 to Q3) of the counters may be preset to a HIGH or LOW level. A LOW level at the parallel enable input (PE) disables the counting action and causes the data at the data inputs (D0 to D3) to be loaded into the counter on the positive-going edge of the clock (providing that the set-up and hold time requirements for PE are met). QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns TYPICAL SYMBOL tPHL/ tPLH PARAMETER propagation delay CP to Qn CP to TC CET to TC maximum clock frequency input capacitance power dissipation capacitance per package notes 1 and 2 CONDITIONS HC CL = 15 pF; VCC = 5 V 17 21 11 51 33 HCT 20 25 14 50 35 ns ns ns MHz pF pF UNIT Notes
74HC/HCT163
Preset takes place regardless of the levels at count enable inputs (CEP and CET). For the "163" the clear function is synchronous. A LOW level at the master reset input (MR) sets all four outputs of the flip-flops (Q0 to Q3) to LOW level after the next positive-going transition on the clock (CP) input (provided that the set-up and hold time requirements for MR are met). This action occurs regardless of the levels at PE, CET and CEP inputs. This synchronous reset feature enables the designer to modify the maximum count with only one external NAND gate. The look-ahead carry simplifies serial cascading of the counters. Both count enable inputs (CEP and CET) must be HIGH to count. The CET input is fed forward to enable the terminal count output (TC). The TC output thus enabled will produce a HIGH output pulse of a duration approximately equal to a HIGH level output of Q0. This pulse can be used to enable the next cascaded stage. The maximum clock frequency for the cascaded counters is determined by the CP to TC propagation delay and CEP to CP set-up time, according to the following formula: 1 fmax = -----------------------------------------------------------------------------------------------t P ( max ) (CP to TC) + t SU (CEP to CP)
fmax CI CPD
3.5 3.5
1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz fo = output frequency in MHz (CL x VCC2 x fo) = sum of outputs CL = output load capacitance in pF VCC = supply voltage in V 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC - 1.5 V
December 1990
2
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary counter; synchronous reset
ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information". PIN DESCRIPTION PIN NO. 1 2 3, 4, 5, 6 7 8 9 10 14, 13, 12, 11 15 16 SYMBOL MR CP D0 to D3 CEP GND PE CET Q0 to Q3 TC VCC NAME AND FUNCTION
74HC/HCT163
synchronous master reset (active LOW) clock input (LOW-to-HIGH, edge-triggered) data inputs count enable input ground (0 V) parallel enable input (active LOW) count enable carry input flip-flop outputs terminal count output positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
December 1990
3
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary counter; synchronous reset
74HC/HCT163
Fig.4 Functional diagram.
FUNCTION TABLE INPUTS OPERATING MODE MR reset (clear) parallel load count hold (do nothing) Notes 1. The TC output is HIGH when CET is HIGH and the counter is at terminal count (HHHH). H = HIGH voltage level h = HIGH voltage level one set-up time prior to the LOW-to-HIGH CP transition L = LOW voltage level I = LOW voltage level one set-up time prior to the LOW-to-HIGH CP transition q = lower case letters indicate the state of the referenced output one set-up time prior to the LOW-to-HIGH CP transition X = don't care = LOW-to-HIGH CP transition I h h h h h X X CP CEP X X X h I X CET X X X h X I X I I h h h PE X I h X X X Dn L L H count qn qn Qn L L
(1) (1) (1)
OUTPUTS TC
L
December 1990
4
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary counter; synchronous reset
74HC/HCT163
Fig.5 State diagram.
Fig.6
Typical timing sequence: reset outputs to zero; preset to binary twelve; count to thirteen, fourteen, fifteen, zero, one and two; inhibit.
December 1990
5
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary counter; synchronous reset
74HC/HCT163
Fig.7 Logic diagram.
December 1990
6
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary counter; synchronous reset
DC CHARACTERISTICS FOR 74HC For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard ICC category: MSI AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC SYMBOL PARAMETER min. tPHL/ tPLH propagation delay CP to Qn propagation delay CP to TC propagation delay CET to TC output transition time +25 -40 to +85 -40 to +125
74HC/HCT163
TEST CONDITIONS UNIT V CC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 WAVEFORMS
typ. max. min. max. min. max. 55 20 16 69 25 20 36 13 10 19 7 6 185 37 31 215 43 37 120 24 20 75 15 13 100 20 17 100 20 17 100 20 17 220 44 37 0 0 0 4 22 26 230 46 39 270 54 46 150 30 26 95 19 16 120 24 20 120 24 20 120 24 20 265 53 45 0 0 0 4 18 21 280 56 48 320 65 55 180 36 31 110 22 19 Fig.8 ns
tPHL/ tPLH
Fig.8
ns
tPHL/ tPLH
Fig.9
ns
tTHL/ tTLH
Figs 8 and 9
ns
tW
clock pulse width HIGH or LOW set-up time MR, Dn to CP set-up time PE to CP set-up time CEP, CET to CP hold time Dn, PE, CEP, CET, MR to CP
80 16 14 80 16 14 80 16 14 175 35 30 0 0 0
17 6 5 17 6 5 22 8 6 58 21 17 -14 -5 -4 15 46 55
Fig.8
ns
tsu
Figs 10 and 11
ns
tsu
Fig.10
ns
tsu
Fig.12
ns
th
Figs 10, 11 and 12
ns
fmax
maximum clock pulse 5 frequency 27 32
Fig.8
MHz
December 1990
7
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary counter; synchronous reset
DC CHARACTERISTICS FOR 74HCT For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard ICC category: MSI Note to HCT types
74HC/HCT163
The value of additional quiescent supply current (ICC) for a unit load of 1 is given in the family specifications. To determine ICC per input, multiply this value by the unit load coefficient shown in the table below.
INPUT MR CP CEP Dn CET PE
UNIT LOAD COEFFICIENT 0.95 1.10 0.25 0.25 0.75 0.30
December 1990
8
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary counter; synchronous reset
AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HCT SYMBOL PARAMETER min. tPHL/ tPLH tPHL/ tPLH tPHL/ tPLH tTHL/ tTLH tW tsu tsu tsu th propagation delay CP to Qn propagation delay CP to TC propagation delay CET to TC output transition time clock pulse width HIGH or LOW set-up time MR, Dn to CP set-up time PE to CP set-up time CEP, CET to CP hold time Dn, PE, CEP, CET, MR to CP 20 20 20 40 0 +25 -40 to +85 -40 to +125
74HC/HCT163
TEST CONDITIONS UNIT V CC (V) ns ns ns ns ns ns ns ns ns 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 WAVEFORMS
typ. max. min. max. min. max. 23 29 17 7 6 9 11 24 -5 39 49 32 15 25 25 25 50 0 49 61 44 19 30 30 30 60 0 59 74 48 22 Fig.8 Fig.8 Fig.9 Figs 8 and 9 Fig.8 Figs 10 and 11 Fig.10 Fig.12 Figs 10, 11 and 12
fmax
maximum clock pulse 26 frequency
45
21
17
MHz
4.5
Fig.8
December 1990
9
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary counter; synchronous reset
AC WAVEFORMS
74HC/HCT163
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.8
Waveforms showing the clock (CP) to outputs (Qn, TC) propagation delays, the clock pulse width, the output transition times and the maximum clock frequency.
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.9 Waveforms showing the input (CET) to output (TC) propagation delays and output transition times.
The shaded areas indicate when the input is permitted to change for predictable output performance. (1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.10 Waveforms showing the set-up and hold times for the input (Dn) and parallel enable input (PE).
December 1990
10
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary counter; synchronous reset
74HC/HCT163
The shaded areas indicate when the input is permitted to change for predictable output performance. (1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.11 Waveforms showing the MR set-up and hold times.
The shaded areas indicate when the input is permitted to change for predictable output performance. (1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.12 Waveforms showing the CEP and CET set-up and hold times.
APPLICATION INFORMATION The HC/HCT163 facilitate designing counters of any modulus with minimal external logic. The output is glitch-free due to the synchronous reset.
Fig.14 Modulo-11 counter.
PACKAGE OUTLINES Fig.13 Modulo-5 counter. See "74HC/HCT/HCU/HCMOS Logic Package Outlines".
December 1990
11


▲Up To Search▲   

 
Price & Availability of 74HC163

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X