Part Number Hot Search : 
60A163C BZX84 MSD318C PSD6407 LT5571 SPED53F RFPT400 24223
Product Description
Full Text Search
 

To Download 74HC157 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT157 Quad 2-input multiplexer
Product specification File under Integrated Circuits, IC06 December 1990
Philips Semiconductors
Product specification
Quad 2-input multiplexer
FEATURES * Non-inverting data path * Output capability: standard * ICC category: MSI GENERAL DESCRIPTION The 74HC/HCT157 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A. The 74HC/HCT157 are quad 2-input multiplexers which select 4 bits of data from two sources under the control of a common data select input (S). The four outputs present the selected data in the true (non-inverted) form. The enable input (E) is active LOW. When E is HIGH, all of the outputs (1Y to 4Y) are forced LOW regardless of all other input conditions.
74HC/HCT157
Moving the data from two groups of registers to four common output buses is a common use of the "157". The state of the common data select input (S) determines the particular register from which the data comes. It can also be used as function generator. The device is useful for implementing highly irregular logic by generating any four of the 16 different functions of two variables with one variable common. The "157" is the logic implementation of a 4-pole, 2-position switch, where the position of the switch is determined by the logic levels applied to S. The logic equations are: 1Y = E.(1l1.S + 1l0.S) 2Y = E.(2l1.S + 2l0.S) 3Y = E.(3l1.S + 3l0.S) 4Y = E.(4l1.S + 4l0.S) The "157" is identical to the "158" but has non-inverting (true) outputs.
QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns TYPICAL SYMBOL tPHL/ tPLH PARAMETER propagation delay nI0, nI1 to nY E to nY S to nY CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz fo = output frequency in MHz (CL x VCC2 x fo) = sum of outputs CL = output load capacitance in pF VCC = supply voltage in V 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC - 1.5 V ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information". December 1990 2 input capacitance power dissipation capacitance per multiplexer notes 1 and 2 CONDITIONS HC CL = 15 pF; VCC = 5 V 11 11 12 3.5 70 13 12 19 3.5 70 ns ns ns pF pF HCT UNIT
Philips Semiconductors
Product specification
Quad 2-input multiplexer
PIN DESCRIPTION PIN NO. 1 2, 5, 11, 14 3, 6, 10, 13 4, 7, 9, 12 8 15 16 SYMBOL S 1I0 to 4I0 1I1 to 4I1 1Y to 4Y GND E VCC NAME AND FUNCTION common data select input data inputs from source 0 data inputs from source 1 multiplexer outputs ground (0 V) enable input (active LOW) positive supply voltage
74HC/HCT157
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
December 1990
3
Philips Semiconductors
Product specification
Quad 2-input multiplexer
FUNCTION TABLE INPUTS E H L L L L Notes 1. H = HIGH voltage level L = LOW voltage level X = don't care S X L L H H nI0 X L H X X
74HC/HCT157
OUTPUT nI1 X X X L H nY L L H L H
Fig.4 Functional diagram.
Fig.5 Logic diagram.
December 1990
4
Philips Semiconductors
Product specification
Quad 2-input multiplexer
DC CHARACTERISTICS FOR 74HC For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard ICC category: MSI AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) SYMBOL PARAMETER +25
min. typ. max.
74HC/HCT157
TEST CONDITIONS UNIT VCC WAVEFORMS (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Fig.7
74HC -40 to +85
min. max.
-40 to +125
min. max.
tPHL/ tPLH
propagation delay nI0 to nY; nI1 to nY propagation delay E to nY propagation delay S to nY output transition time
36 13 10 39 14 11 41 15 12 19 7 6
125 25 21 115 23 20 125 25 21 75 15 13
155 31 26 145 29 25 155 31 26 95 19 16
190 38 32 175 35 30 190 38 32 110 22 19
ns
tPHL/ tPLH
ns
Fig.6
tPHL/ tPLH
ns
Fig.7
tTHL/ tTLH
ns
Fig.6 and Fig.7
December 1990
5
Philips Semiconductors
Product specification
Quad 2-input multiplexer
DC CHARACTERISTICS FOR 74HCT For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard ICC category: MSI Note to HCT types
74HC/HCT157
The value of additional quiescent supply current (ICC) for a unit load of 1 is given in the family specifications. To determine ICC per input, multiply this value by the unit load coefficient shown in the table below.
INPUT nI0 nI1 E S
UNIT LOAD COEFFICIENT 1.00 1.00 0.60 1.00
AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HCT SYMBOL PARAMETER +25
min. typ. max.
TEST CONDITIONS UNIT VCC WAVEFORMS (V) 4.5 Fig.7
-40 to +85
min. max.
-40 to +125
min. max.
tPHL/ tPLH
propagation delay nI0 to nY; nI1 to nY propagation delay E to nY propagation delay S to nY output transition time
16
27
34
41
ns
tPHL/ tPLH tPHL/ tPLH tTHL/ tTLH
15 22 7
26 37 15
33 46 19
39 56 22
ns ns ns
4.5 4.5 4.5
Fig.6 Fig.7 Fig.6 and Fig.7
December 1990
6
Philips Semiconductors
Product specification
Quad 2-input multiplexer
AC WAVEFORMS
74HC/HCT157
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.6 Waveforms showing the enable input (E) to output (nY) propagation delays and the output transition times.
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7
Waveforms showing the data inputs (nIn) and common data select input (S) to output (nY) propagation delays.
PACKAGE OUTLINES See "74HC/HCT/HCU/HCMOS Logic Package Outlines".
December 1990
7


▲Up To Search▲   

 
Price & Availability of 74HC157

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X